Part Number Hot Search : 
M27C400 10120 2SK3524 4N31S 12100 S1100 OLB2685 TR136D
Product Description
Full Text Search
 

To Download LM2931ACD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by LM2931/D
Low Dropout Voltage Regulators
The LM2931 series consists of positive fixed and adjustable output voltage regulators that are specifically designed to maintain proper regulation with an extremely low input-to-output voltage differential. These devices are capable of supplying output currents in excess of 100 mA and feature a low bias current of 0.4 mA at 10 mA output. Designed primarily to survive in the harsh automotive environment, these devices will protect all external load circuitry from input fault conditions caused by reverse battery connection, two battery jump starts, and excessive line transients during load dump. This series also includes internal current limiting, thermal shutdown, and additionally, is able to withstand temporary power-up with mirror-image insertion. Due to the low dropout voltage and bias current specifications, the LM2931 series is ideally suited for battery powered industrial and consumer equipment where an extension of useful battery life is desirable. The `C' suffix adjustable output regulators feature an output inhibit pin which is extremely useful in microprocessor-based systems. * Input-to-Output Voltage Differential of < 0.6 V @ 100 mA
LM2931 Series
LOW DROPOUT VOLTAGE REGULATORS
FIXED OUTPUT VOLTAGE
Z SUFFIX PLASTIC PACKAGE CASE 29
1 2 3
Pin 1. Output 2. Ground 3. Input
T SUFFIX PLASTIC PACKAGE CASE 221A Heatsink surface connected to Pin 2. Pin 1. Input 2. Ground 3. Output
3
* * * * * * * * * *
Output Current in Excess of 100 mA Low Bias Current 60 V Load Dump Protection - 50 V Reverse Transient Protection Internal Current Limiting with Thermal Shutdown Temporary Mirror-Image Protection Ideally Suited for Battery Powered Equipment Economical 5-Lead TO-220 Package with Two Optional Leadforms Available in Surface Mount SOP-8, D2PAK and DPAK Packages High Accuracy (2%) Reference (LM2931AC) Available
1
2
1 3 1 2 3
DT SUFFIX PLASTIC PACKAGE CASE 369A (DPAK) D2T SUFFIX PLASTIC PACKAGE CASE 936 (D2PAK)
DT-1 SUFFIX PLASTIC PACKAGE CASE 369 (DPAK)
1
2 3
Heatsink surface (shown as terminal 4 in case outline drawing) is connected to Pin 2. (See Following Page for Ordering Information.)
FIXED N.C. Gnd Input 8 1 5 4 N.C. Gnd Output
8 1
ADJUSTABLE OUTPUT VOLTAGE Pin 1. Adjust 2. Output Inhibit 3. Ground 4. Input 5. Output
1 5
TH SUFFIX PLASTIC PACKAGE CASE 314A
(Top View)
ADJUSTABLE Output Inhibit Gnd Input 8 1 5 4
D SUFFIX PLASTIC PACKAGE CASE 751 (SOP-8) Adjust Gnd Output
TV SUFFIX PLASTIC PACKAGE CASE 314B T SUFFIX PLASTC PACKAGE CASE 314D
1 1 5 5
D2T SUFFIX PLASTIC PACKAGE CASE 936A (D2PAK) Heatsink surface (shown as terminal 6 in case outline drawing) is connected to Pin 3.
Rev 4
1 5
(Top View)
Heatsink surface connected to Pin 3.
(c) Motorola, Inc. 1997
MOTOROLA ANALOG IC DEVICE DATA
1
LM2931 Series
ORDERING INFORMATION
Output Device Di LM2931AD-5.0 LM2931ADT-5.0 LM2931ADT-1-5.0 LM2931AD2T-5.0 LM2931AT-5.0 LM2931AZ-5.0 LM2931D-5.0 LM2931D2T-5.0 LM2931DT-5.0 LM2931DT-1-5.0 LM2931T-5.0 LM2931Z-5.0 LM2931CD LM2931CD2T LM2931CT LM2931CTH LM2931CTV LM2931ACD LM2931ACD2T LM2931ACT LM2931ACTH LM2931ACTV Adjustable Adj bl 2.0% 2 0% Adjustable Adj j bl 5.0% 5 0% 5.0 50V 38 3 8% % 3.8% Voltage Tolerance Case C 751 369A 369 936 221A 29 751 936 369A 369 221A 29 751 936A 314D 314A 314B 751 936A 314D 314A 314B Package Pk SOP-8 Surface Mount Surface Mount DPAK DPAK Surface Mount D2PAK TO-220 Type TO-92 Type SOP-8 Surface Mount Surface Mount D2PAK Surface Mount DPAK DPAK TO-220 Type TO-92 Type SOP-8 Surface Mount Surface Mount D2PAK 5-Pin TO-220 Type 5-Pin Horizontal Leadform 5-Pin Vertical Leadform SOP-8 Surface Mount Surface Mount D2PAK 5-Pin TO-220 Type 5-Pin Horizontal Leadform 5-Pin Vertical Leadform
Representative Schematic Diagram
Input 6.0
6.0 k 350 500 Output 30 k 30 k * 3.94 k Adjust 3.0 k EPI Bias 30 k
30 k 6.8 V Output Inhibit 50 k 48 k 180 k 184 k 5.8 V
92.8 k * 11.5 k Ground *Deleted on Adjustable Regulators This device contains 26 active transistors. 35 k 10 k
2
MOTOROLA ANALOG IC DEVICE DATA
LM2931 Series
MAXIMUM RATINGS
Rating Input Voltage Continuous Transient Input Voltage ( 100 ms) Transient Reverse Polarity Input Voltage 1.0% Duty Cycle, 100 ms Power Dissipation Case 29 (TO-92 Type) TA = 25C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Case 221A, 314A, 314B and 314D (TO-220 Type) TA = 25C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Case 369 and 369A (DPAK) [Note 1] TA = 25C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Case 751 (SOP-8) [Note 2] TA = 25C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Case 936 and 936A (D2PAK) [Note 3] TA = 25C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Tested Operating Junction Temperature Range Storage Temperature Range Symbol VI VI() -VI() Value 40 60 - 50- Unit Vdc Vpk Vpk
PD RJA RJC PD RJA RJC PD RJA RJC PD RJA RJC PD RJA RJC TJ Tstg
Internally Limited 178 83 Internally Limited 65 5.0 Internally Limited 92 6.0 Internally Limited 160 25 Internally Limited 70 5.0 - 40 to +125 - 65 to +150
W C/W C/W W C/W C/W W C/W C/W W C/W C/W W C/W C/W C C
NOTES: 1. DPAK Junction-to-Ambient Thermal Resistance is for vertical mounting. Refer to Figure 24 for board mounted Thermal Resistance. 2. SOP-8 Junction-to-Ambient Thermal Resistance is for minimum recommended pad size. Refer to Figure 23 for Thermal Resistance variation versus pad size. 3. D2PAK Junction-to-Ambient Thermal Resistance is for vertical mounting. Refer to Figure 25 for board mounted Thermal Resistance. 4. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 F, CO(ESR) = 0.3 , TJ = 25C [Note 1].)
LM2931-5.0 Characteristic Ch ii FIXED OUTPUT Output Voltage Vin = 14 V, IO = 10 mA, TJ = 25C Vin = 6.0 V to 26 V, IO 100 mA, TJ = - 40 to +125C Line Regulation Vin = 9.0 V to 16 V Vin = 6.0 V to 26 V Load Regulation (IO = 5.0 mA to 100 mA) Output Impedance IO = 10 mA, IO = 1.0 mA, f = 100 Hz to 10 kHz Bias Current Vin = 14 V, IO = 100 mA, TJ = 25C Vin = 6.0 V to 26 V, IO = 10 mA, TJ = - 40 to +125C Output Noise Voltage (f = 10 Hz to 100 kHz) Long Term Stability VO 4.75 4.50 Regline - - Regload ZO - IB - - Vn S - - 5.8 0.4 700 20 30 1.0 - - - - - - 5.8 0.4 700 20 30 1.0 - - Vrms mV/kHR 200 - - 200 - mA - 2.0 4.0 14 10 30 50 - - - 2.0 4.0 14 10 30 50 mV m 5.0 - 5.25 5.50 4.81 4.75 5.0 - 5.19 5.25 mV V Symbol S bl Min Typ Max Min LM2931A-5.0 Typ Max Unit Ui
NOTES: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible. 2. The reference voltage on the adjustable device is measured from the output to the adjust pin across R1.
MOTOROLA ANALOG IC DEVICE DATA
3
LM2931 Series
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 F, CO(ESR) = 0.3 , TJ = 25C [Note 1].)
LM2931-5.0 Ch ii Characteristic FIXED OUTPUT Ripple Rejection (f = 120 Hz) Dropout Voltage IO = 10 mA IO = 100 mA Over-Voltage Shutdown Threshold Output Voltage with Reverse Polarity Input (Vin = -15 V) RR VI-VO - - Vth(OV) -VO 26 - 0.3 0.015 0.16 29.5 0 0.2 0.6 40 - - - 26 - 0.3 0.015 0.16 29.5 0 0.2 0.6 40 - V V 60 90 - 60 90 - dB V S bl Symbol Min Typ Max Min LM2931A-5.0 Typ Max Ui Unit
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 F, CO(ESR) = 0.3 , TJ = 25C [Note 1].)
LM2931C Characteristic ADJUSTABLE OUTPUT Reference Voltage (Note 2, Figure 18) IO = 10 mA, TJ = 25C IO 100 mA, TJ = - 40 to +125C Output Voltage Range Line Regulation (Vin = VO + 0.6 V to 26 V) Load Regulation (IO = 5.0 mA to 100 mA) Output Impedance IO = 10 mA, IO = 1.0 mA, f = 10 Hz to 10 kHz Bias Current IO = 100 mA IO = 10 mA Output Inhibited (Vth(OI) = 2.5 V) Adjustment Pin Current Output Noise Voltage (f = 10 Hz to 100 kHz) Long-Term Stability Ripple Rejection (f = 120 Hz) Dropout Voltage IO = 10 mA IO = 100 mA Over-Voltage Shutdown Threshold Output Voltage with Reverse Polarity Input (Vin = -15 V) Output Inhibit Threshold Voltages Output "On": TJ = 25C TJ = - 40 to +125C Output "Off": TJ = 25C TJ = - 40 to +125C Output Inhibit Threshold Current (Vth(OI) = 2.5 V) Vref 1.14 1.08 VOrange Regline Regload ZO - IB - - - IAdj Vn S RR VI-VO - - Vth(OV) -VO Vth(OI) - - 2.50 3.25 Ith(OI) - 2.15 - 2.26 - 30 1.90 1.20 - - 50 - - 2.50 3.25 - 2.15 - 2.26 - 30 1.90 1.20 - - 50 A 26 - 0.3 0.015 0.16 29.5 0 0.2 0.6 40 - - - 26 -0.3 0.015 0.16 29.5 0 0.2 0.6 40 - V V V - - - 0.10 6.0 0.4 0.2 0.2 140 0.4 0.003 - 1.0 1.0 - - - - - - - - - - 0.10 6.0 0.4 0.2 0.2 140 0.4 0.003 - 1.0 1.0 - - - - A Vrms/V %/kHR %/V V 40 - - 40 - mA 3.0 to 24 - - 1.20 - 2.7 to 29.5 0.2 0.3 1.26 1.32 - 1.5 1.0 1.17 1.15 3.0 to 24 - - 1.20 - 2.7 to 29.5 0.2 0.3 1.23 1.25 - 1.5 1.0 V mV/V %/V m/V V Symbol Min Typ Max Min LM2931AC Typ Typ Unit
NOTES: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible. 2. The reference voltage on the adjustable device is measured from the output to the adjust pin across R1.
4
MOTOROLA ANALOG IC DEVICE DATA
LM2931 Series
Figure 1. Dropout Voltage versus Output Current
200 Vin -VO , DROPOUT VOLTAGE (mV) Vin -VO , DROPOUT VOLTAGE (mV) 160 120 80 40 0 Vin = 14 V Vout = 100 mV TJ = 25C 300 Vin = 14 V Vout = 100 mV 200
Figure 2. Dropout Voltage versus Junction Temperature
IO = 100 mA
100 IO = 50 mA IO = 10 mA 0 0 25 50 75 100 125
0
20
40 60 IO, OUTPUT CURRENT (mA)
80
100
TJ, JUNCTION TEMPERATURE (C)
Figure 3. Peak Output Current versus Input Voltage
350 I O , OUTPUT CURRENT (mA) 6.0 5.0 4.0 3.0 2.0 1.0 0
Figure 4. Output Voltage versus Input Voltage
250 TJ = 85C
TJ = 25C
150 Dashed lines below Vin = 5.0 V are for Adjustable output devices only. 50 0 5.0 10 15 20 Vin, INPUT VOLTAGE (V) 25 30
VO , OUTPUT VOLTAGE (V)
TJ = -40C
Vout = 5.0 V TA = 25C
RL = 50
IO = 100 mA
0
1.0
2.0 3.0 4.0 Vin, INPUT VOLTAGE (V)
5.0
6.0
Figure 5. Output Voltage versus Input Voltage
Vin , INPUT VOLTAGE (10 V/DIV) 6.0 VO , OUTPUT VOLTAGE (V) 5.0 4.0 3.0 2.0 1.0 0 -20 Vout = 5.0 V RL = 500 TA = 25C -10 0 10 20 30 Vin, INPUT VOLTAGE (V) 40 50 60 VCC = 15 V VFB1 = 5.05 V
Figure 6. Load Dump Characteristics
Vout = 5.0 V RL = 50 CO = 100 F = 150 ms TA = 25C
VO, OUTPUT VOLTAGE (5.0 V/DIV)
0
0
t, TIME (50 ms/DIV)
MOTOROLA ANALOG IC DEVICE DATA
5
LM2931 Series
Figure 7. Bias Current versus Input Voltage
12 10 8.0 6.0 4.0 2.0 0 -20 RL = 100 RL = 500 0 -10 0 10 20 30 Vin, INPUT VOLTAGE (V) 40 50 60 0 20 40 60 80 100 RL = 50 Vout = 5.0 V TJ = 25C 8.0
Figure 8. Bias Current versus Output Current
IB , BIAS CURRENT (mA)
IB , BIAS CURRENT (mA)
6.0
Vin = 14 V Vout = 5.0 V TJ = 25C
4.0
2.0
IO, OUTPUT CURRENT (mA)
Figure 9. Bias Current versus Junction Temperature
8.0 IO , OUTPUT IMPEDANCE ( ) Vin = 14 V Vout = 5.0 V IB , BIAS CURRENT (mA) 6.0 IO = 100 mA 2.0 1.6 1.2 0.8 0.4 0 -25 0 25 50 75 TJ, JUNCTION TEMPERATURE (C) 100 125
Figure 10. Output Impedance versus Frequency
Vin = 14 V Vout = 5.0 V IO = 10 mA DIO = 1.0 mA CO = 100 F TJ = 25C CO(ESR) = 0.15 Tantulum
4.0 IO = 50 mA IO = 0 mA 0 -55
2.0
CO(ESR) = 0.3 Electrolytic
10
100
1.0 k 10 k 100 k f, FREQUENCY (Hz)
1.0 M
10 M
Figure 11. Ripple Rejection versus Frequency
95 RR, RIPPLE REJECTION RATIO (dB) RR, RIPPLE REJECTION RATIO (dB)
Figure 12. Ripple Rejection versus Output Current
95
85 Vin = 14 V Vout = 5.0 V DVin = 100 mV RL = 500 CO = 100 F TJ = 25C CO(ESR) = 0.15 Tantulum
85
75
75
65
CO(ESR) = 0.3 Electrolytic 1.0 k 10 k 100 k 1.0 M 10 M
Vin = 14 V Vout = 5.0 V f = 120 Hz TJ = 25C
55 10 100 f, FREQUENCY (Hz)
65 0 20 40 60 IO, OUTPUT CURRENT (mA) 80 100
6
MOTOROLA ANALOG IC DEVICE DATA
LM2931 Series
OUTPUT VOLTAGE DEVIATION, VO , (2.0 mV/DIV) OUTPUT CURRENT, OUTPUT VOLTAGE DEVIATION, I out (mA) VO , (2.0 mV/DIV)
Figure 13. Line Regulation
Figure 14. Load Regulation
18.5
INPUT VOLTAGE, V in, (V)
Vout = 5.0 V RL = 500 CO = 100 F CO(ESR) = 0.3 TA = 25C
Vin = 14 V Vout = 5.0 V Cin = 1000 F 100 CO = 100 F CO(ESR) = 0.3 TA = 25C
14 t, TIME (10 s/DIV)
0 t, TIME (10 s/DIV)
Figure 15. Reference Voltage versus Output Voltage
1.240 Vref, REFERENCE VOLTAGE (V) LM2931C Adjustable IO = 10 mA Vin = Vout + 1.0 V TA = 25C V th(on/off) , OUTPUT INHIBIT-THRESHOLDS (V) 2.6 2.5 2.4 2.3 2.2 2.1 2.0
Figure 16. Output Inhibit-Thresholds versus Output Voltage
LM2931C Adjustable IO = 10 mA Vin = Vout + 1.0 V TA = 25C
1.220
Output "Off"
1.200
1.180
Output "On"
1.160 0 3.0 6.0 9.0 12 15 18 21 24 VO, OUTPUT VOLTAGE (V)
0
3.0
6.0
9.0 12 15 18 VO, OUTPUT VOLTAGE (V)
21
24
APPLICATIONS INFORMATION
The LM2931 series regulators are designed with many protection features making them essentially blow-out proof. These features include internal current limiting, thermal shutdown, overvoltage and reverse polarity input protection, and the capability to withstand temporary power-up with mirror-image insertion. Typical application circuits for the fixed and adjustable output device are shown in Figures 17 and 18. The input bypass capacitor Cin is recommended if the regulator is located an appreciable distance ( 4) from the supply input filter. This will reduce the circuit's sensitivity to the input line impedance at high frequencies. This regulator series is not internally compensated and thus requires an external output capacitor for stability. The capacitance value required is dependent upon the load current, output voltage for the adjustable regulator, and the type of capacitor selected. The least stable condition is encountered at maximum load current and minimum output voltage. Figure 22 shows that for operation in the "Stable" region, under the conditions specified, the magnitude of the output capacitor impedance |ZO| must not exceed 0.4 . This limit must be observed over the entire operating temperature range of the regulator circuit. With economical electrolytic capacitors, cold temperature operation can pose a serious stability problem. As the electrolyte freezes, around - 30C, the capacitance will decrease and the equivalent series resistance (ESR) will increase drastically, causing the circuit to oscillate. Quality electrolytic capacitors with extended temperature ranges of - 40 to +85C and - 55 to +105C are readily available. Solid tantalum capacitors may be a better choice if small size is a requirement, however, the maximum ZO limit over temperature must be observed. Note that in the stable region, the output noise voltage is linearly proportional to ZO. In effect, CO dictates the high frequency roll-off point of the circuit. Operation in the area titled "Marginally Stable" will cause the output of the regulator to exhibit random bursts of oscillation that decay in an under-damped fashion. Continuous oscillation occurs when operating in the area titled "Unstable". It is suggested that oven testing of the entire circuit be performed with maximum load, minimum input voltage, and minimum ambient temperature.
MOTOROLA ANALOG IC DEVICE DATA
7
LM2931 Series
Figure 17. Fixed Output Regulator
Input Vin Cin 0.1 LM2931-5.0 Fixed Output IB Gnd Output Vout CO Vin 51 k Cin 0.1 2 1 IB Gnd Output Inhibit
Figure 18. Adjustable Output Regulator
Input LM2931C Adjustable Output Output Vout R1 Adjust CO IAdj R2
Switch Position 1 = Output "On", 2 = Output "Off" V out
+ Vref 1 ) R2 ) IAdj R2 R
1
22.5 k
w R R1)R2R
1
2
Figure 19. (5.0 A) Low Differential Voltage Regulator
Input 6.0 V 68 R 5.0 V @ 5.0 A LM2931-5.0 + 100 100 + Output D45VH7 Input R
Figure 20. Current Boost Regulator with Short Circuit Projection
RSC
Output LM2931-5.0 + 100 100 +
The LM2931 series can be current boosted with a PNP transistor. The D45VH7, on a heatsink, will provide an output current of 5.0 A with an input to output voltage differential of approximately 1.0 V. Resistor R in conjunction with the VBE of the PNP determines when the pass transistor begins conducting. This circuit is not short circuit proof.
The circuit of Figure 19 can be modified to provide supply protection against short circuits by adding the current sense resistor RSC and an additional PNP transistor. The current sensing PNP must be capable of handling the short circuit current of the LM2931. Safe operating area of both transistors must be considered under worst case conditions.
Figure 21. Constant Intensity Lamp Flasher
100
Figure 22. Output Noise Voltage versus Output Capacitor Impedance
Vn , OUTPUT NOISE VOLTAGE (mVrms) Vin = 5.6 V Vout = 5.0 V IO = 100 mA Vnrms 10 Hz to 10 MHz |ZO| @ 40 kHz TA = 25C
Input 6.4 V to 30 V
LM2931C
2.0 k 100 8.2 k
+
Unstable Marginally Stable
10
CM #345 + 100 33 k
1.0
0.1 Stable
6.2 V 0 fosc = 2.2 Hz
0.01 10
100 1.0 k |ZO|, MAGNITUDE OF CAPACITOR IMPEDANCE (m)
10 k
8
MOTOROLA ANALOG IC DEVICE DATA
LM2931 Series
Figure 23. SOP-8 Thermal Resistance and Maximum Power Dissipation versus P.C.B. Copper Length
PD, MAXIMUM POWER DISSIPATION (W) PD, MAXIMUM POWER DISSIPATION (W) PD, MAXIMUM POWER DISSIPATION (W) 170 R JA, THERMAL RESISTANCE JUNCTION-TO-AIR (C/W) 150 130 110 90 70 50 30 0 10 RJA 20 Graph represents symmetrical layout L PD(max) for TA = 50C 3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4
L, LENGTH OF COPPER (mm)
Figure 24. DPAK Thermal Resistance and Maximum Power Dissipation versus P.C.B. Copper Length
100 R JA, THERMAL RESISTANCE JUNCTION-TO-AIR (C/W) 90 80 70 60 50 RJA 40 0 5.0 10 15 20 25 30 L, LENGTH OF COPPER (mm) Minimum Size Pad Free Air Mounted Vertically PD(max) for TA = 50C 2.0 2.0 oz. Copper L 1.6 1.2 0.8 0.4 0 2.4
Figure 25. 3-Pin and 5-Pin D2PAK Thermal Resistance and Maximum Power Dissipation versus P.C.B. Copper Length
80 R JA, THERMAL RESISTANCE PD(max) for TA = 50C 70 60 50 40 RJA 30 0 5.0 10 15 20 Free Air Mounted Vertically Minimum Size Pad 3.0 2.0 oz. Copper L 2.5 2.0 1.5 1.0 JUNCTION-TO-AIR (C/W) 3.5
L, LENGTH OF COPPER (mm)
MOTOROLA ANALOG IC DEVICE DATA
IIII IIII IIII
IIII IIII IIII IIII
III III III I IIIIIII I III
2.0 oz. Copper L 3.0 mm 30 40 50 L L 25 30
9
LM2931 Series
DEFINITIONS
Dropout Voltage - The input/output voltage differential at which the regulator output no longer maintains regulation against further reductions in input voltage. Measured when the output decreases 100 mV from nominal value at 14 V input, dropout voltage is affected by junction temperature and load current. Line Regulation - The change in output voltage for a change in the input voltage. The measurement is made under conditions of low dissipation or by using pulse techniques such that the average chip temperature is not significantly affected. Load Regulation - The change in output voltage for a change in load current at constant chip temperature. Maximum Power Dissipation - The maximum total device dissipation for which the regulator will operate within specifications. Bias Current - That part of the input current that is not delivered to the load. Output Noise Voltage - The rms AC voltage at the output, with constant load and no input ripple, measured over a specified frequency range. Long-Term Stabliity - Output voltage stability under accelerated life test conditions with the maximum rated voltage listed in the devices electrical characteristics and maximum power dissipation.
10
MOTOROLA ANALOG IC DEVICE DATA
LM2931 Series
OUTLINE DIMENSIONS
Z SUFFIX PLASTIC PACKAGE CASE 29-04 (TO-92 Type) ISSUE AD A R P
SEATING PLANE
B
F
L K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. DIMENSION F APPLIES BETWEEN P AND L. DIMENSION D AND J APPLY BETWEEN L AND K MINIMUM. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.022 0.016 0.019 0.045 0.055 0.095 0.105 0.015 0.020 - 0.500 - 0.250 0.080 0.105 0.100 - - 0.115 - 0.135 MILLIMETERS MIN MAX 5.20 4.45 5.33 4.32 4.19 3.18 0.55 0.41 0.48 0.41 1.39 1.15 2.66 2.42 0.50 0.39 - 12.70 - 6.35 2.66 2.04 2.54 - - 2.93 - 3.43
X
X G H V
1
D J C N SECTION X-X
N
DIM A B C D F G H J K L N P R V
T SUFFIX PLASTIC PACKAGE CASE 221A-06 (TO-220 Type) ISSUE Y -T- B F T
4 SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIM Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 - 0.045 0.080 - MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.82 4.07 0.88 0.64 3.73 3.61 2.66 2.42 3.93 2.80 0.64 0.46 12.70 14.27 1.52 1.15 5.33 4.83 3.04 2.54 2.79 2.04 1.39 1.15 6.47 5.97 1.27 0.00 - 1.15 2.04 -
C S
Q
123
A U K
H Z L V G D N J R
DIM A B C D F G H J K L N Q R S T U V Z
MOTOROLA ANALOG IC DEVICE DATA
11
LM2931 Series
OUTLINE DIMENSIONS
TH SUFFIX PLASTIC PACKAGE CASE 314A-03 (TO-220 Type) ISSUE D
-P- B Q
OPTIONAL CHAMFER
-T- C E
SEATING PLANE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION D DOES NOT INCLUDE INTERCONNECT BAR (DAMBAR) PROTRUSION. DIMENSION D INCLUDING PROTRUSION SHALL NOT EXCEED 0.043 (1.092) MAXIMUM. INCHES MIN MAX 0.572 0.613 0.390 0.415 0.170 0.180 0.025 0.038 0.048 0.055 0.570 0.585 0.067 BSC 0.015 0.025 0.730 0.745 0.320 0.365 0.140 0.153 0.210 0.260 0.468 0.505 MILLIMETERS MIN MAX 14.529 15.570 9.906 10.541 4.318 4.572 0.635 0.965 1.219 1.397 14.478 14.859 1.702 BSC 0.381 0.635 18.542 18.923 8.128 9.271 3.556 3.886 5.334 6.604 11.888 12.827
U
12345
A L
F
K
G D 5 PL 0.014 (0.356) M T P
M
J 5 PL S
DIM A B C D E F G J K L Q S U
TV SUFFIX PLASTIC PACKAGE CASE 314B-05 (TO-220 Type) ISSUE J B -P- C E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION D DOES NOT INCLUDE INTERCONNECT BAR (DAMBAR) PROTRUSION. DIMENSION D INCLUDING PROTRUSION SHALL NOT EXCEED 0.043 (1.092) MAXIMUM.
Q
U K F
12345
A S L W V
DIM A B C D E F G H J K L N Q S U V W
G D 5 PL 0.10 (0.254)
M
0.24 (0.610)
J 5 PL MT N
H
TP
M
-T-
SEATING PLANE
INCHES MIN MAX 0.572 0.613 0.390 0.415 0.170 0.180 0.025 0.038 0.048 0.055 0.850 0.935 0.067 BSC 0.166 BSC 0.015 0.025 0.900 1.100 0.320 0.365 0.320 BSC 0.140 0.153 - 0.620 0.468 0.505 - 0.735 0.090 0.110
MILLIMETERS MIN MAX 14.529 15.570 9.906 10.541 4.318 4.572 0.635 0.965 1.219 1.397 21.590 23.749 1.702 BSC 4.216 BSC 0.381 0.635 22.860 27.940 8.128 9.271 8.128 BSC 3.556 3.886 - 15.748 11.888 12.827 - 18.669 2.286 2.794
12
MOTOROLA ANALOG IC DEVICE DATA
LM2931 Series
OUTLINE DIMENSIONS
T SUFFIX PLASTIC PACKAGE CASE 314D-03 (TO-220 Type) ISSUE D -T- -Q- B U A L
12345 SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION D DOES NOT INCLUDE INTERCONNECT BAR (DAMBAR) PROTRUSION. DIMENSION D INCLUDING PROTRUSION SHALL NOT EXCEED 10.92 (0.043) MAXIMUM. DIM A B C D E G H J K L Q U S INCHES MIN MAX 0.572 0.613 0.390 0.415 0.170 0.180 0.025 0.038 0.048 0.055 0.067 BSC 0.087 0.112 0.015 0.025 1.020 1.065 0.320 0.365 0.140 0.153 0.105 0.117 0.543 0.582 MILLIMETERS MIN MAX 14.529 15.570 9.906 10.541 4.572 4.318 0.965 0.635 1.397 1.219 1.702 BSC 2.845 2.210 0.635 0.381 25.908 27.051 9.271 8.128 3.886 3.556 2.972 2.667 13.792 14.783
C E
K S
G D 5 PL 0.356 (0.014)
M
J H
M
TQ
DT-1 SUFFIX PLASTIC PACKAGE CASE 369-07 (DPAK) ISSUE L
B V R
4
C E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D E F G H J K R S V INCHES MIN MAX 0.235 0.250 0.250 0.265 0.086 0.094 0.027 0.035 0.033 0.040 0.037 0.047 0.090 BSC 0.034 0.040 0.018 0.023 0.350 0.380 0.175 0.215 0.050 0.090 0.030 0.050 MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.84 1.01 0.94 1.19 2.29 BSC 0.87 1.01 0.46 0.58 8.89 9.65 4.45 5.46 1.27 2.28 0.77 1.27
A
1 2 3
S -T-
SEATING PLANE
K
F D G
3 PL M
J H 0.13 (0.005) T
MOTOROLA ANALOG IC DEVICE DATA
13
LM2931 Series
OUTLINE DIMENSIONS
DT SUFFIX PLASTIC PACKAGE CASE 369A-13 (DPAK) ISSUE Y -T- B V R
4 SEATING PLANE
C E
DIM A B C D E F G H J K L R S U V Z INCHES MIN MAX 0.235 0.250 0.250 0.265 0.086 0.094 0.027 0.035 0.033 0.040 0.037 0.047 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.175 0.215 0.020 0.050 0.020 --- 0.030 0.050 0.138 --- MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.84 1.01 0.94 1.19 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.45 5.46 0.51 1.27 0.51 --- 0.77 1.27 3.51 ---
S
1 2 3
A K F L D G
2 PL
Z U
J H 0.13 (0.005) T
M
D SUFFIX PLASTIC PACKAGE CASE 751-05 (SOP-8) ISSUE S
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 0.25 B
M
CB
S
A
S
q
14
MOTOROLA ANALOG IC DEVICE DATA
LM2931 Series
OUTLINE DIMENSIONS
D2T SUFFIX PLASTIC PACKAGE CASE 936-03 (D2PAK) ISSUE B TERMINAL 4 -T- E K B H F
1 2 3 DIM A B C D E F G H J K L M N P R S U V INCHES MIN MAX 0.386 0.403 0.356 0.368 0.170 0.180 0.026 0.036 0.045 0.055 0.051 REF 0.100 BSC 0.539 0.579 0.125 MAX 0.050 REF 0.000 0.010 0.088 0.102 0.018 0.026 0.058 0.078 5 _ REF 0.116 REF 0.200 MIN 0.250 MIN MILLIMETERS MIN MAX 9.804 10.236 9.042 9.347 4.318 4.572 0.660 0.914 1.143 1.397 1.295 REF 2.540 BSC 13.691 14.707 3.175 MAX 1.270 REF 0.000 0.254 2.235 2.591 0.457 0.660 1.473 1.981 5 _ REF 2.946 REF 5.080 MIN 6.350 MIN
NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: INCH. 3 TAB CONTOUR OPTIONAL WITHIN DIMENSIONS A AND K. 4 DIMENSIONS U AND V ESTABLISH A MINIMUM MOUNTING SURFACE FOR TERMINAL 4. 5 DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH OR GATE PROTRUSIONS. MOLD FLASH AND GATE PROTRUSIONS NOT TO EXCEED 0.025 (0.635) MAXIMUM.
A
U
S V
M J D 0.010 (0.254) M T G N R
L P
C
D2T SUFFIX PLASTIC PACKAGE CASE 936A-02 (D2PAK) ISSUE A -T- A E S V H
1 2 3 4 5 TERMINAL 6
NOTES: 6 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 7 CONTROLLING DIMENSION: INCH. 8 TAB CONTOUR OPTIONAL WITHIN DIMENSIONS A AND K. 9 DIMENSIONS U AND V ESTABLISH A MINIMUM MOUNTING SURFACE FOR TERMINAL 6. 10 DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH OR GATE PROTRUSIONS. MOLD FLASH AND GATE PROTRUSIONS NOT TO EXCEED 0.025 (0.635) MAXIMUM. INCHES MIN MAX 0.386 0.403 0.356 0.368 0.170 0.180 0.026 0.036 0.045 0.055 0.067 BSC 0.539 0.579 0.050 REF 0.000 0.010 0.088 0.102 0.018 0.026 0.058 0.078 5 _ REF 0.116 REF 0.200 MIN 0.250 MIN MILLIMETERS MIN MAX 9.804 10.236 9.042 9.347 4.318 4.572 0.660 0.914 1.143 1.397 1.702 BSC 13.691 14.707 1.270 REF 0.000 0.254 2.235 2.591 0.457 0.660 1.473 1.981 5 _ REF 2.946 REF 5.080 MIN 6.350 MIN
U
K B
M
L P
D 0.010 (0.254) M T G
N R
C
DIM A B C D E G H K L M N P R S U V
MOTOROLA ANALOG IC DEVICE DATA
15
LM2931 Series
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
16
LM2931/D MOTOROLA ANALOG IC DEVICE DATA


▲Up To Search▲   

 
Price & Availability of LM2931ACD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X