Part Number Hot Search : 
5941B 4102K TW10N E33ABZT 0A5E300B E33ABZT 433D100F 101KL
Product Description
Full Text Search
 

To Download LM1458 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
LM1458/LM1458C
Dual Operational Amplifier
Features
* * * * * Internal frequency compensation Short circuit protecion Large common mode and differential voltage range No latch up Low power consumption
Description
The LM1458/LM1458C series are dual general purpose operational amplifiers, having short circuits protected and require no external components for frequency compensation. High common mode voltage range and absence of "latch up" make the LM1458 ideal for use as voltage followers. The high gain and wide range of operating voltage provides superior performance in integrator, summing amplifier and general feedback applications.
8-DIP
1
8-SOP
1
Internal Block Diagram
Rev. 1.0.1
(c)2001 Fairchild Semiconductor Corporation
LM1458/LM1458C
Schematic Diagram
Absolute Maximum Ratings
Parameter Power Supply Voltage Input Differential Voltage Input Voltage Operating Temperature Range Storage Temperature Range Symbol VCC VI(DIFF) VI TOPR TSTG Value 18 30 15 0 ~ + 70 - 65 ~ + 150 Unit V V V C C
2
LM1458/LM1458C
Electrical Characteristics
(VCC = + 15V, VEE = - 15V, TA = 25 C unless otherwise specified) Parameter Input Offset Voltage Input Offset Current Input Bias Current Large Signal Voltage Gain Input Voltage Range Input Resistance Common Mode Rejection Ratio Power Supply Rejection Ratio Supply Current (Both Amplifier) Output Voltage Swing Output Short Circuit Current Power Consumption Transient Response (Unity Gain) Rise Time Overshoot Slew Rate Symbol VIO IIO IBIAS GV VI(R) RI CMRR PSRR ICC VO(PP) ISC PC VO = 0V RS10K RS10K Conditions RS10K VO(P-P) = 10V, RL2.0K LM1458C Min. 20 11 0.3 60 77 11 19 Typ. 2.0 20 80 200 13 1.0 90 90 2.3 14 13 20 70 Max. 10 300 700 8.0 240 Min. 20 12 0.3 70 77 12 10 LM1458 Typ. 2.0 20 80 200 13 1.0 90 90 2.3 14 13 20 70 Max. 6.0 200 500 5.6 170 Unit mV nA nA V/mV V M dB dB mA V mA mW
TR OS SR
VI = 20mV,RL2K,CL100pF VI = 20mV,RL2K,CL100pF VI = 10V,RL2K,CL100pF
-
0.3 15 0.5
-
-
0.3 15 0.5
-
s % V/s
3
LM1458/LM1458C
Electrical Characteristics
(VCC = + 15V, VEE = - 15V, Note1, unless otherwise specified) Parameter Input Offset Voltage Input Offset Current Input Bias Current Large Signal Voltage Gain Common Mode Rejection Ratio Power Supply Rejection Ratio Output Voltage Swing Input Voltage Range Symbol VIO IIO IBIAS GV CMRR PSRR VO(P.P) VI(R) Conditions RS10K VO(P-P)= 10V, RL2.0K RS10K RS10K RL = 10K RL = 2K LM1458C Min. 15 70 77 11 9 12 Typ. 90 90 14 13 Max. 12 400 1000 Min. 15 70 77 12 10 12 LM1458 Typ. 90 90 14 13 Max. 7.5 300 800 V Unit mV nA nA V/mV dB dB V
Note : 1. LM1458/LM1458C : 0C TA70C
4
LM1458/LM1458C
Typical Performance Characteristics
Figure 1. Open-Loop Voltage Gain vs Power Supply Voltages
Figure 2. Open-Loop Frequency Response
Figure 3. Power Bandwidth (Large Signal Output Swing vs Frequency)
Figure 4. Output Voltage Swing vs Load Resistance
5
LM1458/LM1458C
Mechanical Dimensions
Package
8-DIP
0.018 0.004 1.524 0.10 0.060 0.004 6.40 0.20 0.252 0.008 0.79 ) 0.031
#1
#8 9.20 0.20 0.362 0.008 9.60 MAX 0.378
#4
#5 2.54 0.100 5.08 MAX 0.200 7.62 0.300 3.40 0.20 0.134 0.008 3.30 0.30 0.130 0.012 0.33 MIN 0.013
0.25 -0.05
0~15
+0.10
0.010 -0.002
+0.004
6
0.46 0.10
(
LM1458/LM1458C
Mechanical Dimensions (Continued)
Package
8-SOP
MIN 1.55 0.20 0.061 0.008 0.1~0.25 0.004~0.001
#1
#8 4.92 0.20 0.194 0.008 5.13 MAX 0.202
( #4 #5 6.00 0.30 0.236 0.012
+0.10 0.15 -0.05 +0.004 0.006 -0.002
0.56 ) 0.022 1.80 MAX 0.071 MAX0.10 MAX0.004 3.95 0.20 0.156 0.008 5.72 0.225 0.50 0.20 0.020 0.008
0~
8
1.27 0.050
0.41 0.10 0.016 0.004
7
LM1458/LM1458C
Ordering Information
Product Number LM1458CN LM1458N LM1458CM LM1458M Package 8-DIP 0 ~ + 70C 8-SOP Operating Temperature
8
LM1458/LM1458C
9
LM1458/LM1458C
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 6/1/01 0.0m 001 Stock#DSxxxxxxxx 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of LM1458

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X