Part Number Hot Search : 
EKMQ451 TNP20S 10020 SMC200C YV26B ST763A UFT12150 UFT12020
Product Description
Full Text Search
 

To Download LE28F4001C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Specifications
CMOS LSI
LE28F4001CTS-12 4M-Bit (512k x 8) Flash EEPROM
Features
CMOS Flash EEPROM Technology Single 5-Volt Read and Write Operations Sector Erase Capability: 256 Bytes per sector Fast Access Time: 120 ns Low Power Consumption Active Current(Read): 25 mA (Max.) Standby Current: 20 A (Max.) High Read/Write Reliability Sector-write Endurance Cycles: 104 10 Years Data Retention Latched Address and Data Self-timed Erase and Programming Byte Programming: 40s (Max.) End of Write Detection:Toggle Bit/ DATA Polling Hardware/Software Data Protection JEDEC Standard Byte-Wide EEPROM Pinouts Packages Available LE28F4001CTS: 32-pin TSOP Normal(8x14mm)
Product Description
The LE28F4001C is a 512K x8 CMOS sector erase, byte program EEPROM. The LE28F4001C is manufactured using SANYO's proprietary, high performance CMOS Flash EEPROM technology. Breakthroughs in EEPROM cell design and process architecture attain better reliability and manufacturability compared with conventional approaches. The LE28F4001C erases and programs with a 5-volt only power supply. LE28F4001C conforms to JEDEC standard pinouts for byte wide memories and is compatible with existing industry standard EPROM, flash EPROM and EEPROM pinouts. Featuring high performance programming, the LE28F4001C typically byte programs in 30s. The LE28F4001C typically sector (256 bytes) erases in 2ms. Both program and erase times can be optimized using interface feature such as Toggle bit or DATA Polling to indicate the completion of the write cycle. To protect against an inadvertent write, the LE28F4001C has on chip hardware and software date protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, the LE28F4001C is offered with a guaranteed sector write endurance of 104 cycles. Data retention is rated greater then 10 years. The LE28F4001C is best suited for applications that require reprogrammable nonvolatile mass storage of
program or data memory. For all system applications, the LE28F4001C significantly improves performance and reliability, while lowering power consumption when compared with floppy diskettes or EPROM approaches. EEPROM technology makes possible convenient and economical updating of codes and control programs on-line. The LE28F4001C improves flexibility, while lowering the cost, of program and configuration storage applications. Figure 1 shows the pin assignments for the 32 lead Plastic TSOP packages. Figure 2 shows the functional block diagram of the LE28F4001C. Pin description and operation modes can be found in Tables 1 through 3.
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written to the device using standard microprocessor write sequences. A command is written by asserting WE low while keeping CE low. The address bus is latched on the falling edge of WE , CE , whichever occurs last. The data bus is latched on the rising edge of WE , CE , whichever occurs first. However, during the software write protection sequence the address are latched on the rising edge of OE or CE , whichever occurs first.
*This product incorporate technology licensed from Silicon Storage Technology, Inc. This preliminary specification is subject to change without notice.
SANYO Electric Co., Ltd. Semiconductor Company
1-1, 1 Chome, Sakata, Oizumi-machi, Ora-gun, GUNMA, 370-0596 JAPAN Revision 2.20-February 23,2001-AY/ay-1/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
A11 A9 A8 A13 A14 A17 WE Vcc A18 A16 A15 A12 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
32 pin TSOP
Normal
(Top View)
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3 Vss DQ2 DQ1 DQ0 A0 A1 A2 A3
Figure 1: Pin Assignments for 32-pin Plastic TSOP
A18-A0 ADDRESS BUFFERS & LATCHES
XDECODER
4,194,304 Bit SuperFlash EEPROM Cell Array
Y-DECODER
CE OE WE CONTROL LOGIC
I/O BUFFERS & DATA LATCHES
DQ7-DQ0
Figure 2: Functional Block Diagram of LE28F4001C
SANYO Electric Co., Ltd.
2/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Table 1: Pin Description
Symbol A18-A0 Pin Name Address Inputs Functions To provide memory address. Address are internally latched during write cycle. To output data during read cycle and receive input data during write cycles. Data is internally latched during a write cycle. The outputs are in tri-state when OE or CE is high. To activate the device when CE is low. Deselects and puts the device to standby when CE is high. To activate the data output buffers. OE is active low. To activate the write operation. WE is active low. To provide 5V10% supply.
DQ7-DQ0 Data Input/Output
CE
OE
Chip Enable Output Enable Write Enable Power Supply Ground
WE
VCC VSS
Table 2: Operation Modes Selection
Mode Read Write Standby Write Inhibit Product ID CE VIL VIL VIH X X VIL OE VIL VIH X VIL X VIL WE VIH VIL X X VIH VIH DQ DOUT DIN High-Z High-Z / DOUT High-Z / DOUT Manufacturer Code (BF) Device Code (04) Address AIN AIN X X X A18-A1=VIL, A9=12V, A0=VIL A18-A1=VIL, A9=12V, A0=VIH
Table 3: Command Summary
Command Sector_Erase Byte_Program Reset Read_ID Software_Data_Unprotect (6) Software_Data_Protect (6) Required Setup Command Cycle Cycle Operation Address Data 2 Write X 20H 2 Write X 10H 1 Write X FFH 3 Write X 90H 7 7 Execute Command Cycle Operation Address Data Write SA D0H Write PA PD Read (7) (7) SDP N N Y Y
Definitions for Table 3:
1. 2. 3. 4. 5. 6. 7. Type definitions : X=high or low Address definitions : SA=Sector Address=A18-A8 ; sector size=256byte ; A7-A0=X for this command Address definitions : PA=Program Address=A18-A0 Data definition : PD=Program Data, H=number in hex. SDP=Software Data Protect mode using 7-Read-Cycle-Sequence. Y=the operation can be executed with software data protect enabled. N=the operation cannot be executed with software data protect enabled. Refer to Figure 11 and 12 for the 7-Read-Cycle-Sequence Software Data Protection. Address 0000H retrieves the manufacturer code of BF(Hex), address 0001H retrieves the device code of 04(Hex).
SANYO Electric Co., Ltd.
3/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Command Definition
Table 3 contains a command list and a brief summary of the commands. The following is a detailed description of the options initiated by each command. The LE28F4001C has to have the Software Data Unprotect Sequence executed prior a Byte Program or Erase in order to perform those functions.
whichever occurs first. The programming operation is terminated automatically by an internal timer. See the programming characteristics and waveforms for details, Figures 4, 6 and 7. The two-step sequence of a setup command followed by an execute command ensures that only the addressed byte is programmed and other bytes are not inadvertently programmed.
The Byte_Program Flow Chart Description
Programming data into the device is accomplished by following the Byte_Program flowchart as shown in Figure 3. The Byte_Program command sets up the byte for programming. The address bus is latched on the falling edge of WE , CE , whichever occurs last. The data bus is latched on the rising edge of WE , CE , whichever occurs first, and begins the program operation. The end of write can be detected using either the DATA polling or Toggle bit.
Sector_Erase Operation
The Sector_Erase operation is initiated by a setup command and an execute command. The setup command stages the device for electrical erasing of all bytes within a sector. A sector contains 256 bytes. This sector erasability enhances the flexibility and usefulness of the LE28F4001C, since most applications only need to change a small number of bytes or sectors, not the entire chip. The setup command is performed by writing (20H) to the device. To execute the sector-erase operation, the execute command (D0H) must be written to the device. The erase operation begins with the rising edge of the WE pulse and terminated automatically by using an internal timer. See Figure 8 for timing waveforms. The two-step sequence of a setup command followed by an execute command ensures that only memory contents within the addressed sector are erased and other sectors are not inadvertently erased.
Reset Operation
A Reset Command is provided as a means to safely abort the erase or program command sequences. Following either setup command (erase or program) with a write of (FFH) will safely abort the operation. Memory contents will not be altered. After the Reset command, the device returns to the read mode. The reset command dose not enable write protect. See figure 10 for timing waveforms.
Read Operation
The read operation is initiated by setting CE , OE and WE into the read mode. See Figure 5 for read memory timing waveforms and Table 2 for the read mode. Read cycles from the host retrieve data from the array. The device remains enabled for read until another operating mode is accessed. During initial power-up, the device is in the read mode and is write protected. The device must be unprotected in order to execute a write operation The read operation is controlled by OE and CE at logic low. When CE is high, the chip is deselected and only standby power will be consumed. OE is the output control and is used to gate to the output pins. The data bus is in a high impedance state when either CE or OE is high.
Sector_Erase Flowchart Description
Fast and Reliable erasing of the memory contents within a sector is accomplished by following the sector erase flowchart as shown in Figure 3. The entire procedure consists of the execution of two commands. The Sector_Erase operation will terminate after a maximum of 4ms. A Reset command can be executed to terminate the erase operation; however, if the erase operation is terminated prior to the 4ms time-out, the sector may not be completely erased. An erase command can be reissued as many times an necessary to complete the erase operation. The LE28F4001C cannot be "overerased".
Byte_Program Operation
The Byte_Program operation is initiated by writing the setup command (10H). Once the program setup is performed, programming is executed by the next WE pulse. See Figure 6 and 7 for timing waveforms. The address bus is latched on the falling edge of WE , CE , or the rising edge of OE , whichever occurs first. The programming operation begins with either the rising edge of WE , CE ,
SANYO Electric Co., Ltd.
4/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Read_ID Operation
The Read_ID operation is initiated by writing a single command (90H). A read of address 0000H will outputs the manufacturer's code (BFH). A read of address 0001H will outputs the device code (04H).Any other valid command will terminate this operation.
DATA Polling (DQ7)
The LE28F4001C features DATA Polling to indicate the and of a write cycle. During a write cycle, any attempt to read the last byte loaded will result in the complement of the loaded data on DQ7. Once the write cycle is completed, DQ7 will show true data. See Figure 13 for timing waveforms. In order for DATA Polling to function correctly, the byte being polled must be erased prior to programming.
Data Protection from Inadvertent Writes
In order to protect the integrity of nonvolatile data storage, the LE28F4001C provides hardware and software features to prevent writes to the device, for example, during system power-up or power-down. Such provisions are described below.
Toggle Bit (DQ6)
An alternate means for determining the end of a write cycle is by monitoring the Toggle Bit DQ6. During a write operation, successive attempts to read data from the device will result in DQ6 toggling between logic "1" (high) and "0" (low). Once the write cycle has completed, DQ6 will stop toggling and valid data will be read. The Toggle Bit may be monitored any time during the write cycle. See Figure 14 for timing waveforms.
Hardware Write Protection
The LE28F4001C is designed with hardware features to prevent inadvertent writes. This is done in the following ways: 1. Write Inhibit Mode: OE low, CE high or WE high inhibit the write operation. 2. Noise and Glitch Protection: Write operations are initiated when the WE pulse width is less than 15 ns. 3. After power-up the device is in the read mode and the device is in the write protect state.
Successive Reads
An alternate means for determining the end of a write cycle is by reading the same address for two consecutive data matches.
Product Identification Software Data Protection
Provisions have been made to further prevent inadvertent writes through software. In order to perform the write functions of erase or program, a two-step command sequence consisting of a setup command followed by an execute command avoids inadvertent erasing or programming of the device. The LE28F4001C will default to write protect after power-up. A sequence of seven consecutive reads at specified device addresses will unprotect the device. The address sequence is 1823H, 1820H, 1822H, 0418H, 041BH, 0419H, 041AH. The address has to be latched in the rising edge of OE or CE , whichever occurs first. A similar seven read sequence of 1823H, 1820H, 1822H, 0418H, 041BH, 0419H, 040AH will protect the device. Also, refer to Figure 11, 12 for the 7-read-sequence Software Write Protection. The DQ pins can be in any state (i.e., high, low, or High-Z). The Product Identification mode identifies the device and manufacturer as SANYO. This mode may be accessed by hardware or software operations. The hardware operation is typically used by an external programming to identify the correct algorithm for the SANYO LE28F4001C. Users may wish to use the software operation to identify the device (i.e., using the device code). For details, see Table 2 for the hardware operation. The manufacturer and device codes are the same for both operations.
Notes for Operation
During power up, the device's state should be the write inhibition mode. (During power up, the device's state should be CE =VIH or OE =VIL or WE =VIH) If CE = WE =VIL and OE =VIH during power up, RESET command should be asserted before operation.
End of Write Detection
Detection of where a write cycle ended is necessary to optimize system performance. The end of a write cycle (erase or program) can be detected by three means: 1) monitoring the DATA polling bit; 2) monitoring the Toggle bit; 3) by two successive reads of the same data. These three detection mechanisms are described below.
SANYO Electric Co., Ltd.
5/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Start
Initial Sector Address
Execute Two Step Sector Erase Command
Read FF from Device
N Verify FF
Y N Last Address? Y
Increment Address
Sector Erase Completed
Erase Error
Figure 3: Sector_Erase Flowchart
SANYO Electric Co., Ltd.
6/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Start
Initialize Addresses
Setup Byte Program Command
Load Address and Data & Start Programming
Read End of Write Detection
Programming Completed? Y
N
Data Verifies? Next Address Y
N
Programming Failure
N
Last Address Y
Programming Completed
Figure 4: Byte_Program Flowchart
SANYO Electric Co., Ltd.
7/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Absolute Maximum Stress Ratings
Temperature Under Bias..........................................................-55 C ~ 125 C Storage Temperature................................................................-65 C ~ 150 C D.C. Voltage on Any Pin to Grand Potential ...........................-0.5V ~ VCC+0.5V Transient Voltage (<20ns) on any Pin to Grand Potential .......-1.0V ~ VCC+1.0V Voltage on A9 to Grand Potential............................................-0.5V ~ 14.0V
Operating Range
Ambient Temperature..............................................................0 C ~ 70 C Supply Voltage (VCC) .............................................................4.5V ~ 5.5V
DC Operating Characteristics
Symbol ICCR ICCW ISB1 ISB2 ILI ILO VIL VIH VOL VOH Parameter Min. Power Supply Current (Read) Power Supply Current (Write) Standby VCC Current (TTL input) Standby VCC Current (CMOS input) Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage 2.4 -0.3 2.0 Limit Typ. Max. 25 40 3 20 10 10 0.8 Vcc+0.3 0.4 mA mA mA A A A V V V V
CE = OE =VIL, WE =VIH, all DQs open Address inputs=VIH / VIL, at f=1/tRC, VCC=VCC max. CE = WE =VIL, OE =VIH, VCC=VCC max. CE =VIH, VCC=VCC max. CE =VCC-0.3V, VCC=VCC max.
Units
Test Condition
VIN=VSS~VCC, VCC=VCC max. VOUT=Vss~VCC, VCC=VCC max. VCC=VCC max. VCC=VCC max. IOL=100A, VCC=VCC min. IOH= -100A, VCC=VCC min.
Power-up Timing
Symbol tPU_READ tPU_WRITE Power-up to Read Operation Power-up to Write Operation Parameter Minimum 10 10 Units ms ms
Capacitance (Ta=25C, f=1MHz)
Symbol CDQ CIN Descriptions DQ Pin Capacitance Input Capacitance Maximum 12 6 Units pF pF Test Condition VDQ = 0V VIN = 0V
SANYO Electric Co., Ltd.
8/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
AC Characteristics
Read Cycle Timing Parameters
Symbol tRC tCE tAA tOE tCLZ tOLZ tCHZ tOHZ tOH Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time CE Low to Active Output OE Low to Active Output CE High to High-Z Output OE High to High-Z Output Output Hold Time Parameter Min. 120 Limits Max. 120 120 50 0 0 30 30 0 ns ns ns ns ns ns ns ns ns Units
Erase/Program Cycle Timing Parameters
Symbol tSE tBP tAS tAH tCS tCH tOES tOEH tCP tWP tCPH tWPH tDS tDH tRST tPCP tPCH tPAS tPAH Sector Erase Cycle Time Byte Program Cycle Time Address Setup Time Address Hold Time Chip Enable Setup Time Chip Enable Hold Time Output Enable Setup Time from WE Output Enable Hold Time from WE Write Pulse Width ( CE ) Write Pulse Width CE High Pulse Width WE High Pulse Width Data Setup Time Data Hold Time Reset Command Recovery Time Protect Chip Enable Pulse Width Protect Chip Enable High Time Protect Address Setup Time Protect Address Hold Time Parameter Min. Limits Max. 4 40 Units ms s ns ns ns ns ns ns ns ns ns ns ns ns s ns ns ns ns
10 50 0 0 10 10 100 100 50 50 50 10 4 100 150 40 100
Note: This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
AC Test Conditions
Input Load Levels ....................................................................1TTL Gate and CL=30pF Input Rise/Fall Time ................................................................10ns
SANYO Electric Co., Ltd.
9/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Figure 5: Read Cycle Diagram
tRC
A18-0
tCE
CE
tOE tAA
OE
tOLZ tOHZ
WE
tCLZ
tOH
tCHZ DATA VALID
DQ7-0
DATA VALID
Figure 6: WE Controlled Write Cycle Timing Diagram
tAS
tAH
A18-0
tCS tCH
CE
tOEH
OE
tOES tWP tWPH
WE
tDS tDH
DQ7-0
DATA VALID
SANYO Electric Co., Ltd.
10/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Figure 7: CE Controlled Write Cycle Timing Diagram
tAS
tAH
A18-0
tCP
CE
tCPH
OE
tOES tOEH
WE
tDS tDH
DQ7-0
DATA VALID
Figure 8: Sector Erase Timing Diagram
Setup command
Execute command AIN tAS tAH
Self-timed Page Erase Cycle
A18-0 WE(CE) OE
tSE
CE(WE)
tDS tDH (20H) tDS tDH (D0H)
DQ7-0
SANYO Electric Co., Ltd.
11/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Figure 9: Byte Program Timing Diagram
Setup command
Execute command AIN tAS tAH
Self-timed Program Cycle
A18-0 WE(CE) OE
tBP
CE(WE)
tDS tDH (10H) tDS tDH DIN
DQ7-0
Figure 10: Reset Command Timing Diagram
Reset command
A18-0 WE(CE) OE CE(WE)
tDS tDH (FFH) tRST
DQ7-0
SANYO Electric Co., Ltd.
12/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Figure 11: Software Data Unprotect Sequence
OE
tPCH tPCP
CE Address
tPAS 1823 1820 1822 0418 041B 0419 041A
tPAH
Notes on Figure 11 1. 2. The address is latched on the rising edge of CE or WE , whichever is earlier. Pins A16 to A18 should be at either VIL or VIH
Figure 12: Software Data Protect Sequence
OE
tPCH tPCP
CE Address
tPAS 1823 1820 1822 0418 041B 0419 040A
tPAH
Notes on Figure 12 1. 2. The address is latched on the rising edge of CE or WE , whichever is earlier. Pins A16 to A18 should be at either VIL or VIH
SANYO Electric Co., Ltd.
13/14
LE28F4001CTS-12 4M-Bit Flash EEPROM
Preliminary Specifications
Figure 13: DATA Polling Timing Diagram (DQ7)
A18-0 WE
AN
AN tBP
AN
AN
tCE
tOES
CE
tOEH tOE
OE DQ7
DIN=X DOUT=X DOUT=X DOUT=X
Figure 14: Toggle Bit Timing Diagram (DQ6)
A18-0
Note
WE
tCE
CE
tOEH tOES tOE
OE DQ6
Note: This time interval signal can be tSE or tBP, depending upon the selected operation mode.
SANYO Electric Co., Ltd.
14/14


▲Up To Search▲   

 
Price & Availability of LE28F4001C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X