Part Number Hot Search : 
6675BZ PINAB25 G9001 K500FA R68FF N800104 IRF7807Z FT5767M
Product Description
Full Text Search
 

To Download LA7840 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number: EN5147B
Monolithic Linear IC
LA7840 Vertical Deflection Output Circuit
Overview
The LA7840 is a vertical deflection output IC for TVs and CRT displays with excellent image quality that use a BUS control system signal processing IC. This IC can drive the direct (even including a DC component) deflection yoke with the sawtooth wave output from the BUS control system signal processing IC. When used in conjunction with Sanyo's LA7615 series of BUS control system signal processing ICs for TVs, this IC can process all color television signal system functions through the BUS system. Because the maximum deflection current is 1.8 Ap-p, the LA7840 is suited for small and medium screen sets.
Package Dimensions
unit : mm
3075-SIP7H
[LA7840]
Features
. Low power dissipation due to built-in pump-up circuit . Vertical output circuit . Thermal protection circuit built in . Excellent crossover characteristics . DC coupling possible
Specifications
Maximum Ratings at Ta = 25 C
Parameter Maximum supply voltage Output block supply voltage Deflection output current Thermal resistance Allowable power dissipation Operating temperature Storage temperature Symbol VCC6 max VCC3 max I 2 max j-c Pd max Topr Tstg With arbitrarily large heat sink Conditions Ratings
SANYO : SIP7H
Unit V V Ap-o C/W W C C
34 70 -1.5 to +1.5 4.0 9 -20 to +85 -40 to +150
Operating Conditions at Ta = 25 C
Parameter Recommended supply voltage Operating supply voltage range Recommended deflection output current Symbol VCC6 VCC6 op I 2 p-p Conditions Ratings 24 16 to 33 to 1.8 Unit V V Ap-p
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
D1096HA(II)/61595HA(II) No.5147-1/4
LA7840
Operating Characteristics at Ta = 25 C, VCC6 = 24 V
Parameter Pump-up charge saturation voltage Pump-up discharge saturation voltage Deflection output saturation voltage (lower) Deflection output saturation voltage (upper) Idling current Midpoint voltage Symbol VS7-1 VS6-7 VS2-1 VS3-2 IDL VMID I 7 = 20 mA I 7 = -0.9 A I 2 = 0.9 A I 2 = -0.9 A 35 11.0 Conditions min typ max 1.8 3.0 1.3 3.2 65 13.0 Unit V V V V mA V
12.0
Block Diagram
Sample Application Circuit
(Single power supply)
No.5147-2/4
LA7840
Sample Application Circuit
(Double power supply)
Sample Application Circuit
Unit (resistance: , capacitance: F)
No.5147-3/4
LA7840
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: 1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: 2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of December, 1996. Specifications and information herein are subject to change without notice.
No.5147-4/4


▲Up To Search▲   

 
Price & Availability of LA7840

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X