Part Number Hot Search : 
2SC2516 SP125S ALD470 MCP320 C106B4 SP6019D FDLL300A RH101
Product Description
Full Text Search
 

To Download KPS2801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Isolation Voltage DC Input Response Type SSOP Photo Coupler Features
1. High isolation voltage ( BV = 2500 Vrms) 2. Small and thin package ( 4pin SOP, Pin pitch 1.27mm ) 3. High collector to emitter voltage ( Vceo = 80 V ) 4. High-speed switching ( tr = 3 us TYP., tf = 5 us TYP.)
KPS2801
UL 1577 (File No.E169586)
Outside Dimension:Unit (mm)
Applications
1. Programmable logic controllers 2. Measuring instruments 3. Power supply 4. Hybrid IC 5. Gaming machines
TOLERANCE :+ 0.2mm
Schematic:Top View
1. Anode 2. Cathode 3. Emitter 4. Collector
Absolute Maximum Ratings
Parameter Input Forward current (DC) Reverse voltage Power dissipation derating Power dissipation Peak forward current *1 Output Collector-emitter voltage Emitter-collector voltage Collector current Power dissipation derating Total power dissipation Isolation voltage *2 Operating temperature Storage temperature *1 PW=100us, Duty Cycle-1% *2 AC voltage for 1 minute at TA Symbol IF VR PD PD IFP VCEO VECO IC PC Ptot Viso Topr Tstg Rating 50 6 0.6 60 1 80 6 50 1.2 120 2500 -30 to +100 -55 to +125 mW Vrms mW A V V mA Unit mA V
(T
Electro-optical Characteristics
Parameter Input Forward voltage Reverse current Terminal capacitance Output Transfer characteristics Collector dark current Current transfer ratio Collector-emitter saturation voltage Isolation resistance Floating capacitance Respone time(Rise) Respone time(Fall) Symbol VF IR Ct ICEO CTR VCE(sat) RI-o CI-o tr tf Conditions IF =5mA VR =5V V=0V, f=1.0kHz VCE =80V, IF =0mA IF =5mA, VCE=5V IF=10mA, IC=2mA DC500V V=0V, f=1.0MHz VCE=5V, IC=2mA, RL=100ohm MIN. -- -- -- -- 80 -- 5X1010 -- -- -- TYP. 1.1 -- 30 -- -- -- 1011 0.4 3 5 MAX. 1.4 5 -- 100 600 0.3 -- -- -- --
(T
Unit V uA pF nA % V ohm pF us
18
c 2004 cosmoTION ELECTRONICS CORPORA http://www.cosmo-ic.com
KPS2801
*1 Test circuit for switshing time. Fig.1 Current Transfer Ratio vs. Forward Current
Collector Power Dissipation Pc (mW) Forward Current IF (mA)
Fig.2 Collector Power Dissipation vs. Ambient Temperature
Current transfer ratio CTR (%)
Ambient Temperature Ta (C)
Fig.3 Collector Dark Current vs. Ambient Temperature
Fig.4 Forward Current vs. Ambient Temperature
Fig.5 Forward Current vs. Forward Voltage
Collector Dark Current Iceo (A)
Forward Current IF (mA)
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Forward Current IF (mA)
Forward Voltage VF (V)
Fig.6 Collector Current vs. Collectoremitter Voltage
Fig.7 Relative Current Transfer Ratio vs. Ambient Temperature
Collector-emitter Saturation Voltage Vce (V) Ambient Temperature Ta (C)
Fig.8 Collector-emitter Saturation Voltage vs. Ambient Temperature
Collector-emitter Voltage VCE (V)
Relative Current Transfer Ratio (%)
Collector Current Ic (mA)
Ambient Temperature Ta (C)
Fig.9 Collector-emitter Saturation Voltage vs. Forward Current
Collector-emitter Saturation Voltage Vce (V)
Fig.10 Response Time vs. Load Resistance
Fig.11 Response Time vs. Load Resistance
Forward Current IF (mA)
Response Rise Time (us)
Load Resistance RL(K ohm)
Response Rise Time (us)
Load Resistance RL(K ohm)
c
2004
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
19


▲Up To Search▲   

 
Price & Availability of KPS2801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X