Part Number Hot Search : 
4HCT1 BU08RA16 2SD1902 LTC10 HCS51 1SS400CS V30100C 10EL0
Product Description
Full Text Search
 

To Download K6E0808C1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
K6E0808C1C-C
Document Title
32Kx8 Bit High Speed Static RAM(5V Operating), Evolutionary Pin out.
CMOS SRAM
Revision History
Rev No. Rev. 0.0 Rev. 1.0 History Initial release with Preliminary. Release to final Data Sheet. 1. Delete Preliminary Update A.C parameters 2.1. Updated A.C parameters Previous spec. Updated spec. (12/15/20ns part) (12/15/20ns part) tOE - / 8/10ns - / 7 /9 ns tCW - /12/ - ns - /11/ - ns tHZ 8/10/10ns 6/ 7/10ns tOHZ - / 8 / - ns - / 7 / - ns tDW - / 9 / - ns - / 8 / - ns 2.2. Add VOH1=3.95V with the test condition as Vcc=5V5% at 25C Items Rev. 3.0 3.1. Add 28-TSOP1 Package. 3.2. Add L-version. 3.3. Add Data Rentention Characteristics. 4.1. Delete DIP Package. 4.2. Delete L-version. 4.3. Delete Data Retention Characteristics and Waveform. Feb. 22th, 1996 Final Draft Data Apr. 1st, 1994 May 14th,1994 Remark Preliminary Final
Rev. 2.0
Oct. 4th, 1994
Final
Rev. 4.0
Feb. 25th, 1998
Final
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any questions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
-1-
Rev 4.0 February 1998
PRELIMINARY
K6E0808C1C-C
32K x 8 Bit High-Speed CMOS Static RAM
FEATURES
* Fast Access Time 12, 15, 20ns(Max.) * Low Power Dissipation Standby (TTL) : 40mA(Max.) (CMOS) : 2mA(Max.) Operating K6E0808C1C-12 : 165mA(Max.) K6E0808C1C-15 : 150mA(Max.) K6E0808C1C-20 : 140mA(Max.) * Single 5.0V10% Power Supply * TTL Compatible Inputs and Outputs * I/O Compatible with 3.3V Device * Fully Static Operation - No Clock or Refresh required * Three State Outputs * Standard Pin Configuration K6E0808C1C-J : 28-SOJ-300 K6E0808C1C-T : 28-TSOP1-0813. 4F
CMOS SRAM
GENERAL DESCRIPTION
The K6E0808C1C is a 262,144-bit high-speed Static Random Access Memory organized as 32,768 words by 8 bits. The K6E0808C1C uses 8 common input and output lines and has an output enable pin which operates faster than address access time at read cycle. The device is fabricated using SAMSUNGs advanced CMOS process and designed for high-speed circuit technology. It is particularly well suited for use in high-density high-speed system applications. The K6E0808C1C is packaged in a 300mil 28-pin plastic SOJ or TSOP1 forward.
PIN CONFIGURATION(Top View)
OE A11 A9 A8 A13 WE Vcc A14 A12 A7 A6 A5 A4 A3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 A10 CS I/O8 I/O7 I/O6 I/O5 I/O4 Vss I/O3 I/O2 I/O1 A0 A1 A2
TSOP1
FUNCTIONAL BLOCK DIAGRAM
A14 1 A12 2 28 Vcc 27 WE 26 A13 25 A8 24 A9 23 A11
Clk Gen.
A3 A4 A5 A6 A7 A8 A12 A13 A14
Pre-Charge-Circuit
A7 3 A6 4 A5 5
Row Select
A4 6
Memory Array 512 Rows 64x8 Columns
A3 7 A2 8 A1 9 A0 10 I/O1 11
SOJ
22 OE 21 A10 20 CS 19 I/O8 18 I/O7 17 I/O6 16 I/O5 15 I/O4
I/O1~I/O8
Data Cont. CLK Gen.
I/O Circuit Column Select
I/O2 12 I/O3 13 Vss 14
PIN FUNCTION
A0 A1 A2 A9 A10 A11
Pin Name CS WE OE A0 - A14 WE CS OE I/O1 ~ I/O8 VCC VSS
Pin Function Address Inputs Write Enable Chip Select Output Enable Data Inputs/Outputs Power(+5.0V) Ground
-2-
Rev 4.0 February 1998
PRELIMINARY
K6E0808C1C-C
ABSOLUTE MAXIMUM RATINGS*
Parameter Voltage on Any Pin Relative to VSS Voltage on VCC Supply Relative to VSS Power Dissipation Storage Temperature Operating Temperature Symbol VIN, VOUT VCC PD TSTG TA Rating -0.5 to 7.0 -0.5 to 7.0 1.0 -65 to 150 0 to 70 Unit V V W C C
CMOS SRAM
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS(TA=0 to 70C)
Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min 4.5 0 2.2 -0.5* Typ 5.0 0 Max 5.5 0 VCC+0.5** 0.8 Unit V V V V
* VIL(Min) = -2.0(Pulse Width10ns) for I20mA ** VIH(Max) = VCC+2.0V(Pulse Width10ns) for I20mA
DC AND OPERATING CHARACTERISTICS(TA=0 to 70C,VCC=5.0V10% unless otherwise specified)
Parameter Input Leakage Current Output Leakage Current Operating Current Symbol ILI ILO ICC Test Conditions VIN = VSS to VCC CS=VIH or OE=VIH or WE=VIL VOUT = VSS to VCC Min. Cycle, 100% Duty CS=VIL, VIN = VIH or VIL, IOUT=0mA Min. Cycle, CS=VIH f=0MHz, CSVCC-0.2V, VINVCC-0.2V or VIN0.2V IOL=8mA IOH=-4mA IOH1=0.1mA 12ns 15ns 20ns Standby Current ISB ISB1 Output Low Voltage Level Output High Voltage Level VOL VOH VOH1*
* VCC=5.0V5%, Temp.=25C
Min -2 -2 2.4 -
Max 2 2 165 150 140 40 2 0.4 3.95
Unit A A mA
mA mA V V V
CAPACITANCE*(TA=25C, f=1.0MHz)
Item Input/Output Capacitance Input Capacitance Symbol CI/O CIN Test Conditions VI/O=0V VIN=0V MIN Max 8 7 Unit pF pF
* Capacitance is sampled and not 100% tested.
-3-
Rev 4.0 February 1998
PRELIMINARY
K6E0808C1C-C
AC CHARACTERISTICS(TA=0 to 70C, VCC=5.0V10%, unless otherwise noted.)
TEST CONDITIONS
Parameter Input Pulse Levels Input Rise and Fall Times Input and Output timing Reference Levels Output Loads Value 0V to 3V 3ns 1.5V See below
CMOS SRAM
Output Loads(A) +5V 480 DOUT 255 30pF*
Output Loads(B) for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ +5.0V 480 DOUT 255 5pF*
* Including Scope and Jig Capacitance
READ CYCLE
Parameter Read Cycle Time Address Access Time Chip Select to Output Output Enable to Valid Output Chip Enable to Low-Z Output Output Enable to Low-Z Output Chip Disable to High-Z Output Output Disable to High-Z Output Output Hold from Address Change Chip Selection to Power Up Time Chip Selection to Power DownTime Symbol tRC tAA tCO tOE tLZ tOLZ tHZ tOHZ tOH tPU tPD K6E0808C1C-12 Min 12 3 0 0 0 3 0 Max 12 12 6 6 6 12 K6E0808C1C-15 Min 15 3 0 0 0 3 0 Max 15 15 7 7 7 15 K6E0808C1C-20 Min 20 3 0 0 0 3 0 Max 20 20 9 10 10 20 Unit ns ns ns ns ns ns ns ns ns ns ns
-4-
Rev 4.0 February 1998
PRELIMINARY
K6E0808C1C-C
WRITE CYCLE
Parameter Write Cycle Time Chip Select to End of Write Address Setup Time Address Valid to End of Write Write Pulse Width(OE High) Write Pulse Width(OE Low) Write Recovery Time Write to Output High-Z Data to Write Time Overlap Data Hold from Write Time End Write to Output Low-Z Symbol tWC tCW tAS tAW tWP tWP1 tWR tWHZ tDW tDH tOW K6E0808C1C-12 Min 12 9 0 9 9 12 0 0 7 0 0 Max 6 K6E0808C1C-15 Min 15 11 0 12 12 15 0 0 8 0 0 Max 8 K6E0808C1C-20 Min 20 13 0 13 13 20 0 0 10 0 0 Max 8 Unit ns ns ns ns ns ns ns ns ns ns ns
CMOS SRAM
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tRC Address tOH Data Out Previous Valid Data tAA Valid Data
TIMING WAVEFORM OF READ CYCLE(2)
(WE=VIH)
tRC Address tAA tCO tOE OE tOLZ Data out VCC Current ICC ISB tLZ(4,5) Valid Data tPU 50% tPD 50% tOH tOHZ tHZ(3,4,5)
CS
-5-
Rev 4.0 February 1998
PRELIMINARY
K6E0808C1C-C
NOTES(READ CYCLE) 1. WE is high for read cycle. 2. All read cycle timing is referenced from the last valid address to the first transition address. 3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or VOL levels. 4. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device. 5. Transition is measured 200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested. 6. Device is continuously selected with CS=VIL. 7. Address valid prior to coincident with CS transition low. 8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
CMOS SRAM
TIMING WAVEFORM OF WRITE CYCLE(1)
(OE= Clock)
tWC Address tAW OE tCW(3) CS tAS(4) WE tDW Data in High-Z tOHZ(6) Data out High-Z(8) Valid Data tDH tWP(2) tWR(5)
TIMING WAVEFORM OF WRITE CYCLE(2)
(OE=Low Fixed)
tWC Address tAW tCW(3) CS tAS(4) WE tDW Data in High-Z tWHZ(6) Data out High-Z(8) Valid Data tOW
(10) (9)
tWR(5)
tWP1(2)
tDH
-6-
Rev 4.0 February 1998
PRELIMINARY
K6E0808C1C-C
TIMING WAVEFORM OF WRITE CYCLE(3) (CS = Controlled)
tWC Address tAW tCW(3) CS tAS(4) WE tDW Data in tDH tWP(2) tWR(5)
CMOS SRAM
High-Z
tLZ tWHZ(6)
Valid Data
High-Z
Data out
High-Z
NOTES(WRITE CYCLE)
High-Z(8)
1. All write cycle timing is referenced from the last valid address to the first transition address. 2. A write occurs during the overlap of a low CS and WE. A write begins at the latest transition CS going low and WE going low ; A write ends at the earliest transition CS going high or WE going high. tWP is measured from the beginning of write to the end of write. 3. tCW is measured from the later of CS going low to end of write. 4. tAS is measured from the address valid to the beginning of write. 5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high. 6. If OE, CS and WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase of the output must not be applied because bus contention can occur. 7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle. 8. If CS goes low simultaneously with WE going or after WE going low, the outputs remain high impedance state. 9. Dout is the read data of the new address. 10. When CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be applied.
FUNCTIONAL DESCRIPTION
CS H L L L WE X H H L OE X* H L X Mode Not Select Output Disable Read Write I/O Pin High-Z High-Z DOUT DIN Supply Current ISB, ISB1 ICC ICC ICC
* NOTE : X means Dont Care.
-7-
Rev 4.0 February 1998
PRELIMINARY
K6E0808C1C-C
PACKAGE DIMENSIONS
28-SOJ-300
#28 #15
CMOS SRAM
Units:millimeters/Inches
7.62 0.300
8.51 0.12 0.335 0.005
6.86 0.25 0.270 0.010
0.20 #1 18.82 MAX 0.741 18.41 0.12 0.725 0.005 ( 1.30 ) 0.051 1.30 ( ) 0.051 #14 0.69 MIN 0.027
+0.10 -0.05
0.008+0.004 -0.002
3.76 MAX 0.148
0.10 0.004 MAX
(
0.95 ) 0.0375
0.43
+0.10 -0.05
0.017 +0.004 -0.002
1.27 0.050
0.71
+0.10 -0.05
0.028+0.004 -0.002
28-TSOP1-0813.4F
Units:millimeters/Inches
0.10 MAX 0.004 MAX
+0.10 -0.05 0.008 +0.004 -0.002
0.20
13.40 0.20 0.528 0.008 #28 ( 0.425 ) 0.017
#1
8.40 0.331 MAX 0.55 0.0217 #14 #15 0.25 0.010 TYP 11.80 0.10 0.465 0.004
1.00 0.10 0.039 0.004 0.15 0.006
+0.10 -0.05 +0.004 -0.002
8.00 0.315
1.20 0.047 MAX
0.05 0.002 MIN
0~8
0.45 ~0.75 0.018 ~0.030
(
0.50 ) 0.020
-8-
Rev 4.0 February 1998


▲Up To Search▲   

 
Price & Availability of K6E0808C1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X