Part Number Hot Search : 
2545CT TB0252A MC30A FTSO5833 7IMN13 BL8095 2SC3858 3502M
Product Description
Full Text Search
 

To Download ISPLSI1048C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ispLSI 1048C/883
(R)
In-System Programmable High Density PLD Features
* HIGH-DENSITY PROGRAMMABLE LOGIC -- 8000 PLD Gates -- 96 I/O Pins, 12 Dedicated Inputs, 2 Global Output Enables -- 288 Registers -- High-Speed Global Interconnect -- Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc. -- Small Logic Block Size for Random Logic -- Security Cell Prevents Unauthorized Copying * HIGH PERFORMANCE E2CMOS(R) TECHNOLOGY -- fmax = 50 MHz Maximum Operating Frequency -- tpd = 22 ns Propagation Delay -- TTL Compatible Inputs and Outputs -- Electrically Erasable and Reprogrammable -- Non-Volatile E2CMOS Technology -- 100% Tested at Time of Manufacture * IN-SYSTEM PROGRAMMABLE -- In-System ProgrammableTM (ISPTM) 5-Volt Only -- Increased Manufacturing Yields, Reduced Time-toMarket, and Improved Product Quality -- Reprogram Soldered Devices for Faster Debugging * COMBINES EASE OF USE AND THE FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS -- Complete Programmable Device Can Combine Glue Logic and Structured Designs -- Four Dedicated Clock Input Pins -- Synchronous and Asynchronous Clocks -- Flexible Pin Placement -- Optimized Global Routing Pool Provides Global Interconnectivity * ispDesignEXPERTTM - LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING -- Superior Quality of Results -- Tightly Integrated with Leading CAE Vendor Tools -- Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZERTM -- PC and UNIX Platforms
Functional Block Diagram
Output Routing Pool F7 F6 F5 F4 F3 F2 F1 F0 A0 Output Routing Pool E7 E6 E5 E4 E3 E2 E1 E0 D7 D5
Output Routing Pool
A2 A3 A4 A5 A6 A7 B0 B1 B2 B3 B4 B5 B6 B7 Output Routing Pool
Logic
DQ
Global Routing Pool (GRP)
Array
DQ
GLB
D4 D3 D2 D1 D0
DQ
C0 C1 C2 C3 C4 C5 C6 C7 Output Routing Pool
CLK
0139G1A-isp
Description
The ispLSI 1048C/883 is a High-Density Programmable Logic Device processed in full compliance to MIL-STD883. This military grade device contains 288 Registers, 96 Universal I/O pins, 12 Dedicated Input pins, two Global Output Enables (GOE), four Dedicated Clock Input pins and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 1048C/883 features 5-Volt insystem programming and in-system diagnostic capabilities. It is the first device which offers non-volatile reprogrammability of the logic, and the interconnect to provide truly reconfigurable systems. Compared to the ispLSI 1048, the ispLSI 1048C/883 offers two additional dedicated inputs and two new Global Output Enable pins. The basic unit of logic on the ispLSI 1048C/883 device is the Generic Logic Block (GLB). The GLBs are labeled A0, A1 .. F7 in figure 1. There are a total of 48 GLBs in the ispLSI 1048C/883 devices. Each GLB has 18 inputs, a programmable AND/OR/XOR array, and four outputs which can be configured to be either combinatorial or registered. Inputs to the GLB come from the GRP and dedicated inputs. All of the GLB outputs are brought back into the GRP so that they can be connected to the inputs of any other GLB on the device.
Copyright (c) 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A. Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
September 2000
1048CMIL_01
1
Output Routing Pool
A1
DQ
D6
Specifications ispLSI 1048C/883
Functional Block Diagram
Figure 1. ispLSI 1048C/883 Functional Block Diagram
I/O I/O I/O I/O 95 94 93 92 RESET
GOE0 GOE1
I/O I/O I/O I/O 91 90 89 88
I/O I/O I/O I/O 87 86 85 84
I/O I/O I/O I/O 83 82 81 80
IN IN 11 10
I/O I/O I/O I/O 79 78 77 76
I/O I/O I/O I/O 75 74 73 72
I/O I/O I/O I/O 71 70 69 68
I/O I/O I/O I/O 67 66 65 64
IN 9
IN 8
Input Bus Generic Logic Blocks (GLBs) F7 F6 Output Routing Pool (ORP) F5 F4 F3 F2 F1 F0 E7 E6
Input Bus Output Routing Pool (ORP) E5 E4 E3 E2 E1 E0
IN 7 IN 6 I/O 63 I/O 62 I/O 61 I/O 60
D7
I/O 0 I/O 1 I/O 2 I/O 3
A0 A1
Output Routing Pool (ORP)
D6
Output Routing Pool (ORP)
D5
I/O 59 I/O 58 I/O 57
D4 D3 D2 D1 D0
lnput Bus
Input Bus
I/O 4 I/O 5 I/O 6 I/O 7 I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15 SDI/IN 0 MODE/IN 1
A2 A3 A4 A5 A6 A7 B0 B1 B2 B3 B4 B5 B6 B7
Global Routing Pool (GRP)
I/O 56 I/O 55 I/O 54 I/O 53 I/O 52 I/O 51 I/O 50 I/O 49 I/O 48
C0
C1
C2
C3
C4
C5
C6
C7
Clock Distribution Network
Output Routing Pool (ORP) Megablock Input Bus
ispEN
IN2 SDO/ IN3
Output Routing Pool (ORP) Input Bus
CLK 0 CLK 1 CLK 2 IOCLK 0 IOCLK 1
I/O I/O I/O I/O 16 17 18 19
I/O I/O I/O I/O 20 21 22 23
I/O I/O I/O I/O 24 25 26 27
I/O I/O I/O I/O 28 29 30 31
IN SCLK/ I/O I/O I/O I/O 4 IN 5 32 33 34 35
I/O I/O I/O I/O 36 37 38 39
I/O I/O I/O I/O 40 41 42 43
I/O I/O I/O I/O 44 45 46 47
YYYY 0123
0139F(2)-48B-isp
The device also has a 96 I/O cells, each of which is directly connected to an I/O pin. Each I/O cell can be individually programmed to be a combinatorial input, registered input, latched input, output or bi-directional I/O pin with 3-state control. Additionally, all outputs have selectable polarity, active high or active low. The signal voltage levels are TTL-compatible, and the output drivers can source 4 mA or sink 8 mA. Eight GLBs, 16 I/O cells, two dedicated inputs and one ORP are connected together to make a Megablock as shown in figure 1. The outputs of the eight GLBs are connected to a set of 16 universal I/O cells by the ORP. Each ispLSI 1048C/883 device contains six Megablocks.
The GRP has, as its inputs, the outputs from all of the GLBs and all of the inputs from the bi-directional I/O cells. All of these signals are made available to the inputs of the GLBs. Delays through the GRP have been equalized to minimize timing skew. Clocks in the ispLSI 1048C/883 device are selected using the Clock Distribution Network. Four dedicated clock pins (Y0, Y1, Y2 and Y3) are brought into the distribution network, and five clock outputs (CLK 0, CLK 1, CLK 2, IOCLK 0 and IOCLK 1) are provided to route clocks to the GLBs and I/O cells. The Clock Distribution Network can also be driven from a special clock GLB (D0 on the ispLSI 1048C/883 device). The logic of this GLB allows the user to create an internal clock from a combination of internal signals.
2
Specifications ispLSI 1048C/883
Absolute Maximum Ratings 1
Supply Voltage Vcc ...................................-0.5 to +7.0V Input Voltage Applied ........................ -2.5 to VCC +1.0V Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V Storage Temperature ................................ -65 to 150C Case Temp. with Power Applied .............. -55 to 125C Max. Junction Temp. (TJ) with Power Applied ... 150C
1. Stresses above those listed under the "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation of the device at these or at any other conditions above those indicated in the operational sections of this specification is not implied (while programming, follow the programming specifications).
DC Recommended Operating Conditions
SYMBOL PARAMETER Supply Voltage Input Low Voltage Input High Voltage Military/883 TC = -55C to +125C MIN. 4.5 0 2.0 MAX. 5.5 0.8 Vcc + 1 V V
0005A mil.eps
UNITS
VCC VIL VIH
Capacitance (TA=25oC, f=1.0 MHz)
SYMBOL PARAMETER Dedicated Input Capacitance I/O and Clock Capacitance MAXIMUM1 10 10 UNITS pf pf TEST CONDITIONS VCC=5.0V, VIN=2.0V VCC=5.0V, VI/O, VY=2.0V
Table 2- 0006mil
C1 C2
1. Characterized but not 100% tested.
Data Retention Specifications
PARAMETER Data Retention Erase/Reprogram Cycles MINIMUM 20 10000 MAXIMUM -- -- UNITS Years Cycles
Table 2- 0008B
3
Specifications ispLSI 1048C/883
Switching Test Conditions
Input Pulse Levels Input Rise and Fall Time Input Timing Reference Levels Output Timing Reference Levels Output Load GND to 3.0V 3ns 10% to 90% 1.5V 1.5V See figure 2
Figure 2. Test Load
+ 5V R1 Device Output R2 CL* Test Point
3-state levels are measured 0.5V from steady-state active level.
Table 2- 0003
Output Load Conditions (see figure 2)
Test Condition A B Active High Active Low C Active High to Z at VOH - 0.5V Active Low to Z at VOL + 0.5V
Table 2- 0004A
R1 470
R2 390 390 390 390 390
CL 35pF 35pF 35pF 5pF 5pF
*CL includes Test Fixture and Probe Capacitance.
470
470
DC Electrical Characteristics
Over Recommended Operating Conditions
SYMBOL PARAMETER Output Low Voltage Output High Voltage Input or I/O Low Leakage Current Input or I/O High Leakage Current isp Input Low Leakage Current I/O Active Pull-Up Current Output Short Circuit Current Operating Power Supply Current IOL =8 mA IOH =-4 mA 0V VIN VIL (MAX.) 3.5V VIN VCC 0V VIN VIL (MAX.) 0V VIN VIL VCC = 5V, VOUT = 0.5V VIL = 0.5V, VIH = 3.0V fTOGGLE = 1 MHz 1. One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems by tester ground degradation. Characterized but not 100% tested. 2. Measured using twelve 16-bit counters. 3. Typical values are at VCC = 5V and TA = 25oC. 4. Maximum ICC varies widely with specific device configuration and operating frequency. Refer to the Power Consumption section of this datasheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to estimate maximum ICC. 0007A-48C mil CONDITION MIN. - 2.4 - - - - - - TYP. 3 - - - - - - - 165 MAX. 0.4 - -10 10 -150 -150 -200 260 UNITS V V A A A A mA mA
VOL VOH IIL IIH IIL-isp IIL-PU IOS1
ICC2,4
4
Specifications ispLSI 1048C/883
External Timing Parameters
Over Recommended Operating Conditions
42 PARAMETER TEST #
COND.
DESCRIPTION1 Data Propagation Delay, 4PT bypass, ORP bypass Data Propagation Delay Clock Frequency with Internal Feedback 3 - -
-50
MIN. MAX. 22.0 26.0 - - - - 14.0 - - 16.0 - 20.5 - 27.5 27.5 20.5 20.5 - - - -
UNITS ns ns MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tpd1 tpd2 fmax (Int.) fmax (Ext.) fmax (Tog.) tsu1 tco1 th1 tsu2 tco2 th2 tr1 trw1 tptoeen tptoedis tgoeen tgoedis twh twl tsu3 th3
1. 2. 3. 4.
A A A - - - A - - - - A - B C B C - - - -
1 2 3
50.3 34.5 58.8 13.0 - 0 15.0 - 0 - 13.5 - - - - 8.5 8.5 3.0 9.0
1 4 Clock Frequency with External Feedback ( tsu2 + tco1 ) 1 5 Clock Frequency, Max Toggle ( twh + tw1 )
6 7 8 9
GLB Reg. Setup Time before Clock, 4PT bypass GLB Reg. Clock to Output Delay, ORP bypass GLB Reg. Hold Time after Clock, 4 PT bypass GLB Reg. Setup Time before Clock
10 GLB Reg. Clock to Output Delay 11 GLB Reg. Hold Time after Clock 12 Ext. Reset Pin to Output Delay 13 Ext. Reset Pulse Duration 14 Input to Output Enable 15 Input to Output Disable 16 Global OE Output Enable 17 Global OE Output Disable 20 Ext. Sync. Clock Pulse Duration, High 21 Ext. Sync. Clock Pulse Duration, Low 22 I/O Reg. Setup Time before Ext. Sync. Clock (Y2, Y3) 23 I/O Reg. Hold Time after Ext. Sync. Clock (Y2, Y3)
Unless noted otherwise, all parameters use a GRP load of 4 GLBs, 20 PTXOR path, ORP and Y0 clock. Refer to Timing Model in this data sheet for further details. Standard 16-Bit counter using GRP feedback. Reference Switching Test Conditions section.
Table 2- 0030-48C/50 mil
5
Specifications ispLSI 1048C/883
Internal Timing Parameters1
2
PARAMETER
#
DESCRIPTION
-50
MIN. MAX.
UNITS
Inputs tiobp tiolat tiosu tioh tioco tior tdin GRP tgrp1 tgrp4 tgrp8 tgrp16 tgrp48 GLB t4ptbp t1ptxor t20ptxor txoradj tgbp tgsu tgh tgco tgro tptre tptoe tptck ORP torp torpbp
24 25 26 27 28 29 30
I/O Register Bypass I/O Latch Delay I/O Register Setup Time before Clock I/O Register Hold Time after Clock I/O Register Clock to Out Delay I/O Register Reset to Out Delay Dedicated Input Delay
- - 9.1 0.3 - - -
4.3 5.5 - - 4.6 5.1 7.4
ns ns ns ns ns ns ns
31 32 33 34 35
GRP Delay, 1 GLB Load GRP Delay, 4 GLB Loads GRP Delay, 8 GLB Loads GRP Delay, 16 GLB Loads GRP Delay, 48 GLB Loads
- - - - -
6.2 6.7 8.0 10.5 22.7
ns ns ns ns ns
36 37 38 39 40 41 42 43 44 45 46 47
4 Product Term Bypass Path Delay 1 Product Term/XOR Path Delay 20 Product Term/XOR Path Delay XOR Adjacent Path Delay 3
- - - - - 3.9 7.3 - - - - 3.4
5.5 6.7 7.5 8.9 1.2 - - 2.3 2.8 11.1 9.6 8.2
ns ns ns ns ns ns ns ns ns ns ns ns
GLB Register Bypass Delay GLB Register Setup Time before Clock GLB Register Hold Time after Clock GLB Register Clock to Output Delay GLB Register Reset to Output Delay GLB Product Term Reset to Register Delay GLB Product Term Output Enable to I/O Cell Delay GLB Product Term Clock Delay
48 49
ORP Delay ORP Bypass Delay
- -
3.4 1.4
ns ns
1. Internal Timing Parameters are not tested and are for reference only. 2. Refer to Timing Model in this data sheet for further details. 3. The XOR adjacent path can only be used by hard macros.
Table 2- 0036-48C/50MIL
6
Specifications ispLSI 1048C/883
Internal Timing Parameters1
2
PARAMETER
#
DESCRIPTION
-50
MIN. MAX.
UNITS
Outputs 50 tob 51 toen todis 52 tgoe 53 Clocks tgy0 54 tgy1/2 55 tgcp 56 tioy2/3 57 tiocp 58 Global Reset tgr 59
Output Buffer Delay I/O Cell OE to Output Enabled I/O Cell OE to Output Disabled Global OE
- - - -
2.9 6.9 6.9 13.6
ns ns ns ns
Clock Delay, Y0 to Global GLB Clock Line (Ref. clock) Clock Delay, Y1 or Y2 to Global GLB Clock Line Clock Delay, Clock GLB to Global GLB Clock Line Clock Delay, Y2 or Y3 to I/O Cell Global Clock Line Clock Delay, Clock GLB to I/O Cell Global Clock Line
7.4 6.1 2.6 6.1 2.6
7.4 8.7 7.6 8.7 7.6
ns ns ns ns ns
Global Reset to GLB and I/O Registers
-
11.4
ns
1. Internal Timing Parameters are not tested and are for reference only. 2. Refer to Timing Model in this data sheet for further details.
Table 2- 0037-48C/50mil
7
Specifications ispLSI 1048C/883
ispLSI 1048C/883 Timing Model
I/O Cell GRP Feedback Ded. In GLB ORP I/O Cell
#30 I/O Reg Bypass #24 Input D Register Q RST #25 - 29 GRP 4 #32 GRP Loading Delay #31, 33, 34, 35 4 PT Bypass #36 20 PT XOR Delays #37, 38, 39 #59 D RST #41, 42, 43, 44 GLB Reg Bypass #40 GLB Reg Delay Q ORP Bypass #49 ORP Delay #48 #50 I/O Pin (Output) #51, 52
I/O Pin (Input)
#59 Reset
Clock Distribution Y1,2,3 #55, 56, 57, 58 #54 #53
Control RE PTs OE #45, 46, CK 47
Y0 GOE0, 1
0491A/48
Derivations of tsu, th and tco from the Product Term Clock1
tsu
= Logic + Reg su - Clock (min) = (tiobp + tgrp4 + t20ptxor) + (tgsu) - (tiobp + tgrp4 + tptck(min)) = (#24 + #32 + #38) + (#41) - (#24 + #32 + #47) 8.0 ns = (4.3 + 6.7 + 7.5) + (3.9) - (4.3 + 6.7 + 3.4) = Clock (max) + Reg h - Logic = (tiobp + tgrp4 + tptck(max)) + (tgh) - (tiobp + tgrp4 + t20ptxor) = (#24 + #32 + #47) + (#42) - (#24 + #32 + #38 ) 8.0 ns = (4.3 + 6.7 + 8.2) + (7.3) - (4.3 + 6.7 + 7.5)
th
tco
= Clock (max) + Reg co + Output = (tiobp + tgrp4 + tptck(max)) + (tgco) + (torp + tob) = (#24 + #32 + #47) + (#43) + (#48 + #50) 32.8 ns = (4.3 + 6.7 + 8.2) + (7.3) + (3.4 + 2.9)
Derivations of tsu, th and tco from the Clock GLB1
tsu
= Logic + Reg su - Clock (min) = (tiobp + tgrp4 + t20ptxor) + (tgsu) - (tgy0(min) + = (#24 + #32 + #38) + (#41) - (#54 + #43 + #56) 10.1 ns= (4.3 + 6.7 + 7.5) + (3.9) - (7.4 + 2.3 + 2.6)
tgco + tgcp(min))
th
= Clock (max) + Reg h - Logic = (tgy0(max) + tgco + tgcp(max)) + (tgh) - (tiobp + tgrp4 + t20ptxor) = (#54 + #43 + #56) + (#42) - (#24 + #32 + #38) 6.1 ns = (7.4 + 2.3 + 7.6) + (7.3) - (4.3 + 6.7 + 7.5)
tco
= Clock (max) + Reg co + Output = (tgy0(max) + tgco + tgcp(max)) + (tgco) + (torp + tob) = (#54 + #43 + #56) + (#43) + (#48 + #50) 30.9 ns = (7.4 + 2.3 + 7.6) + (7.3) + (3.4 + 2.9) 1. Calculations are based upon timing specifications for the ispLSI 1048C-50
8
Specifications ispLSI 1048C/883
Maximum GRP Delay vs GLB Loads
11 ispLSI 1048C-50 10 9
GRP Delay (ns)
8 7 6 5 4 3 1 4 8 GLB Loads 12 16
0126A-48C-80-ispmil
Power Consumption
Power consumption in the ispLSI 1048C/883 device depends on two primary factors: the speed at which the device is operating, and the number of Product Terms used. Figure 3 shows the relationship between power and operating speed.
ICC (mA)
Figure 3. Typical Device Power Consumption vs fmax 250 ispLSI 1048C 200
150 100 50 0 10 20 30 40 50 60 70 80
fmax (MHz)
Notes: Configuration of Twelve 16-bit Counters Typical Current at 5V, 25C
ICC can be estimated for the ispLSI 1048C using the following equation: ICC = 73 + (# of PTs * 0.23) + (# of nets * Max. freq * 0.010) where: # of PTs = Number of Product Terms used in design # of nets = Number of Signals used in device Max. freq = Highest Clock Frequency to the device The ICC estimate is based on typical conditions (VCC = 5.0V, room temperature) and an assumption of 2 GLB loads on average exists. These values are for estimates only. Since the value of ICC is sensitive to operating conditions and the program in the device, the actual ICC should be verified. 0127A-48C-80-isp
9
Specifications ispLSI 1048C/883
Pin Description
NAME
I/O 0 - I/O 5 I/O 6 - I/O 11 I/O 12 - I/O 17 I/O 18 - I/O 23 I/O 24 - I/O 29 I/O 30 - I/O 35 I/O 36 - I/O 41 I/O 42 - I/O 47 I/O 48 - I/O 53 I/O 54 - I/O 59 I/O 60 - I/O 65 I/O 66 - I/O 71 I/O 72 - I/O 77 I/O 78 - I/O 83 I/O 84 - I/O 89 I/O 90 - I/O 95 GOE0, GOE1 IN 2, IN 4 IN 6 - IN 11 ispEN SDI/IN 01
CPGA PIN NUMBERS
J2, L2, M3, P4, N9, N11, M12, L14, F13, D13, C12, A11, B6, B4, C3, D1, N13, P7, F14, H2 J1 J3, K3, P2, M5, M9, M10, N14, K12, F12, E12, A13, C10, C6, C5, B1, E3, B7, P9 A9, K1, N1, N3, N5, P10, P13, M13, K13, E14, B14, B12, B10, A5, A2, C2, E2, L1, M2, M4, P5, P11, N12, L12, K14, D14, C13, C11, A10, A4, B3, D3, E1, K2, L3, P3, M6, N10, M11, M14, J12, E13, D12, A12, C9, B5, C4, C1, F3, M1, P1, N4, N6, P12, P14, L13, J13, C14, A14, B11, B9, A3, A1, D2, F2
DESCRIPTION
Input/Output Pins - These are the general purpose I/O pins used by the logic array.
Global output enables for all I/Os. Dedicated input pins to the device. A8, A7, A6, F1 Input - Dedicated in-system programming enable input pin. This pin is brought low to enable the programming mode. The MODE, SDI, SDO and SCLK options become active. Input - This pin performs two functions. It is a dedicated input pin when ispEN is logic high. When ispEN is logic low, it functions as an input pin to load programming data into the device. SDI/IN 0 also is used as one of the two control pins for the isp state machine. Input - This pin performs two functions. It is a dedicated input pin when ispEN is logic high. When ispEN is logic low, it functions as a pin to control the operation of the isp state machine. Input/Output - This pin performs two functions. It is a dedicated input pin when ispEN is logic high. When ispEN is logic low, it functions as an output pin to read serial shift register data. Input - This pin performs two functions. It is a dedicated input when ispEN is logic high. When ispEN is logic low, it functions as a clock pin for the Serial Shift Register. Active Low (0) Reset pin which resets all of the GLB and I/O registers in the device. Dedicated Clock input. This clock input is connected to one of the clock inputs of all of the GLBs on the device. Dedicated clock input. This clock input is brought into the clock distribution network, and can optionally be routed to any GLB on the device. Dedicated clock input. This clock input is brought into the clock distribution network, and can optionally be routed to any GLB and/ or any I/O cell on the device. Dedicated clock input. This clock input is brought into the clock distribution network, and can optionally be routed to any I/O cell on the device.
MODE/IN 11
P6
SDO/IN 31
P8
SCLK/IN 51
J14
RESET Y0 Y1
H1 G1 G14
Y2
H13
Y3
H14
GND VCC
B2, M8, C7, N7
B8, B13, C8, H3, H12, N2, N8 G2, G3, G12, G13, M7,
Ground (GND) VCC
Table 2- 0002C-48C/CPGA
1. Pins have dual function capability.
10
Specifications ispLSI 1048C/883
Pin Configuration
ispLSI 1048C/883 133-Pin CPGA Pinout Diagram
14
I/O59
13
I/O61
12
I/O64
11
I/O66
10
I/O69
9
IN7
8
IN8
7
IN9
6
IN10
5
I/O74
4
I/O75
3
I/O77
2
I/O80
1
I/O83
PIN A1
A
I/O56
GND
I/O62
I/O65
I/O68
I/O71
GND
GOE1
I/O72
I/O76
I/O78
I/O81
GND
I/O85
B
I/O53
I/O57
I/O60
I/O63
I/O67
I/O70
GND
Vcc
I/O73
I/O79
I/O82
I/O84
I/O86
I/O88
C
I/O51
I/O54
I/O58
INDEX
I/O87
I/O89
I/O90
D
I/O50
I/O52
I/O55
I/O91
I/O92
I/O93
E
IN6
I/O48
I/O49
I/O94
I/O95
IN11
F
Y1
Vcc
Vcc
ispLSI 1048C/883
Bottom View
Vcc
Vcc
Y0
G
Y3
Y2
GND
GND
ispEN
RESET
H
SCLK/ IN51
I/O47
I/O46
I/O1
I/O0
SDI/ IN01
J
I/O45
I/O44
I/O43
I/O7
I/O4
I/O2
K
I/O42
I/O41
I/O39
I/O10
I/O6
I/O3
L
I/O40
I/O38
I/O36
I/O34
I/O31
I/O25
GND
Vcc
I/O22
I/O19
I/O15
I/O12
I/O9
I/O5
M
I/O37
GOE0
I/O33
I/O30
I/O28
I/O24
GND
Vcc
I/O23
I/O20
I/O17
I/O14
GND
I/O8
N
I/O35
I/O32
I/O29
I/O27
I/O26
IN4
SDO/ IN31
IN2
MODE/ IN11
I/O21
I/O18
I/O16
I/O13
I/O11
P
1. Pins have dual function capability.
133 CPGA Pinout.eps
11
Specifications ispLSI 1048C/883
Part Number Description
ispLSI 1048C - XX
Device Family
X
X
X
Grade /883 = 883 Military Process
Device Number Speed 50 = 50 MHz fmax Package G = CPGA Power L = Low
0212-80B-isp1048C mil
Ordering Information
MILITARY Family ispLSI
fmax (MHz) tpd (ns)
50 22
Ordering Number ispLSI 1048C-50LG/883
SMD Number 5962-9558701MXC
Package 133-Pin CPGA
Table 2- 0041A-48C-ispmil
12


▲Up To Search▲   

 
Price & Availability of ISPLSI1048C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X