Part Number Hot Search : 
U20C30PT ALN0207 L6210 0402B X85C10 STP80NF 90N03 MPS6601
Product Description
Full Text Search
 

To Download IRF730APBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94976
SMPS MOSFET
Applications l Switch Mode Power Supply (SMPS) l Uninterruptable Power Supply l High speed power switching l Lead-Free Benefits l Low Gate Charge Qg results in Simple Drive Requirement l Improved Gate, Avalanche and dynamic dv/dt Ruggedness l Fully Characterized Capacitance and Avalanche Voltage and Current l Effective Coss Specified (See AN1001)
IRF730APBF
HEXFET(R) Power MOSFET
VDSS
400V
Rds(on) max
1.0
ID
5.5A
TO-220AB
G DS
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torqe, 6-32 or M3 screw
Max.
5.5 3.5 22 74 0.6 30 4.6 -55 to + 150 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V V/ns C
Typical SMPS Topologies:
l l
Single Transistor Flyback Xfmr. Reset Single Transistor Forward Xfmr. Reset (Both US Line input only). 1
02/03/04
www.irf.com
IRF730APBF
Static @ TJ = 25C (unless otherwise specified)
Parameter Min. Drain-to-Source Breakdown Voltage 400 V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient --- RDS(on) Static Drain-to-Source On-Resistance --- VGS(th) Gate Threshold Voltage 2.0 --- IDSS Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- IGSS Gate-to-Source Reverse Leakage --- V(BR)DSS Typ. --- 0.5 --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 1.0 VGS = 10V, ID = 3.3A 4.5 V VDS = VGS, ID = 250A 25 VDS = 400V, VGS = 0V A 250 VDS = 320V, VGS = 0V, TJ = 125C 100 VGS = 30V nA -100 VGS = -30V Max. Units Conditions --- S VDS = 50V, ID = 3.3A 22 ID = 3.5A 5.8 nC VDS = 320V 9.3 VGS = 10V, See Fig. 6 and 13 --- VDD = 200V --- ID = 3.5A ns --- RG = 12 --- R D = 57,See Fig. 10 --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 320V, = 1.0MHz --- VGS = 0V, VDS = 0V to 320V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 3.1 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- --- --- 10 22 20 16 600 103 4.0 890 30 45
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
290 5.5 7.4
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Typ.
--- 0.50 ---
Max.
1.70 --- 62
Units
C/W 62
Diode Characteristics
Min. Typ. Max. Units IS
I SM
VSD t rr Q rr ton
Conditions D MOSFET symbol --- --- 5.5 showing the A G integral reverse --- --- 22 S p-n junction diode. --- --- 1.6 V TJ = 25C, IS = 5.5A, VGS = 0V --- 370 550 ns TJ = 25C, IF = 3.5A --- 1.6 2.4 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRF730APBF
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I D , Drain-to-Source Current (A)
I D , Drain-to-Source Current (A)
10
10
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1
1
4.5V
0.1
0.1
4.5V
20s PULSE WIDTH TJ = 25 C
1 10 100
0.01 0.1
VDS , Drain-to-Source Voltage (V)
0.01 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
RDS(on) , Drain-to-Source On Resistance (Normalized)
5.9A ID = 5.5
I D , Drain-to-Source Current (A)
2.0
10
TJ = 150 C
1.5
1
TJ = 25 C
1.0
0.5
0.1 4.0
V DS = 50V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0 10.0
VGS , Gate-to-Source Voltage (V)
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF730APBF
100000 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + C ds gd
20
ID =5.5 5.9A
VGS , Gate-to-Source Voltage (V)
10000
C, Capacitance(pF)
16
VDS = 320V VDS = 200V VDS = 80V
1000
Ciss Coss
12
100
8
10
Crss
1 1 10 100 1000
4
0
FOR TEST CIRCUIT SEE FIGURE 13
0 5 10 15 20 25
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10us
10
TJ = 150 C
I D , Drain Current (A)
10 100us
1ms 1 10ms
1
TJ = 25 C
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2
0.1
TC = 25 C TJ = 150 C Single Pulse
10 100 1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF730APBF
6.0
V DS V GS RG
RD
5.0
D.U.T.
+
ID , Drain Current (A)
4.0
-V DD
10V
3.0
Pulse Width 1 s Duty Factor 0.1 %
2.0
Fig 10a. Switching Time Test Circuit
VDS 90%
1.0
0.0
25
50
75
100
125
150
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.001 0.01 0.1 1
0.01 0.00001
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF730APBF
EAS , Single Pulse Avalanche Energy (mJ)
15V
700 600 500 400 300 200 100 0
TOP BOTTOM
VDS
L
DRIVER
ID 2.5A 3.5A 5.5A
RG
20V
D.U.T
IAS tp
+ V - DD
A
0.01
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
25
Starting TJ , Junction Temperature ( C)
50
75
100
125
150
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS
QGD
610 600 590 580 570 560 550 540
Charge
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
50K 12V .2F .3F
D.U.T. VGS
3mA
+ V - DS
V DSav , Avalanche Voltage ( V )
VG
IG
ID
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 12d.IAV , Avalanche Current ( A) Voltage Typical Drain-to-Source Vs. Avalanche Current
6
www.irf.com
IRF730APBF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ V DD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRF730APBF
TO-220AB Package Outline
2.87 (.113) 2.62 (.103) 10.54 (.415) 10.29 (.405) 3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240) -B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS IG B T s , C o P A C K 1 - GATE 1- GATE 1 - G A T2 - DRAIN E 2 - D R A3 N SOURCE 2 - C O L L E C T O R I3 - E M IT T E R 3 - S O U4R C E - DRAIN
L E A D A S S IG N M E N T S
HEXFET
14.09 (.555) 13.47 (.530)
4 - D R A IN
4.06 (.160) 3.55 (.140)
4- C O LLE C TO R
3X 3X 1.40 (.055) 1.15 (.045)
0.93 (.037) 0.69 (.027) M B A M
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.54 (.100) 2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
2.92 (.115) 2.64 (.104)
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
E XAM PL E : TH LO AS IN IS I S A N IR F 1 0 1 0 T COD E 1789 S E M B LE D O N W W 19, 1997 T H E A S S E M B L Y L IN E "C "
N o t e : " P " i n a s s e m b l y li n e p o s i t i o n in d ic a t e s " L e a d - F r e e "
IN T E R N A T I O N A L R E C T I F IE R LOGO AS S EMB LY LOT CODE
P AR T N U M B E R
D AT E COD E YE AR 7 = 1997 W E E K 19 L IN E C
Notes:
Repetitive rating; pulse width limited by Starting TJ = 25C, L = 19mH
max. junction temperature. ( See fig. 11 )
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
RG = 25, IAS = 5.5A. (See Figure 12) TJ 150C
ISD 5.5A, di/dt 90A/s, VDD V(BR)DSS,
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.02/04
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF730APBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X