Part Number Hot Search : 
LTC6652 HER10 HZ4C3 K3268 93002 MBR30 10004 FRD12000
Product Description
Full Text Search
 

To Download IRF7307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1242B
IRF7307
HEXFET(R) Power MOSFET
Generation V Technology Ultra Low On-Resistance l Dual N and P Channel Mosfet l Surface Mount l Available in Tape & Reel l Dynamic dv/dt Rating l Fast Switching Description
l l
S1 G1 S2 G2
N -C H AN N EL M O SF ET 1 8 2 7
D1 D1 D2 D2
N-Ch VDSS 20V
P-Ch -20V
3 4
6
5
P-C H AN N E L M OS FE T
T op V iew
RDS(on) 0.050 0.090
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infra red, or wave soldering techniques. Power dissipation of greater than 0.8W is possible in a typical PCB mount application.
S O -8
Absolute Maximum Ratings
Parameter
ID @ TA = 25C ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C VGS dv/dt TJ,TSTG 10 Sec. Pulse Drain Current, VGS @ 4.5V Continuous Drain Current, V GS @ 4.5V Continuous Drain Current, V GS @ 4.5V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
N-Channel 5.7 5.2 4.1 21 2.0 0.016 12 5.0 -55 to + 150 -5.0 P-Channel -4.7 -4.3 -3.4 -17
Units
A
W W/C V V/ns C
Thermal Resistance Ratings
Parameter
RJA Maximum Junction-to-Ambient
Typ.
---
Max.
62.5
Units
C/W
8/25/97
IRF7307
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter V (BR)DSS Drain-to-Source Breakdown Voltage N-Ch P-Ch N-Ch P-Ch N-Ch RDS(ON) Static Drain-to-Source On-Resistance P-Ch V GS(th) gfs Gate Threshold Voltage Forward Transconductance N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-P N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-P N-P N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch Min. Typ. Max. 20 -- -- -20 -- -- -- 0.044 -- -- -0.012 -- -- -- 0.050 -- -- 0.070 -- -- 0.090 -- -- 0.140 0.70 -- -- -0.70 -- -- 8.30 -- -- 4.00 -- -- -- -- 1.0 -- -- -1.0 -- -- 25 -- -- -25 -- -- 100 -- -- 20 -- -- 22 -- -- 2.2 -- -- 3.3 -- -- 8.0 -- -- 9.0 -- 9.0 -- -- 8.4 -- -- 42 -- -- 26 -- -- 32 -- -- 51 -- -- 51 -- -- 33 -- -- 4.0 -- -- 6.0 -- -- 660 -- -- 610 -- -- 280 -- -- 310 -- -- 140 -- -- 170 -- Units V V/C Conditions VGS = 0V, I D = 250A VGS = 0V, ID = -250A Reference to 25C, ID = 1mA Reference to 25C, ID = -1mA VGS = 4.5V, ID = 2.6A VGS = 2.7V, ID = 2.2A VGS = -4.5V, I D = -2.2A VGS = -2.7V, I D = -1.8A VDS = VGS, ID = 250A VDS = VGS, ID = -250A VDS = 15V, ID = 2.6A VDS = -15V, ID = -2.2A VDS = 16V, V GS = 0V VDS = -16V, VGS = 0V, VDS = 16V, VGS = 0V, TJ = 125C VDS = -16V, VGS = 0V, TJ = 125C VGS = 12V N-Channel ID = 2.6A, VDS = 16V, V GS = 4.5V nC P-Channel ID = -2.2A, VDS = -16V, VGS = -4.5V N-Channel VDD = 10V, ID = 2.6A, RG = 6.0, RD = 3.8 ns P-Channel VDD = -10V, ID = -2.2A, RG = 6.0, RD = 4.5 nH Between lead tip and center of die contact N-Channel VGS = 0V, V DS = 15V, = 1.0MHz pF P-Channel VGS = 0V, V DS = -15V, = 1.0MHz
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
V S
IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductace Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
A
Source-Drain Ratings and Characteristics
Parameter IS ISM V SD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-P Min. Typ. Max. Units Conditions -- -- 2.5 -- -- -2.5 A -- -- 21 -- -- -17 -- -- 1.0 TJ = 25C, IS = 1.8A, VGS = 0V V -- -- -1.0 TJ = 25C, IS = -1.8A, VGS = 0V -- 29 44 N-Channel ns -- 56 84 T J = 25C, IF = 2.6A, di/dt = 100A/s -- 22 33 P-Channel nC -- 71 110 T J = 25C, IF = -2.2A, di/dt = 100A/s Intrinsic turn-on time is neglegible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 23 )
Pulse width 300s; duty cycle 2%. Surface mounted on FR-4 board, t 10sec.
N-Channel ISD 2.6A, di/dt 100A/s, VDD V(BR)DSS , TJ 150C
P-Channel ISD -2.2A, di/dt 50A/s, VDD V(BR)DSS, TJ 150C
N-Channel
1000
VGS 7.5V 5.0V 4.0V 3.5V 3.0V 2.5V 2.0V B OTTOM 1.5V TOP
IRF7307
1000
I , Dr ain-to-Sou rce Cur rent ( A) D
100
I , Drain- to-S ourc e C urrent ( A) D
VGS 7.5V 5.0V 4.0V 3.5V 3.0V 2.5V 2.0V B OTTOM 1.5V TOP
100
10
10
1 .5V 20 s P U LS E W ID T H T J = 15 0 C A
0.1 1 10 100
1.5 V
1 0.1 1
20 s P U LS E W ID T H T J = 25 C A
10 100
1
V DS , D rain-to- So urc e V oltage (V )
V DS , D rain- to- So urc e V oltage (V )
Fig 1. Typical Output Characteristics
100
Fig 2. Typical Output Characteristics
2.0
TJ = 25 C TJ = 1 50 C
R D S(on) , Dr ain- to-S ource O n Res istanc e (Norm alized)
I D = 4 .3A
I D , D ra in -to -S ou rc e C ur r en t ( A )
1.5
10
1.0
0.5
1 1.5 2.0 2.5 3.0
V D S = 1 5V 20 s PU LS E W ID T H
3.5 4.0 4.5 5.0
A
0.0 -60 -40 -20
V G S = 4.5 V
0 20 40 60 80
A
100 120 140 160
V GS , G a te - to -S o ur c e V olta ge (V )
TJ , J unction Tem perature (C )
Fig 3. Typical Transfer Characteristics
1200
Fig 4. Normalized On-Resistance Vs. Temperature
10
V G S , G ate- to- Sour ce V oltage (V )
V GS C is s C rs s C os s
= = = =
0V , f = 1M H z C g s + C g d , C d s SH O R T E D C gd C ds + C g d
I D = 2 .6A V D S = 16 V
8
C , Capac itanc e (pF)
900
C is s
6
600
C os s
4
300
C rs s
2
0 1 10 100
A
0 0 5 10
F O R TE S T C IR C U IT S E E F I GU R E 11
15 20 25
A
V D S , Drain -to -S ourc e Voltage (V )
Q G , Tota l G ate C har ge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
IRF7307
100
N-Channel
100
I SD , R e v er s e D ra in C u rre n t (A )
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
I D, Drain Current (A)
100us
TJ = 150 C TJ = 25C
10 1ms
1
0.1 0.0 0.5 1.0 1.5
V G S = 0V
2.0
A
2.5
1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10
10ms
100
V SD , Sour ce-to-Dr ain Voltage ( V)
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
6.0
Fig 8. Maximum Safe Operating Area
VDS VGS RG RD
5.0
D.U.T.
+
ID , Drain Current (A)
4.0
V - DD
3.0
4.5V
Pulse Width 1 s Duty Factor 0.1 %
2.0
1.0
Fig 10a. Switching Time Test Circuit
25 50 75 100 125 150
0.0
TC , Case Temperature
( C)
VDS 90%
Fig 9. Maximum Drain Current Vs. Ambient Temperature
Current Regulator Same Type as D.U.T.
10% VGS
td(on) tr t d(off) tf
50K 12V .2F .3F
Fig 10b. Switching Time Waveforms
D.U.T. + V - DS
4.5V
QGS
QG QGD
VGS
3mA
VG
IG ID
Charge
Current Sampling Resistors
Fig 11a. Gate Charge Test Circuit
Fig 11b. Basic Gate Charge Waveform
P-Channel
100
VGS - 7.5V - 5.0V - 4.0V - 3.5V - 3.0V - 2.5V - 2.0V B OTTOM - 1.5 V TOP
IRF7307
100
TOP
-I D , Drain- to-S ourc e Current (A )
10
- ID , Dr ain- to-S ource Current (A)
VGS - 7.5V - 5. 0V - 4. 0V - 3. 5V - 3. 0V - 2. 5V - 2. 0V BOTTOM - 1. 5V
10
1
1
-1.5V
-1.5 V 20 s P U LS E W ID T H TJ = 25 C
0.1 1 10
0.1 0.01
A
100
0.1 0.01
20 s PU L SE W ID T H T J = 150 C
0.1 1 10 100
A
-V DS , Dra in-to-S ourc e Vo ltage ( V)
-VDS , D rain-to-S ourc e Voltage (V)
Fig 12. Typical Output Characteristics
100
Fig 13. Typical Output Characteristics
2.0
R DS(on) , Drain- to- Sour ce O n R esis tanc e (Nor malized)
I D = -3. 6A
- I D , D r ai n- to- S ou rc e C u r re n t ( A )
TJ = 2 5 C
10
1.5
TJ = 1 5 0 C
1.0
1
0.5
0.1 1.5 2.0 2.5 3.0
V D S = - 15 V 2 0 s P U L S E W ID T H
3.5 4.0 4.5 5.0
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = -4 .5V
100 120 140 160
A
-VG S , G a te -to -S ou rc e V olta ge (V )
T J , J unc tion Tem per ature (C )
Fig 14. Typical Transfer Characteristics
1500
Fig 15. Normalized On-Resistance Vs. Temperature
10
-V GS , G a t e-t o -S ou rc e V o lt a ge (V )
V GS C is s C rs s C os s
= = = =
0V, f = 1 MHz C g s + C g d , Cd s S H O R T E D C gd C d s + C gd
I D = -2.2A V D S = -16 V
8
C, C apacitance (pF)
C is s
1000
Co s s C rs s
500
6
4
2
0 1 10 100
A
0 0 5 10
FO R TE ST C IR C U IT SE E F IG U R E 2 2
15 20 25
A
-V D S , Drain- to -So urc e V oltage ( V)
Q G , Total G ate Charge ( nC)
Fig 16. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 17. Typical Gate Charge Vs. Gate-to-Source Voltage
IRF7307
100
P-Channel
100
-I SD , R e v e rs e D ra in C u rre n t (A )
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
T J = 150C TJ = 25 C
-I D, Drain Current (A) I
10 1ms
1
0.1 0.3 0.6 0.9 1.2
VG S = 0 V
A
1
TA = 25 C TJ = 150 C Single Pulse
1 10
10ms
100
1.5
- VSD , Sour ce-to-Drain V oltage (V)
-V DS, Drain-to-Source Voltage (V)
Fig 18. Typical Source-Drain Diode Forward Voltage
5.0
Fig 19. Maximum Safe Operating Area
RD VDS VGS D.U.T.
+
4.0
-I D, Drain Current (A)
3.0
-4.5V
2.0
Pulse Width 1 s Duty Factor 0.1 %
1.0
Fig 21a. Switching Time Test Circuit
25 50 75 100 125 150
0.0
T C, Case Temperature
( C)
VDS 90%
Fig 20. Maximum Drain Current Vs. Ambient Temperature
Current Regulator Same Type as D.U.T.
10% VGS
td(on) tr t d(off) tf
50K 12V .2F .3F
Fig 21b. Switching Time Waveforms
VDS
VGS
-3mA
IG
ID
Charge
Current Sampling Resistors
Fig 22a. Gate Charge Test Circuit
+
D.U.T.
-4.5V
QGS VG
QG QGD
Fig 22b. Basic Gate Charge Waveform
-
RG
VDD
N & P-Channel
IRF7307
100
(Z thJA )
D = 0.50 0.20 10 0.10
Thermal Response
0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.001 0.01 0.1 1 10 100 PDM
0.1 0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 23. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
IRF7307
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG VGS*
**
* dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ -
VDD
*
* Reverse Polarity for P-Channel ** Use P-Channel Driver for P-Channel Measurements
Driver Gate Drive P.W. Period D= P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[ VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 24. For N and P Channel HEXFETS
IRF7307
Package Outline
SO-8 Outline Dimensions are shown in millimeters (inches)
D -B-
DIM
5
INCHES MIN .0532 .0040 .014 .0075 .189 .150 MAX .0688 .0098 .018 .0098 .196 .157
MILLIMETERS MIN 1.35 0.10 0.36 0.19 4.80 3.81 MAX 1.75 0.25 0.46 0.25 4.98 3.99
A
6 5 H 0.25 (.010) M AM
5
8 E -A-
7
A1 B C D E
1
2
3
4
e 6X
K x 45 e1 A
e e1 H K L
.050 BASIC .025 BASIC .2284 .011 0.16 0 .2440 .019 .050 8
0.72 (.028 ) 8X
1.27 BASIC 0.635 BASIC 5.80 0.28 0.41 0 6.20 0.48 1.27 8
0.10 (.004) 6 C 8X
-CB 8X 0.25 (.010) A1 M CASBS
L 8X
RECOMMENDED FOOTPRINT
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982. 2. CONTROLLING DIMENSION : INCH. 3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES). 4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA. 5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS MOLD PROTRUSIONS NOT TO EXCEED 0.25 (.006). 6 DIMENSIONS IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE..
6.46 ( .255 )
1.78 (.070) 8X
1.27 ( .050 ) 3X
Part Marking Information
SO-8
E X A M P LE : TH IS IS A N IR F 7 101 D A T E C O D E (Y W W ) Y = LA S T D IG IT O F T H E YE A R W W = W EEK XX X X W AFER LO T C O D E (LA S T 4 D IG IT S )
3 12 IN T E R N A TI ON A L R E C T IF IE R LO G O F 7 101
T OP
PART NUMBER
B O T TO M
IRF7307
Tape & Reel Information
SO-8 Dimensions are shown in millimeters (inches)
1.85 (.072) 4.10 (.161) 1.65 (.065) 3.90 (.154) 1.60 ( .062) 1.50 ( .059) 0.35 ( .013) 0.25 ( .010)
T ERM INAT IO N N UM BE R 1
2.0 5 (.08 0) 1.9 5 (.07 7)
1
5.55 (.218) 5.45 (.215)
5.30 (.208) 5.10 (.201)
12.30 (.484) 11.70 (.461)
F EE D DIR ECT IO N
8.10 ( .318) 7.90 ( .311) 6.50 ( .255) 6.30 ( .248)
2.60 (.102) 1.50 (.059) 2.20 (.086) 2.00 (.079)
13.20 (.519) 12.80 (.504)
15.40 (.607) 11.90 (.469) 2
330.00 ( 13.000) MAX .
50.0 0 (1.969) MIN.
NO TE S: 1 C ON FO RM S T O E IA- 481- 1 2 INCLUDES F LANG E DIST O RT IO N @ OU TE R E DGE 3 D IME NS IO NS MEA SURE D @ HUB 4 C ON TRO LLING DIME NSIO N : MET RIC 14.40 ( .566) 12.40 ( .448) 3
18.40 (.724) M AX 3
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 8/97


▲Up To Search▲   

 
Price & Availability of IRF7307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X