Part Number Hot Search : 
PK90F80 MMBF4118 S2907A 102M1 D80C42 X5163 FSM30C 102M1
Product Description
Full Text Search
 

To Download IRF7205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1104B
IRF7205
HEXFET(R) Power MOSFET
Adavanced Process Technology Ultra Low On-Resistance l P-Channel MOSFET l Surface Mount l Available in Tape & Reel l Dynamic dv/dt Rating l Fast Switching Description
l l
S S S G
1 8 7
A D D D D
2
VDSS = -30V RDS(on) = 0.070 ID = -4.6A
3
6
4
5
T o p View
Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and dual-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infra red, or wave soldering techniques. Power dissipation of greater than 0.8W is possible in a typical PCB mount application.
S O -8
Absolute Maximum Ratings
Parameter
ID @ TA = 25C ID @ TA = 70C IDM PD @TC = 25C VGS dv/dt TJ, TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
-4.6 -3.7 -15 2.5 0.020 20 -3.0 -55 to + 150
Units
A W W/C V V/nS C
Thermal Resistance Ratings
Parameter
RJA Maximum Junction-to-Ambient
Min.
---
Typ.
---
Max.
50
Units
C/W 8/25/97
IRF7205
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(ON) VGS(th) gfs IDSS IGSS Qg Q gs Q gd t d(on) tr t d(off) tf LD LS Ciss Coss Crss
Min. -30 --- --- --- -1.0 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V VGS = 0V, ID = -250A -0.024 --- V/C Reference to 25C, ID = -1mA --- 0.070 VGS = -10V, I D = -4.6A --- 0.130 VGS = -4.5V, ID = -2.0A --- -3.0 V VDS = VGS, I D = -250A 6.6 --- S V DS = -15V, ID = -4.6A --- -1.0 VDS = -24V, VGS = 0V A --- -5.0 VDS = -15V, VGS = 0V, TJ = 70 C --- -100 VGS = -20V nA --- 100 VGS = 20V 27 40 I D = -4.6A 5.2 --- nC VDS = -15V 7.5 --- VGS = -10V 14 30 VDD = -15V 21 60 I D = -1.0A ns 97 150 R G = 6.0 71 100 RD = 10
D
2.5 4.0 870 720 220
--- nH --- --- --- ---
pF
Between lead,6mm(0.25in.) from package and center of die contact VGS = 0V VDS = -10V = 1.0MHz
G
S
Source-Drain Ratings and Characteristics
IS
ISM
V SD t rr Q rr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- -2.5 showing the A G integral reverse --- --- -15 p-n junction diode. S --- --- -1.2 V TJ = 25C, IS = -1.25A, VGS = 0V --- 70 100 ns TJ = 25C, IF = -4.6A --- 100 180 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%.
ISD -4.6A, di/dt 90A/s, VDD V(BR)DSS ,
TJ 150C
Surface mounted on FR-4 board, t 10sec.
IRF7205
IRF7205
C,
12
IRF7205
V DS VGS RG RD
D.U.T.
+
-10V
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
VGS 10%
90% VDS
Fig 10b. Switching Time Waveforms
100
(Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100
10
Thermal Response
0.1 0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
-
VDD
IRF7205
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
-10V
QGS VG QGD
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 12a. Basic Gate Charge Waveform
Fig 12b. Gate Charge Test Circuit
+
D.U.T.
-
VDS
IRF7205
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+
-
+
RG VGS * dv/dt controlled by RG * I SD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ V DD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD ]
***
VGS = 5.0V for Logic Level and 3V Drive Devices
Fig 13.For P-Channel HEXFETS
IRF7205
Package Outline
SO8 Outline
INCHES
D -B-
MILLIMETERS MIN 1.35 0.10 0.36 0.19 4.80 3.81 MAX 1.75 0.25 0.46 0.25 4.98 3.99
DIM
5
MIN .0532 .0040 .014 .0075 .189 .150
MAX .0688 .0098 .018 .0098 .196 .157
A
6 5 H 0.25 (.010) M AM
5
8 E -A-
7
A1 B C D E
1
2
3
4
e 6X
K x 45 e1 A
e e1 H K L
.050 BASIC .025 BASIC .2284 .011 0.16 0 .2440 .019 .050 8
1.27 BASIC 0.635 BASIC 5.80 0.28 0.41 0 6.20 0.48 1.27 8
0.10 (.004) 6
-CB 8X 0.25 (.010) A1 M CASBS
L 8X
C 8X
RECOMMENDED FOOTPRINT 0.72 (.028 ) 8X
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982. 2. CONTROLLING DIMENSION : INCH. 3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES). 4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA. 5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS 6 MOLD PROTRUSIONS NOT TO EXCEED 0.25 (.006). DIMENSIONS IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE.. 1.27 ( .050 ) 3X
6.46 ( .255 )
1.78 (.070) 8X
Part Marking Information
SO8
E X A M P LE : TH IS IS A N IR F 7 101 D A T E C O D E (Y W W ) Y = LA S T D IG IT O F T H E YE A R W W = W EEK XX X X W AFER LO T C O D E (LA S T 4 D IG IT S )
3 12 IN T E R N A TI ON A L R E C T IF IE R LO G O F 7 101
T OP
PART NUMBER
B O T TO M
IRF7205
Tape & Reel Information
SO8 Dimensions are shown in millimeters (inches)
T ER M IN A L N U M B E R 1
12 .3 ( .48 4 ) 11 .7 ( .46 1 )
8 .1 ( .3 18 ) 7 .9 ( .3 12 )
F E ED D IR E C T IO N
N O TE S: 1 . CO N TRO LL IN G D IM E N SIO N : M ILLIM E TE R. 2 . A LL DIM E NS IO NS A R E S HO W N IN M ILL IM E TER S (INC HE S ). 3 . O UTL IN E C O NFO RM S TO E IA - 48 1 & E IA -5 41 .
33 0. 00 (12 .99 2) M A X.
1 4. 40 ( .5 66 ) 1 2. 40 ( .4 88 ) N O T ES : 1. C O N T R O LL IN G D IM E N S IO N : M IL LIM E T ER . 2. O U T L IN E C O N F O R M S T O E IA -48 1 & E IA -54 1.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 8/97


▲Up To Search▲   

 
Price & Availability of IRF7205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X