Part Number Hot Search : 
AN6123MS 1225B 250211B MP4412 21012 PLVA465A 74HC4 FS453
Product Description
Full Text Search
 

To Download IR2127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
Data Sheet No. PD-6.036D
IR2127
CURRENT SENSING SINGLE CHANNEL DRIVER
Features
n Floating channel designed for bootstrap operation Fully operational to +600V Tolerant to negative transient voltage dV/dt immune n Gate drive supply range from 10 to 20V n Undervoltage lockout n 5V Schmitt-triggered input logic n FAULT lead indicates shutdown has occured n Output in phase with input
Product Summary
VOFFSET IO+/VOUT VCSth ton/off (typ.) 600V max. 200 mA / 420 mA 10 - 20V 250 mV 150 & 100 ns
Description
The IR2127 is a high voltage, high speed power MOSFET and IGBT driver. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL outputs. The protection circuity detects over-current in the driven power transistor and terminates the gate drive voltage. An open drain FAULT signal is provided to indicate that an over-current shutdown has occurred. The output driver features a high pulse current buffer stage designed for minimum crossconduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side or low side configuration which operates up to 600 volts.
Packages
Typical Connection
V CC IN FAULT
VCC IN FAULT COM
VB HO CS VS
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-123
Previous Datasheet
Index
Next Data Sheet
IR2127
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VCC VIN VFLT VCS dVs/dt PD RJA TJ TS TL
Parameter Definition
High Side Floating Supply Voltage High Side Floating Offset Voltage High Side Floating Output Voltage Logic Supply Voltage Logic Input Voltage FAULT Output Voltage Current Sense Voltage Allowable Offset Supply Voltage Transient Package Power Dissipation @ TA +25C Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Lead Temperature (Soldering, 10 seconds) (8 Lead DIP) (8 Lead SOIC) (8 Lead DIP) (8 Lead SOIC)
Value Min.
-0.3 VB - 25 VS - 0.3 -0.3 -0.3 -0.3 VS - 0.3 -- -- -- -- -- -- -55 --
Max.
625 VB + 0.3 VB + 0.3 25 VCC + 0.3 VCC + 0.3 VB + 0.3 50 1.0 0.625 125 200 150 150 300
Units
V
V/ns W C/W
C
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
Symbol
VB VS VHO VCC VIN VFLT VCS TA
Parameter Definition
High Side Floating Supply Voltage High Side Floating Offset Voltage High Side Floating Output Voltage Logic Supply Voltage Logic Input Voltage FAULT Output Voltage Current Sense Signal Voltage Ambient Temperature
Value Min.
VS + 10 Note 1 VS 11.8 0 0 VS -40
Max.
VS + 20 600 VB 20 VCC VCC VS + 5 125
Units
V
C
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS.
B-124 CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2127
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25C unless otherwise specified. The dynamic electrical characteristics are measured using the test circuit shown in Figure 3.
Symbol
ton toff tr tf t bl t cs tflt
Parameter Definition
Turn-On Propagation Delay Turn-Off Propagation Delay Turn-On Rise Time Turn-Off Fall Time Start-Up Blanking Time CS Shutdown Propagation Delay CS to FAULT Pull-Up Propagation Delay
Value Min. Typ. Max. Units Test Conditions
-- -- -- -- 500 -- -- 150 100 80 40 750 240 340 200 150 120 60 900 360 510 ns VS = 0V VS = 600V
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to COM. The VO and IO parameters are referenced to VS .
Symbol
VIH VIL VCSTH+ VOH VOL I LK IQBS IQCC IIN+ IINICS+ I CSVBSUV+ VBSUVI O+ IO-
Parameter Definition
Logic "1" Input Voltage Logic "0" Input Voltage CS Input Positive Going Threshold High Level Output Voltage, VBIAS - VO Low Level Output Voltage, VO Offset Supply Leakage Current Quiescent VBS Supply Current Quiescent VCC Supply Current Logic "1" Input Bias Current Logic "0" Input Bias Current "High" CS Bias Current "High" CS Bias Current VBS Supply Undervoltage Positive Going Threshold VBS Supply Undervoltage Negative Going Threshold Output High Short Circuit Pulsed Current Output Low Short Circuit Pulsed Current
Value Min. Typ. Max. Units Test Conditions
2.7 -- 180 -- -- -- -- -- -- -- -- -- 8.8 7.5 200 420 -- -- 250 -- -- -- 150 60 7.0 -- -- -- 10.3 9.0 250 500 -- 0.8 320 100 100 50 300 120 15 1.0 1.0 1.0 11.8 10.6 -- -- mA V A mV V VCC = 10V to 20V VCC = 10V to 20V VCC = 10V to 20V IO = 0A IO = 0A VB = VS = 600V VIN = 0V or 5V VIN = 0V or 5V VIN = 5V VIN = 0V VCS = 3V VCS = 0V
VO = 0V, VIN = 5V PW 10 s VO = 15V, VIN = 0V PW 10 s
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-125
Previous Datasheet
Index
Next Data Sheet
IR2127
Functional Block Diagram
VCC UV DETECT UP SHIFTERS IN PULSE GEN VB DELAY FAULT PULSE FILTER DOWN SHIFTER PULSE GEN Q R S + CS VS
HV LEVEL SHIFT
VB R R S
Q
BUFFER
PULSE FILTER
HO
Q
R S
COM
Lead Definitions
Lead Symbol Description
VCC IN
FAULT
COM VB HO VS CS
Logic and gate drive supply Logic input for gate driver output (HO), in phase with HO Indicates over-current shutdown has occurred, negative logic Logic ground High side floating supply High side gate drive output High side floating supply return Current sense input to current sense comparator
Lead Assignments
8 Lead DIP
SO-8
IR2127
B-126 CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
IR2127S
To Order
Previous Datasheet
Index
Next Data Sheet
IR2127
Device Information
Process & Design Rule Transistor Count Die Size Die Outline HVDCMOS 4.0 m 206 77 X 85 X 26 (mil)
Thickness of Gate Oxide Connections First Layer
Second Layer Contact Hole Dimension Insulation Layer Passivation Method of Saw Method of Die Bond Wire Bond Leadframe
Material Width Spacing Thickness Material Width Spacing Thickness Material Thickness Material Thickness
Package Remarks:
Method Material Material Die Area Lead Plating Types Materials
800A Poly Silicon 4 m 6 m 5000A Al - Si (Si: 1.0% 0.1%) 6 m 7 m 20,000A 8 m X 8 m PSG (SiO2) 1.5 m PSG (SiO2) 1.5 m Full Cut Ablebond 84 - 1 Thermo Sonic Au (1.0 mil / 1.3 mil) Cu Ag Pb : Sn (37 : 63) 8 Lead PDIP / SO-8 EME6300 / MP150 / MP190
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-127
Previous Datasheet
Index
Next Data Sheet
IR2127
IN
CS
50% 50%
IN
FAULT
ton
tr
90%
toff
90%
tf
HO Figure 1. Input/Output Timing Diagram
HO
10%
10%
Figure 2. Switching Time Waveform Definition
50%
IN tbl CS
90%
VCSTH CS t cs HO
90%
HO FAULT
Figure 3. Start-up Blanking Time Waveform Definitions
Figure 4. CS Shutdown Waveform Definitions
VCSTH CS tflt FAULT
90%
Figure 5. CS to FAULT Waveform Definitions
B-128 CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order


▲Up To Search▲   

 
Price & Availability of IR2127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X