Part Number Hot Search : 
LP660C GT31N 45000 ZMM5221B MBR1504 V640MU AM29F016 GT31N
Product Description
Full Text Search
 

To Download IR2117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
Data Sheet No. PD-6.031C
IR2117
SINGLE CHANNEL DRIVER
Features
n Floating channel designed for bootstrap operation
Fully operational to +600V Tolerant to negative transient voltage dV/dt immune n Gate drive supply range from 10 to 20V n Undervoltage lockout n CMOS Schmitt-triggered inputs with pull-down n Output in phase with input
Product Summary
VOFFSET IO+/VOUT ton/off (typ.) 600V max. 200 mA / 420 mA 10 - 20V 125 & 105 ns
Description
The IR2117 is a high voltage, high speed power MOSFET and IGBT driver. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS outputs. The output driver features a high pulse current buffer stage designed for minimum cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high or low side configuration which operates up to 600 volts.
Packages
Typical Connection
up to 600V
VCC IN
VCC IN COM
VB HO VS
TO LOAD
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-75
Previous Datasheet
Index
Next Data Sheet
IR2117
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions. Additional information is shown in Figures 5 through 8.
Symbol
VB VS VHO VCC VIN dVs/dt PD RJA TJ TS TL
Parameter Definition
High Side Floating Supply Voltage High Side Floating Supply Offset Voltage High Side Floating Output Voltage Logic Supply Voltage Logic Input Voltage Allowable Offset Supply Voltage Transient (Figure 2) Package Power Dissipation @ TA +25C Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Lead Temperature (Soldering, 10 seconds) (8 Lead DIP) (8 Lead SOIC) (8 Lead DIP) (8 Lead SOIC)
Value Min.
-0.3 VB - 25 VS - 0.3 -0.3 -0.3 -- -- -- -- -- -- -55 --
Max.
625 VB + 0.3 VB + 0.3 25 VCC + 0.3 50 1.0 0.625 125 200 150 150 300
Units
V
V/ns W C/W
C
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
Symbol
VB VS VHO VCC VIN TA
Parameter Definition
High Side Floating Supply Absolute Voltage High Side Floating Supply Offset Voltage High Side Floating Output Voltage Logic Supply Voltage Logic Input Voltage Ambient Temperature
Value Min.
VS + 10 Note 1 VS 10 0 -40
Max.
VS + 20 600 VB 20 VCC 125
Units
V
C
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS.
B-76
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2117
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25C unless otherwise specified. The dynamic electrical characteristics are measured using the test circuit shown in Figure 3.
Symbol
t on t off tr tf
Parameter Definition
Turn-On Propagation Delay Turn-Off Propagation Delay Turn-On Rise Time Turn-Off Fall Time
Value Min. Typ. Max. Units Test Conditions
-- -- -- -- 125 105 80 40 200 180 130 65 ns VS = 0V VS = 600V
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Symbol
VIH
Parameter Definition
Logic "1" Input Voltage
Value Min. Typ. Max. Units Test Conditions
6.4 9.5 12.6 -- -- -- -- -- -- -- -- -- 50 70 20 -- 8.6 8.2 8.6 8.2 250 500 -- -- -- 3.8 6.0 8.3 100 100 50 240 340 40 1.0 9.6 9.2 9.6 9.2 -- -- mA VO = 0V VIN = VCC , PW 10 s VO = 15V, VIN = 0V PW 10 s V A mV V VCC = 10V VCC = 15V VCC = 20V VCC = 10V VCC = 15V VCC = 20V IO = 0A IO = 0A VB = VS = 600V VIN = 0V or VCC VIN = 0V or VCC VIN = VCC VIN = 0V
VIL
Logic "0" Input Voltage
-- -- --
VOH VOL I LK I QBS IQCC IIN+ IINVBSUV+ VBSUVVCCUV+ VCCUVIO+ I O-
High Level Output Voltage, VBIAS - VO Low Level Output Voltage, VO Offset Supply Leakage Current Quiescent VBS Supply Current Quiescent VCC Supply Current Logic "1" Input Bias Current Logic "0" Input Bias Current VBS Supply Undervoltage Positive Going Threshold VBS Supply Undervoltage Negative Going Threshold VCC Supply Undervoltage Positive Going Threshold VCC Supply Undervoltage Negative Going Threshold Output High Short Circuit Pulsed Current Output Low Short Circuit Pulsed Current
-- -- -- -- -- -- -- 7.6 7.2 7.6 7.2 200 420
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL B-77
Previous Datasheet
Index
Next Data Sheet
IR2117
Functional Block Diagram
VCC UV DETECT
HV LEVEL SHIFT
VB R R S Q HO
PULSE FILTER
IN PULSE GEN UV DETECT VS
COM
Lead Definitions
Lead Symbol Description
VCC IN COM VB HO VS Logic and gate drive supply Logic input for gate driver output (HO), in phase with HO Logic ground High side floating supply High side gate drive output High side floating supply return
Lead Assignments
8 Lead DIP
S0-8
IR2117 Part Number
B-78 CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
IR2117S
To Order
Previous Datasheet
Index
Next Data Sheet
IR2117
Device Information
Process & Design Rule Transistor Count Die Size Die Outline HVDCMOS 4.0 m 114 70 X 77 X 26 (mil)
Thickness of Gate Oxide Connections First Layer
Second Layer Contact Hole Dimension Insulation Layer Passivation Method of Saw Method of Die Bond Wire Bond Leadframe
Material Width Spacing Thickness Material Width Spacing Thickness Material Thickness Material Thickness
Package Remarks:
Method Material Material Die Area Lead Plating Types Materials
800A Poly Silicon 4 m 6 m 5000A Al - Si (Si: 1.0% 0.1%) 6 m 9 m 20,000A 8 m X 8 m PSG (SiO2) 1.5 m PSG (SiO2) 1.5 m Full Cut Ablebond 84 - 1 Thermo Sonic Au (1.0 mil / 1.3 mil) Cu Ag Pb : Sn (37 : 63) 8 Lead PDIP / SO-8 EME6300 / MP150 / MP190
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL B-79
Previous Datasheet
Index
Next Data Sheet
IR2117
IN
2
HO Figure 1. Input/Output Timing Diagram Figure 2. Floating Supply Voltage Transient Test Circuit
50%
50%
IN ton
3
tr
90%
toff
90%
tf
HO Figure 3. Switching Time Test Circuit
10%
10%
Figure 4. Switching Time Waveform Definition
B-80
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2117
150
320V 140V
150
320V
140V
125 Junction Temperature (C) Junction Temperature (C)
125
100
100
10V
75
10V
75
50
50
25
25
0 1E+2 1E+3 1E+4 Frequency (Hz) 1E+5 1E+6
0 1E+2 1E+3 1E+4 Frequency (Hz) 1E+5 1E+6
Figure 5. IR2117 TJ vs. Frequency (IRFBC20) RGATE = 33, VCC = 15V
Figure 6. IR2117 TJ vs. Frequency (IRFBC30) RGATE = 22 , VCC = 15V
150
320V 140V
10V
150
320V 140V 10V
125 Junction Temperature (C) Junction Temperature (C) 1E+3 1E+4 Frequency (Hz) 1E+5 1E+6
125
100
100
75
75
50
50
25
25
0 1E+2
0 1E+2 1E+3 1E+4 Frequency (Hz) 1E+5 1E+6
Figure 7. IR2117 TJ vs. Frequency (IRFBC40) RGATE = 15, VCC = 15V
Figure 8. IR2117 TJ vs. Frequency (IRFPE50) RGATE = 10 , VCC = 15V
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL B-81


▲Up To Search▲   

 
Price & Availability of IR2117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X