Part Number Hot Search : 
DRD2412 1N4448 1N4448 MMSZ5V6 1N4448 2N3767 U2797B LH003
Product Description
Full Text Search
 

To Download IR2103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60045-N
IR2103(S)
HALF-BRIDGE DRIVER
Features
* Floating channel designed for bootstrap operation
Fully operational to +600V Tolerant to negative transient voltage dV/dt immune Gate drive supply range from 10 to 20V Undervoltage lockout 3.3V, 5V and 15V logic compatible Cross-conduction prevention logic Matched propagation delay for both channels Internal set deadtime High side output in phase with HIN input Low side output out of phase with LIN input
Product Summary
VOFFSET IO+/VOUT ton/off (typ.) Deadtime (typ.) 600V max. 130 mA / 270 mA 10 - 20V 680 & 150 ns 520 ns
* * * * * * * *
Packages
Description
The IR2103(S) are high voltage, high speed power MOSFET and IGBT drivers with dependent high and low side referenced output channels. Proprietary HVIC 8-Lead SOIC IR2103S and latch immune CMOS technologies enable rug8-Lead PDIP gedized monolithic construction. The logic input is IR2103 compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 volts.
Typical Connection
up to 600V VCC
VCC
HIN LIN
VB HO VS LO
TO LOAD
HIN LIN COM
(Refer to Lead Assignments for correct configuration). This/These diagram(s) show electrical connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
www.irf.com
1
IR2103(S)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VCC VLO VIN dVs/dt PD RthJA TJ TS TL
Definition
High side floating absolute voltage High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Logic input voltage (HIN & LIN) Allowable offset supply voltage transient Package power dissipation @ TA +25C Thermal resistance, junction to ambient Junction temperature Storage temperature Lead temperature (soldering, 10 seconds) (8 Lead PDIP) (8 Lead SOIC) (8 Lead PDIP) (8 Lead SOIC)
Min.
-0.3 VB - 25 VS - 0.3 -0.3 -0.3 -0.3 -- -- -- -- -- -- -55 --
Max.
625 VB + 0.3 VB + 0.3 25 VCC + 0.3 VCC + 0.3 50 1.0 0.625 125 200 150 150 300
Units
V
V/ns W
C/W
C
Recommended Operating Conditions
The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
Symbol
VB VS VHO VCC VLO VIN TA
Definition
High side floating supply absolute voltage High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Logic input voltage (HIN & LIN) Ambient temperature
Min.
VS + 10 Note 1 VS 10 0 0 -40
Max.
VS + 20 600 VB 20 VCC VCC 125
Units
V
C
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip DT97-3 for more details).
2
www.irf.com
IR2103(S)
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, C L = 1000 pF and TA = 25C unless otherwise specified.
Symbol
ton toff tr tf DT MT
Definition
Turn-on propagation delay Turn-off propagation delay Turn-on rise time Turn-off fall time Deadtime, LS turn-off to HS turn-on & HS turn-on to LS turn-off Delay matching, HS & LS turn-on/off
Min. Typ. Max. Units Test Conditions
-- -- -- -- 400 -- 680 150 100 50 520 -- 820 220 170 90 650 60 ns VS = 0V VS = 600V
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25C unless otherwise specified. The V IN, VTH and IIN parameters are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Symbol
VIH VIL VOH VOL ILK IQBS IQCC IIN+ IINVCCUV+ VCCUVIO+ IO-
Definition
Logic "1" (HIN) & Logic "0" ( LIN ) input voltage Logic "0" (HIN) & Logic "1" ( LIN ) input voltage High level output voltage, VBIAS - VO Low level output voltage, VO Offset supply leakage current Quiescent VBS supply current Quiescent VCC supply current Logic "1" input bias current Logic "0" input bias current VCC supply undervoltage positive going threshold VCC supply undervoltage negative going threshold Output high short circuit pulsed current Output low short circuit pulsed current
Min. Typ. Max. Units Test Conditions
3 -- -- -- -- -- -- -- -- 8 7.4 130 270 -- -- -- -- -- 30 150 3 -- 8.9 8.2 210 360 -- 0.8 100 100 50 55 270 10 1 9.8 9 -- mA -- V A V mV VCC = 10V to 20V VCC = 10V to 20V IO = 0A IO = 0A VB = VS = 600V VIN = 0V or 5V VIN = 0V or 5V HIN = 5V, LIN = 0V HIN = 0V, LIN = 5V
VO = 0V, VIN = VIH PW 10 s VO = 15V, VIN = VIL PW 10 s
www.irf.com
3
IR2103(S)
Functional Block Diagram
VB Q PULSE FILTER R S HO
DEAD TIME HIN PULSE GEN UV DETECT
HV LEVEL SHIFT
VS
Vcc
VCC
LIN DEAD TIME
LO
COM
Lead Definitions
Symbol Description
HIN
LIN VB
Logic input for high side gate driver output (HO), in phase Logic input for low side gate driver output (LO), out of phase High side floating supply High side gate drive output High side floating supply return Low side and logic fixed supply Low side gate drive output Low side return
HO VS VCC LO COM
Lead Assignments
1 2 3 4
VCC HIN LIN COM
VB HO VS LO
8
7 6 5
1 2 3 4
VCC HIN LIN COM
VB HO VS LO
8
7 6 5
8 Lead PDIP
8 Lead SOIC
IR2103
4
IR2103S
www.irf.com
IR2103(S)
HIN
LIN
50% 50%
LIN
ton
tr 90%
toff 90%
tf
HO
LO
LO
10%
10%
Figure 1. Input/Output Timing Diagram
50%
50%
HIN
ton tr 90% toff 90% tf
HO
HIN LIN
50% 50%
10%
10%
Figure 2. Switching Time Waveform Definitions
90%
HO
DT
10% DT
LO
90%
10%
Figure 4. Deadtime Waveform Definitions
www.irf.com
5
IR2103(S)
1400 1400
Turn-On Delay Time (ns)
Turn-On Delay Time (ns)
1200 1000 Max. 800 600 400 200 0 -50 -25 0 25 50 75 Temperature (oC) 100 125 Typ.
1200 1000 800 600 400 200 0 10 12 14 16 18 20 Typ. Max.
VBIAS Supply Voltage (V)
Figure 6A. Turn-On Time vs Temperature
Figure 6B. Turn-On Time vs Supply Voltage
1000 Turn-On Delay Time (ns
500
Turn-Off Delay Time (ns)
Max. 800 600 Typ. 400 200 0 0 2 4 6 8 10 12 14 16 18 20
400 300 200 100 Ty p. 0 -50 -25 0 25 50 75 100 125 Max .
Temperature (oC)
Input Voltage (V)
Figure 6C. Turn-On Time vs Input Voltage
Figure 7A. Turn-Off Time vs Temperature
500
1000 Turn-Off Delay Time (ns 800 600 400 200 T yp 0
10 12 14 16 18 20
Turn-Off Delay Time (ns)
400 300 200 100 0 Ty p. Max .
Max.
0
2
4
6
8
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Input V oltage (V )
Figure 7B. Turn-Off Time vs Supply Voltage 6
Figure 7C. Turn-Off Time vs Input Voltage www.irf.com
IR2103(S)
500
Turn-On Rise Time (ns) Turn-On Rise Time (ns)
500 400 300 Max. 200 100 Typ. 0
-25 0 25 50 75 Temperature (oC) 100 125
400 300 200 100 Typ. 0 -50 Max.
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Figure 9A. Turn-On Rise Time vs Temperature
200
Turn-Off Fall Time (ns) Turn-Off Fall Time (ns)
Figure 9B. Turn-On Rise Time vs Voltage
200
150
150 Max. Typ. 50
100 Max. 50 Typ.
100
0 -50 -25 0 25 50 75 Temperature (oC) 100 125
0 10 12 14 16 VBIAS Supply Voltage (V) 18 20
Figure 10A. Turn Off Fall Time vs Temperature
140 0 120 0
Figure 10B. Turn Off Fall Time vs Voltage
140 0 120 0
Deadtime (ns)
Deadtime (ns)
100 0 800 600 Ty p. 400 200 0 -5 0 -2 5 0 25 50 75 100 125 Min. Max .
100 0 800 600 400
Max . Ty p .
Min. 200 0 10 12 14 16 18 20
Temperature ( oC)
VBIAS Supply Voltage (V)
Figure 11A. Deadtime vs Temperature
Figure 11B. Deadtime vs Voltage
www.irf.com
7
IR2103(S)
8 7
Input Voltage (V)
8 7 6
Input Voltage (V)
6 5 4 3 2 1 0 -50 -25 0
Temperature (oC)
5 4 3 2 1 0 Min. Min.
Min.
25
50
75
100
125
10
12
14
16
18
20
Temperature (oC)
VBIAS Supply Voltage (V)
Figure12A. Logic "1" (HIN) & Logic "0" (LIN) Input Voltage vs Temperature
4 3.2 2.4 1.6 Max . 0.8 0 - 50 - 25 0 25 50 75 10 0 12 5
Figure 12B. Logic "1" (HIN) & Logic "0" (LIN) Input Voltage vs Voltage
4 3.2 2.4 1.6 Max. 0.8 0 10 12
Input Voltage (V)
Input Voltage (V)
Temperature (oC)
14 16 Vcc Supply Voltage (V)
18
20
Figure 13A. Logic "0"(HIN) & Logic "1"(LIN) Input Voltage vs Temperature
1
Figure 13B. Logic "0"(HIN) & Logic "1"(LIN) Input Voltage vs Voltage
1
High Level Output Voltage (V)
0.8 0.6 0.4 0.2 0 -50 -25 0 25 50 Temperature (oC) 75 100 125 Max .
High Level Output Voltage (V)
0.8 0.6 0.4 0.2 0 10 12 14 16 Vcc Supply Voltage (V) 18 20
Max.
Figure 14A. High Level Output vs Temperature 8
Figure 14B. High Level Output vs Voltage
www.irf.com
IR2103(S)
1
1
Low Level Output Voltage (V)
0.8 0.6 0.4 0.2 0 - 50 - 25 0 25 50 75 100 125
Low Level Output Voltage (V)
0.8 0.6 0.4 0.2 0 10 12 14 16 18 20
Max .
Max.
Temperature (oC)
Vcc Supply Voltage (V)
Figure 15A. Low Level Output vs Temperature
Offset Supply Leakge Current (A) Offset Supply Leakge Current (A)
50 0 40 0 30 0 20 0 10 0 0 - 50 - 25 0 25 50 75 10 0 12 5
Figure 15B. Low Level Output vs Voltage
500 400 300 200 100 0 0 200 400 600 800 Max.
Max .
Temperature (oC)
VB Boost Voltage (V)
Figure 16A. Offset Supply Current vs Temperature
15 0
Figure 16B. Offset Supply Current vs Voltage
150
VBS Supply Current (A)
12 0 90 60 Max . 30 Ty p. 0 - 50 - 25 0 25 50 75 10 0 12 5
VBS Supply Current (A)
120 90 60 30 Typ. 0 10 12 14 16 18 20
Max.
Temperature ( oC)
VBS Floating Supply Voltage (V)
Figure 17A. VBS Supply Current vs Temperature www.irf.com
Figure 17B. VBS Supply Current vs Voltage
9
IR2103(S)
700 700
VCC Supply Current (A)
600 500 400 300 200 100 0 -50 -25 0 25 50 75 100 125 Typ. Max.
VCC Supply Current (A)
600 500 400 300 200 100 0 10 12 Typ. 14 16 Vcc Supply Voltage (V) 18 20 Max.
Temperature (oC)
Figure 18A. Vcc Supply Current vs Temperature
30
Figure 18B. Vcc Supply Current vs Voltage
30
Logic "1" Input Current (A)
Logic "1" Input Current (A)
25 20 15 Ma x . 10
Max
25 20 15 Ma x . 10 5 0 Ty p .
5 Ty p . 0 -50 -25 0 25 50 75 10 0 12 5
10
12
14
16
18
20
Temperature ( oC)
Vcc Supply Voltage (V)
Figure 19A. Logic "1" Input Current vs Temperature
5
Figure 19B. Logic "1" Input Current vs Voltage
5
Logic "0" Input Current (A)
Logic "0" Input Current (A)
4 3 2 Max. 1 0 -50
4 3 2 Max. 1 0
-25
0
25
50
75
100
125
10
12
Temperature ( oC)
14 16 Vcc Supply Voltage (V)
18
20
Figure 20A. Logic "0" Input Current vs Temperature 10
Figure 20B. Logic "0" Input Current vs Voltage www.irf.com
IR2103(S)
11
VCC UVLO Threshold +(V) VCC UVLO Threshold -(V)
11
Max . 10 9 8 7 6 -50 -25 0 25 50 75 10 0 12 5
Temperature (oC)
10 Max. 9 Typ. Typ. 8 7 Min. 6 -50
Ty p. Typ. Min .
-25
0
25
50
75
100
125
Temperature (oC)
Figure 21A. Vcc Undervoltage Threshold(+) vs Temperature
Figure 21B. Vcc UndervoltageThreshold (-) vs Temperature
50 0
Output Source Current (mA) Output Source Current (mA)
500 400 300 200 100 Min. 0 10 12 14 16 VBIAS Supply Voltage (V) 18 20
40 0 30 0 20 0 10 0 0 -50 -25 0 25 50 75 10 0 12 5
Temperature ( oC)
Ty p.
Typ.
Min.
Figure 22A. Output Source Current vs Temperature
700
Figure 22B. Output Source Current vs Voltage
700
Output Sink Current (mA)
Output Sink Current (mA)
600 500 400 300 200 100 0 - 50 - 25 0 25 50 75 100 125 Min. Ty p .
600 500 400 300 200 100 0 10 12 14 16 18 20 Min. Typ.
Temperature (oC)
VBIAS Supply Voltage (V)
Figure 23A. Output Sink Current vs Temperature www.irf.com
Figure 23B. Output Sink Current vs Voltage 11
IR2103(S)
8-Lead PDIP
01-6014 01-3003 01 (MS-001AB)
D A 5
B
F OOT PRINT 8X 0.72 [.028]
DIM A b
INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040 c
6 E
8
7
6
5 H 0.25 [.010] A
6.46 [.255]
D E e e1 H K L
8X 1.78 [.070]
1
2
3
4
.050 BAS IC .025 BAS IC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BAS IC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X e e1 A C
3X 1.27 [.050]
y
K x 45 y 0.10 [.004]
8X b 0.25 [.010]
A1 CAB
8X L 7
8X c
NOT ES: 1. DIMENS IONING & T OLERANCING PE R ASME Y14.5M-1994. 2. CONT ROLLING DIMENSION: MILLIMET ER 3. DIMENS IONS ARE SHOWN IN MILLIME TE RS [INCHES]. 4. OUT LINE CONF ORMS T O JEDEC OUTLINE MS-012AA.
5 DIMENSION DOES NOT INCLUDE MOLD PROT RUS IONS. MOLD PROTRUSIONS NOT T O E XCEED 0.15 [.006]. 6 DIMENSION DOES NOT INCLUDE MOLD PROT RUS IONS. MOLD PROTRUSIONS NOT T O E XCEED 0.25 [.010]. 7 DIMENSION IS T HE LE NGTH OF LEAD FOR SOLDE RING TO A SUBS TRAT E.
8-Lead SOIC
01-6027 01-0021 11 (MS-012AA)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 5/23/2001
12
www.irf.com


▲Up To Search▲   

 
Price & Availability of IR2103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X