Part Number Hot Search : 
K20J60 LM213XB MAX9875 DS446 FD2005 EM73C63 UN224 2GWJ2C42
Product Description
Full Text Search
 

To Download IPS512G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No.PD60156-K
IPS511G/IPS512G
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
Features
* * * * * * *
Over temperature protection (with auto-restart) Short-circuit protection (current limit) Active clamp E.S.D protection Status feedback Open load detection Logic ground isolated from power ground
Product Summary Rds(on) V clamp I Limit V open load 150m (max) 50V 5A 3V
Description
The IPS511G/IPS512G are fully protected five terminal high side switches with built in short-circuit, over-temperature, ESD protection, inductive load capability and diagnostic feedback. The output current is controlled when it reaches Ilim value. The current limitation is activated until the thermal protection acts. The over-temperature protection turns off the high side switch if the junction temperature exceeds Tshutdown. It will automatically restart after the junction has cooled 7oC below Tshutdown. A diagnostic pin is provided for status feedback of short-circuit, overtemperature and open load detection. The double level shifter circuitry allows large offsets between the logic ground and the load ground.
Truth Table
Op. Conditions Normal Normal Open load Open load Over current Over current Over-temperature Over-temperature In Out H H L L H H L H H L (limiting) L L H L (cycling) L L Dg H L H H L L L L
Typical Connection
+ VCC + 5v
15K Status feedback Rdg Rin Output pull-up resistor
Available Package
Vcc Dg Logic control Out In Gnd
8 Lead SOIC (Single) IPS511G
Logic signal
Load
Logic Gnd Load Gnd
16 Lead SOIC (Dual) IPS512G
www.irf.com
1
IPS511G/IPS512G
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are referenced to GROUND lead. (Tj = 25oC unless otherwise specified).
Symbol Parameter
Vout Voffset Vin Iin, max Vdg Idg, max Isd cont. Maximum output voltage Maximum Input voltage Maximum IN current Maximum diagnostic output voltage Maximum diagnostic output current Diode max. continuous current (1) (IPS511G) (per leg/both legs ON - IPS512G) Isd pulsed Diode max. pulsed current (1) ESD1 ESD2 Pd Electrostatic discharge voltage (Human Body) Electrostatic discharge voltage (Machine Model) Maximum power dissipation (rth=125oC/W) IPS511G (rth=85oC/W, Tj max. Vvv max both legs on) IPS512G Max. storage & operating junction temp. Maximum Vcc voltage
Min.
Vcc-50 -0.3 -5 -0.3 -1 -- -- -- -- -- -- -- -40 --
Max.
Vcc+0.3 Vcc+0.3 5.5 10 5.5 10 1.4 0.8 10 4000 500 1 1.5 +150 50
Units
V
Test Conditions
Maximum logic ground to load ground offset Vcc-50
mA V mA
A
C=100pF, R=1500, V C=200pF, R=0, L=10H
W
o
C V
Thermal Characteristics
Symbol Parameter
Rth1 Rth2 Rth1 Thermal resistance with standard footprint Thermal resistance with 1" square footprint Thermal resistance with standard footprint (2 mos on) (2 mosfets on) Rth2 (1) Thermal resistance with standard footprint (1 mos on) (1 mosfet on) Rth2 Thermal resistance with 1" square footprint (2 mos on) (2 mosfets on)
Min.
-- -- -- -- --
Typ.
& 85 100 #
Max. Units Test Conditions
a a -- -- --
o
8 Lead SOIC
C/W 16 Lead SOIC
(1) Limited by junction temperature (pulsed current limited also by internal wiring)
2
www.irf.com
IPS511G/IPS512G
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol Parameter
Continuous Vcc voltage High level input voltage Low level input voltage Continuous output current Tamb=85 oC (TAmbient = 85oC, Tj = 125oC, rth = 100oC/W) IPS511G Iout Continuous output current per leg Tamb=85 oC (TAmbient = 85oC, Tj = 125oC Rth = 85oC/W both legs on) IPS512G Rin Recommended resistor in series with IN pin Rdg Recommended resistor in series with DG pin Vcc VIH VIL Iout
Min.
5.5 4 -0.3 -- -- 4 10
Max.
35 5.5 0.9 1.4 1.0 6 20
Units
V
A
k
Static Electrical Characteristics
(Tj = 25oC, Vcc = 14V unless otherwise specified.)
Symbol Parameter
Rds(on)
@Tj=25o C
Min.
-- -- -- 5.5 50 -- -- -- -- -- -- -- 0 -- -- 1 -- 0.1
Typ.
130 130 220 -- 56 58 0.9 16 0.7 20 0.15 60 -- -- 2.3 2 70 0.25
Max. Units Test Conditions
150 150 -- 35 -- 65 1.2 50 2 -- 0.4 120 25 10 2.5 -- 200 0.5 Vin = 5V, Iout = 2.5A m Vin = 5V, Iout = 1A Vin = 5V, Iout = 2.5A
ON state resistance Tj = 25oC ON state resistance @ Vcc = 6V ON state resistance Tj = 150oC Operating voltage range Vcc to OUT clamp voltage 1 Vcc to OUT clamp voltage 2 Body diode forward voltage Supply current when OFF Supply current when ON Ripple current when ON (AC RMS) Low level diagnostic output voltage Output leakage current Output leakage current Diagnostic output leakage current IN high threshold voltage IN low threshold voltage On state IN positive current Input hysteresis
Rds(on)
(V cc=6V)
Rds(on)
@Tj=150oC
Vcc oper. V clamp 1 V clamp 2 Vf Icc off Icc on Icc ac Vdgl Iol Iol Idg
leakage
V A mA A V A
Id = 10mA (see Fig.1 & 2) Id = Isd (see Fig.1 & 2) Id = 2.5A, Vin = 0V Vin = 0V, Vout = 0V Vin = 5V Vin = 5V Idg = 1.6 mA Vout = 6V Vout = 0V Vdg = 5.5V
Vih Vil Iin, on In, hyst.
V A V Vin = 5V
www.irf.com
3
IPS511G/IPS512G
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 5.6, Tj = 25oC, (unless otherwise specified).
Symbol Parameter
Tdon Tr1 Tr2 Turn-on delay time Rise time to Vout = Vcc - 5V Rise time from the end of TR1 to Vout = 90% of Vcc dV/dt (on) Turn ON dV/dt E on Turn ON energy Tdoff Turn-off delay time Tf Fall time to Vout = 10% of Vcc dV/dt (off) Turn OFF dV/dt Eoff Turn OFF energy Tdiag Vout to Vdiag propagation delay
Min.
-- -- -- -- -- -- -- -- -- --
Typ. Max. Units Test Conditions
7 10 45 1.3 400 15 10 2 80 5 50 50 95 4 -- 50 50 6 -- 15 s V/s J s V/s J s
See figure 3
See figure 4
Protection Characteristics
Symbol Parameter
Ilim Internal current limit Tsd+ Over-temp. positive going threshold TsdOver-temp. negative going threshold Vsc Short-circuit detection voltage (3) Vopen load Open load detection threshold (3) Referenced to Vcc
Min.
3 -- -- 2 2
Typ.
5 165 158 3 3
Max. Units Test Conditions
7 -- -- 4 4 A
oC oC
V V
Vout = 0V See fig. 2 See fig. 2 See fig. 2
Lead Assignments
Vcc Vcc Vcc Vcc
In1 Gnd1 Vcc Vcc Vcc Vcc Out2 Dg2
1
1
GND IN
DG OUT
Dg1 Out1 Vcc Vcc Vcc Vcc Gnd2 In2
8 Lead SOIC
16 Lead SOIC
IPS511G Part Number
IPS512G
4
www.irf.com
IPS511G/IPS512G
Functional Block Diagram
All values are typical
VCC
Under voltage lock out 50V
Over temperature
165C 158C
Tj
62 V
Charge pump
2.7 V
IN
7V
200 K
2.2 V
Level shift
driver
-
DG
7V 40 + Open load 3V
Current limit
+
5A
+
Short-circuit
-
3V
GND
VOUT
T clamp
Vin
5V 0V
Vin
Iout
Ilim.
limiting
T shutdown
cycling
Iout
( + Vcc ) 0V
Out
T
V clamp
Tsd+ Tsd- ) (160
( see Appl . Notes to evaluate power dissipation )
Figure 1 - Active clamp waveforms
Figure 2 - Protection timing diagram
www.irf.com
5
IPS511G/IPS512G
Vin
Vcc 90% Vcc - 5V
Vin
Vout
10% Td on
dV/dt on
90%
dV/dt off
Tr 1
Vout
Tr 2 E1(t)
10% Td off Tf
E2 (t)
Iout1 Eon1 Resistive load Inductive load Eon2 Iout2
Figure 3 - Switching times definition (turn-on) Turn on energy with a resistive or an inductive load
Figure 4 - Switching times definition (turn-off)
V in
Dg Vcc IN Out Gnd
+
Vcc Vcc -Vsc
Vin
Vout
L
14 V -
V o ut
Vol
R
V d ia g
Iout
Diag on blanking Diag off blanking T diag
5v 0v Rem : V load is negative during demagnetization
Figure 5 - Active clamp test circuit
Figure 6 - Diagnostic delay definitions
6
www.irf.com
IPS511G/IPS512G
150
2 00 %
100
1 50 %
50
1 00 %
0 0 5 10 15 20 25 30 35
5 0%
-5 0 0 50 100 150
Figure 7 - Rds(on) (m) Vs Vcc (V)
Figure 8 - Normalized Rds(on) Vs Tj (oC)
150
10
100 1
50
0.1 0
0
1
2
3
4
5
Figure 10 - Max. Iout (A) Vs Load Inductance (uH)
Figure 9 - Rds(on) (m) Vs Iout (A)
www.irf.com
7
IPS511G/IPS512G
5
5
4
1inch footprint Rthja= 60C/W
4
3
3
Standard footprint one leg on
2
Standard footprint Rth=100C/W
2
1
1
Standard footprint both legs on
0 25 50 75 100 125 150
0 25 50 75 100 125 150
Figure 11a - Max load current (A) Vs Tamb (oC) IPS511G
Figure 11b - Max load current (A) Vs Tamb (oC) IPS512G
10 0
6 5
10
4
1
3 2
0,1
1
0,01 1E+00 1E+01 1E+02 1E+03 1E-05 1E-04 1E-03 1E-02 1E-01
0 -50 0 50 100 150
Figure 12 - Transient Thermal Impedance (oC/W) Vs Time (S) - IPS511G/IPS512G
Figure 13 - Ilim (A) Vs Tj (oC)
8
www.irf.com
IPS511G/IPS512G
600
Resistive load
10000
1000
Eon 400 Eoff
100
I=Imax vs Induct.(see fig.10)
I=1.5A
200
10
1
0
1E+01 1E+02 1E+03 1E+04 1E+05 1E+06
0
1
2
3
0.1
Figure 14 - Eon, Eoff (J) vs I (A)
Figure 15 - Eon (J) Vs Load Inductance (H) (see Fig. 3)
150 125 Diag on blanking 100 75 50 25 Diag off blanking 0 0 1 2 3
1.00E-03
1.00E-04
1.00E-05
1.00E-06 0 5 10 15 20 25 30 35
Figure 16 - Diag Blanking time (S) Vs Iout (A) (resistive load - see Fig. 6)
Figure 17 - Icc (mA) Vs Vcc (V)
www.irf.com
9
IPS511G/IPS512G
Case Outline - IPS511G
8 Lead SOIC
(MS-012AA) 01-0021 09
10
www.irf.com
IPS511G/IPS512G
Case Outline
16 Lead SOIC (narrow body)
01-3064 00
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd., Whyteleafe, Surrey CR3 0BL, United Kingdom Tel: ++ 44 (0) 20 8645 8000 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171-0021 Tel: 8133 983 0086 IR HONG KONG: Unit 308, #F, New East Ocean Centre, No. 9 Science Museum Road, Tsimshatsui East, Kowloon Hong Kong Tel: (852) 2803-7380 Data and specifications subject to change without notice. 5/9/2000
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IPS512G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X