![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Integrated Circuit Systems, Inc. ICSSSTV16857 DDR 14-Bit Registered Buffer Recommended Application: DDR Memory Modules Product Features: * Differential clock signal * Meets SSTL_2 signal data * Supports SSTL_2 class I & II specifications * low-voltage operation VDD = 2.3V to 2.7V * 48 pin TSSOP package Pin Configuration Q1 Q2 GND VDDQ Q3 Q4 Q5 GND VDDQ Q6 Q7 VDDQ GND Q8 Q9 VDDQ GND Q10 Q11 Q12 VDDQ GND Q13 Q14 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 D1 D2 GND VDD D3 D4 D5 D6 D7 CLK# CLK VDD GND VREF RESET# D8 D9 D10 D11 D12 VDD GND D13 D14 Truth Table1 Inputs RESET# L H H H CLK X or Floating L or H CLK# X or Floating L or H D X or Floating H L X Q Outputs Q L H L Q0(2) 48-Pin TSSOP & TVSOP 6.10 mm. Body, 0.50 mm. pitch = TSSOP 4.40 mm. Body, 0.40 mm. pitch = TSSOP (TVSOP) Notes: 1. H = High Signal Level L = Low Signal Level = Transition LOW-to-HIGH = Transition HIGH -to LOW X = Irrelevant Output level before the indicated steady state input conditions were established. 2. Block Diagram 38 39 34 48 35 R CLK D1 CLK CLK# RESET# D1 VREF ICSSSTV16857 1 Q1 To 13 Other Channels 16857 Rev D 07/09/01 Third party brands and names are the property of their respective owners. ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate. ICSSSTV16857 General Description The 14-bit ICSSTV16857 is a universal bus driver designed for 2.3V to 2.7V VDD operation and SSTL_2 I/O Levels except for the RESET# input which is LVCMOS. Data flow from D to Q is controlled by the differential clock, CLK, CLK# and RESET#. Data is triggered on the positive edge of CLK. CLK# must be used to maintain noise margins. RESET# must be supported with LVCMOS levels as VREF may not be stable during power-up. RESET# is asynchronous and is intended for power-up only and when low assures that all of the registers reset to the Low State, Q outputs are low, and all input receivers, data and clock are switched off. Pin Configuration PIN NUMBER 24, 23, 20, 19, 18, 15, 14, 11, 10, 7, 6, 5, 2, 1 3, 8, 13, 22, 27, 36, 46 4, 9, 12, 16, 21 25, 26, 29, 30, 31, 32, 33, 40, 41, 42, 43, 44, 47, 48 38 39 28, 37, 45 34 35 PIN NAME Q (14:1) GND VDDQ D (14:1) CLK CLK# VDD RESET# VREF TYPE OUTPUT PWR PWR INPUT INPUT INPUT PWR INPUT INPUT Data output Ground Output supply voltage Data input Positive clock input Negative clock input Core supply voltage Reset (active low) Input reference voltage DESCRIPTION Third party brands and names are the property of their respective owners. 2 ICSSSTV16857 Absolute Maximum Ratings Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input Voltage 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output Voltage 1,2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input Clamp Current . . . . . . . . . . . . . . . . . . . . . . . Output Clamp Current . . . . . . . . . . . . . . . . . . . . . Continuous Output Current . . . . . . . . . . . . . . . . . VDD, VDDQ or GND Current/Pin . . . . . . . . . . . . Package Thermal Impedance3 .................... -65C to +150C -0.5 to 3.6V -0.5 to VDD +0.5 -0.5 to VDDQ +0.5 50 mA 50mA 50mA 100mA 55C/W Notes: 1. The input and output negative voltage ratings may be excluded if the input and output clamp ratings are observed. 2. This current will flow only whtn the output is in the high state level V0 >VDDQ. 3. The package thermal impedance is calculated in accordance with JESD 51. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. Recommended Operating Conditions PARAM ETER VDD V DDQ VREF VTT VI VIH VIH VIL VIL VIH VIL VICR VID V IX IOH IOL TA 1 DESCRIPTION Supply Voltage I/O Supply Voltage Reference Voltage VREF = 0.5X VDDQ Termination Voltage Input Voltage DC Input High Voltage AC Input High Voltage Data Inputs DC Input Low Voltage AC Input Low Voltage Input High Voltage Level 1.7 RESET# Input Low Voltage Level Common mode Input Range 0.97 CLK, CLK# Differential Input Voltage 0.36 Cross Point Voltage of Differential Clock (VDDQ/2) -0.2 Pair High-Level Output Current Low-Level Output Current Operating Free-Air Temperature 0 M IN 2.3 2.3 1.15 VREF -0.04 0 VREF +0.15 VREF +0.31 TYP 2.5 2.5 1.25 VREF M AX 2.7 2.7 1.35 V REF -0.04 VDD UNITS V REF -0.15 V REF -0.31 0.7 1.53 (VDDQ/2) +0.2 -20 20 70 V mA C Guarenteed by design, not 100% tested in production. Third party brands and names are the property of their respective owners. 3 ICSSSTV16857 Electrical Characteristics - DC TA = 0 - 70 C; VDD = 2.5 V +/-200mV, VDDQ=2.5V 200mV; (unless otherwise stated) SYMBOL VIK VOH VOL II IDD Operating (Static) Dynamic operating clock only IDDD Dynamic Operating per each data input PARAMETERS CONDITIONS II = -18mA IOH = -100A IOH= -16mA IOL = 100A IOL = 16mA VI = VDD or GND RESET# = GND VI = VIH (AC#) or VIL (AC), RESET# = VDD RESET = VDD, VI = VIH(AC) or VIL (AC), CK and CK# switching 50% duty cycle. RESET# = VDD, VI = VIH(AC) or VIL (AC), CK and CK# switching 50% duty cycle. One data input switching at half clock frequency, 50% duty cycle IOH = -20mA IOL = 20mA IO = 20mA, TA = 25 C VI = VREF 310mV VICR = 1.25V, VI(PP) = 360mV VDD 2.3V 2.3V-2.7 2.3V 2.3-2.7V 2.3V 2.7V MIN VDD -0.2 1.95 TYP 2.5 2 0 0.16 MAX -1.2 UNITS All Inputs Standby (Static) 0.2 0.35 5 0.01 TBD V A A mA TBD IO = 0 2.7V TBD A/clock MHz A/ clock MHz/data rOH rOL rO() Ci Output High Output Low [rOH - rOL] each separate bit Data Inputs CK and CK# 2.3-2.7V 2.3-2.7V 2.5V 2.5V 7 7 15 10 20 20 4 3.5 3.5 pF 2.5 2.5 Notes: 1 - Guaranteed by design, not 100% tested in production. Third party brands and names are the property of their respective owners. 4 ICSSSTV16857 Timing Requirements (over recommended operating free-air temperature range, unless otherwise noted) SYMBOL PARAMETERS VDD=2.50.2V MIN TYP MAX fclock Clock frequency 133 200 tPD Clock to output time 1.1 2.4 2.8 tRST Reset to output time 3.1 5 tSL Output slew rate 1 1.5 4 Setup time, fast slew rate 2, 4 Data before CKD , CK#E 0.75 0.018 Setup time, slow slew rate 3, 4 0.9 tSU Hold time, fast slew rate 2,4 Data after CKD , CK#E 0.75 0.145 Hold time, slow slew rate 3, 4 Th 0.9 Notes: 1 - Guaranteed by design, not 100% tested in production. 2 - For data signal input slew rate =1V/ns. 4 - CLK, CLK# signals input slew rates are =1V/ns. 3 - For data signal input slew rate =0.5V/ns and < 1V/ns. UNITS MHz ns ns V/ns ns ns ns ns Sw itching Characteristics (over recom m ended operating free-air tem perature range, unles s otherwis e noted) SYMBOL fclock tPD tph1 From (Input) CLK, CLK# RESET# To (Output) Q Q MIN 1.1 VDD=2.50.2V TYP 133 2.4 3.1 UNITS MAX 200 2.8 5 MHz ns ns Third party brands and names are the property of their respective owners. 5 ICSSSTV16857 VTT RL=50W From Output Under Test Test Point CL = 30 pF (see Note 1) Load Circuit LVCMOS RESET# Input tinact IDD (see note 2) VDD/2 VDD/2 VDD 0V tact Timing Input tPHL VTT VTT VICR VICR VI(pp) 10% Voltage and Current Waveforms Inputs Active and Inactive Times tw 90% IDDH IDDL tPHL VOH VOL Output Voltage Waveforms - Propagation Delay Times VIH VIL VI(pp) LVCMOS RESET# Input VIH VDD/2 tPHL Output VTT Voltage Waveforms - Propagation Delay Times VOH VOL VIL Input VREF VREF Voltage Waveforms - Pulse Duration Timing Input tSU Input VREF VICR th VREF VIH VIL Voltage Waveforms - Setup and Hold Times Parameter Measurement Information (VDD = 2.5V 0.2V) Notes: 1. CL incluces probe and jig capacitance. 2. IDD tested with clock and data inputs held at VDD or GND, and Io = 0mA. 3. All input pulses are supplied by generators having the following chareacteristics: PRR 10 MHz, Zo=50, input slew rate = 1 V/ns 20% (unless otherwise specified). 4. The outputs are measured one at a time with one transition per measurement. 5. VTT = VREF = VDDQ/2 6. VIH = VREF + 310mV (ac voltage levels) for differential inputs. VIH = VDD for LVCMOS input. 7. VIL = VREF -310mV (ac voltage levels) for differential inputs. VIL = GND for LVCMOS input. 8. tPLH and tPHL are the same as tpd Third party brands and names are the property of their respective owners. 6 ICSSSTV16857 N c L INDEX AREA E1 E 12 D a A2 A1 A In Millimeters In Inches SYMBOL COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX A -1.20 -.047 A1 0.05 0.15 .002 .006 A2 0.80 1.05 .032 .041 b 0.17 0.27 .007 .011 c 0.09 0.20 .0035 .008 D SEE VARIATIONS SEE VARIATIONS E 8.10 BASIC 0.319 BASIC E1 6.00 6.20 .236 .244 e 0.50 BASIC 0.020 BASIC L 0.45 0.75 .018 .030 N SEE VARIATIONS SEE VARIATIONS 0 8 0 8 aaa -0.10 -.004 VARIATIONS -Ce b SEATING PLANE N 48 10-0039 D mm. MIN 12.40 MAX 12.60 MIN .488 D (inch) MAX .496 aaa C Reference Doc.: JEDEC Publication 95, MO-153 6.10 mm. Body, 0.50 mm. pitch TSSOP (0.020 mil) (240 mil) Ordering Information ICSSSTV16857yG-T Example: ICS XXXX y G - PPP - T Designation for tape and reel packaging Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type G=TSSOP Revision Designator (will not correlate with datasheet revision) Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device Third party brands and names are the property of their respective owners. 7 ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate. ICSSSTV16857 N c L SYMBOL A A1 A2 b c D E E1 e L N aaa INDEX AREA E1 E 12 D A2 A1 A In Millimeters In Inches COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX -1.20 -.047 0.05 0.15 .002 .006 0.80 1.05 .032 .041 0.13 0.23 .005 .009 0.09 0.20 .0035 .008 SEE VARIATIONS SEE VARIATIONS 6.40 BASIC 0.252 BASIC 4.30 4.50 .169 .177 0.40 BASIC 0.016 BASIC 0.45 0.75 .018 .030 SEE VARIATIONS SEE VARIATIONS 0 8 0 8 -0.08 -.003 VARIATIONS -C- N 48 10-0037 D mm. MIN 9.60 MAX 9.80 MIN .378 D (inch) MAX .386 e b SEATING PLANE aaa C Reference Doc.: JEDEC Publication 95, MO-153 4.40 mm. Body, 0.40 mm. pitch TSSOP (173 mil) (16 mil) Ordering Information ICSSSTV16857yL-T Example: ICS XXXX y L - PPP - T Designation for tape and reel packaging Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type L=TSSOP (TVSOP) Revision Designator (will not correlate with datasheet revision) Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device Third party brands and names are the property of their respective owners. 8 ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate. |
Price & Availability of ICSSSTV16857
![]() |