Part Number Hot Search : 
LTU455G2 5NA80 HFU2N60F HFM304 GA3285 169628 YG912S6 EL1516A
Product Description
Full Text Search
 

To Download ICS9248-90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS9248-90
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
General Description
The ICS9248-90 generates all clocks required for high speed RISC or CISC microprocessor systems such as Intel PentiumPro or Cyrix. Eight different reference frequency multiplying factors are externally selectable with smooth frequency transitions. Features include two CPU, six PCI and thirteen SDRAM clocks. Two reference outputs are available equal to the crystal frequency. Plus the IOAPIC output powered by VDDL1. One 48 MHz for USB, and one 24 MHz clock for Super IO. Spread Spectrum built in at 0.25% modulation to reduce the EMI. Serial programming I2C interface allows changing functions, stop clock programing and Frequency selection. Additionally, the device meets the Pentium power-up stabilization, which requires that CPU and PCI clocks be stable within 2ms after power-up. It is not recommended to use I/O dual function pin for the slots (ISA, PIC, CPU, DIMM). The add on card might have a pull up or pull down. High drive PCICLK and SDRAM outputs typically provide greater than 1 V/ns slew rate into 30pF loads. CPUCLK outputs typically provide better than 1V/ns slew rate into 20pF loads while maintaining 50 5% duty cycle. The REF and 24 and 48 MHz clock outputs typically provide better than 0.5V/ns slew rates into 20pF.
Features
* * * * * * * * * * * * * * * 3.3V outputs: SDRAM, PCI, REF, 48/24MHz 2.5V outputs: CPU, IOAPIC 20 ohm CPU clock output impedance 20 ohm PCI clock output impedance Skew from CPU (earlier) to PCI clock - 1.5 to 4 ns, center 2.6 ns. No external load cap for CL=18pF crystals 175 ps CPU clock skew 250ps (cycle to cycle) CPU jitter Smooth frequency switch, with selections from 66.8 to 133 MHz CPU. I2C interface for programming 3ms power up clock stable time Clock duty cycle 45-55%. 48 pin 300 mil SSOP package 3.3V operation, 5V tolerant inputs (with series R) <5ns propagation delay SDRAM from Buffer Input
Pin Configuration
Block Diagram
PLL2 /2 X1 X2 BUFFER IN XTAL OSC 48MHz 24MHz IOAPIC REF(0:1) CPUCLK_F PLL1 Spread Spectrum FS(0:3) 4 MODE
STOP
STOP
48-Pin SSOP
* Internal Pull-up Resistor of 240K to VDD ** Internal Pull-down resistor of 240K to GND
2
CPUCLK 1
Power Groups
VDDREF = REF (0:1), X1, X2 VDDPCI = PCICLK_F, PCICLK(0:4) VDDSDR = SDRAM (0:12), supply for PLL core VDD48 = 24MHz, 48MHz VDDLIOAPIC = IOAPIC VDDLCPU = CPUCLK 1, CPUCLK_F
Pentium is a trademark of Intel Corporation I2C is a trademark of Philips Corporation
LATCH
STOP
12
SDRAM (0:11) SDRAM_F
4
POR
CPU_STOP# PCI_STOP# SDATA SCLK Control Logic Config. Reg.
PCI CLOCK DIVDER
STOP
5
PCICLK (0:4) PCICLKF
9248-90 Rev C 4/19/00
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.
ICS9248-90
Pin Descriptions
PIN NUMBER 1 2 PCI_STOP#1 3,9,16,22, 33,39,45 4 5 6,14 7 MODE 2 FS3 8
2
P I N NA M E VDDREF REF0
TYPE PWR OUT IN PWR IN OUT PWR OUT IN IN OUT OUT IN OUT IN OUT PWR IN IN OUT IN OUT IN PWR OUT IN PWR OUT OUT OUT IN OUT PWR
DESCRIPTION Ref (0:2), XTAL power supply, nominal 3.3V 14.318 Mhz reference clock.This REF output is the STRONGER buffer for ISA BUS loads Halts PCICLK(0:4) clocks at logic 0 level, when input low (In mobile mode, MODE=0) Ground Crystal input, has internal load cap (36pF) and feedback resistor from X2 Crystal output, nominally 14.318MHz. Has internal load cap (36pF) Supply for PCICLK_F and PCICLK (0:4), nominal 3.3V Free running PCI clock not affected by PCI_STOP# for power management. Pin 17, pin 18 function select pin, 1=Desktop Mode, 0=Mobile Mode. Latched Input. Frequency select pin. Latched Input. Internal Pull-down to GND PCI clock outputs. Syncheronous to CPU clocks with 1-48ns skew (CPU early) PCI clock output. Syncheronous to CPU clocks with 1-48ns skew (CPU early) Frequency select pin. Latched Input. PCI clock outputs. Syncheronous to CPU clocks with 1-48ns skew (CPU early) Input to Fanout Buffers for SDRAM outputs. SDRAM clock outputs, Fanout Buffer outputs from BUFFER IN pin (controlled by chipset). Supply for SDRAM (0:12) and CPU PLL Core, nominal 3.3V. Data input for I2C serial input, 5V tolerant input Clock input of I2C input, 5V tolerant input 24MHz output clock Frequency select pin. Latched Input. 48MHz output clock Frequency select pin. Latched Input Power for 24 & 48MHz output buffers and fixed PLL core. Free running SDRAM clock output. Not affected by CPU_STOP# This asynchronous input halts CPUCLK1, IOAPIC & SDRAM (0:11) at logic "0" level when driven low. Supply for CPU clocks, either 2.5V or 3.3V nominal CPU clock outputs, powered by VDDL2. Low if CPU_STOP#=Low Free running CPU clock. Not affected by the CPU_STOP# 14.318 MHz reference clock. Frequency select pin. Latched Input IOAPIC c l o c k o u t p u t . 1 4 . 3 1 8 M H z P ow e r e d b y V D D L 1 . Supply for IOAPIC, either 2.5 or 3.3V nominal
GND X1 X2 VDDPCI PCICLK_F
PCICLK0 PCICLK1 FS4 2
10 11, 12, 13 15 17, 18, 20, 21, 28, 29, 31, 32, 34, 35,37,38 19,30,36 23 24 25 26 27 40 41 42 43 44 46 47 48
PCICLK(2:4) BUFFER IN SDRAM (11:0) VDDSDR SDATA SCLK 24MHz FS2 48MHz FS02 VDD48 SDRAM_F CPU_STOP#1 VDDLCPU CPUCLK1 CPUCLK_F REF1 FS22 I OA P I C V D D L I OA P I C
Notes: 1: Internal Pull-up Resistor of 240K to 3.3V on indicated inputs 2: Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to program logic Hi to VDD or GND for logic low.
2
ICS9248-90
Mode Pin - Power Management Input Control
MODE, Pin 7 (Latched Input) 0 1 Pin 2 PCI_STOP# (Input) REF0 (Output)
Functionality
VDD = 3.3V5%, VDDL = 2.5V5% TA=0 to 70C Crystal (X1, X2) = 14.31818MHz
FS4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 FS3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 FS2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 FS1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 FS0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 CPU MHz 66.82 68.01 71.99 75.00 78.00 80.00 82.00 83.00 84.00 85.01 85.91 86.99 88.00 89.01 90.00 90.99 91.99 93.07 94.00 95.00 96.00 97.01 98.01 98.99 100.23 102.02 104.00 106.00 108.01 109.99 124.00 132.99 PCI MHz 33.40 34.00 35.99 37.49 38.99 39.99 41.00 41.50 41.99 42.50 42.95 43.49 43.99 44.50 44.99 45.49 30.66 31.02 31.33 31.66 31.99 32.33 32.67 32.99 33.41 34.01 34.66 35.33 36.00 36.66 30.99 33.25
3
ICS9248-90
Serial Configuration Command Bitmap
Byte0: Functionality and Frequency Select Register (default = 0)
Bit Bit (2, 7:4) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Bit (2, 7:4) 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Bit 3 Bit 1 Bit 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Description CPUCLK MHz 66.82 68.01 71.99 75.00 78.00 80.00 82.00 83.00 84.00 85.01 85.91 86.99 88.00 89.01 90.00 90.99 91.99 93.07 94.00 95.00 96.00 97.01 98.01 98.99 100.23 102.02 104.00 106.00 108.01 109.99 124.00 132.99 PCICLK MHz 33.40 34.00 35.99 37.49 38.99 39.99 41.00 41.50 41.99 42.50 42.95 43.49 43.99 44.50 44.99 45.49 30.66 31.02 31.33 31.66 31.99 32.33 32.67 32.99 33.41 34.01 34.66 35.33 36.00 36.66 30.99 33.25 0 1 0 XXX Note1 PWD
0-Frequency is selected by hardware select, latched inputs 1-Frequency is selected by Bit 7:4,2 0- Normal 1- Spread spectrum enable 0- Running 1- Tristate all outputs
Note1: Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3.
4
ICS9248-90
Byte 1: CPU, Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 40 43 44 PWD X X 1 1 1 1 1 1 Description Latched FS2# Latched FS4# (Reserved) (Reserved) SDRAM12 (Act/Inact) (Reserved) CPUCLK1 (Act/Inact) CPUCLK_F (Act/Inact)
Byte 2: PCI Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 7 14 12 11 10 8 PWD 1 1 1 1 1 1 1 1 Description (Reserved) PCICLK_F (Act/Inact) (Reserved) PCICLK4 (Act/Inact) PCICLK3 (Act/Inact) PCICLK2 (Act/Inact) PCICLK1 (Act/Inact) PCICLK0 (Act/Inact)
Byte 3: SDRAM Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 26 25 21,20,18,17 32,31,29,28 38,37,35,34 PWD Description X MODE# X Latched FS0# 1 48MHz (Act/Inact) 1 24 MHz (Act/Inact) 1 (Reserved) 1 SDRAM (8:11) (Active/Inactive) 1 SDRAM (4:7) (Active/Inactive) 1 SDRAM (0:3) (Active/Inactive)
Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions.
5
ICS9248-90
Byte 4: Reserved Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # PWD 1 1 1 1 X 1 X 1 Description (Reserved) (Reserved) (Reserved) (Reserved) Latched FS1# (Reserved) Latched FS3# (Reserved)
Byte 5: Peripheral Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 47 46 2 PWD 1 1 1 1 1 1 1 1 Description (Reserved) (Reserved) (Reserved) IOAPIC0 (Act/Inact) (Reserved) (Reserved) REF1 (Act/Inact) REF0 (Act/Inact)
Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions.
6
ICS9248-90
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . Ambient Operating Temperature . . . . . . . . . . . . Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature . . . . . . . . . . . . . . . . . . . . . . 7.0 V GND -0.5 V to VDD +0.5 V 0C to +70C 115C -65C to +150C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70 C; Supply Voltage VDD, VDDL = 3.3 V +/-5% (unless otherwise stated) PARAMETER Input High Voltage Input Low Voltage Input High Current Input Low Current Input Low Current Operating Supply Current Input frequency Input Capacitance1 Clk Stabilization 1
1
SYMBOL VIH VIL IIH IIL1 IIL2 IDD3.3OP66 IDD3.3OP100 IDD3.3OP124 IDD3.3OP133 Fi CIN CINX TSTAB
CONDITIONS
MIN 2 VSS-0.3 -5 -200
TYP
VIN = VDD VIN = 0 V; Inputs with no pull-up resistors VIN = 0 V; Inputs with pull-up resistors CL = 0 pF; Select @ 66MHz CL = 0 pF; Select @ 100MHz CL = 0 pF; Select @ 124MHz CL = 0 pF; Select @ 133MHz VDD = 3.3 V Logic Inputs X1 & X2 pins From VDD = 3.3 V to 1% target Freq.
12 27
0.1 2.0 -100 87 120 144 149 14.318 36
MAX UNITS VDD+0.3 V 0.8 V A 5 A A 170 180 16 5 45 3 mA mA MHz pF pF ms
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70 C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated) PARAMETER Operating Supply Current Skew
1 1
SYMBOL IDD2.5OP66 IDD2.5OP100 IDD2.5OP124 IDD2.5OP133 tCPU-PCI
CONDITIONS CL = 0 pF; Select @ 66.8 MHz CL = 0 pF; Select @ 100 MHz CL = 0 pF; Select @ 124 MHz CL = 0 pF; Select @ 133 MHz VT = 1.5 V; VTL = 1.25 V
MIN
TYP 7 10 11 14 2.7
MAX 30 30 30 30 4
UNITS mA
1.5
ns
Guaranteed by design, not 100% tested in production.
7
ICS9248-90
Electrical Characteristics - CPUCLK
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated) PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Skew Jitter, One Sigma Jitter, Absolute Jitter, Cycle-to-cycle
1
SYMBOL VOH2B VOL2B IOH2B IOL2B tr2B1 tf2B
1
CONDITIONS IOH = -12.0 mA IOL = 12 mA VOH = 1.7 V VOL = 0.7 V VOL = 0.4 V, VOH = 2.0 V VOH = 2.0 V, VOL = 0.4 V VT = 1.25 V, Freq. < 124 MHz VT = 1.25 V, Freq. >= 124 MHz VT = 1.25 V VT = 1.25 V VT = 1.25 V VT = 1.25 V
MIN 2
19
TYP 2.3 0.31 -36 26 1.1 1.1
MAX UNITS V 0.4 V -19 mA mA 1.6 1.6 55 52 175 150 +250 250 ns ns % % ps ps ps ps
d t2B1 tsk2B1 tj12B1 tjabs2B1 tjcyc-cyc2B1
45 40
49 47 115 36
-250
130 140
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated) PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle SYMBOL VOH3 VOL3 IOH3 IOL3 Tr3 Tf3
1 1
CONDITIONS IOH = -25 mA IOL = 20 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V
MIN 2.4
41
TYP 2.85 0.35 -60 44 1.5 1.6
MAX UNITS V 0.4 V -40 mA mA 2.4 2.2 55 ns ns %
Dt3 1
45
51
Skew
1
1
Propagation Delay
Tsk1 Tprop
VT = 1.5 V VT = 1.5 V
220 2.8
500 4
ps ns
Guarenteed by design, not 100% tested in production.
8
ICS9248-90
Electrical Characteristics - PCICLK
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated) PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Skew
1 1 1 1 1
SYMBOL VOH1 VOL1 IOH1 IOL1 tr1 tf1 dt1 tsk1 tj1 1 tjabs1 tjcyc-cyc1
CONDITIONS IOH = -11 mA IOL = 9.4 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 2.4
25
TYP 3.1 0.17 -60 44 1.87 1.5
MAX UNITS V 0.4 V -22 mA mA 2.6 2.3 55 500 150 500 400 ns ns % ps ps ps ps
Duty Cycle
45
49 124 70
Jitter, One Sigma
Jitter, Absolute Jitter, Cycle-to-cycle1
1
1
-500
160 130
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - IOAPIC
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1 1
SYMBOL VOH4B VOL4B IOH4B IOL4B Tr4B Tf4B Dt4B Tj1 4B Tjabs4B
tjcyc-cyc4B
CONDITIONS IOH = -8 mA IOL = 12 mA VOH = 1.7 V VOL = 0.7 V VOL = 0.4 V, VOH = 2.0 V VOH = 2.0 V, VOL = 0.4 V VT = 1.25 V VT = 1.25 V VT = 1.25 V VT = 1.25 V
MIN 2
19
TYP 2.3 0.31 -25 27 1.4 1.3
MAX UNITS V 0.4 V -15 mA mA 2.2 2 55 350 800
800
ns ns % ps ps
ps
Duty Cycle
45 -800
52 175 395
475
Jitter, One Sigma
Jitter, Absolute Jitter, Cycle-to-cycle1
1
1
Guaranteed by design, not 100% tested in production.
9
ICS9248-90
Electrical Characteristics - REF1:0
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1 1
SYMBOL VOH5 VOL5 IOH5 IOL5 tr5 tf5 dt5 tj1 5 tjabs5 tjcyc-cyc5
CONDITIONS IOH = -12 mA IOL = 10 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 2.4
16
TYP 2.9 0.33 -30 23 2.1 2.1
MAX UNITS V 0.4 V -22 mA mA 4 4 55 400 800
1300
ns ns % ps ps
ps
Duty Cycle
45 -800
52 200 520
790
Jitter, One Sigma
Jitter, Absolute Jitter, Cycle-to-cycle1
1
1
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - 24MHz, 48MHz
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated) PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1 1
SYMBOL VOH5 VOL5 IOH5 IOL5 tr5 tf5 dt5 tj1 5 tjabs5 tjcyc-cyc5
CONDITIONS IOH = -12 mA IOL = 12 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 2.4
16
TYP 2.9 0.3 -34 30 1.6 1.7
MAX UNITS V 0.4 V -22 mA mA 4 4 55 400 800 1000 ns ns % ps ps ps
Duty Cycle
45 -800
51.6 100 250 345
Jitter, One Sigma
Jitter, Absolute Jitter, Cycle-to-cycle1
1
1
Guaranteed by design, not 100% tested in production.
10
ICS9248-90
General I2C serial interface information
The information in this section assumes familiarity with I2C programming. For more information, contact ICS for an I2C programming application note.
How to Write:
Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends a dummy command code ICS clock will acknowledge Controller (host) sends a dummy byte count ICS clock will acknowledge Controller (host) starts sending first byte (Byte 0) through byte 5 ICS clock will acknowledge each byte one at a time. Controller (host) sends a Stop bit
How to Read:
Controller (host) will send start bit. Controler (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the byte count Controller (host) acknowledges ICS clock sends first byte (Byte 0) through byte 5 Controller (host) will need to acknowledge each byte Controller (host) will send a stop bit
How to Write:
Controller (Host) Start Bit Address D2(H) Dummy Command Code ACK Dummy Byte Count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Stop Bit
ACK Stop Bit ACK Byte 5 ACK Byte 4 ACK Byte 3 ACK Byte 2 ACK Byte 1 ACK Byte 0
ICS (Slave/Receiver)
How to Read:
Controller (Host) Start Bit Address D3(H) ICS (Slave/Receiver)
ACK
ACK Byte Count
Notes:
1. 2. 3. 4. 5. The ICS clock generator is a slave/receiver, I2C component. It can read back the data stored in the latches for verification. Read-Back will support Intel PIIX4 "Block-Read" protocol. The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode) The input is operating at 3.3V logic levels. The data byte format is 8 bit bytes. To simplify the clock generator I2C interface, the protocol is set to use only "Block-Writes" from the controller. The bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two bytes. The data is loaded until a Stop sequence is issued. At power-on, all registers are set to a default condition, as shown. 11
6.
ICS9248-90
Shared Pin Operation Input/Output Pins
The I/O pins designated by (input/output) on the ICS924890 serve as dual signal functions to the device. During initial power-up, they act as input pins. The logic level (voltage) that is present on these pins at this time is read and stored into a 5-bit internal data latch. At the end of Power-On reset, (see AC characteristics for timing values), the device changes the mode of operations for these pins to an output function. In this mode the pins produce the specified buffered clocks to external loads. To program (load) the internal configuration register for these pins, a resistor is connected to either the VDD (logic 1) power supply or the GND (logic 0) voltage potential. A 10 Kilohm (10K) resistor is used to provide both the solid CMOS programming voltage needed during the power-up programming period and to provide an insignificant load on the output clock during the subsequent operating period. Figure 1 shows a means of implementing this function when a switch or 2 pin header is used. With no jumper is installed the pin will be pulled high. With the jumper in place the pin will be pulled low. If programmability is not necessary, than only a single resistor is necessary. The programming resistors should be located close to the series termination resistor to minimize the current loop area. It is more important to locate the series termination resistor close to the driver than the programming resistor.
Programming Header Via to Gnd Device Pad 2K W
Via to VDD
8.2K W Clock trace to load Series Term. Res.
Fig. 1
12
ICS9248-90
CPU_STOP# Timing Diagram
CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. CPU_STOP# is synchronized by the ICS9248-90. The minimum that the CPU clock is enabled (CPU_STOP# high pulse) is 100 CPU clocks. All other clocks will continue to run while the CPU clocks are disabled. The CPU clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPU clock on latency is less than 4 CPU clocks and CPU clock off latency is less than 4 CPU clocks.
Notes: 1. All timing is referenced to the internal CPU clock. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPU clocks inside the ICS9248-90. 3. IOAPIC output is Stopped Glitch Free by CPUSTOP# going low. 4. SDRAM-F output is controlled by Buffer in signal, not affected by the ICS9248-90 CPU_STOP# signal. SDRAM (0:11) are controlled as shown. 5. All other clocks continue to run undisturbed.
13
ICS9248-90
PCI_STOP# Timing Diagram
PCI_STOP# is an asynchronous input to the ICS9248-90. It is used to turn off the PCICLK (0:4) clocks for low power operation. PCI_STOP# is synchronized by the ICS9248-90 internally. The minimum that the PCICLK (0:4) clocks are enabled (PCI_STOP# high pulse) is at least 10 PCICLK (0:4) clocks. PCICLK (0:4) clocks are stopped in a low state and started with a full high pulse width guaranteed. PCICLK (0:4) clock on latency cycles are only one rising PCICLK clock off latency is one PCICLK clock.
Notes: 1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9248 device.) 2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized inside the ICS9248. 3. All other clocks continue to run undisturbed. 4. CPU_STOP# is shown in a high (true) state.
14
ICS9248-90
Ferrite Bead
General Layout Precautions: 1) Use a ground plane on the top routing layer of the PCB in all areas not used by traces. 2) Make all power traces and ground traces as wide as the via pad for lower inductance. Notes: 1 All clock outputs should have provisions for a 15pf capacitor between the clock output and series terminating resistor. Not shown in all places to improve readability of diagram.
VDD
C2 22F/20V Tantalum
C2 22F/20V Tantalum
Ferrite Bead VDD
1 2
2 C1
48
C3
47 46
2.5V Power Route
3 4 5 6 7 8
45 44
C3 1 Clock Load
C1
43 42
C3
41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
3.3V Power Route Ground
3.3V Power Route
9 10 11 12
2 Optional crystal load capacitors are recommended. They should be included in the layout but not inserted unless needed.
13 14 15 16 17
Connections to VDD:
18 19 20 21 22 23 24
= Routed Power = Ground Connection Key (component side copper) = Ground Plane Connection = Power Route Connection = Solder Pads = Clock Load
15
ICS9248-90
Ordering Information
ICS9248yF-90-T
Example:
ICS XXXX y F - PPP - T
Designation for tape and reel packaging Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
16
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.


▲Up To Search▲   

 
Price & Availability of ICS9248-90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X