|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : Preliminary Data Issued Date : 1999.05.01 Revised Date : 2001.06.01 Page No. : 1/3 HMM52 Series ZENER DIODES Nominal Zener Voltage Vz at Izt* (V) 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 Maximum Zener Maximum Reverse Typical Impedance Leakage Current Temperature Zzk at ZzT at Coefficient IR Test-Voltage IzT Izk=0.25mA (uA) suffix B (V) (%/C) () () 30 1200 -0.085 100 1.0 30 1250 -0.085 100 1.0 30 1300 -0.080 75 1.0 30 1400 -0.080 75 1.0 29 1600 -0.075 50 1.0 28 1600 -0.070 25 1.0 24 1700 -0.065 15 1.0 23 1900 -0.060 10 1.0 22 2000 +0.055 5 1.0 19 1900 +0.030 5 1.0 17 1600 +0.030 5 2.0 17 1600 +0.038 5 3.0 7 1600 +0.038 5 3.5 7 1000 +0.045 5 4.0 5 750 +0.050 3 5.0 6 500 +0.058 3 6.0 8 500 +0.062 3 6.5 8 600 +0.065 3 6.5 10 600 +0.068 3 7.0 17 600 +0.075 3 8.0 22 600 +0.076 2 8.4 30 600 +0.077 1 9.1 13 600 +0.079 0.5 9.9 15 600 +0.082 0.1 10 16 600 +0.082 0.1 11 17 600 +0.083 0.1 12 19 600 +0.084 0.1 13 21 600 +0.085 0.1 14 23 600 +0.086 0.1 14 25 600 +0.086 0.1 15 29 600 +0.087 0.1 17 33 600 +0.087 0.1 18 35 600 +0.089 0.1 19 41 600 +0.090 0.1 21 44 600 +0.091 0.1 21 49 600 +0.091 0.1 23 58 700 +0.092 0.1 25 70 700 +0.093 0.1 27 80 800 +0.094 0.1 30 Device Type HMM5221B HMM5222B HMM5223B HMM5224B HMM5225B HMM5226B HMM5227B HMM5228B HMM5229B HMM5230B HMM5231B HMM5232B HMM5233B HMM5234B HMM5235B HMM5236B HMM5237B HMM5238B HMM5239B HMM5240B HMM5241B HMM5242B HMM5243B HMM5244B HMM5245B HMM5246B HMM5247B HMM5248B HMM5249B HMM5250B HMM5251B HMM5252B HMM5253B HMM5254B HMM5255B HMM5256B HMM5257B HMM5258B HMM5259B HMM52XXB Series Test Current IzT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 Maximum Regulator Current IzM (mA) 191 182 168 162 151 138 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21.2 19.1 18.2 16.8 16.2 15.1 13.8 12.6 11.5 HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. HMM5260B HMM5261B 43 47 3 2.7 93 150 900 1000 +0.095 +0.095 0.1 0.1 Spec. No. : Preliminary Data Issued Date : 1999.05.01 Revised Date : 2001.06.01 Page No. : 2/3 33 36 10.6 9.7 Note : 1.Standard Voltage Tolerance is 5% and Suffix "A" for 3%, Suffix "B" for 5%, Suffix "C" for 10%, Suffix "D" for 20% 2.*Measured With Pulses Tp=40m Sec. Absolute Maximum Ratings Characteristics Symbol Value Zener Current see Table "Characteristics" Ptot 500* Power Dissipation at Tamb=25C Junction Temperature Tj 175 Storage Temperature Range Ts -65 to +175 *Valid provided that leads at a distance of 10mm from case are kept at ambient temperature. Unit mW C C Characteristics (Tamb=25C) Characteristics Symbol Min Typ Max Thermal Resistance Junction to Ambient Air RthA 0.3* Forward Voltage at IF=100mA VF 1 *Valid provided that leads at a distance of 10mm from case are kept at ambient temperature. Unit K/mW V Characteristics Curve HMM52XXB Series HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Dimension Spec. No. : Preliminary Data Issued Date : 1999.05.01 Revised Date : 2001.06.01 Page No. : 3/3 Cathode Mark A B C D LL-34 Mini-Melf SOD-80C Inches Min. Max. 0.0512 0.0591 0.0118 0.0197 Millimeters Min. Max. 1.30 1.50 0.30 0.50 *:Typical DIM A B DIM C D Inches Min. Max. 0.0118 0.0197 0.1260 0.1417 Millimeters Min. Max. 0.30 0.50 3.2 3.6 Notes : 1.Dimension and tolerance based on our Spec. dated Sep. 30,1999 2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office. Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory : * Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 HMM52XXB Series HSMC Product Specification |
Price & Availability of HMM5135B |