Part Number Hot Search : 
PJF7N65 M5230B SDA382B 2SC1868 26C32 2SC1868 MJE180 2864H
Product Description
Full Text Search
 

To Download HIP6019B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIP6019B
TM
Data Sheet
October 1998
FN4587
Advanced Dual PWM and Dual Linear Power Control
The HIP6019B provides the power control and protection for four output voltages in high-performance microprocessor and computer applications. The IC integrates two PWM controllers, a linear regulator and a linear controller as well as the monitoring and protection functions into a single 28 lead SOIC package. One PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter, while the second PWM controller supplies the computer's 3.3V power with a standard buck converter. The linear controller regulates power for the GTL bus and the linear regulator provides power for the clock driver circuits. The HIP6019B includes an Intel-compatible, TTL 5-input digital-to-analog converter (DAC) that adjusts the core PWM output voltage from 2.1VDC to 3.5VDC in 0.1V increments and from 1.3VDC to 2.05VDC in 0.05V steps. The precision reference and voltage-mode control provide 1% static regulation. The second PWM controller is user-adjustable for output levels between 3.0V and 3.5V with 2% accuracy. The adjustable linear regulator uses an internal pass device to provide 2.5V 2.5%. The adjustable linear controller drives an external N-Channel MOSFET to provide 1.5V 2.5%. The HIP6019B monitors all the output voltages. A single Power Good signal is issued when the core is within 10% of the DAC setting and the other levels are above their undervoltage levels. Additional built-in over-voltage protection for the core output uses the lower MOSFET to prevent output voltages above 115% of the DAC setting. The PWM controller's over-current functions monitor the output current by sensing the voltage drop across the upper MOSFET's rDS(ON), eliminating the need for a current sensing resistor.
Features
* Provides 4 Regulated Voltages - Microprocessor Core, I/O, Clock Chip and GTL Bus * Drives N-Channel MOSFETs * Operates from +5V and +12V Inputs * Simple Single-Loop Control Designs - Voltage-Mode PWM Control * Fast Transient Response - High-Bandwidth Error Amplifiers - Full 0% to 100% Duty Ratios * Excellent Output Voltage Regulation - Core PWM Output: 1% Over Temperature - I/O PWM Output: 2% Over Temperature - Other Outputs: 2.5% Over Temperature * TTL-Compatible 5-Bit Digital-to-Analog Core Output Voltage Selection - Wide Range . . . . . . . . . . . . . . . . . . . 1.3V DC to 3.5VDC - 0.1V Steps . . . . . . . . . . . . . . . . . . . . 2.1VDC to 3.5VDC - 0.05V Steps . . . . . . . . . . . . . . . . . . 1.3VDC to 2.05VDC * Power-Good Output Voltage Monitor * Microprocessor Core Voltage Protection Against Shorted MOSFET * Over-Voltage and Over-Current Fault Monitors - Does Not Require Extra Current Sensing Element, Uses MOSFET's rDS(ON) * Small Converter Size - Constant Frequency Operation - 200kHz Free-Running Oscillator; Programmable from 50kHz to 1MHz
Pinout
HIP6019B (SOIC) TOP VIEW
UGATE2 1 PHASE2 2 VID4 3 VID3 4 VID2 5 VID1 6 VID0 7 PGOOD 8 OCSET2 9 FB2 10 COMP2 11 SS 12 FAULT/RT 13 FB4 14 28 VCC 27 UGATE1 26 PHASE1 25 LGATE1 24 PGND 23 OCSET1 22 VSEN1 21 FB1 20 COMP1 19 FB3 18 GATE3 17 GND 16 VOUT4 15 VSEN2
Applications
* Full Motherboard Power Regulation for Computers * Low-Voltage Distributed Power Supplies
Ordering Information
PART NUMBER HIP6019BCB TEMP. (oC) 0 to 70 PACKAGE 28 Ld SOIC PKG. NO. M28.3
267
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002. All Rights Reserved
OCSET2 VSEN1 VCC OCSET1
Block Diagram
FB3 0.3V + LINEAR UNDERVOLTAGE LUV 200A RESET (POR) + + 1.26V + + 110% POWER-ON
GATE3
+
+
VSEN2
90%
HIP6019B
COMP2 + + ERROR AMP2 FAULT
PWM COMP2
FB2 1.26V
-
VSEN2
+
-
2.5V VCC
+
+
-
+ OSCILLATOR 11A
4.3V
-
+
-
268 OC4 115% + + OC2 OC 200A
+
-
PGOOD
VOUT4
+
0.25A
-
FB4
VCC
GATE2
DRIVE2
-
PHASE2
-
INHIBIT OV OC1 + DRIVE1 PWM2
VCC UGATE1
GATE CONTROL SOFTSTART AND FAULT LOGIC
-
PHASE1 INHIBIT
+
-
+
GATE CONTROL
ERROR AMP1
PWM1 PWM COMP1 LOWER DRIVE
VCC LGATE1 PGND
DACOUT
TTL D/A CONVERTER (DAC)
GND
4V
FAULT / RT
SS
FB1
COMP1
VID4 VID0 VID2 VID1 VID3
FIGURE 1.
HIP6019B Simplified Power System Diagram
+5VIN PWM2 CONTROLLER VOUT2 PWM1 CONTROLLER
VOUT1
HIP6019B
VOUT3
LINEAR CONTROLLER
LINEAR REGULATOR
VOUT4
FIGURE 2.
Typical Application
+12VIN +5VIN CIN VCC OCSET2 OCSET1 PGOOD POWERGOOD
VOUT2 3.0V TO 3.5V
LOUT2
Q3
UGATE2 PHASE2
UGATE1 PHASE1
Q1
LOUT1
VOUT1 1.3V TO 3.5V
COUT2
CR2
LGATE1 PGND VSEN2 FB2 COMP2 VSEN1
Q2 CR1
COUT1
HIP6019B
FB1 COMP1
FAULT / RT Q4 VOUT3 1.5V GATE3 FB3 VID0 VID1 VID2 VID3 COUT3 VOUT4 2.5V VID4 SS VOUT4 FB4 COUT4 GND CSS
FIGURE 3.
269
HIP6019B
Absolute Maximum Ratings
Supply Voltage, V CC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V PGOOD, RT/FAULT, and GATE Voltage . . GND - 0.3V to VCC + 0.3V Input, Output or I/O Voltage . . . . . . . . . . . . . . . . . . GND -0.3V to 7V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Thermal Information
Thermal Resistance (Typical, Note 1)
JA (oC/W)
Operating Conditions
Supply Voltage, V CC . . . . . . . . . . . . . . . . . . . . . . . . . . . +12V 10% Ambient Temperature Range. . . . . . . . . . . . . . . . . . . . . 0oC to 70oC Junction Temperature Range . . . . . . . . . . . . . . . . . . . 0oC to 125oC
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 50 SOIC Package (with 3 in2 of copper) . . . . . . . . . . . Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER VCC SUPPLY CURRENT Nominal Supply POWER-ON RESET Rising VCC Threshold Falling VCC Threshold Rising VOCSET1 Threshold OSCILLATOR Free Running Frequency Total Variation Ramp Amplitude REFERENCE AND DAC
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
ICC
UGATE1, GATE2, GATE3, LGATE1, and VOUT4 Open
-
10
-
mA
VOCSET = 4.5V VOCSET = 4.5V
8.6 8.2 -
1.25
10.4 10.2 -
V V V
RT = OPEN 6k < RT to GND < 200k VOSC RT = Open
185 -15 -
200 1.9
215 +15 -
kHz % V P-P
DAC(VID0-VID4) Input Low Voltage DAC(VID0-VID4) Input High Voltage DACOUT Voltage Accuracy Reference Voltage (Pin FB2, FB3, and FB4) LINEAR REGULATOR Regulation Under-Voltage Level Under-Voltage Hysteresis Over-Current Protection Over-Current Protection During Start-Up LINEAR CONTROLLER Regulation Under-Voltage Level Under-Voltage Hysteresis FB3UV VSEN3 = GATE3 FB3 Rising CSS Voltage < 4V FB4UV 10mA < IVOUT4 < 150mA FB4 Rising
2.0 -1.0 1.240
1.265
0.8 +1.0 1.290
V V % V
-2.5 180 560
75 6 230 700
2.5 87 -
% % % mA mA
-2.5 -
75 6
2.5 87 -
% % %
270
HIP6019B
Electrical Specifications
PARAMETER PWM CONTROLLER ERROR AMPLIFIERS DC Gain Gain-Bandwidth Product Slew Rate PWM CONTROLLER GATE DRIVERS Drive1 (and 2) Source Drive1 (and 2) Sink Lower Gate Source Lower Gate Sink PROTECTION V OUT1 Over-Voltage Trip VOUT2 Over-Voltage Trip VSEN2 Input Resistance FAULT Sourcing Current OCSET1(and 2) Current Source Soft-Start Current Chip Shutdown Soft-Start Threshold POWER GOOD VOUT1 Upper Threshold VOUT1 Under-Voltage VOUT1 Hysteresis VOUT2 Under-Voltage VOUT2 Under-Voltage Hysteresis PGOOD Voltage Low V PGOOD IPGOOD = -4mA VSEN1 Rising VSEN1 Rising Upper/Lower Threshold VSEN2 Rising 108 92 2.45 2 2.55 100 110 94 2.65 0.5 % % % V mV V IOVP IOCSET ISS VFAULT/RT = 10.0V VOCSET = 4.5VDC VSEN1 Rising VSEN2 Rising 112 4.1 10 170 115 4.3 70 14 200 11 118 4.5 230 1.0 % V k mA A A V IUGATE RUGATE ILGATE RLGATE VCC = 12V, VUGATE1 (or VGATE2) = 6V VGATE-PHASE = 1V VCC = 12V, VLGATE = 1V VGATE = 1V 1 1.7 1 1.4 3.5 3.0 A A GBWP SR COMP = 10pF 88 15 6 dB MHz V/s Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
Typical Performance Curves
140 120 1000 RESISTANCE (k) RT PULLUP TO +12V 100 I CC (mA) 80 CGATE = 3600pF 60 CGATE = 1500pF 10 RT PULLDOWN TO VSS 40 CGATE = 660pF 20 CUGATE1 = CUGATE2 = CLGATE1 = CGATE VVCC = 12V, VIN = 5V CGATE = 4800pF
100
10
100 SWITCHING FREQUENCY (kHz)
1000
100
200
300
400
500
600
700
800
900
1000
SWITCHING FREQUENCY (kHz)
FIGURE 4. RT RESISTANCE vs FREQUENCY
FIGURE 5. BIAS SUPPLY CURRENT vs FREQUENCY
271
HIP6019B Functional Pin Description
VSEN1, VSEN2 (Pins 22 and 15)
These pins are connected to the PWM converters' output voltages. The PGOOD and OVP comparator circuits use these signals to report output voltage status and for overvoltage protection. VSEN2 provides the input power to the integrated linear regulator.
PHASE1, PHASE2 (Pins 26 and 2)
Connect the PHASE pins to the respective PWM converter's upper MOSFET source. These pins are used to monitor the voltage drop across the upper MOSFETs for over-current protection.
UGATE1, UGATE2 (Pins 27 and 1)
Connect UGATE pins to the respective PWM converter's upper MOSFET gate. These pins provide the gate drive for the upper MOSFETs.
OCSET1, OCSET2 (Pins 23 and 9)
Connect a resistor (ROCSET) from this pin to the drain of the respective upper MOSFET. ROCSET, an internal 200A current source (IOCSET), and the upper MOSFET onresistance (rDS(ON)) set the converter over-current (OC) trip point according to the following equation:
I OCSET x R OCSET I PEAK = --------------------------------------------------r D S ( ON )
PGND (Pin 24)
This is the power ground connection. Tie the synchronous PWM converter's lower MOSFET source to this pin.
LGATE1 (Pin 25)
Connect LGATE1 to the synchronous PWM converter's lower MOSFET gate. This pin provides the gate drive for the lower MOSFET.
An over-current trip cycles the soft-start function. Sustaining an over-current for 2 soft-start intervals shuts down the controller. Additionally, OCSET1 is an output for the inverted FAULT signal (FAULT). If a fault condition causes FAULT to go high, OCSET1 will be simultaneously pulled to ground though an internal MOS device (typical rDS(ON) = 100).
VCC (Pin 28)
Provide a 12V bias supply for the IC to this pin. This pin also provides the gate bias charge for all the MOSFETs controlled by the IC.
FAULT/RT (Pin 13)
This pin provides oscillator switching frequency adjustment. By placing a resistor (RT) from this pin to GND, the nominal 200kHz switching frequency is increased according to the following equation:
6 5 x 10 Fs 200 kHz + -------------------R T ( k ) (RT to GND)
SS (Pin 12)
Connect a capacitor from this pin to ground. This capacitor, along with an internal 11A current source, sets the softstart interval of the converter. Pulling this pin low (typically below 1.0V) with an open drain signal will shutdown the IC.
VID0, VID1, VID2, VID3, VID4 (Pins 7, 6, 5, 4 and 3)
VID0-4 are the input pins to the 5-bit DAC. The states of these five pins program the internal voltage reference (DACOUT). The level of DACOUT sets the core converter output voltage (VOUT1). It also sets the core PGOOD and OVP thresholds.
Conversely, connecting a pull-up resistor (RT) from this pin to VCC reduces the switching frequency according to the following equation:
7 4 x 10 Fs 200 kHz - -------------------R T ( k ) (RT to 12V)
COMP1, COMP2, and FB1, FB2 (Pins 20, 11, 21, and 10)
COMP1, 2 and FB1, 2 are the available external pins of the PWM error amplifiers. Both the FB pins are the inverting input of the error amplifiers. Similarly, the COMP pins are the error amplifier outputs. These pins are used to compensate the voltage-control feedback loops of the PWM converters.
Nominally, this pin voltage is 1.26V, but is pulled to VCC in the event of an over-voltage or over-current condition.
GATE3 (Pin 18)
Connect this pin to the gate of an external MOSFET. This pin provides the drive for the linear controller's pass transistor.
GND (Pin 17)
Signal ground for the IC. All voltage levels are measured with respect to this pin.
FB3 (Pin 19)
Connect this pin to a resistor divider to set the linear controller output.
PGOOD (Pin 8)
PGOOD is an open collector output used to indicate the status of the PWM converter output voltages. This pin is pulled low when the core output is not within 10% of the DACOUT reference voltage, or when any of the other outputs are below their under-voltage thresholds. The PGOOD output is open for `11111' VID code. See Table 1. 272
VOUT4 (Pin 16)
Output of the linear regulator. Supplies current up to 230mA.
FB4 (Pin 14)
Connect this pin to a resistor divider to set the linear regulator output.
HIP6019B Description
Operation
The HIP6019B monitors and precisely controls 4 output voltage levels (Refer to Figures 1, 2, and 3). It is designed for microprocessor computer applications with 5V power and 12V bias input from a PS2 or ATX power supply. The IC has 2 PWM controllers, a linear controller, and a linear regulator. The first PWM controller (PWM1) is designed to regulate the microprocessor core voltage (VOUT1). PWM1 controller drives 2 MOSFETs (Q1 and Q2) in a synchronous-rectified buck converter configuration and regulates the core voltage to a level programmed by the 5-bit digital-to-analog converter (DAC). The second PWM controller (PWM2) is designed to regulate the I/O voltage (VOUT2). PWM2 controller drives a MOSFET (Q3) in a standard buck converter configuration and regulates the I/O voltage to a resistor programmable level between 3.0 and 3.5VDC. An integrated linear regulator supplies the 2.5V clock generator power (VOUT4). The linear controller drives an external MOSFET (Q4) to supply the GTL bus power (VOUT3). increases, the pulse-width on the PHASE pin increases. The interval of increasing pulse-width continues until each output reaches sufficient voltage to transfer control to the input reference clamp. If we consider the 3.3V output (VOUT2) in Figure 6, this time occurs at T2. During the interval between T2 and T3, the error amplifier reference ramps to the final value and the converter regulates the output to a voltage proportional to the SS pin voltage. At T3 the input clamp voltage exceeds the reference voltage and the output voltage is in regulation.
PGOOD (2V/DIV) 0V SOFT-START (1V/DIV)
0V
VOUT2 ( = 3.3V)
Initialization
The HIP6019B automatically initializes upon receipt of input power. Special sequencing of the input supplies is not necessary. The Power-On Reset (POR) function continually monitors the input supply voltages. The POR monitors the bias voltage (+12VIN ) at the VCC pin and the 5V input voltage (+5VIN ) at the OCSET1 pin. The normal level on OCSET1 is equal to +5VIN less a fixed voltage drop (see over-current protection). The POR function initiates soft-start operation after both input supply voltages exceed their POR thresholds.
VOUT4 ( = 2.5V) VOUT1 (DAC = 2V) OUTPUT VOLTAGES (0.5V/DIV) VOUT3 ( = 1.5V)
0V
T0 T1
T2 TIME
T3
Soft-Start
The POR function initiates the soft-start sequence. Initially, the voltage on the SS pin rapidly increases to approximately 1V (this minimizes the soft-start interval). Then an internal 11A current source charges an external capacitor (CSS) on the SS pin to 4V. The PWM error amplifier reference inputs (+ terminal) and outputs (COMP1 and COMP2 pins) are clamped to a level proportional to the SS pin voltage. As the SS pin voltage ramps from 1V to 4V, the output clamp allows generation of PHASE pulses of increasing width that charge the output capacitor(s). After this initial stage, the reference input clamp slows the output voltage rate-of-rise and provides a smooth transition to the final set voltage. Additionally, both linear regulator's reference inputs are clamped to a voltage proportional to the SS pin voltage. This method provides a rapid and controlled output voltage rise. Figure 6 shows the soft-start sequence for the typical application. At T0 the SS voltage rapidly increases to approximately 1V. At T1, the SS pin and error amplifier output voltage reach the valley of the oscillator's triangle wave. The oscillator's triangular waveform is compared to the clamped error amplifier output voltage. As the SS pin voltage
FIGURE 6. SOFT-START INTERVAL
The remaining outputs are also programmed to follow the SS pin voltage. Each linear output (VOUT3 and VOUT4) initially follows the 3.3V output (VOUT2). When each output reaches sufficient voltage the input reference clamp slows the rate of output voltage rise. The PGOOD signal toggles `high' when all output voltage levels have exceeded their under-voltage levels. See the Soft-Start Interval section under Applications Guidelines for a procedure to determine the soft-start interval.
Fault Protection
All four outputs are monitored and protected against extreme overload. A sustained overload on any linear regulator output or an over-voltage on the PWM outputs disables all converters and drives the FAULT/RT pin to VCC. Figure 7 shows a simplified schematic of the fault logic. An over-voltage detected on either VSEN1 or VSEN2 immediately sets the fault latch. A sequence of three overcurrent fault signals also sets the fault latch. A comparator
273
HIP6019B
indicates when CSS is fully charged (UP signal), such that an under-voltage event on either linear output (FB3 or FB4) is ignored until after the soft-start interval (approximately T3 in Figure 6). At start-up, this allows VOUT3 and VOUT4 to slew up over increased time intervals, without generating a fault. Cycling the bias input voltage (+12VIN on the VCC pin) off then on resets the counter and the fault latch.
LUV OVER CURRENT LATCH OC1 OC2 0.15V + + UP POR OV SQ FAULT/RT R S COUNTER R SS 4V FAULT LATCH SQ INDUCTOR CURRENT SOFT-START R 4V 2V 0V OVERLOAD APPLIED FAULT VCC FAULT REPORTED INHIBIT
capacitor (CSS) with a 11A current sink, and increments the counter. CSS recharges at T2 and initiates a soft-start cycle with the error amplifiers clamped by soft-start. With OUT2 still overloaded, the inductor current increases to trip the overcurrent comparator. Again, this inhibits all outputs, but the soft-start voltage continues increasing to 4V before discharging. The counter increments to 2. The soft-start cycle repeats at T3 and trips the over-current comparator. The SS pin voltage increases to 4V at T4 and the counter increments to 3. This sets the fault latch to disable the converter. The fault is reported on the FAULT/RT pin.
10V 0V COUNT =1
COUNT =2
COUNT =3
FIGURE 7. FAULT LOGIC - SIMPLIFIED SCHEMATIC
Over-Voltage Protection
During operation, a short on the upper MOSFET (Q1) causes VOUT1 to increase. When the output exceeds the over-voltage threshold of 115% of DACOUT, the overvoltage comparator trips to set the fault latch and turns Q2 on as required in order to regulate VOUT1 to 1.15 x DACOUT. This blows the input fuse and reduces VOUT1. The fault latch raises the FAULT/RT pin close to VCC potential. A separate over-voltage circuit provides protection during the initial application of power. For voltages on the VCC pin below the power-on reset (and above ~4V), V OUT1 is monitored for voltages exceeding 1.26V. Should VSEN1 exceed this level, the lower MOSFET (Q2) is driven on, as needed to regulate V OUT1 to 1.26V.
0A T0 T1 T2 TIME T3 T4
FIGURE 8. OVER-CURRENT OPERATION
Over-Current Protection
All outputs are protected against excessive over-currents. Both PWM controllers use the upper MOSFET's on-resistance, rDS(ON) to monitor the current for protection against shorted outputs. The linear regulator monitors the current of the integrated power device and signals an overcurrent condition for currents in excess of 230mA. Additionally, both the linear regulator and the linear controller monitor FB3 and FB4 for under-voltage to protect against excessive currents. Figures 8 and 9 illustrate the over-current protection with an overload on OUT2. The overload is applied at T0 and the current increases through the output inductor (LOUT2). At time T1, the OVER-CURRENT2 comparator trips when the voltage across Q3 (ID * rDS(ON)) exceeds the level programmed by ROCSET. This inhibits all outputs, discharges the soft-start
The PWM1 controller and the linear regulator operate in the same way as PWM2 to over-current faults. Additionally, the linear regulator and linear controller monitor the feedback pins for an under-voltage. Should excessive currents cause FB3 or FB4 to fall below the linear under-voltage threshold, the LUV signal sets the over-current latch if CSS is fully charged. Blanking the LUV signal during the CSS charge interval allows the linear outputs to build above the under-
274
HIP6019B
voltage threshold during normal start-up. Cycling the bias input power off then on resets the counter and the fault latch.
OVER-CURRENT TRIP: VDS > VSET (I D * rDS(ON) > I OCSET * ROCSET ) OCSET IOCSET 200A VCC DRIVE OC2 + UGATE PHASE ROCSET VSET + ID + VDS VIN = +5V
VID pins can be left open for a logic 1 input, because they are internally pulled up to +5V by a 10A current source. Changing the VID inputs during operation is not recommended. The sudden change in the resulting reference voltage could toggle the PGOOD signal and exercise the over-voltage protection. The `11111' VID pin combination resulting in an INHIBIT disables the IC and the open-collector at the PGOOD pin.
Application Guidelines
Soft-Start Interval
Initially, the soft-start function clamps the error amplifiers' output of the PWM converters. After the output voltage increases to approximately 80% of the set value, the reference input of the error amplifier is clamped to a voltage proportional to the SS pin voltage. The resulting output voltage sequence is shown in Figure 6. The soft-start function controls the output voltage rate of rise to limit the current surge at start-up. The soft-start interval is programmed by the soft-start capacitor, CSS. Programming a faster soft-start interval increases the peak surge current. The peak surge current occurs during the initial output voltage rise to 80% of the set value.
OVERCURRENT2 PWM
-
GATE CONTROL HIP6019B
VPHASE = VIN - VDS VOCSET = VIN - VSET
FIGURE 9. OVER-CURRENT DETECTION
Resistors (ROCSET1 and ROCSET2) program the overcurrent trip levels for each PWM converter. As shown in Figure 9, the internal 200A current sink develops a voltage across ROCSET (VSET) that is referenced to VIN. The DRIVE signal enables the over-current comparator (OVERCURRENT1 or OVER-CURRENT2). When the voltage across the upper MOSFET (VDS) exceeds VSET, the overcurrent comparator trips to set the over-current latch. Both VSET and VDS are referenced to VIN and a small capacitor across ROCSET helps VOCSET track the variations of V IN due to MOSFET switching. The over-current function will trip at a peak inductor current (IPEAK) determined by:
IO CSET x R OCSET I = -------------------------------------------------------PEAK r DS ( ON )
Shutdown
Neither PWM output switches until the soft-start voltage (VSS) exceeds the oscillator's valley voltage. Additionally, the reference on each linear's amplifier is clamped to the soft-start voltage. Holding the SS pin low (with an open drain or collector signal) turns off all four regulators. The `11111' VID code resulting in an INHIBIT as shown in Table 1 also shuts down the IC.
TABLE 1. PIN NAME NOMINAL OUT1 VOLTAGE DACOUT 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05
The OC trip point varies with MOSFET's temperature. To avoid over-current tripping in the normal operating load range, determine the ROCSET resistor from the equation above with: 1. The maximum rDS(ON) at the highest junction temperature. 2. The minimum IOCSET from the specification table. 3. Determine IPEAK for IPEAK > IOUT(MAX) + (I)/2, where I is the output inductor ripple current. For an equation for the output inductor ripple current see the section under component guidelines titled `Output Inductor Selection'.
VID4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0
VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0
VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0
VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
OUT1 Voltage Program
The output voltage of the PWM1 converter is programmed to discrete levels between 1.3VDC and 3.5VDC . This output is designed to supply the microprocessor core voltage. The voltage identification (VID) pins program an internal voltage reference (DACOUT) through a TTL-compatible 5-bit digital-toanalog converter. The level of DACOUT also sets the PGOOD and OVP thresholds. Table 1 specifies the DACOUT voltage for the different combinations of connections on the VID pins. The
275
HIP6019B
TABLE 1. PIN NAME NOMINAL OUT1 VOLTAGE DACOUT INHIBIT 2.1 2.2 2.3 2.4
LOAD VOUT2 ROCSET2 LOUT2 Q3
capacitors between the MOSFETs and the load. Locate the PWM controller close to the MOSFETs.
+5VIN CIN +12V COCSET2
VID4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0
VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0
VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0
VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
CVCC COCSET1 VCC GND OCSET2 OCSET1 R
UGATE2 UGATE1 PHASE2 PHASE1
OCSET1
Q1 LOUT1 Q2 COUT1 CR1
PGND
VOUT1 LOAD
2.5 2.6 2.7 2.8 2.9 3.1 3.2 3.3 3.4 3.5 3.0
COUT2 Q4 VOUT3 LOAD
HIP6019B
LGATE1 GATE3 SS
CSS KEY ISLAND ON POWER PLANE LAYER ISLAND ON CIRCUIT PLANE LAYER VIA CONNECTION TO GROUND PLANE
FIGURE 10. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
NOTE: 0 = connected to GND or VSS, 1 = open or connected to 5V through pull-up resistors.
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with which the current transitions from one device to another causes voltage spikes across the interconnecting impedances and parasitic circuit elements. The voltage spikes can degrade efficiency, radiate noise into the circuit, and lead to device over-voltage stress. Careful component layout and printed circuit design minimizes the voltage spikes in the converter. Consider, as an example, the turnoff transition of the upper MOSFET. Prior to turnoff, the upper MOSFET was carrying the full load current. During the turnoff, current stops flowing in the upper MOSFET and is picked up by the lower MOSFET or Schottky diode. Any inductance in the switched current path generates a large voltage spike during the switching interval. Careful component selection, tight layout of the critical components, and short, wide circuit traces minimize the magnitude of voltage spikes. Contact Intersil for evaluation board drawings of the component placement and printed circuit board. There are two sets of critical components in a DC-DC converter using a HIP6019B controller. The power components are the most critical because they switch large amounts of energy. The critical small signal components connect to sensitive nodes or supply critical bypassing current. The power components should be placed first. Locate the input capacitors close to the power switches. Minimize the length of the connections between the input capacitors and the power switches. Locate the output inductor and output
The critical small signal components include the bypass capacitor for VCC and the soft-start capacitor, CSS. Locate these components close to their connecting pins on the control IC. Minimize any leakage current paths from SS node because the internal current source is only 11A. A multi-layer printed circuit board is recommended. Figure 10 shows the connections of the critical components in the converter. Note that capacitors CIN and COUT could each represent numerous physical capacitors. Dedicate one solid layer for a ground plane and make all critical component ground connections with vias to this layer. Dedicate another solid layer as a power plane and break this plane into smaller islands of common voltage levels. The power plane should support the input power and output power nodes. Use copper filled polygons on the top and bottom circuit layers for the phase nodes. Use the remaining printed circuit layers for small signal wiring. The wiring traces from the control IC to the MOSFET gate and source should be sized to carry 1A currents. The traces for OUT4 need only be sized for 0.2A. Locate COUT4 close to the HIP6019B IC.
PWM Controller Feedback Compensation
Both PWM controllers use voltage-mode control for output regulation. This section highlights the design consideration for a voltage-mode controller. Apply the methods and considerations to both PWM controllers. Figure 11 highlights the voltage-mode control loop for a synchronous-rectified buck converter. The output voltage is regulated to the reference voltage level. The reference voltage level is the DAC output voltage for PWM1 and is 1.265V for PWM2. The error amplifier output (V E /A) is
276
HIP6019B
compared with the oscillator (OSC) triangular wave to provide a pulse-width modulated wave with an amplitude of VIN at the PHASE node. The PWM wave is smoothed by the output filter (L O and C O ).
VIN OSC PWM COMP DRIVER LO DRIVER PHASE CO ESR (PARASITIC) ZFB VE/A

2. Place 1ST Zero below filter's Double Pole (~75% FLC). 3. Place 2ND Zero at filter's Double Pole. 4. Place 1ST Pole at the ESR Zero. 5. Place 2ND Pole at half the switching frequency. 6. Check Gain against Error Amplifier's Open-Loop Gain. 7. Estimate Phase Margin - repeat if necessary.
VOSC
VOUT
+
Compensation Break Frequency Equations
1 F Z1 = ----------------------------------2 x R 2 x C1 1 F P1 = -----------------------------------------------------C1 x C2 2 x R 2 x --------------------C1 + C2 1 F P2 = ----------------------------------2 x R 3 x C3
ERROR AMP +
ZIN
1 F Z2 = -----------------------------------------------------2 x ( R1 + R3 ) x C3
REFERENCE
DETAILED FEEDBACK COMPENSATION C2 C1 R2 ZFB ZIN C3 R1 COMP R3 VOUT
+
FB
HIP6019B
Figure 12 shows an asymptotic plot of the DC-DC converter's gain vs frequency. The actual modulator gain has a peak due to the high Q factor of the output filter at FLC, which is not shown in Figure 12. Using the above guidelines should yield a compensation gain similar to the curve plotted. The open loop error amplifier gain bounds the compensation gain. Check the compensation gain at FP2 with the capabilities of the error amplifier. The closed loop gain is constructed on the log-log graph of Figure 12 by adding the modulator gain (in dB) to the compensation gain (in dB). This is equivalent to multiplying the modulator transfer function to the compensation transfer function and plotting the gain.
REFERENCE
FIGURE 11. VOLTAGE-MODE BUCK CONVERTER COMPENSATION DESIGN
100 80 60 GAIN (dB) 40 20 0 -20 -40 20LOG (R2/R 1) MODULATOR GAIN
FZ1 FZ2
FP1
FP2 OPEN LOOP ERROR AMP GAIN
The modulator transfer function is the small-signal transfer function of VOUT/ VE/A. This function is dominated by a DC gain and the output filter, with a double pole break frequency at FLC and a zero at FESR. The DC gain of the modulator is simply the input voltage, VIN , divided by the peak-to-peak oscillator voltage, VOSC .
20LOG (VIN /VOSC) COMPENSATION GAIN CLOSED LOOP GAIN FESR 10K 100K 1M 10M
Modulator Break Frequency Equations
1 F LC = --------------------------------------2 x L O x C O 1 FESR = ---------------------------------------2 x ESR x CO
FLC -60 10 100 1K
FREQUENCY (Hz)
The compensation network consists of the error amplifier internal to the HIP6019B and the impedance networks ZIN and Z FB . The goal of the compensation network is to provide a closed loop transfer function with an acceptable 0dB crossing frequency (f0dB) and adequate phase margin. Phase margin is the difference between the closed loop phase at f0dB and 180 degrees. The equations below relate the compensation network's poles, zeros and gain to the components (R1, R2 , R3 , C1, C2 , and C3) in Figure 11. Use these guidelines for locating the poles and zeros of the compensation network: 1. Pick Gain (R2/R1) for desired converter bandwidth.
FIGURE 12. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
The compensation gain uses external impedance networks ZFB and ZIN to provide a stable, high bandwidth loop. A stable control loop has a 0dB gain crossing with -20dB/decade slope and a phase margin greater than 45 degrees. Include worst case component variations when determining phase margin.
Oscillator Synchronization
The PWM controllers use a triangle wave for comparison with the error amplifier output to provide a pulse-width modulated
277
HIP6019B
wave. Should the output voltages of the two PWM converters be programmed close to each other, then cross-talk could cause nonuniform PHASE pulse-widths and increased output voltage ripple. The HIP6019B avoids this problem by synchronizing the two converters 180o out-of-phase for DAC settings above, and including 2.5V. This is accomplished by inverting the triangle wave sent to PWM 2. The output capacitors for the linear regulator and the linear controller provide dynamic load current. The linear controller uses dominant pole compensation integrated in the error amplifier and is insensitive to output capacitor selection. Capacitor, COUT3 should be selected for transient load regulation. The output capacitor for the linear regulator provides loop stability. The linear regulator (OUT4) requires an output capacitor characteristic shown in Figure 13 The upper line plots the 45 phase margin with 150mA load and the lower line is the 45 phase margin limit with a 10mA load. Select a COUT4 capacitor with characteristic between the two limits.
0.7 0.6 0.5 ESR () 0.4 0.3 0.2 0.1 10 100 CAPACITANCE (F) 1000
LE N AB IO ST RAT E OP
Component Selection Guidelines
Output Capacitor Selection
The output capacitors for each output have unique requirements. In general the output capacitors should be selected to meet the dynamic regulation requirements. Additionally, the PWM converters require an output capacitor to filter the current ripple. The linear regulator is internally compensated and requires an output capacitor that meets the stability requirements. The load transient for the microprocessor core requires high quality capacitors to supply the high slew rate (di/dt) current demands.
PWM Output Capacitors
Modern microprocessors produce transient load rates above 10A/ns. High frequency capacitors initially supply the transient and slow the current load rate seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (effective series resistance) and ESL (effective series inductance) parameters rather than actual capacitance. High frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. Be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load on specific decoupling requirements. Use only specialized low-ESR capacitors intended for switching regulator applications for the bulk capacitors. The bulk capacitor's ESR determines the output ripple voltage and the initial voltage drop after a high slew-rate transient. An aluminum electrolytic capacitor's ESR value is related to the case size with lower ESR available in larger case sizes. However, the equivalent series inductance of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading. Unfortunately, ESL is not a specified parameter. Work with your capacitor supplier and measure the capacitor's impedance with frequency to select suitable components. In most cases, multiple electrolytic capacitors of small case size perform better than a single large case capacitor. For a given transient load magnitude, the output voltage transient response due to the output capacitor characteristics can be approximated by the following equation:
dITRAN V TRAN = ESL x -------------------- + ESR x ITR AN dt
FIGURE 13. COUT4 OUTPUT CAPACITOR
Output Inductor Selection
Each PWM converter requires an output inductor. The output inductor is selected to meet the output voltage ripple requirements and sets the converter's response time to a load transient. The inductor value determines the converter's ripple current and the ripple voltage is a function of the ripple current. The ripple voltage and current are approximated by the following equations:
V IN - VOUT V OUT I = ------------------------------- x --------------VIN FS x LO V OU T = I x ESR
Increasing the value of inductance reduces the ripple current and voltage. However, the large inductance values reduce the converter's response time to a load transient. One of the parameters limiting the converter's response to a load transient is the time required to change the inductor current. Given a sufficiently fast control loop design, the HIP6019B will provide either 0% or 100% duty cycle in response to a load transient. The response time is the time interval required to slew the inductor current from an initial current value to the post-transient current level. During this interval the difference between the inductor current and the transient current level must be supplied by the output capacitors. Minimizing the response time can minimize the output capacitance required.
Linear Output Capacitors
278
HIP6019B
The response time to a transient is different for the application of load and the removal of load. The following equations give the approximate response time interval for application and removal of a transient load:
L O x ITRAN t RISE = ------------------------------V IN - V OUT L O x I TRAN t FALL = -----------------------------V OUT
losses are distributed between the upper and lower MOSFETs according to duty factor (see the equations below). The conduction losses are the only component of power dissipation for the lower MOSFETs. Only the upper MOSFET has switching losses, since the lower device turns on into near zero voltage. The equations below assume linear voltage-current transitions and do not model power loss due to the reverserecovery of the lower MOSFET's body diode. The gatecharge losses are proportional to the switching frequency (FS) and are dissipated by the HIP6019B, thus not contributing to the MOSFETs' temperature rise. However, large gate charge increases the switching interval, tSW which increases the upper MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal resistance specifications. A separate heatsink may be necessary depending upon MOSFET power, package type, ambient temperature and air flow.
IO x r DS ( ON ) x V OU T I O x VIN x t SW x F S P UPPER = ----------------------------------------------------------- + ---------------------------------------------------VIN 2 I O x r DS ( ON ) x ( V I N - V OU T ) P LOWER = -------------------------------------------------------------------------------VIN
2 2
where: ITRAN is the transient load current step, tRISE is the response time to the application of load, and tFALL is the response time to the removal of load. With a +5V input source, the worst case response time can be either at the application or removal of load and dependent upon the output voltage setting. Be sure to check both of these equations at the minimum and maximum output levels for the worst case response time.
Input Capacitor Selection
The important parameters for the bulk input capacitor are the voltage rating and the RMS current rating. For reliable operation, select the bulk capacitor with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. Use a mix of input bypass capacitors to control the voltage overshoot across the MOSFETs. Use ceramic capacitance for the high frequency decoupling and bulk capacitors to supply the RMS current. Small ceramic capacitors should be placed very close to the upper MOSFET to suppress the voltage induced in the parasitic circuit impedances. For a through hole design, several electrolytic capacitors (Panasonic HFQ series or Nichicon PL series or Sanyo MVGX or equivalent) may be needed. For surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. These capacitors must be capable of handling the surge-current at power-up. The TPS series available from AVX, and the 593D series from Sprague are both surge current tested.
The rDS(ON) is different for the two previous equations even if the type device is used for both. This is because the gate drive applied to the upper MOSFET is different than the lower MOSFET. Figure 14 shows the gate drive where the upper gate-to-source voltage is approximately VCC less the input supply. For +5V main power and +12V DC for the bias, the gate-to-source voltage of Q1 is 7V. The lower gate drive voltage is +12VDC . A logic-level MOSFET is a good choice for Q1 and a logic-level MOSFET can be used for Q2 if its absolute gate-to-source voltage rating exceeds the maximum voltage applied to V CC .
+5V OR LESS +12V VCC
MOSFET Selection/Considerations
The HIP6019B requires 4 N-Channel power MOSFETs. Two MOSFETs are used in the synchronous-rectified buck topology of PWM1 converter. PWM2 converter uses a MOSFET as the buck switch and the linear controller drives a MOSFET as a pass transistor. These should be selected based upon rDS(ON) , gate supply requirements, and thermal management requirements.
HIP6019B
UGATE PHASE
Q1 NOTE: VGS VCC -5V Q2 CR1 NOTE: VGS VCC
-
LGATE PGND GND
+
PWM1 MOSFET Selection and Considerations
In high-current PWM applications, the MOSFET power dissipation, package selection and heatsink are the dominant design factors. The power dissipation includes two loss components; conduction loss and switching loss. These
FIGURE 14. OUTPUT GATE DRIVERS
Rectifier CR1 is a clamp that catches the negative inductor swing during the dead time between the turn off of the
279
HIP6019B
lower MOSFET and the turn on of the upper MOSFET. The diode must be a Schottky type to prevent the lossy parasitic MOSFET body diode from conducting. It is acceptable to omit the diode and let the body diode of the lower MOSFET clamp the negative inductor swing, but efficiency might drop one or two percent as a result. The diode's rated reverse breakdown voltage must be greater than twice the maximum input voltage.
Linear Controller MOSFET Selection
The main criteria for selection of MOSFET for the linear regulator is package selection for efficient removal of heat. The power dissipated in a linear regulator is:
PLINEAR = I O x ( VIN - VOUT )
PWM2 MOSFET and Schottky Selection
The power dissipation in PWM2 converter power devices is similar to PWM1 except that the power losses of the lower device are representative of a Schottky diode instead of a MOSFET. The transistor power losses follow the PWM1 upper MOSFET equation, so the selection process should be somewhat similar. The equation below describes the conduction power losses incurred by the Schottky diode.
IO x Vf x ( VIN - VOUT ) P SC H = -----------------------------------------------------------VIN
Select a package and heatsink that maintains the junction temperature below the maximum rating while operating at the highest expected ambient temperature.
HIP6019B DC-DC Converter Application Circuit
Figure 15 shows an application circuit of a power supply for a microprocessor computer system. The power supply provides the microprocessor core voltage (V OUT1), the I/O voltage (V OUT2), the GTL bus voltage (VOUT3) and clock generator voltage (VOUT4) from +5VDC and +12VDC. For detailed information on the circuit, including a Bill-ofMaterials and circuit board description, see Application Note AN9800. Also see Intersil's web page (http://www.intersil.com).
As it can be observed, conduction losses in the Schottky diode are proportional with the forward voltage drop (Vf).
280
HIP6019B
+12VIN F1 +5VIN 30A GND
L1 1H C1-4 + 4x1000F C16 1F C18 C17 VCC 1000pF R1 1.21K OCSET2 9 8 Q3 HUF76137S3S 28 23 1.21K OCSET1 PGOOD POWERGOOD 1000pF R2 C14-15 2x1F
UGATE2 PHASE2
VOUT2 (3.3V)
L2 5.2H + C19-23 5x1000F R3 4.99K
1 2
27 26
UGATE1 PHASE1
Q1 HUF76139S3S
L3 2.9H
VOUT1 (1.3 TO 3.5V)
CR2 MBR2535CTL VSEN2
25 24 15 10
LGATE1 PGND
Q2 HUF76139S3S
C24-36 + 7x1000F R4 4.99K
C37 0.68F R21
R5 3.32K C38 10pF
22
VSEN1 FB1 R8 2.21K COMP1 C41 10pF C42 R10 150K R9 732K VID0 VID1 VID2 VID3 VID4 C40 0.68F
FB2 COMP2
HIP6019B
11
21
20 R6 5.11K Q4 HUF75307D3S VOUT3 (GTL = 1.5V) + R7 220K C39 0.1F GATE3 R11 1.87K C43-46 4x1000F R13 10K + C47 270F R12 10K VOUT4 FB4 R14 10K 16 12 14 13 FAULT/RT 17 GND FB3 7 18 19 6 5 4 3
VID0 VID1 VID2 VID3 VID4 SS C48 0.039F
0.01F
VOUT4 (2.5V)
FIGURE 15. APPLICATION CIRCUIT
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation 7585 Irvine Center Drive Suite 100 Irvine, CA 92618 TEL: (949) 341-7000 FAX: (949) 341-7123 Intersil Corporation 2401 Palm Bay Rd. Palm Bay, FL 32905 TEL: (321) 724-7000 FAX: (321) 724-7946 EUROPE Intersil Europe Sarl Ave. William Graisse, 3 1006 Lausanne Switzerland TEL: +41 21 6140560 FAX: +41 21 6140579 ASIA Intersil Corporation Unit 1804 18/F Guangdong Water Building 83 Austin Road TST, Kowloon Hong Kong TEL: +852 2723 6339 FAX: +852 2730 1433
281


▲Up To Search▲   

 
Price & Availability of HIP6019B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X