Part Number Hot Search : 
A12194 IRG4PC WSMS3124 EM32117Q 3N249 GOG94027 105KA1 UC1845A
Product Description
Full Text Search
 

To Download HAZ4000-SRI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducers HAZ 4000..20000-SRI
For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN = 4000..20000 A IOUT = 0 - 20 mA
Preliminary
Electrical data
Primary nominal current IPN (A) 4000 6000 10000 12000 14000 20000 Primary current measuring range IP (A) 4000 6000 10000 12000 14000 20000 Type
HAZ HAZ HAZ HAZ HAZ HAZ
4000-SRI 6000-SRI 10000-SRI 12000-SRI 14000-SRI 20000-SRI
Features
* Hall effect measuring principle * Galvanic isolation between primary
15 V 50 mA 30,000 At 12 kV 2000 1) V > 1000 M 0-20 mA DC 20 < 300
VC IC IOC Vd Vb RIS IOUT ROUT RL
Supply voltage ( 5 %) Current consumption Overload capacity R.m.s. voltage for AC isolation test, 60 Hz, 1 mn R.m.s. rated voltage, safe separation Isolation resistance @ 500 VDC Output current @ IPN, TA = 25C Output internal resistance approx. Load resistance
* True-rms, 0-20mA DC current output * Isolation voltage 12kV~ * Low power consumption * Package in PBT meets UL 94-V0
and secondary circuit
Advantages
* Easy mounting * Small size and space savings * Only one design for wide current * High immunity against external
interference ratings range
Accuracy - Dynamic performance data
X
L
IOE IOM IOT TC G tr f
Accuracy @ IPN, TA = 25C (without offset) Linearity 2) (0 .. IPN) Electrical offset current, TA = 25C Residud offset current @ IP = 0; after an excursion of 1 x IPN Thermal drift of IOE Thermal drift of the gain (% of reading) Arranging time constant Frequency bandwidth 3)(- 3 dB)
<1 % < 1 % of IPN < 0.08 mA < 0.025 mA < 0.05 %of IN/K < 0.05 %/K < 400 ms DC .. 3 kHz
Applications
* Battery supplied applications * Uninterruptible Power Supplies * Power supplies for welding and
telecommunication applications. (UPS)
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass Standards 4) Minimum creepage & clearance Housing PBT 30% glassfiber - 10 .. + 80 C - 25 .. + 80 C approx. 6 kg EN 50178 45 mm
CTI IIIa, UL94-V0
Notes :
1) 2) 3)
4)
Pollution class 2, overvoltage category III, reinforced insulation Linearity data exclude the electrical offset. Please refer to derating curves in the technical file to avoid excessive core heating at high frequency Please consult characterisation report for more technical details and application advice.
040713/0
LEM Components
www.lem.com
HAZ 4000 .. 20000-SRI
(in mm)
Preliminary
FUJICON F2023A 6
1
6
5
4
3
2
1
+Vc
50
48
T.P.
GND 0V OUTPUT -Vc
HAZ 10000-SRI
250 235 4-D6
65
160
125
42 162 75 7.5 200
M5
50 48 35
Terminal 1...+Vc 2...-Vc 3...OUTPUT 4...0V 5...GND 6...T.P.
LEM reserves the right to change limits and dimensions.


▲Up To Search▲   

 
Price & Availability of HAZ4000-SRI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X