Part Number Hot Search : 
00102 HI5746 LC230WX3 063AB LM7906 NTE3054 00102 MB05ST05
Product Description
Full Text Search
 

To Download CLM2931 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Dropout Voltage Regulators
CORPORATION
CLM2931
FEATURES PRODUCT DESCRIPTION The CLM2931 is a positive low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The CLM2931 features very low quiescent current (0.4mA) and very low drop output voltage (typ. 50mV at light load and 300mV at 100mA). other features include the logic-compatible on/off input which enables the regulator to be switched on and off. The regulator output voltage may be internally pin-strapped for a 5V, 3V, 3.3V, 3.5V, 4.0V, 4.5V or programmed from 3V to 24V with an external pair of resistors. Using Calogic's design, process and testing technique make the CLM2931 superior over similar products. ORDERING INFORMATION PART CLM2931AS-X PACKAGE TEMPERATURE RANGE Industrial Plastic SOIC (8-Pin)
* 5V, 3.3V, 3.5V, 4.0V, and 4.5V Versions Available * Output Current in Excess of 100mA * Input-Output Differential is Less Than 0.6V * Mirror-Image Insertion Protection * Internal Thermal Overload Protection * Available as Adjustable with TTL Compatible Switch * Similar to Industry Standard LM2931 * Reverse Battery Protection * Short Circuit Protection * 60V Load Dump Protection * -50V Reverse Transient Protection * Portable Instrumentation * Radio Control Systems * Cordless Telephones
APPLICATIONS
X = Output Voltage, 5V = standard product, for all other ranges contact factory.
PIN CONNECTIONS
8-PIN SURFACE MOUNT, FIX OUTPUT
OUTPUT 1 8 INPUT
GND
GND
2
CLM2931 3
7
6
GND
GND
NC
4 TOP VIEW
5
NC
8-PIN SRFACE MOUNT, ADJ. OUTPUT
OUTPUT GND GND ADJ. 1 2 CLM2931 3 4 TOP VIEW 6 5 GND ON/OFF 8 7 INPUT GND
1M-07
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM2931
CORPORATION
ABSOLUTE MAXIMUM RATINGS Power Dissipation . . . . . . . . . . . . . . . . . . . . . Internally Limited Lead Temp. (Soldering, 5 Seconds) . . . . . . . . . . . . . . . 260 oC Storage Temperature Range . . . . . . . . . . . . . . . -65 to +150oC Operating Junction Temperature Range . . . . . . . -40 to +85oC Input Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 0.30 to +26V ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2KV
ELECTRICAL CHARACTERISTICS: VS = 14V, TA = 25oC, IO = 10mA, C2 = 100F, unless otherwise specified. (Note 1)
PARAMETER MIN 3V VERSION Output Voltage 3.3V VERSION Output Voltage 5V VERSION Output Voltage ALL VOLTAGE OPTIONS Long Term Stability Line Regulation Load Regulation Dropout Voltage 20 2.0 4.0 14 0.05 0.07 0.3 0.4 15 26 60 -15 -50 33 70 -30 -80 500 80 10 30 50 0.2 0.1 0.6 1.0 20 4.0 14 0.05 0.07 0.3 0.4 15 26 70 -15 -50 33 50 30 -80 500 80 30 50 0.2 0.1 0.6 1.0 mV/1000 mV mV V V V mA mA V V V V Vrms dB RL = 500, VO<5.5V, 100ms VO>-0.3V, RL = 500 1% Duty Cycle, <100ms, RL = 500 10Hz-100kHz, COUT = 100F fO = 120Hz 9VCLM2931A TYP MAX MIN CLM2931 TYP CLM2931-3 2.91 2.85 3.0 3.0 3.09 3.15 V V 6VCLM2931A-3 2.94 2.88 3.0 3.0 3.06 3.12
CLM2931A-3.3 3.23 3.20 3.30 3.30 3.36 3.39
CLM2931-3.3 3.20 3.16 3.30 3.30 CLM2931-5 4.75 4.50 5.0 5.25 5.50 V V 6VCLM2931A-5 4.81 4.75 5.0 5.19 5.25
Quiescent Current Maximum Operational Input Current Maximum Line Transient Reverse Polarity Input Voltage, DC Reverse Polarity Input Voltage, Transient Output Noise Voltage Ripple Rejection
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM2931
CORPORATION
ADJUSTABLE VERSION ONLY: VIN = 14V, VO = 3V, IO = 10mA, R1 = 27k, C2 = 100F, TJ = 25o
PARAMETER Output Voltage Range Line Regulation Load Regulation Output Impedance Quiescent Current Output Noise Voltage Long Term Stability Ripple Rejection Dropout Voltage Maximum Operational Input Voltage Maximum Line Transient Reverse Polarity Input Voltage, DC Reverse Polarity Input Voltage, Transient On/Off Threshold Current Threshold Votage On Off Note 1: Note 2: Note 3: Note 4: 26 60 -15 -50 CLM2931C MIN 3.0 0.2 0.3 40 0.4 15 0.8 100 0.4 0.02 0.05 0.3 33 70 -30 -80 20 2.0 2.2 50 1.2 0.2 0.6 1.0 1.0 TYP MAX 24 1.5 1.0 UNITS V mV mV m/V mA mA mA Vrms %/1000h %/V V V V V V V A V VO = 3V IO = 10mA, Reference Voltage <1.5V VO>-0.3V, RL = 500 1% Duty Cycle, T<100ms, RL = 500 fO = 120Hz IO < 10mA IO = 100mA VOUT + 0.6V3.25
See TYPICAL APPLICATIONS notes to ensure constant junction temperature, low duty cycle pulse testing used. All limits are at 25 oC or over the full operating temperature junction range of -40oC to +125oC. The maximum power dissipation is a function of maximum junction temperature, total thermal resistance, and ambient temperature. Human body model, 100F discharged through 1.5K.
APPLICATION HINTS The CLM2931 requires an output capacitor for device stability. The value required varies greatly depending upon the application circuit and other factors. The high frequency characteristics of electolytic capacitors depend greatly on the type and also on the manufacturer. Sometimes only bench testing is the only means to determine the proper capacitor type and value. The high quality 100F aluminum electrolytic covers all general application circuits, this stability can be obtained with a tantalum electrolytic value of 47F. Another critical point of electrolytic characteristics is its performance over temperature. The CLM2931 is designed to operate starting at -40oC which may not be true in the case of electrolytic. Higher temperatures are generally no problem. The electrolytic type in aluminum will freeze at around -30oC. This could cause an oscillation at output of regulator. At a lower temperature requirement by many applications the capacitor should maintain its performance. So as a result, for an application which regulator junction temperature does not exceed 25oC, the output capacitor can be reduced by the factor of two over the value needed for the entire temperature range. Other points with linear regulators is that the twitch higher output current stability decreases. In most applications the CLM2931 is operating at a few milliamps. In these applications the output capacitance can be further reduced. For example, when the regulator is running at 10mA output current the output capacitance value is half compared to the same regulator that is running at 100mA. With the CLM2931CT adjustable regulator, the minimum value of output capacitance is a function of the output voltage. The value decreases with higher output voltages, since the internal loop gain is reduced. The worst case occurs at the lower temperature and maximum operating currents, the entire circuit and the electrolytic, should be cooled down to the minimum temperature. The minimum of 0.6 volts required at the input of regulator above the output to keep the power dissipation and die heating to its minimum. After the value for the capacitor has been determined for actual use, the value should be doubled.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM2931
CORPORATION
TYPICAL APPLICATIONS
VCC
R3 51k
IN
OUT
V
CLM2931 FIXED OUTPUT
OFF
OUT
VIN
UNREGULATED INPUT C1 0.1 CLM2931 GND +
VOUT REGULATED OUTPUT C2 100F
ON/OFF C1 0.1F ON
CLM2931 ADJUSTABLE ADJ GND
R1 20k C2 100F R2
IQ
1M-06
CLM2931 FIXED OUTPUT
VOUT = Reference Voltage x
R1 + R2 R1
1M-09
CLM2931 ADJUSTABLE OUTPUT
SCHEMATIC DIAGRAM
VIN Q13 1 R6 6 Q1 Q2 R16 6k Q10 Q3 Z1 Z2 R19 200 R8 3k R3 32k ON/OFF R11 50k R13 40k R4 3.6k Q5 4x Q8 Q9 R2 5V: 100k ADJ: Q6 Q7 Q11 Q16 R16 14.7k R10 30k R12 140k D1 D15 140k R14 184k Z3 Z4 VOUT R1 5V: 20k ADJ: Q4 R5 2.1k Q15 Q12 1 1 R7 30k 5
Z6
ADJUST
GND
1M-08
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM2931
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS
10
OUTPUT IMPEDANCE
LM2931 - 3.0 IO = 10mA
OUPUT IMPEDANCE ()
1
70 60 50 40 30 20 10 0 6 4 2 0 -2 -100
OPERATION DURING LOAD DUMP
INPUT VOLTAGE (V)
= 150ms
0.1
0.01
1
10
100
1k
10k
100k
1M
1M-22
OUTPUT VOLTAGE (V)
CO = 100F R L = 500
0
100
200
300
400
500
1M-23
FREQUENCY (Hz)
TIME (ms)
1.28 REFERENCE VOLTAGE (V) 1.26 1.24 1.22 1.20 1.18 1.16 1.14 1.12 1.10 0
LM2031C ADJUSTABLE
INPUT-OUTPUT DIFFERENTIAL (V)
1.30
REFERENCE VOLTAGE
0.6 0.5 0.4 0.3 0.2 0.1 0
DROPOUT VOLTAGE
IO = 100mA
IO = 50mA IO = 10mA
3
6 9 12 15 18 21 24 1M-24 OUTPUT VOLTAGE (V)
0
40 80 120 JUNCTION TEMPERATURE (C) 1M-25
0.6 INPUT-OUTPUT DIFFERENTIAL (V) 0.5 0.4 0.3 0.2 0.1 0 0
DROPOUT VOLTAGE
6.0
LOW VOLTAGE BEHAVIOR
LM2931-5.0 IO = 100mA
OUTPUT VOLTAGE (V)
5.0
4.0
3.0
2.0
1.0 50 OUTPUT CURRENT (mA) 100
1M-26
2.0
3.0 4.0 5.0 INPUT VOLTAGE (V)
6.0
1M-27
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM2931
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
600 OUTPUT CURRENT (mA) 500 400 300
PEAK OUTPUT CURRENT
QUIESCENT CURRENT (mA)
30 25 20 15 10 5 0
QUIESCENT CURRENT
VIN = 14V
TJ = 25C TJ = 85C TJ = -40C
200 100 0 0 10 20 INPUT VOLTAGE (V) 30
1M-28
0
30 60 OUTPUT CURRENT (mA)
90
1M-29
25
QUIESCENT CURRENT (mA)
QUIESCENT CURRENT
1.0 20 POWER DISSIPATION (W) 15 10 3 2 1 0 -40 IO = 0mA IO = 50mA 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 40 80 120 JUNCTION TEMPERATURE (C) 1M-30 0
MAXIMUM POWER DISSIPATION (SO-8)
0 10 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE (C) 1M-31
22 20 POWER DISSIPATION (W) 18 16 14 12 10 8 6 4 2 0
MAXIMUM POWER DISSIPATION (TO-220)
POWER DISSIPATION (W)
1.0 0.9
MAXIMUM POWER DISSIPATION (TO-92)
INFINITE HEATSINK
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.4" LEAD LENGTH FROM PC BOARD 0.125" LEAD LENGTH FROM PC BOARD
10C/W HEAT SINK
NO HEAT SINK
0 10 20 30 40 50 60 70 80 90 100 AMBIENT TEMPERATURE (C) 1M-32
0 10 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE (C) 1M-33
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


▲Up To Search▲   

 
Price & Availability of CLM2931

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X