Part Number Hot Search : 
RT9164A IRFH7184 IRFH7184 ESM7545 TEH7222 MDHU128 24C32 PE4517
Product Description
Full Text Search
 

To Download CLM2930 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 150mA Low Dropout Voltage Regulators
CORPORATION
CLM2930
FEATURES PRODUCT DESCRIPTION The CLM2930 is a positive low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and automotive applications. The CLM2930 was originally designed for automotive applications, all circuitry is protected from reverse battery installation. During line transients, such as a load dump (+60V) when the input voltage to the regulator exceeds its maximum operating voltage, this device will automatically shut down to protect both internal circuits and as well as the load. ORDERING INFORMATION PART CLM2930AS-X CLM2930AM-X PACKAGE Plastic SOIC SOT-89 TEMPERATURE RANGE Industrial Industrial
* Output Current in Excess of 150mA * 5V, 3.3V, 3.5V, 4.0V, and 4.5V Versions Available * Very Low Quiescent Current Than 0.6V * Input-Output Differential Less * 60V Load Dump Protection * -50V Reverse Transient Protection * Internal Thermal Overload Protection * Reverse Battery Protection * Short Circuit Protection LM2930 * Similar to Industry Standard * Cordless Telephones * Portable Consumer Equipment * Portable Instrumentation * Radio Control Systems
APPLICATIONS
X = Output Voltage, 5V = standard product, for all other ranges contact factory.
PIN CONNECTIONS
PIN OUT OUT GND 1 2 8 7 IN GND
GND
OUTPUT
GND
NC
3
4 SOIC TOP VIEW
6
5
GND
NC
SOT-89 BOTTOM VIEW
INPUT
1P-44
1P-45
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM2930
CORPORATION
ABSOLUTE MAXIMUM RATINGS Power Dissipation . . . . . . . . . . . . . . . . . . . . . Internally Limited Lead Temp. (Soldering, 5 Seconds) . . . . . . . . . . . . . . . 230 oC Storage Temperature Range . . . . . . . . . . . . . . . -65 to +150oC Operating Junction Temperature Range . . . . . . . -40 to +85oC Maximum Junction Temperature . . . . . . . . . . . . . . . . . +125oC ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2KV Over Voltage Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . 60V Reverse Voltage (100mS) . . . . . . . . . . . . . . . . . . . . . . . . -50V Reverse Voltage (DC) . . . . . . . . . . . . . . . . . . . . . . . . . . . -15V Input Supply Voltage . . . . . . . . . . . . . . . . . . . . . . -0.3 to +26V
ELECTRICAL CHARACTERISTICS: VS = 14V, TA = 25oC, IO = 150mA, C2 = 100F, unless otherwise specified.
PARAMETER MIN 3V VERSION Output Voltage 3.3V VERSION Output Voltage 4.0V VERSION Output Voltage 5V VERSION Output Voltage ALL VOLTAGE OPTIONS Long Term Stability Line Regulation Load Regulation Dropout Voltage 20 2.0 4.0 14 0.05 0.07 0.3 0.4 15 26 60 -15 -50 150 33 70 -30 -80 400 500 80 450 10 30 50 0.2 0.1 0.6 1.0 20 4.0 14 0.05 0.07 0.3 0.4 15 26 70 -15 -50 150 33 50 30 -80 400 500 80 450 30 50 0.2 0.1 0.6 1.0 mV/1000 mV mV V V V mA mA V V V V mA mVrms dB 10Hz-100kHz, COUT = 100F fO = 120Hz RL = 500, VO<5.5V, 100ms VO>-0.3V, RL = 500 1% Duty Cycle, <100ms, RL = 500 9VCLM2930A TYP MAX MIN CLM2930 TYP MAX CLM2930-3 2.91 2.85 3.0 3.0 3.09 3.15 V V 6VCLM2930-3.3 3.20 3.16 3.30 3.30 3.39 3.43 V V 6VCLM2930-4 3.90 3.86 4.0 4.0 4.10 4.14 V V 6VCLM2930 5.19 5.25 4.75 4.50 5.0 5.25 5.50 V V 6VCLM2930A-3 2.94 2.88 3.0 3.0 3.06 3.12
CLM2930A-3.3 3.23 3.20 3.30 3.30 3.36 3.39
CLM2930A-4 3.92 3.90 4.0 4.0 CLM2930A 5.0 4.08 4.10
Quiescent Current Maximum Operational Input Current Maximum Line Transient Reverse Polarity Input Voltage, DC Reverse Polarity Input Voltage, Transient Current Limit Output Noise Voltage Ripple Rejection
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM2930
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT-OUTPUT DIFFERENTIAL (V)
0.6 0.5 0.4 0.3 0.2 0.1 0 0
DROPOUT VOLTAGE
INPUT-OUTPUT DIFFERENTIAL (V)
0.6 0.5 0.4 0.3 0.2 0.1 0
DROPOUT VOLTAGE
TJ = 25C
IO = 150mA
IO = 50mA IO = 10mA
50 100 150 JUNCTION TEMPERATURE (C) 1M-10
0
50 100 150 OUTPUT CURRENT (mA)
200
1M-11
0.6
LOW VOLTAGE BEHAVIOR
LM2930-5 IO = 150mA
600 OUTPUT CURRENT (mA) 500 400 300 200 100 0 0
1M-12
PEAK OUTPUT CURRENT
TJ = 25C TJ = -40C TJ= 125C
OUTPUT VOLTAGE (V)
0.5
0.4
0.3
0.2
0.1
2.0
3.0 4.0 5.0 INPUT VOLTAGE (V)
6.0
5
10 15 20 25 INPUT VOLTAGE (V)
30
1M-13
35 QUIESCENT CURRENT (mA) 30 25 20 15
10
QUIESCENT CURRENT
QUIESCENT CURRENT (mA) VIN = 14V TJ = 25C
22 20
QUIESCENT CURRENT
IO = 150mA 18 16 9
6
IO = 50mA
IO = 0 3 0 -40
5 0
0
30 60 90 120 OUTPUT CURRENT (mA)
150
1M-14
0 40 80 120 160 JUNCTION TEMPERATURE (C) 1M-15
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM2930
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
10
OUTPUT IMPEDANCE
IO = 50mA TJ = 25C
30 25 20 15 10 5 0 20
OVERVOLTAGE SUPPLY CURRENT
R L = 100 TJ = 25C
OUPUT IMPEDANCE ()
1
0.1
0.01
1
10
100
1k
10k
100k
1M
1M-16
SUPPLY VOLTAGE (mA)
FREQUENCY (Hz)
25 30 35 INPUT VOLTAGE (V)
40
1M-17
50
SUPPLY CURRENT (mA)
REVERSE SUPPLY CURRENT
TJ = 25C
0.1
OUTPUT AT REVERSE
R L = 100 TJ = 25C
0 OUTPUT VOLTAGE (V) -10 -8 -6 -4 -2 INPUT VOLTAGE (V) 0
1M-18
0
-50 -100 -150 -200 -250 -12
-0.1
-0.2
-0.3 -12
-10
-8 -6 -4 -2 INPUT VOLTAGE (V)
0
1M-19
OUTPUT AT OVERVOLTAGE
QUIESCENT CURRENT (V) R L = 100 TJ = 25C 0.15 NORMALIZED OUTPUT VOLTAGE (V) 0.2
1.005
OUTPUT VOLTAGE (NORMALIZED TO 1V AT TJ = 25C)
1.000
0.995
01
0.990
0.05
0.985 VIN = 14V 0.980 -40 -20 0 20 40 60 80 100 120 140 JUNCTION TEMPERATURE (C) 1M-21
0 30 35
INPUT VOLTAGE (V)
40
1M-20
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


▲Up To Search▲   

 
Price & Availability of CLM2930

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X