Part Number Hot Search : 
HCS1401A SI4421DY 6800B 58010 15DAF1 9435P C2621 2SD224
Product Description
Full Text Search
 

To Download BUZ205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIPMOS(R) Power Transistor
q N channel q Enhancement mode q FREDFET
BUZ 205
Type BUZ 205
VDS
400 V
ID
6.0 A
RDS (on)
1.0
Package 1) TO-220 AB
Ordering Code C67078-A1401-A2
Maximum Ratings Parameter Continuous drain current, TC = 35 C Pulsed drain current, TC = 25 C Drain-source voltage Drain-gate voltage, RGS = 20 k Gate-source voltage Power dissipation, TC = 25 C Operating and storage temperature range Thermal resistance, chip-case DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Symbol Values 6.0 24 400 400 20 75 - 55 ... + 150 1.67 E 55/150/56 W C K/W - V Unit A
ID ID puls VDS VDGR VGS Ptot Tj , Tstg Rth JC
1) See chapter Package Outlines.
Semiconductor Group
508
BUZ 205
Electrical Characteristics at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Static characteristics Drain-source breakdown voltage VGS = 0 V, ID = 0.25 mA Gate threshold voltage VGS = VDS , ID = 1 mA Zero gate voltage drain current Values typ. max. Unit
V(BR) DSS VGS (th) IDSS
400 2.1
- 4.0
- 4.0
V
A - - 20 100 10 0.9 250 1000 100 1.0 nA
VDS = 400 V, VGS = 0 V Tj = 25 C Tj = 125 C
Gate-source leakage current
IGSS RDS (on)
- -
VGS = 20 V, VDS = 0 V
Drain-source on-resistance VGS = 10 V, ID = 4.0 A Dynamic characteristics Forward transconductance
VDS 2 x ID x RDS(on)max , ID = 4.0 A
Input capacitance
gfs Ciss Coss Crss
1.7 - - - - - - -
2.9 1500 120 35 30 40 110 50
- 2000 180 60 45 60 140 65
S pF
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance VGS = 0 V, VDS = 25 V, f = 1 MHz Reverse transfer capacitance VGS = 0 V, VDS = 25 V, f = 1 MHz
td (on) Turn-on time ton , (ton = td (on) + tr) VDD = - 30 V, VGS = 10 V, ID = 2.7 A, RGS = 50 t
r
ns
Turn-off time toff , (toff = td (off) + tf) td (off) VDD = - 30 V, VGS = 10 V, ID = 2.7 A, RGS = 50 t f
Semiconductor Group
509
BUZ 205
Electrical Characteristics (cont'd) at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Reverse diode Continuous reverse drain current TC = 25 C Pulsed reverse drain current TC = 25 C Diode forward on-voltage Values typ. max. Unit
IS ISM VSD trr Qrr
- - - - -
- - 1.3 180 0.65
6.0 24 1.6 250 1.2
A
V ns C
IS = 12 A, VGS = 0 V
Reverse recovery time
VR = 100 V, IF = IDR , diF / dt = 100 A/s
Reverse recovery charge VR = 100 V, IF = IDR , diF / dt = 100 A/s
Semiconductor Group
510
BUZ 205
Characteristics at Tj = 25 C, unless otherwise specified. Total power dissipation Typ. output characteristics Ptot = f (TC) ID = f (VDS) parameter: tp = 80 s
Safe operating area ID = f (VDS) parameter: D = 0.01, TC = 25 C
Typ. transfer characteristics ID = f (VGS) parameter: tp = 80 s, VDS = 25 V
Semiconductor Group
511
BUZ 205
Typ. drain-source on-resistance RDS (on) = f (ID) parameter: VGS
Drain-source on-resistance RDS (on) = f (Tj) parameter: ID = 4.0 A, VGS = 10 V, (spread)
Typ. forward transconductance gfs = f (ID) parameter: tp = 80 s
Gate threshold voltage VGS (th) = f (Tj) parameter: VGS = VDS , ID = 1 mA, (spread)
Semiconductor Group
512
BUZ 205
Typ. capacitances C = f (VDS) parameter: VGS = 0 V, f = 1 MHz
Drain current ID = f (TC) parameter: VGS 10 V
Forward characteristics of reverse diode IF = f (VSD) parameter: tp = 80 s, Tj
Transient thermal impedance Z th JC = f (tp) parameter: D = tp / T
Semiconductor Group
513


▲Up To Search▲   

 
Price & Availability of BUZ205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X