Part Number Hot Search : 
IRFZ48NS BUY70B MC4052 CCD10401 ZM4733A ADR370 56000 XX18C
Product Description
Full Text Search
 

To Download 2EZ11D5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2EZ Series
VZ : 3.6 - 200 Volts PD : 2 Watts
FEATURES :
* Complete Voltage Range 3.6 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current
SILICON ZENER DIODES
DO - 41
0.107 (2.7) 0.080 (2.0)
1.00 (25.4) MIN.
0.205 (5.2) 0.166 (4.2)
MECHANICAL DATA
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
Rating
DC Power Dissipation at TL = 75 C (Note1) Maximum Forward Voltage at IF = 200 mA Maximum Thermal Resistance Junction to Ambient Air (Note2) Junction Temperature Range Storage Temperature Range
Symbol
PD VF RJA TJ Ts
Value
2.0 1.2 60 - 55 to + 175 - 55 to + 175
Unit
Watts Volts K/W C C
Note : (1) TL = Lead temperature at 3/8 " (9.5mm) from body (2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
Fig. 1 POWER TEMPERATURE DERATING CURVE PD, MAXIMUM DISSIPATION (WATTS) 2.5
L = 3/8" (9.5mm)
2.0 1.5 1.0 0.5 0 0 25 50 75 100 125 150 175
TL, LEAD TEMPERATURE (C)
UPDATE : SEPTEMBER 9, 2000
ELECTRICAL CHARACTERISTICS
Rating at = 25 C ambient temperature unless otherwise specified
TYPE
Nominal Zener Voltage VZ @ IZT IZT (V) (mA) 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 140 150 160 170 180 190 200 139 128 116 106 98.0 89.5 80.5 73.5 66.5 61.0 55.0 50.0 45.5 41.5 38.5 35.7 33.4 31.2 29.4 27.8 26.3 25.0 22.8 20.8 18.5 16.6 15.1 13.9 12.8 11.6 10.6 9.8 9.0 8.1 7.4 6.7 6.1 5.5 5.0 4.5 4.2 3.8 3.6 3.3 3.1 2.9 2.8 2.6 2.5
Maximum Zener Impedance ZZT @ IZT ZZK @ IZK () () 5.0 5.0 4.5 4.5 3.5 2.5 1.5 2.0 2.0 2.3 2.5 3.5 4.0 4.5 5.0 5.5 7.0 8.0 9.0 10 11 11 12 13 18 20 23 25 30 35 40 48 55 60 75 90 100 125 175 250 325 400 500 575 650 675 725 825 900 400 400 400 550 600 500 700 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 4500 5000 5500 6000 6500 7000 7000 8000 8000
IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Reverse Leakage Current IR @ VR (V) (A) 80 30 20 5.0 5.0 5.0 5.0 5.0 50 50 50 50 50 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 10.6 11.4 12.2 13.0 13.7 14.4 15.2 16.7 18.2 20.6 22.5 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 106.4 114.0 121.6 130.4 136.8 144.8 152.0
Maximum DC Zener Current IZM (mA) 504 468 434 386 356 324 292 266 242 220 200 182 166 152 138 130 122 114 107 100 95 90 82 76 68 60 55 50 47 43 39 36 32 29 27 24 22 20 18 17 15 14 13 12 11 11 10 10 9.0
2EZ3.6D5 2EZ3.9D5 2EZ4.3D5 2EZ4.7D5 2EZ5.1D5 2EZ5.6D5 2EZ6.2D5 2EZ6.8D5 2EZ7.5D5 2EZ8.2D5 2EZ9.1D5 2EZ10D5 2EZ11D5 2EZ12D5 2EZ13D5 2EZ14D5 2EZ15D5 2EZ16D5 2EZ17D5 2EZ18D5 2EZ19D5 2EZ20D5 2EZ22D5 2EZ24D5 2EZ27D5 2EZ30D5 2EZ33D5 2EZ36D5 2EZ39D5 2EZ43D5 2EZ47D5 2EZ51D5 2EZ56D5 2EZ62D5 2EZ68D5 2EZ75D5 2EZ82D5 2EZ91D5 2EZ100D5 2EZ110D5 2EZ120D5 2EZ130D5 2EZ140D5 2EZ150D5 2EZ160D5 2EZ170D5 2EZ180D5 2EZ190D5 2EZ200D5
Note : ( 1 ) Suffix " 5 " indicates 5.0% tolerance, suffix " 10 " indicates 10.0% tolerance. ( 2 ) " EZ " will be omitted in marking on the diode


▲Up To Search▲   

 
Price & Availability of 2EZ11D5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X