Part Number Hot Search : 
MMA2202D BC373RL1 BC373RL1 MCJ10A B8242 SH8K409 32252 R3010
Product Description
Full Text Search
 

To Download ZXT10N20DE6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXT10N20DE6
SuperSOTTM 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
SUMMARY VCEO=20V; RSAT = 55m ; IC= 3.5A
DESCRIPTION This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications. FEATURES * * * * * * * * * Low Equivalent On Resistance Extremely Low Saturation Voltage hFE characterised up to 12A IC=3.5A Continuous Collector Current SOT23-6 package
SOT23-6
APPLICATIONS DC - DC Converters Power Management Functions Power switches Motor control
ORDERING INFORMATION DEVICE ZXT10N20DE6TA ZXT10N20DE6TC DEVICE MARKING 618 REEL SIZE (inches) 7 13 TAPE WIDTH (mm) 8mm embossed 8mm embossed QUANTITY PER REEL 3000 units
C C B
Top View
C C E
10000 units
ISSUE 1 - SEPTEMBER 2000 1
ZXT10N20DE6
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at TA=25C (a) Linear Derating Factor Power Dissipation at TA=25C (b) Linear Derating Factor Operating and Storage Temperature Range SYMBOL V CBO V CEO V EBO I CM IC IB PD LIMIT 20 20 5 19 3.5 500 1.1 8.8 1.7 13.6 -55 to +150 UNIT V V V A A mA W mW/C W mW/C C
PD
T j :T stg
THERMAL RESISTANCE
PARAMETER Junction to Ambient (a) Junction to Ambient (b) SYMBOL R JA R JA VALUE 113 73 UNIT C/W C/W
NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions (b) For a device surface mounted on FR4 PCB measured at t 5 secs.
ISSUE 1 - SEPTEMBER 2000 2
ZXT10N20DE6
TYPICAL CHARACTERISTICS
ISSUE 1 - SEPTEMBER 2000 3
ZXT10N20DE6
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage SYMBOL V (BR)CBO V (BR)CEO V (BR)EBO I CBO I EBO I CES V CE(sat) 8 90 115 190 0.96 0.85 200 300 200 100 100 400 450 360 180 140 23 170 400 30 MHz pF ns ns MIN. 20 20 5 TYP. 100 27 8.3 100 100 100 15 150 135 250 1.0 0.90 MAX. UNIT V V V nA nA nA mV mV mV mV V V CONDITIONS. I C =100 A I C =10mA* I E =100 A V CB =16V V EB =4V V CES =16V I C =0.1A, I B =10mA* I C =1A, I B =10mA* I C =2A, I B =50mA* I C =3.5A, I B =100mA* I C =3.5A, I B =100mA* I C =3.5A, V CE =2V* I C =10mA, V CE =2V* I C =0.2A, V CE =2V* I C =2A, V CE =2V* I C =6A, V CE =2V* I C =50mA, V CE =10V f=100MHz V CB =10V, f=1MHz V CC =10V, I C =3A I B1 =I B2 =10mA
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
V BE(sat) V BE(on) h FE
Transition Frequency Output Capacitance Turn-On Time Turn-Off Time
fT C obo t (on) t (off)
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
ISSUE 1 - SEPTEMBER 2000 4
ZXT10N20DE6
TYPICAL CHARACTERISTICS
ISSUE 1 - SEPTEMBER 2000 5
ZXT10N20DE6
PACKAGE DIMENSIONS PAD LAYOUT DETAILS
b
e L2
E
E1
e1 D
a
DATUM A
C
A
A2
A1
DIM Millimetres Min A A1 A2 b C D E E1 L e e1 L 0.90 0.00 0.90 0.35 0.09 2.80 2.60 1.50 0.10 0.95 REF 1.90 REF
0
Inches Min 0.35 0 0.035 0.014 0.0035 0.110 0.102 0.059 0.004 0.037 REF 0.074 REF Max 0.057 0.006 0.051 0.019 0.008 0.118 0.118 0.069 0.002
Max 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 0.60
10
0
10
Zetex plc. Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom. Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries) Fax: (44)161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc. 47 Mall Drive, Unit 4 Commack NY 11725 USA Telephone: (631) 543-7100 Fax: (631) 864-7630 Zetex (Asia) Ltd. 3701-04 Metroplaza, Tower 1 Hing Fong Road, Kwai Fong, Hong Kong Telephone:(852) 26100 611 Fax: (852) 24250 494 These are supported by agents and distributors in major countries world-wide (c) Zetex plc 2000 Internethttp://www.zetex.com :
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
ISSUE 1 - SEPTEMBER 2000 6


▲Up To Search▲   

 
Price & Availability of ZXT10N20DE6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X