Part Number Hot Search : 
11015 NDUCTOR 11015 2N480 AU6850 28010 LANCUW8 LC75844M
Product Description
Full Text Search
 

To Download ZXMN6A07Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXMN6A07Z
60V N-CHANNEL ENHANCEMENT MODE MOSFET
SUMMARY V(BR)DSS= 100V; RDS(ON)= 0.4
ID= 1.9A
DESCRIPTION
This new generation of TRENCH MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage, power management applications.
SOT89
FEATURES
* Low on-resistance * Fast switching speed * Low threshold * Low gate drive * SOT89 package
APPLICATIONS
* DC - DC Converters * Power Management Functions * Relay and solenoid driving * Motor control
ORDERING INFORMATION
DEVICE ZXMN6A07ZTA REEL SIZE 7" TAPE WIDTH 12mm QUANTITY PER REEL 1000 units
DEVICE MARKING
* 7N6
Top View
ISSUE 1 - MARCH 2002 1
ZXMN6A07Z
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Gate Source Voltage Continuous Drain Current V GS =10V; T A =25C (b) V GS =10V; T A =70C (b) V GS =10V; T A =25C (a) Pulsed Drain Current (c) Continuous Source Current (Body Diode) (b) Pulsed Source Current (Body Diode) (c) Power Dissipation at T A =25C (a) Linear Derating Factor Power Dissipation at T A =25C (b) Linear Derating Factor Operating and Storage Temperature Range SYMBOL V DSS V GS ID LIMIT 60 20 1.9 1.5 1.4 6 2.4 6 1.5 12 2.6 21 -55 to +150 UNIT V V A
I DM IS I SM PD PD T j :T stg
A A A W mW/C W mW/C C
THERMAL RESISTANCE
PARAMETER Junction to Ambient (a) Junction to Ambient (b) SYMBOL R JA R JA VALUE 83.3 47.4 UNIT C/W C/W
NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions (b) For a device surface mounted on FR4 PCB measured at t 10 secs. (c) Repetitive rating 25mm x 25mm FR4 PCB, D = 0.05, pulse width 10 s - pulse width limited by maximum junction temperature. Refer to transient Thermal Impedance graph
ISSUE 1 - MARCH 2002 2
ZXMN6A07Z
CHARACTERISTICS
ISSUE 1 - MARCH 2002 3
ZXMN6A07Z
ELECTRICAL CHARACTERISTICS (at TA = 25C unless otherwise stated).
PARAMETER STATIC Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate-Source Threshold Voltage V (BR)DSS I DSS I GSS V GS(th) 1.0 0.3 2.3 60 1.0 60 3.0 0.40 0.55 S V A nA V I D =250 A, V GS =0V V DS =60V, V GS =0V V GS = 20V, V DS =0V I =250 A, V DS = V GS D V GS =10V, I D =1.8A V GS =4.5V, I D =1.3A V DS =15V,I D =1.8A SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
Static Drain-Source On-State Resistance R DS(on) (1) Forward Transconductance (1)(3) DYNAMIC (3) Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING(2) (3) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge Total Gate Charge Gate-Source Charge Gate-Drain Charge SOURCE-DRAIN DIODE Diode Forward Voltage (1) Reverse Recovery Time (3) Reverse Recovery Charge (3) V SD t rr Q rr t d(on) tr t d(off) tf Qg Qg Q gs Q gd C iss C oss C rss g fs
166 19.5 8.7
pF pF pF V DS =40 V, V GS =0V, f=1MHz
1.8 1.4 4.9 2.0 1.65 3.2 0.67 0.82
ns ns ns ns nC nC nC nC V DS =30V,V GS =10V, I D=1.8A V DS = 30V, V GS =5V I D = 1.8A V DD =30V, I D =1.8A R G =6.0 , V GS =10V
0.85 20.5 21.3
0.95
V ns nC
T J =25C, I S =1.5A, V GS =0V T J =25C, I F =1.0A, di/dt= 100A/s
NOTES (1) Measured under pulsed conditions. Width=300s. Duty cycle 2% . (2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.
ISSUE 1 - MARCH 2002 4
ZXMN6A07Z
TYPICAL CHARACTERISTICS
ISSUE 1 - MARCH 2002 5
ZXMN6A07Z
TYPICAL CHARACTERISTICS
ISSUE 1 - MARCH 2002 6
ZXMN6A07Z
PACKAGE DIMENSIONS
A H C
2.4
PAD LAYOUT DETAILS
K DB
4.0
G N
F
1.5 1.2
Millimetres DIM Min A B C D F G K L N 2.67 1.20 - 0.37 0.085 Max 3.05 1.40 1.10 0.53 0.15 Min 0.105 0.047 - 0.0145 0.0033 Max 0.120 0.055 0.043 0.021 0.0059 Inches
1.0 32
1.2
NOM 1.9 0.01 2.10 0.10 2.50
NOM 0.075 0.0004 0.0825 0.004 0.0985
NOM 0.95
NOM 0.037
(c) Zetex plc 2002
Zetex plc Fields New Road Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4422 Fax: (44) 161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY11788 USA Telephone: (631) 360 2222 Fax: (631) 360 8222 Zetex (Asia) Ltd 3701-04 Metroplaza, Tower 1 Hing Fong Road Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to
www.zetex.com
ISSUE 1 - MARCH 2002 7


▲Up To Search▲   

 
Price & Availability of ZXMN6A07Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X