Part Number Hot Search : 
MBR860 RT9285A MAX13 D2030UK L3208AC AT93C66A 2N3045 MB90457
Product Description
Full Text Search
 

To Download ZXM64P03X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXM64P03X
30V P-CHANNEL ENHANCEMENT MODE MOSFET
SUMMARY V(BR)DSS=-30V; RDS(ON)=0.075 ; ID=-3.8A
DESCRIPTION This new generation of high density MOSFETs from Zetex utilises a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage, power management applications. FEATURES * * * * * * * * * Low on-resistance Fast switching speed Low threshold Low gate drive Low profile SOIC package
MSOP8
APPLICATIONS DC - DC Converters Power Management Functions Disconnect switches Motor control
S D D D D
ORDERING INFORMATION
DEVICE ZXM64P03XTA ZXM64P03XTC REEL SIZE (inches) 7 13 TAPE WIDTH (mm) 12mm embossed 12mm embossed QUANTITY PER REEL 1000 units 4000 units
S G
3
DEVICE MARKING * ZXM4P03
PROVISIONAL ISSUE A - JULY 1999 145
4
Top View
5
67
S
2
1
8
ZXM64P03X
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Gate- Source Voltage Continuous Drain Current (V GS=4.5V; T A=25C)(b) (V GS=4.5V; T A=70C)(b) Pulsed Drain Current (c) Continuous Source Current (Body Diode)(b) Pulsed Source Current (Body Diode)(c) Power Dissipation at T A=25C (a) Linear Derating Factor Power Dissipation at T A=25C (b) Linear Derating Factor Operating and Storage Temperature Range SYMBOL V DSS V GS ID I DM IS I SM PD PD T j:T stg LIMIT -30 20 -3.8 -3.0 -19 -2.3 -19 1.1 8.8 1.8 14.4 -55 to +150 UNIT V V A A A A W mW/C W mW/C C
THERMAL RESISTANCE
PARAMETER Junction to Ambient (a) Junction to Ambient (b) SYMBOL R JA R JA VALUE 113 70 UNIT C/W C/W
NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions (b) For a device surface mounted on FR4 PCB measured at t 10 secs. (c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.
PROVISIONAL ISSUE A - JULY 1999 146
ZXM64P03X
CHARACTERISTICS
Max Power Dissipation (Watts)
100
Refer Note (a)
2.0
-ID - Drain Current (A)
1.5
Refer Note (b) Refer Note (a)
10
1.0
1
DC 1s 100ms 10ms 1ms 100us
0.5
100m
0.1
1
10
100
0
0
20
40
60
80
100
120
140
160
-VDS - Drain-Source Voltage (V)
T - Temperature (C)
Safe Operating Area
Derating Curve
Thermal Resistance (C/W)
80
Refer Note (b)
120
Themal Resistance (C/W)
Refer Note (a)
60
90
40
D=0.5
60
D=0.5
20
D=0.2 D=0.1 Single Pulse
30
D=0.2 D=0.1 Single Pulse
0 0.0001
0.001
0.01
0.1
1
10
100
0 0.0001 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Pulse Width (s)
Transient Thermal Impedance
Transient Thermal Impedance
PROVISIONAL ISSUE A - JULY 1999 147
ZXM64P03X
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER STATIC Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate-Source Threshold Voltage Static Drain-Source On-State Resistance (1) Forward Transconductance (3) DYNAMIC (3) Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING(2) (3) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate Drain Charge SOURCE-DRAIN DIODE Diode Forward Voltage (1) Reverse Recovery Time (3) Reverse Recovery Charge(3) V SD t rr Q rr 30.2 27.8 -0.95 V ns nC T j=25C, I S=-2.4A, V GS=0V T j=25C, I F=-2.4A, di/dt= 100A/s t d(on) tr t d(off) tf Qg Q gs Q gd 4.4 6.2 40 29.2 46 9 11.5 ns ns ns ns nC nC nC V DS=-24V,V GS=-10V, I D =-2.4A (Refer to test circuit) V DD =-15V, I D=-2.4A R G=6.2, R D=6.2 (Refer to test circuit) C iss C oss C rss 825 250 80 pF pF pF V DS=-25 V, V GS=0V, f=1MHz V (BR)DSS I DSS I GSS V GS(th) R DS(on) g fs 2.3 -1.0 0.075 0.100 -30 -1 100 V A nA V S I D=-250A, V GS=0V V DS=-30V, V GS=0V V GS= 20V, V DS=0V I D =-250A, V DS= V GS V GS=-10V, I D=-2.4A V GS=-4.5V, I D=-1.2A V DS=-10V,I D=-1.2A SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
(1) Measured under pulsed conditions. Width=300s. Duty cycle 2% . (2) Switching characteristics are independent of operating junction temperature. (3) For design aid only, not subject to production testing.
PROVISIONAL ISSUE A - JULY 1999 148
ZXM64P03X
TYPICAL CHARACTERISTICS
100
+25C
100
+150C 10V 8V 6V 5V -VGS 4.5V
-ID - Drain Current (A)
-ID - Drain Current (A)
10V 8V 6V
10
4V 3.5V
10
-VGS 5V 4.5V 4V 3.5V 3V
3V
1
1
2.5V
100m
0.1
1
10
100
100m
0.1
1
10
100
-VDS - Drain-Source Voltage (V)
-VDS - Drain-Source Voltage (V)
Output Characteristics
Output Characteristics
100
Normalised RDS(on) and VGS(th)
1.7
RDS(on)
-ID - Drain Current (A)
T=+25C
1.5 1.3 1.1 0.9 0.7 0.5 -100
VGS(th) VGS=VDS ID=-250uA VGS=-10V ID=-2.4A
10
T=+150C
1
VDS=-10V
100m
2.5
3
3.5
4
4.5
5
5.5
6
0
+100
+200
-VGS - Gate-Source Voltage (V)
Tj - Junction Temperature (C)
Typical Transfer Characteristics
RDS(on) - Drain-Source On-Resistance ()
Normalised RDS(on) and VGS(th) v Temperature
-ISD - Reverse Drain Current (A)
100
1
Vgs=-3V
10
Vgs=-4.5V
100m
1
T=+150 C T=+25 C
Vgs=-10V
100m
10m
0.1
1
10
100
10m
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-ID - Drain Current (A)
-VSD - Source-Drain Voltage (V)
On-Resistance v Drain Current
Source-Drain Diode Forward Voltage
PROVISIONAL ISSUE A - JULY 1999 149
ZXM64P03X
TYPICAL CHARACTERISTICS
1600
Vgs=0V
-VGS - Gate-Source Voltage (V)
14
ID=-2.4A
C - Capacitance (pF)
f=1MHz
1200
Ciss Coss Crss
12 10 8 6 4 2 0 0 10 20 30 40
VDS=-24V VDS=-15V
800
400
0
0.1
1
10
100
-VDS - Drain Source Voltage (V)
Q -Charge (nC)
Capacitance v Drain-Source Voltage
Gate-Source Voltage v Gate Charge
Basic Gate Charge Waveform
Gate Charge Test Circuit
Switching Time Waveforms
Switching Time Test Circuit
PROVISIONAL ISSUE A - JULY 1999 150
ZXM64P03X
PACKAGE DIMENSIONS
D
DIM
Millimetres MIN MAX 1.10 0.05 0.25 0.13 2.90 0.65 2.90 4.90 0.40 0 0.15 0.40 0.23 3.10 BSC 3.10 BSC 0.70 6
Inches MIN MAX 0.043 0.002 0.010 0.005 0.114 0.0256 0.114 0.193 0.016 0 0.006 0.016 0.009 0.122 BSC 0.122 BSC 0.028 6
A
8 7 65
A1
E H
1 2 34
B C
eX6
D e
A1
E
B C L
A
H L q
Conforms to JEDEC MO-187 Iss A
PAD LAYOUT DETAILS
Zetex plc. Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom. Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries) Fax: (44)161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc. 47 Mall Drive, Unit 4 Commack NY 11725 USA Telephone: (516) 543-7100 Fax: (516) 864-7630 Zetex (Asia) Ltd. 3510 Metroplaza, Tower 2 Hing Fong Road, Kwai Fong, Hong Kong Telephone:(852) 26100 611 Fax: (852) 24250 494 These are supported by agents and distributors in major countries world-wide (c)Zetex plc 1999 Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
PROVISIONAL ISSUE A - JULY 1999 152


▲Up To Search▲   

 
Price & Availability of ZXM64P03X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X