Part Number Hot Search : 
IFN5433 MAX9973 115MB1 HT604 X55C11 CX2SCSM1 MAX1120 PNZ150L
Product Description
Full Text Search
 

To Download ZVP2106G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ISSUE 3 MARCH 96 FEATURES * 60 Volt VDS * RDS(on)=5 PARTMARKING DETAIL: COMPLEMENTARY TYPE: ZVP2106 ZVN2106G
ZVP2106G
D
S D G
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Continuous Drain Current at Tamb=25C Pulsed Drain Current Gate Source Voltage Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER Drain-Source Breakdown Voltage Gate-Source Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current(1) SYMBOL MIN. BVDSS VGS(th) IGSS IDSS ID(on) -1 5 150 100 60 20 7 15 12 15 -60 -1.5 -3.5 20 -0.5 -100 SYMBOL VDS ID IDM VGS Ptot Tj:Tstg VALUE -60 -450 -4
20
UNIT V mA A V W C
2 -55 to +150
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
MAX. UNIT CONDITIONS. V V nA
A A
ID=-1mA, VGS=0V ID=-1mA, VDS= VGS VGS= 20V, VDS=0V VDS=-60 V, VGS=0 VDS=-48 V, VGS=0V, T=125C(2) VDS=-18 V, VGS=-10V VGS=-10V,ID=-500mA VDS=-18V,ID=-500mA
A
Static Drain-Source On-State RDS(on) Resistance (1) Forward Transconductance (1)(2) Input Capacitance (2) Common Source Output Capacitance (2) Reverse Transfer Capacitance (2) Turn-On Delay Time (2)(3) Rise Time (2)(3) Turn-Off Delay Time (2)(3) Fall Time (2)(3) gfs Ciss Coss Crss td(on) tr td(off) tf
mS pF pF pF ns ns ns ns
VDS=-18V, VGS=0V, f=1MHz
VDD -18V, ID=-500mA
(1) Measured under pulsed conditions. Width=300s. Duty cycle 2% (2) Sample test. (3) Switching times measured with 50 source impedance and <5ns rise time on a pulse generator 3 - 426
ZVP2106G
TYPICAL CHARACTERISTICS
ID(On) -On-State Drain Current (Amps) ID(On) -On-State Drain Current (Amps)
-3.5 -3.0 -2.5 -12V -2.0 -10V -1.5 -1.0 -0.5 0 0 -10 -20 -30 -40 -9V -8V -7V -6V -5V -4V -50 VGS= -20V -18V -14V -2.0 -1.8 -1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0 0 -2 -4 -6 -8 VGS= -10V -9V -8V -7V -6V -5V -4V -3.5V -10
VDS - Drain Source Voltage (Volts)
VDS - Drain Source Voltage (Volts)
Output Characteristics
ID(On)-On-State Drain Current (Amps)
Saturation Characteristics
-10
VDS-Drain Source Voltage (Volts)
-1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 VDS=-10V
-8 -6
-4
ID= -1A -0.5A -0.25A
-2
0 0 -2 -4 -6 -8 -10
0
-2
-4
-6
-8
-10
VGS-Gate Source Voltage (Volts)
VGS-Gate Source Voltage (Volts)
Voltage Saturation Characteristics
RDS(ON) -Drain Source Resistance ()
VGS=-5V -7V -8V -9V -10V 2.6
Transfer Characteristics
10
-6V
Normalised RDS(on) and VGS(th)
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 -40 -20 0
Dr
n) (o DS
5
R ce an ist es R ce ur So nai
VGS=-10V ID=-0.5A
Gate Thresh old
VGS=VDS ID=-1mA Voltage VG S(t
h)
1 -0.1
-1.0
-2.0
20 40 60 80 100 120 140 160 180
ID-Drain Current (Amps)
Tj-Junction Temperature (C)
On-resistance v drain current
Normalised RDS(on) and VGS(th) vs Temperature
3 - 427
ZVP2106G
TYPICAL CHARACTERISTICS
300 300
gfs-Transconductance (mS)
gfs-Transconductance (mS)
250 200 150 100 50 0 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 VDS=-10V
250 200 150 100 50 0 0 -2 -4 -6
VDS=-10V
-8
-10
ID- Drain Current (Amps)
VGS-Gate Source Voltage (Volts)
Transconductance v drain current
Transconductance v gate-source voltage
100 80
VGS-Gate Source Voltage (Volts)
0 -2 -4 -6 -8 -10 -12 -14 -16 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 VDS= -20V -30V -50V
C-Capacitance (pF)
60 Ciss 40 20 0 0 -10 -20 -30 -40 Coss Crss -50
VDS-Drain Source Voltage (Volts)
Q-Charge (nC)
Capacitance v drain-source voltage
Gate charge v gate-source voltage
3 - 428


▲Up To Search▲   

 
Price & Availability of ZVP2106G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X