Part Number Hot Search : 
MAX970 DTA124E BT151X PFR856S 2SC2833A PCJ1084 MB8841H SC802A
Product Description
Full Text Search
 

To Download ZTX750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ISSUE 2 JULY 94 FEATURES * 60 Volt VCEO * 2 Amp continuous current * Low saturation voltage * Ptot= 1 Watt
ZTX750 ZTX751
C B
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation: at Tamb=25C derate above 25C Operating and Storage Temperature Range ZTX750 MIN. TYP. -60 -45 -5 -0.1 -10 SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg ZTX751 MAX. MIN. TYP. -80 -60 -5 MAX. ZTX750 -60 -45 -5 -6 -2 1 5.7
E-Line TO92 Compatible ZTX751 -80 -60 UNIT V V V A A W mW/C C
-55 to +200
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO UNIT CONDITIONS. V V V
A A A A
IC=-100A IC=-10mA IE=-100A VCB=-45V VCB=-60V VCB=-45V,Tamb=100C VCB=-60V,Tamb=100C VEB=-4V IC=-1A, IB=-100mA IC=-2A, IB=-200mA IC=-1A, IB=-100mA
-0.1 -10 -0.1 -0.15 -0.3 -0.28 -0.5 -0.9
Emitter Cut-Off Current
IEBO
-0.1 -0.15 -0.3 -0.28 -0.5 -0.9 -1.25
A
Collector-Emitter VCE(sat) Saturation Voltage Base-Emitter VBE(sat) Saturation Voltage
V V
-1.25 V
3-257
ZTX750 ZTX751
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER SYMBOL ZTX750 MIN. TYP. 100 140 40 450 30 ZTX751 MAX. MIN. TYP. 100 140 40 450 30 MAX. UNIT CONDITIONS.
Transition Frequency Switching Times
fT ton toff
MHz ns ns pF
IC=-100mA, VCE=-5V f=100MHz IC=-500mA, VCC=-10V IB1=IB2=-50mA VCB=10V f=1MHz
Output Capacitance
Cobo
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
THERMAL CHARACTERISTICS
PARAMETER Thermal Resistance:Junction to Ambient1 Junction to Ambient2 Junction to Case SYMBOL Rth(j-amb)1 Rth(j-amb)2 Rth(j-case) MAX. 175 116 70 UNIT C/W C/W C/W
Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
2.5
200
Max Power Dissipation - (Watts)
Thermal Resistance (C/W)
D=1 (D.C.)
2.0
t1
D=t1/tP tP
C
1.5
as
e
te
m
pe
1.0
Am
ra
100
D=0.5
bie
tu
nt t
re
em
0.5 0
per
at u re
D=0.2 D=0.1 Single Pulse
-40 -20
0
20 40
60 80 100 120 140 160 180 200
0 0.0001
0.001
0.01
0.1
1
10
100
T -Temperature (C)
Pulse Width (seconds)
Derating curve
Maximum transient thermal impedance
3-258
ZTX750 ZTX751
TYPICAL CHARACTERISTICS
0.6 0.5
td tr tf ns 140
IB1=IB2=IC/10
ts ns 700 600 500 400 300 200 100 0 0.1 1 ts td tf tr
VCE(sat) - (Volts)
0.4 0.3 0.2 0.1 0
IC/IB=10
120
Switching time
0.0001 0.001 0.01 0.1 1 10
100 80 60 40 20 0
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VCE(sat) v IC
Switching Speeds
1.4 225 175 VCE=2V 125
1.2
VBE(sat) - (Volts)
hFE - Gain
1.0
IC/IB=10
0.8
75 0 0.01 0.1 1 10
0.6 0.0001 0.001 0.01 0.1 1 10
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
10 1.2
VBE(sat) v IC
Single Pulse Test at Tamb=25C
VBE - (Volts)
1.0 VCE=2V 0.8
IC - Collector Current (Amps)
1
0.6
0.1
D.C. 1s 100ms 10ms 1.0ms 100s
0.4 0.0001 0.001 0.01 0.1 1 10
ZTX750 ZTX751
0.01 0.1 1 10 100
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
VBE(on) v IC
Safe Operating Area
3-259


▲Up To Search▲   

 
Price & Availability of ZTX750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X