Part Number Hot Search : 
ALD4701A MM3ZXVXB SC6433 8008TBN NJU6343 MJE340 20PT1 MB3882
Product Description
Full Text Search
 

To Download ZTX653 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ISSUE 2 JULY 94 FEATURES * 100 Volt VCEO * 2 Amp continuous current * Low saturation voltage * Ptot=1 Watt
ZTX652 ZTX653
C B
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation at Tamb=25C derate above 25C SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg ZTX653 MAX. MIN. TYP. 120 100 5 0.1 10 IEBO 0.13 0.23 0.9 0.8 0.1 0.3 0.5 1.25 1 0.13 0.23 0.9 0.8 MAX. ZTX652 100 80 5 6 2 1 5.7
E-Line TO92 Compatible ZTX653 120 100 UNIT V V V A A W mW/C C
Operating and Storage Temperature Range ZTX652 MIN. TYP. 100 80 5
-55 to +200
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO UNIT CONDITIONS. V V V
A A A A A
IC=100A IC=10mA* IE=100A VCB=80V VCB=100V VCB=80V,Tamb=100C VCB=100V,Tamb=100C VEB=4V IC=1A, IB=100mA* IC=2A, IB=200mA* IC=1A, IB=100mA* IC=1A, VCE=2V*
0.1 10 0.1 0.3 0.5 1.25 1
Collector-Emitter VCE(sat) Saturation Voltage Base-Emitter VBE(sat) Saturation Voltage Base-Emitter Turn-On Voltage VBE(on)
V V V V
3-222
ZTX652 ZTX653
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER SYMBOL ZTX652 MIN. TYP. Transition Frequency Switching Times fT ton toff Output Capacitance Cobo 140 175 80 1200 30 ZTX653 MAX. MIN. TYP. 140 175 80 1200 30 MAX. MHz ns ns pF IC=100mA, VCE=5V f=100MHz IC=500mA, VCC=10V IB1=IB2=50mA VCB=10V f=1MHz UNIT CONDITIONS.
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
THERMAL CHARACTERISTICS
PARAMETER Thermal Resistance: Junction to Ambient1 Junction to Ambient2 Junction to Case SYMBOL Rth(j-amb)1 Rth(j-amb)2 Rth(j-case) MAX. 175 116 70 UNIT C/W C/W C/W
Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
2.5
200
Max Power Dissipation - (Watts)
Thermal Resistance (C/W)
D=1 (D.C.)
2.0
t1
D=t1/tP tP
C
1.5
as
e
te
m
pe
1.0
Am
ra
100
D=0.5
bie
tu
nt t
re
em
0.5 0
per
at u re
D=0.2 D=0.1 Single Pulse
-40 -20
0
20 40
60 80 100 120 140 160 180 200
0 0.0001
0.001
0.01
0.1
1
10
100
T -Temperature (C)
Pulse Width (seconds)
Derating curve
Maximum transient thermal impedance
3-223
ZTX652 ZTX653
TYPICAL CHARACTERISTICS
0.6 0.5 225
VCE(sat) - (Volts)
0.4 0.3 0.2 0.1 0
IC/IB=10
hFE - Gain
175 VCE=2V 125 75
0.0001
0.001
0.01
0.1
1
10
25 0.01 0.1 1 10
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VCE(sat) v IC
hFE v IC
1.4 1.2
VBE(sat) - (Volts)
1.2
1.0
VBE - (Volts)
1.0 VCE=2V 0.8
IC/IB=10
0.8
0.6 0.6 0.4 0.0001 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VBE(sat) v IC
10 Single Pulse Test at Tamb=25C
td tr tf ns 280
VBE(on) v IC
IC - Collector Current (Amps)
IB1=IB2=IC/10
ts ns 2800 2400 2000 1600 1200 800 400 0 0.01 tf td tr ts
1
240
Switching time
ZTX652 ZTX653
200 160 120 80 40 0
0.1
D.C. 1s 100ms 10ms 1.0ms 100s
0.1
1
0.01 0.1 1 10
100
VCE - Collector Voltage (Volts)
IC - Collector Current (Amps)
Safe Operating Area
Switching Speeds
3-224


▲Up To Search▲   

 
Price & Availability of ZTX653

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X