Part Number Hot Search : 
EN29F080 MBZ5230 E28F320 190AX352 HYB31 MB5005 AAT5101 APED3
Product Description
Full Text Search
 

To Download ZTX500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
ISSUE 1 MARCH 94
ZTX500
C B
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC Ptot Tj:Tstg
E-Line TO92 Compatible VALUE -25 -25 -5 -500 300 -55 to +175 UNIT V V V mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Sustaining Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current SYMBOL V(BR)CBO VCEO(sus) V(BR)EBO ICBO MIN. TYP. -25 -25 -5 -0.2 -0.2 -0.35 -0.65 50 150 6 7 -1 300 MHz pF dB MAX. UNIT V V V
A A
CONDITIONS. IC=-10A IC=-5mA IE=-10A VCB=-25V VEB=-4V IC=-50mA, IB=-5mA* IC=-10mA, IB=-1mA* IC=-10mA, VCE=-6V* IC=-10mA, VCE=-6V f=100MHz VCB=-6V, f=1MHz IC=-100A, RS=1.5K f=1KHz
Emitter Cut-Off Current IEBO Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage VCE(sat) VBE(sat)
V V
Static Forward Current hFE Transfer Ratio Transition Frequency Output Capacitance Noise Figure fT Cobo N
3-184
ZTX500
TYPICAL CHARACTERISTICS
0.95 0.25
0.90
0.20
VBE(sat) - (Volts)
VCE(sat) - (Volts)
0.85
IC/IB=10 IC/IB=30
0.15
IC/IB=30 IC/IB=10
0.80
0.10
0.75
0.05
0.70 10
20
30
40
50
60
0
10
20
30
40
50
60
IC - Collector Current (mA)
IC - Collector Current (mA)
VBE(sat) v IC
VCE(sat) v IC
50
IB=0.20mA 0.18mA 200
VCE=6V
40
0.16mA 0.14mA 0.12mA
IC - (mA)
30
150
IC=10mA IC=50mA
20
hFE %
0.10mA 0.08mA 0.06mA 10 0.04mA 0.02mA 0 0 2 4 6 8 10
100 IC=100A 50
0
-100
-50
0
50
100
150
VCE - (V)
Ambient Temperature (C)
VCE v IC
hFE v Ambient Temperature
150
-55C +25C +100C
0.14 IC=50mA IB=5mA
0.12
100
VCE(sat) - (Volts)
hFE %
0.10
0.08
50
IC=10mA IB=1mA
0.06
0
0.1
1
10
100
1000
0.04 -100
-50
0
50
100
150
IC - Collector Current (mA)
Ambient Temperature (C)
hFE v IC
VCE(sat) v Ambient Temperature
3-185


▲Up To Search▲   

 
Price & Availability of ZTX500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X