Part Number Hot Search : 
8751H SX123110 S14020G SX123110 SM6S20 FESP20J NJM4559M BC846
Product Description
Full Text Search
 

To Download ZTX458 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ISSUE 2 MARCH 1994 FEATURES * 400 Volt VCEO * 0.5 Amp continuous current * Ptot= 1 Watt
ZTX458
C B
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER SYMBOL V(BR)CBO VCEO(sus) V(BR)EBO ICBO ICES IEBO VCE(sat) VBE(sat) VBE(on) hFE fT Cobo 100 100 15 50 5 MIN. SYMBOL VCBO VCEO VEBO IC Ptot Tj:Tstg TYP. MAX.
E-Line TO92 Compatible VALUE 400 400 5 300 1 -55 to +200 UNIT V V V 100 100 100 0.2 0.5 0.9 0.9 300 MHz pF nA nA nA V V V V CONDITIONS. IC=100A IC=10mA* IE=100A VCB=320V VCE=320V VEB=4V IC=20mA, IB=2mA IC=50mA, IB=6mA IC=50mA, IB=5mA IC=50mA, VCE=10V IC=1mA, VCE=10V IC=50mA, VCE=10V IC=100mA, VCE=10V* IC=10mA, VCE=20V f=20MHz VCB=20V, f=1MHz UNIT V V V mA W C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn On Voltage Static Forward Current Transfer Ratio Transition Frequency Collector-Base Breakdown Voltage 400 400 5
3-182
ZTX458
TYPICAL CHARACTERISTICS
IC/IB=10 IC/IB=20 IC/IB=50 Tamb=25C
-55C +25C +100C +175C
1.6
IC/IB=10
1.6
VCE(sat) - (Volts)
1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 0.01 0.1 1 10 20
VCE(sat) - (Volts)
1.4
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001
0.01
0.1
1
10 20
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VCE(sat) v IC
VCE(sat) v IC
1.6
hFE - Normalised Gain
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001
+100C +25C -55C
VCE=10V 300
1.6 1.4
-55C +25C +100C +175C
IC/IB=10
VBE(sat) - (Volts)
1.2 1.0 0.8 0.6 0.4 0.2
200
100
0.01
0.1
1
10 20
0
0.001
0.01
0.1
1
10 20
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
1.0
-55C +25C +100C +175C
VBE(sat) v IC
Single Pulse Test at Tamb=25C
VCE=10V
1.6 1.4
IC - Collector Current (Amps)
VBE - (Volts)
1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 0.01 0.1 1 10 20
0.1
D.C. 1s 100ms 10ms 1.0ms 0.1ms
0.01
0.001 1 10 100
1000
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
VBE(on) v IC
Safe Operating Area
3-183


▲Up To Search▲   

 
Price & Availability of ZTX458

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X