Part Number Hot Search : 
L10NR5 4HC15 SIR333 100398PC FX611LS XC612 XC612 SR320
Product Description
Full Text Search
 

To Download ZM33064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUPPLY VOLTAGE MONITOR
ISSUE 3 - NOVEMBER 1997 DEVICE DESCRIPTION
The ZM33064 is a three terminal under vo l ta ge mo ni t or ci rc ui t f or use i n microprocessor systems. The threshold voltage of the device has been set to 4.6 volts making it ideal for 5 volt circuits. Included in the device is a precise voltage reference and a comparator with built in hysteresis to prevent erratic operation. The ZM33064 features an open collector output capable of sinking at least l0mA which only requires a single external resistor to interface to following circuits. Operation of the device is guaranteed from one volt upwards, from this level to the device threshold voltage the output is held low providing a power on reset function. Should the supply voltage, once established, at any time drop below the threshold level then the output again will pull low. The device is available in a TO92 package for through hole applications as well as SO8 and SOT223 for surface mount requirements.
ZM33064
FEATURES
* * * * * * * * * * * * * * *
SO8, SOT223 and TO92 packages Power on reset generator Automatic reset generation Low standby current Guaranteed operation from 1 volt Wide supply voltage range Internal clamp diode to discharge delay capacitor 4.6 volt threshold for 5 volt logic 20mV hysteresis prevents erratic operation
APPLICATIONS
Microprocessor systems Computers Computer peripherals Instrumentation Automotive Battery powered equipment
SCHEMATIC DIAGRAM
4-89
ZM33064
ABSOLUTE MAXIMUM RATING
Input Supply Voltage Offstate Output Voltage Onstate Output Sink Current(Note 1) Clamp diode Forward Current(Note 1) Operating junction temperature Operating Temperature Storage Temperature -1 to 10V 10V Internally limited 100mA 150C -40 to 85C -65 to 150C Power Dissipation TO92 SOT223 SO8 780mW 2W(Note 2) 780mW(Note 2)
TEST CONDITIONS (Tamb=25C for typical values, Tamb=-40 to 85C for min/max values (Note3)) COMPARATOR
PARAMETER Threshold Voltage High state output (Vcc increasing) Low state output (Vcc decreasing) Hysteresis SYMBOL VIH VIL VH 4.5 4.5 0.01
MIN TYP . MAX.
UNITS V V V
4.61 4.59 0.02
4.7 4.7 0.05
OUPUT
PARAMETER Output sink saturation: (Vcc=4.0V, Isink=8.0mA) (Vcc=4.0V, Isink=2.0mA) (Vcc=1.0V, Isink=0.1mA) Onstate output sink current (Vcc , Output=4V) Offstate output leakage current (Vcc , Output=5V) Clamp diode forward voltage (If=10mA) Propagation delay (Vin 5V to 4V, Rl=10k, Tamb=25C) Isink Ioh Vf Td 0.6 10 20 0.02 1.2 1.5 SYMBOL VOL 0.46 0.15 1.0 0.4 0.25 60 0.5 1.5 V V V mA A V s
MIN TYP . MAX.
UNITS
TOTAL DEVICE
PARAMETER Operating input voltage range Quiescent input current (Vcc=5V) SYMBOL Vcc Iq
MIN TYP . MAX.
UNITS V
1.0 to 6.5 135 200
A
Note: 1. Maximum package power dissipation must be observed 2. Maximum power dissipation, for the SOT223 and SO8 packages, is calculated assuming that the device is mounted on a PCB measuring 2 inches square. 3. Low duty cycle pulse techniques are used during test to maintain junction temperatures as 4-90
ZM33064
TYPICAL CHARACTERISTICS
500 10 RL=10K TA=25 C
400
8
Input Current (A)
300
Output Voltage (V)
6
200 -40 C 25 C 85 C 100
4
2
0 0 2 4 6 8 10
0 0 2 4 6 8 10
Input Voltage
(V)
Input Voltage
(V)
Input Current vs. Input Voltage
30 Vin=4V -40 C 5 4
Output Voltage vs. Input Voltage
RL=10K
25 C
Sink Current (mA)
20 85 C 4
Vout (V)
10
Vin (V)
2
0 0 0.4 0.8 1.2 1.6 2.0
0 0 1 2 3 4
Output Saturation Voltage (V)
Time (s)
Output Saturation Voltage vs. Sink Current
80 Vin=0V 4.70
Reset Delay Time
60
4.65
Forward Current (mA)
Threshold Voltage (V)
85 C 40 25 C -40 C 20
Upper Threshold 4.60
Lower Threshold 4.55
0 0 0.4 0.8 1.2 1.6 2.0
4.50 -40 -20 0 20 40 60 80 100
Forward Voltage (V)
Temperature ( C)
Clamp Diode Forward Current vs. Voltage
Threshold Voltage vs. Temperature
4-91
ZM33064
TIMING DIAGRAM
Vcc
Threshold Voltage 1V
Output
AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA
Output Undefined
Output Undefined
APPLICATION CIRCUIT
Note 4: A time delayed reset can be accomplished with the additional Cd.
1 T DY = RCd ln V TH (mpu) 1 - V in
TDY =Time (Seconds) VTH =Microprocessor Reset Threshold Vin =Power Supply Voltage
4-92
ZM33064
CONNECTION DIAGRAMS
SO8 Package Suffix - N8 SOT223 Package Suffix - G
Top View
Top View - Pin 4 floating or connected to pin 2
TO92 Package Suffix - C
Bottom View -
ORDERING INFORMATION
Part Number ZM33064N8 ZM33064G ZM33064C Package SO8 SOT223 TO92 Part Mark ZM33064 ZM33064 ZM33064
4-93


▲Up To Search▲   

 
Price & Availability of ZM33064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X