Part Number Hot Search : 
2SK2981 10410 EPA3522 SK125 TB627 LN80C32 H325A TLP3064
Product Description
Full Text Search
 

To Download ZLNB100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
ISSUE 1- NOVEMBER 1998 DEVICE DESCRIPTION
The ZLNB101 dual polarisation switch controller is one of a wide range of satellite receiver LNB support circuits. It features two completely independent channels, each providing two logic outputs under the control of a voltage sensitive input. It is intended for use in Twin LNB designs, replacing many dIscrete components to save both manufacturing cost and PCB size whilst improving reliability. The two inputs of the ZLNB101 have a nominal threshold of 14.5V. Their threshold is temperature compensated to minimise drift. Each features a low and stable input current that enables transient protection to be achieved with the addition of only a single resistor per channel. Normal and an inverted outputs are provided for each input. All outputs can source 15mA and sink 10mA making them suitable to drive TTL and CMOS logic, pin diodes and for IF-amp supply switching.
ZLNB100
The ZLNB101 operates from a single supply of between 5-12V. Its quiescent current is typically only 4mA and this does not change significantly with load or logic state. It is available in either the standard SO8 or space saving MSOP8 surface mount packages. Device operating temperature is -40C to +85C to suit a wide range of environmental conditions.
FEATURES
APPLICATIONS
* * * * * * * * *
provides polarity detection and control transient resistant low input current low supply current temperature compensated input threshold standard and inverted output available simultaneously wide supply operating range dual polarisation switch eliminates external components simplifies design
* * *
twin LNBs IF switch box LNB switch boxes
75
ZLNB100
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Supply Current VPOL1 and VPOL2 Input Voltage Operating Temperature Storage Temperature -0.6V to 15V 50mA 25V Continuous -40 to 85C -40 to 85 Power Dissipation (Tamb= 25C) SO8 500mW MSOP8 500mW
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated): Tamb= 25C,VCC=5V,ID=10mA (RCAL1 =33k)
SYMBOL PARAMETER VCC ICC Supply Voltage Supply Current All inputs and outputs open circuit IVERT1 = IVERT2 = 10mA, VPOL1 = VPOL2 = 14V IHOR1 = IHOR2 = 10mA, VPOL1 = VPOL2 = 15.0V VPOL1 = VPOL2 = 25V (Note 4) (Note 1) (Note 4) 10 14.0 20 14.5 CONDITIONS Min 5 LIMITS Typ Max 12 10 30 30 40 15.0 100 s V mA mA mA A UNITS
VPOL1 and VPOL2 Inputs IPOL VTPOL TSPOL VVHIGH VVHIGH VVHIGH VVLOW Current Threshold Voltage Switching Speed Vert 1/2 Outputs I VERT1 =I VERT2 =10mA, Voltage High V POL1 = V POL2 = 14V I VERT1 =I VERT2 =15mA, Voltage High V POL1 = V POL2 = 14V Voltage High I VERT1 =I VERT2 =10A, V POL1 = V POL2 = 14V Voltage Low I VERT1 =I VERT2=-10mA, V POL1 = V POL2 = 15.0V Hor 1/2 Outputs Voltage High Voltage High Voltage High Voltage Low I HOR1 =I HOR2=10mA, V POL1 = V POL2 = 15.0V I HOR1=I HOR2=15mA, V POL1 = V POL2 = 15.0V I HOR1=I HOR2=10A, V POL1 = V POL2 = 15.0V I HOR1=I HOR2=-10mA, V POL1 = V POL2 = 14V
VCC-1.0 VCC-0.8 VCC VCC-1.2 VCC-0.9 VCC VCC-0.2 VCC-0.1 VCC 0 0.25 0.5
V V V V
VVHIGH VVHIGH VVHIGH VVLOW
VCC-1.0 VCC-0.8 VCC VCC-1.2 VCC-0.9 VCC VCC-0.2 VCC-0.1 VCC 0 0.25 0.5
V V V V
76
ZLNB100
Note:1) VPOL1 and VPOL2 switching thresholds apply over the whole operating temperature range specified above. 2) Inputs VPOL1 and VPOL2 are designed to be wired to the power input of an LNB via high value (10k) resistors. Input VPOL1 controls outputs Vert1 and Hor1. Input VPOL2 controls outputs Vert2 and Hor2. With either input voltage set at or below 14V, the corresponding Vert pin will be high and Hor pin low. With either input voltage at or above 15.0V, the corresponding Vert pin will be low and Hor pin high. Any input or output not required may be left open-circuit. 3) All outputs are designed to be compatible with TTL, CMOS, pin diode and IF Amp loads. 4) Applied via 10k resistors
The following block diagram shows a typical block diagram twin LNB design. The ZLNB100 provides the two polarity switches required to decode the two independent receiver feeds. Additionally the front end bias requirements of the LNB are provided by the ZNBG4000 or ZNBG6000 offering a very efficient and cost effective solution.
Horizontal Gain Stage GaAs/HEMTFET Antenna
Mixer
Control Input <=13V-Horizontal >=14.5V-Vertical
DC Input 13-25V
1
3
+
Horizontal
H/V Output 1
Bias Generator ZNBG40XX Series
ZLNB100 Series Control Dual H/V Switch
PIN Diode MUX
IF down feed 950-1750 MHz - Standard Band 950-2050 MHz - Enhanced Band
2
4
+
Mixer
Vertical
H/V Output 2
Vertical Antenna
Gain Stage GaAs/HEMTFET
77
ZLNB100
CONNECTION DIAGRAMS
Part Number ZLNB100X ZLNB100N8
ORDERING INFORMATION
Package MSOP8 SO8 Part Mark ZLNB100 ZLNB100
Vert1
1 2 3 4
8 7 6 5
Hor1 Vert2 Hor1
Vcc VPOL1
VPOL2
Gnd
78
ZLNB100
PACKAGE DIMENSIONS
MSOP8
D
DIM A A1 B C D e e1 E H L
Millimetres MIN 0.91 0.10 0.25 0.13 2.95 0.65 0.33 2.95 4.78 0.41 0 MAX 1.11 0.20 0.36 0.18 3.05 NOM NOM 3.05 5.03 0.66 6
Inches MIN 0.036 0.004 0.010 0.005 0.116 0.0256 0.0128 0.116 0.188 0.016 0 MAX 0.044
E
87 65
0.008 0.014 0.007 0.120 NOM 0.120 0.198 0.026 6
A eX6
1
2
34
H
NOM
B
C
L
A1
SO8 DIM A B C D E F G J K L Millimetres Min 4.80 1.27 BSC 0.53 REF 0.36 3.81 1.35 0.10 5.80 0 0.41 0.46 3.99 1.75 0.25 6.20 8 1.27 Max 4.98 Inches Min 0.189 0.05 BSC 0.02 REF 0.014 0.15 0.05 0.004 0.23 0 0.016 0.018 0.157 0.07 0.010 0.24 8 0.050 Max 0.196
79


▲Up To Search▲   

 
Price & Availability of ZLNB100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X