|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ZL40800 and ZL40802 6 GHz Fixed Modulus Prescalers / 8 and / 16 Data Sheet Features * * * * * 3.45V Single Supply Operation Low Power Dissipation: 190mW typ Broadband: DC to 6GHz SSB Phase Noise (-153dBc/Hz @ 10KHz) Pout 3dBm Ordering Information ZL40800/DCA ZL40800/DCB ZL40802/DCA ZL40802/DCB (tubes) 8 pin (tape and reel) 8 pin (tubes) 8 pin (tape and reel) 8 pin -40C to 85C SOIC SOIC SOIC SOIC July 2003 Prescaler Modulus * * ZL40800 - Divide by 8 ZL40802 - Divide by 16 Description The ZL40800 and ZL40802 are Bipolar 3.45V supply, very low power prescalers for professional applications with a fixed modulus of 8 or 16. The ultra low close in (1KHz offset) SSB phase noise performance is ideal for narrow band communications systems or systems with ultra low jitter budgets such as next generation fibre optic communications. The devices are broadband from DC to 6GHz. See Figure 1 and Application Note for RF Prescalers for more details. Applications * * * * * * * DC to 6 GHz PLL applications HyperLan LMDS Instrumentation Satellite Communications Fibre Optic Communications; OC48, OC192 Ultra Low Jitter Clock Systems VCC IN 1 200 Ohm VCC OUT 8 OUTPUT 7 6 OUTPUT B Vref Div N 400 Ohm INPUT 2 INPUT B 3 * 10mA GND 4 GND 5 Figure 1 - Block Diagram 1 Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2003, Zarlink Semiconductor Inc. All Rights Reserved. ZL40800 and ZL40802 Data Sheet Vcc IN INPUT INPUT Bar GND 1 2 3 4 8 7 6 5 Vcc OUT OUTPUT OUTPUT Bar GND SOIC (N) Figure 2 - Pin Connections - Top View Application Configuration Figure 3 shows a recommended application configuration. This example shows the device set up for single ended operation. Application Diagram C1: 1nF Rfilter R1: 400 R2: 400 C2: 10nF C3: 100pF 1 2 3 8 7 6 5 C5: 10nF Rsource: C4: 100pF 4 C6: 10nF Rload Note: Dotted Components Optional Figure 3 - Recommended circuit configuration This represents the circuit used to complete characterisation. The tabulated Electrical performance is guaranteed using this application circuit. Unpopulated evaluation boards are available, type No. ZLE40008. Fully populated evaluation boards are also available, type Nos. ZLE40800 and ZLE40802. 2 Zarlink Semiconductor Inc. ZL40800 and ZL40802 Circuit Options Data Sheet The application circuit includes some optional components that may be required to improve tolerance of system noise present in the application. Dummy R source may be added to the inverting input to provide a better matched source impedance at the input. This will improve the rejection of common mode noise present within the system. Dummy R load may be added to the inverting output to provide better matched load at the output. This will reduce the radiated EMI at the output and reduce the Output Noise present on the supply rail. R1 and R2 400 Ohm Pull ups are added to increase the headroom present at the amplifier output. This enhances the operation at maximum supply and temperature. An alternative is to provide an inductive choke in place of R1 and R2. These components provide a parallel DC Path to Vcc increasing the bandwidth of the output stage and providing a virtually flat output power across frequency. See Fig 12 and 13. Rfilter can be inserted between the Vcc in and the Vcc_out to provide additional filtering to the input Vcc. The input Vcc powers the input bias reference only and can be a sensitive point to system noise. The nominal input current at Vcc_IN s 0.35mA. An alternative would be to use an inductive choke. C1 is additional Supply Filtering and should be added with Rfilter. The IC includes 10pF of on Chip Supply Filtering. Input and Output Circuit Figure 4 shows the equivalent input and output circuit. * Vcc_Out Vcc_In Vref I/O Circuits 400 Ohm 400 Ohm * * 200 Ohm * 200 Ohm * 0.5pF 0.5pF Input * * * * * * 1.0nH 1.0nH Output 1.0nH 0.2pF * * * 0.8pF * * 10mA Output Bar Input bar 1.0nH Gnd Gnd * * Figure 4 - Input and Output Equivalent Circuit 3 Zarlink Semiconductor Inc. ZL40800 and ZL40802 Increase Output Power Output Match and Narrow Band Operating Range Data Sheet The device has been characterised with a mismatch at the output. This is a broadband configuration. 3dB more output power is available if the application matches the load to the output impedance. ZL40802 Phase Noise vs Offset Freq Pin = -6dBm, Vcc = 3.6V, Temp = 25C @ 1,3 & 5GHz Phase Noise in dBC/Hz -130 -135 -140 -145 -150 -155 -160 100 1000 10000 100000 Offset Frequency in Hz Figure 5 - ZL40802 Typical Phase Noise 5GHz 3GHz 1GHz Absolute Maximum Ratings Parameter 1 2 3 4 5 Supply voltage RFin All I/O ports ESD protection Storage temperature -0.5 2k -55 +150 Symbol Vcc Min -0.5 Max 6 12 +0.5 Units V dBm V V Mil-std 883B / 3015 cat1 C Operating Ranage Parameter 1 2 3 4 5 Supply voltage RFin Frequency Range Operating Junction Temperature Junc'n to Amb't resistance Junc'n to Amb't resistance Rth (j-a) Rth (j-c) Symbol Vcc Min 3.3 0.1 -40 150 60 Max 3.6 6 125 Units V GHz C C/W 4 layer FR4 Board C/W 4 layer FR4 Board 4 Zarlink Semiconductor Inc. ZL40800 and ZL40802 AC/DC Electrical Characteristics Electrical Characteristics Characteristic Icc_in (Supply current) Icc_out (Supply current) Icc_out (Supply current) Input frequency Input sensitivity Input overload Phase Noise Output voltage Output power Output t-rise Output t-fall T - prop delay Jitter Output Duty Cycle Input Edge Speed Pin 1 8 8 2,3 2,3 2,3 6,7 6,7 6,7 6,7 6,7 2,6 6,7 6,7 2,3 45 500 -7 4 29 31 1 -20 10 -150 1 -2 110 110 250 0.1 50 55 2 Min. Typ. 0.35 52 55 86 89 6 -10 Max. Units mA mA mA GHz dBm dBm dBC/Hz Vp-p dBm ps ps ps ps % V/us Conditions Data Sheet ZL40800 Div8 & ZL40802 Div16 ZL40800 Div8 ZL40802 Div16 RMS sinewave, fin = 1GHz to 6GHz, Note 1 fin = 1GHz to 6GHz, Note 1 @ 1KHz Offset Fin = 3GHz Differential Into 50ohm pull up resistors fin = 1GHz to 6GHz, Pin = -10dBm Note 2 fin = 1GHz to 6GHz, Pin = -10dBm fin = 1GHz to 6GHz, Pin = -10dBm 50% IN to 50% OUT fin = 1GHz to 6GHz, In = -10dBm For < 1GHz input operation These characteristics are guaranteed by design and characterisation over the following range of operating conditions unless otherwise stated: Tamb = -40C to + 85C, Vcc = 3.3V to 3.6V. Note 1: Pin = power measured into 50 ohm Load from 50 Ohm Source. Note 2: Pout Single Ended AC coupled Single 50 Ohm Termination 5 Zarlink Semiconductor Inc. ZL40800 and ZL40802 Typical Input Sensitivity (Sinewave Drive) 15 10 Vin into 50 Ohm (dBm) 5 0 -5 -10 -15 -20 -25 -30 -35 0 1 2 3 4 5 6 7 8 9 Input Frequency (GHz) Edge Speed >500V/us Data Sheet Guaranteed Operating Range -40C to 85C Figure 6 - Typical Input Sensitivity (sine wave drive) Single Ended AC Coupled Single Termination ( + 400 Ohm or Choke Pull Up ) Vcc out 200 Ohm 200 Ohm 400 Ohm 400 Ohm Transmission Line Optional Balance 50 Ohm 50 Ohm Gnd Pre-scaler Output Figure 7 - Single Ended AC Coupled Single Termination 6 Zarlink Semiconductor Inc. ZL40800 and ZL40802 Data Sheet ZL40800 Phase Noise vs Offset Pin = 2dBm, Vcc = 3.6V, Temp = 25C -130 Phaase Noise in dBC/Hz -135 -140 -145 -150 -155 -160 100 1000 10000 100000 5GHz 3GHz 1GHz Offset frequency in Hz Figure 8 - ZL40800 Typical Phase Noise ZL40800: Phase Noise vs Input Frequency @ 2.5dBm Pin, 3.6V Supply, 25C -120 -125 -130 -135 -140 -145 -150 -155 -160 0 1 2 3 4 5 6 Input Frequency (GHz) Phase Noise (dBc/Hz) 100 Hz 1 KHz 10 KHz 100 KHz Figure 9 - ZL40800 Phase Noise vs Input Frequency 7 Zarlink Semiconductor Inc. ZL40800 and ZL40802 Data Sheet ZL40800: Phase Noise v Pin, 3.6V Supply, Fin = 3GHz, T = 25C Phase Noise (dBc/Hz) -120 -130 -140 -150 -160 -10 -5 Pin (dBm) Figure 10 - ZL40800 Phase Noise vs Input Power 100 Hz 1 KHz 10 KHz 100 KHz 0 5 ZL40800: Phase Noise v Vcc Fin = 3GHz, Pin = -6dBm, T =25C Phase Noise (dBc/Hz) -120 -130 -140 -150 -160 3.2 3.3 3.4 3.5 3.6 3.7 Supply Voltage (V) Figure 11 - ZL40800 Phase Noise vs Vcc 100 Hz 1 KHz 10 KHz 100 KHz 8 Zarlink Semiconductor Inc. ZL40800 and ZL40802 Single Ended or Differential Load Data Sheet Figure 12 and Figure 13 illustrate the output waveform when measured differential and single ended with a 6GHz waveform at the input at a level of +2dBm. The single ended output contains some input frequency breakthrough which contributes to the distortion present. This is a common mode signal which is rejected if the output is taken differentially. Differential operation also provides an additional 3dB. Differential Operation reduces the radiated EMI in the system and reduces the susceptibility to common mode system noise. ZL40800_Dev1 (/8) with 400R pull-ups Frequency_sweep, Vcc = 3.6v Device 1,Temperature = 25C 1 0 o/p level (dBm) -1 -2 -3 -4 -5 -6 0 1E+09 2E+09 3E+09 4E+09 5E+09 6E+09 7E+09 8E+09 i/p frequency (Hz) Device 1,Temperature = 85C Figure 12 - ZL40800 Pout / Input Frequency ZL40802_dev1_Frequency_sweep, Vcc = 3.3v Device 1,Temperature = -40C Device 1,Temperature = 85C 0 -1 -2 o/p level (dBm) -3 -4 -5 -6 -7 -8 1000000000 i/p frequency (Hz) 10000000000 Device 1,Temperature = 25C Figure 13 - ZL40800Pout v Input Frequency (Vcc=3.3V, T= -40C,25C, 85C) 9 Zarlink Semiconductor Inc. ZL40800 and ZL40802 Data Sheet Figure 14 - ZL40800 Single Ended Out @ 5Ghz +2dBm Figure 15 - ZL40800 Differential Out @ 5Ghz +2dBm 10 Zarlink Semiconductor Inc. For more information about all Zarlink products visit our Web Site at www.zarlink.com Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request. Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved. TECHNICAL DOCUMENTATION - NOT FOR RESALE |
Price & Availability of ZL40800 |