Part Number Hot Search : 
P0640SB AN668 SG3501 NTE56069 K1005 C143ZC 2SB764L SR2060PT
Product Description
Full Text Search
 

To Download ZHCS506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE "SuperBAT"
ISSUE 1 - September 1997 FEATURES: * Low V F * High Current Capability APPLICATIONS: * DC - DC converters * Mobile telecomms * PCMCIA PARTMARK DETAIL: S56 7
1
ZHCS506
C 1 A 3
2
3
SOT23
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Continuous Reverse Voltage Forward Current (Continuous) Forward Voltage @ IF = 500mA Average Peak Forward Current; D.C. = 50% Non Repetitive Forward Current t100s t10ms Power Dissipation at Tamb= 25 C Storage Temperature Range Junction Temperature SYMBOL VR IF VF IFAV IFSM Ptot Tstg Tj VALUE 60 500 630 1000 5.5 2.5 330 -55 to + 150 125 UNIT V mA mV mA A A mW C C
ELECTRICAL CHARACTERISTICS (at Tamb = 25 C unless otherwise stated).
PARAMETER Reverse Breakdown Voltage Forward Voltage SYMBOL V (BR)R VF MIN. 60 TYP. 80 275 320 415 550 680 820 1120 565 20 20 10 310 360 470 630 800 960 1350 40 MAX. UNIT V mV mV mV mV mV mV mV mV A pF ns CONDITIONS. IR= 200A IF= IF= IF= IF= IF= IF= IF= IF= 50mA* 100mA* 250mA* 500mA* 750mA* 1000mA* 1500mA* 500mA, Tamb= 100 C*
Reverse Current Diode Capacitance Reverse Recovery Time
IR CD trr
V R= 45V f= 1MHz,V R= 25V switched from IF = 500mA to IR = 500mA Measured at IR = 50mA
*Measured under pulsed conditions. Pulse width= 300s; duty cycle 2% .
ZHCS506
1
10m
IF - Forward Current (A)
IR - Reverse Current (A)
+125C
1m
+100C
100m
100u 10u 1u 100n 10n
-55C +50C +25C
10m
+125C +25C -55C
1m
0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
60
VF - Forward Voltage (V) IF v VF
VR - Reverse Voltage (V) IR v VR
0.6
0.4
1
IF(av) - Avg Fwd Cur (A)
D=t 1/t
PF(av) - Avg Pwr Diss (W)
DC D=0.5
t
p
I F(pk)
Tj=125C
t
0.3
0.4
D=0.2 D=0.1
p
I F(av) =DxI PF(av) =I
F(av)
F(pk)
xV
F
0.2
t
1
D=t 1/t
p
0.2
D=0.05
I F(pk)
0.1
DC D=0.5 D=0.2 D=0.1 D=0.05
t
p
I F(av) =DxI PF(av) =I
F(av)
F(pk)
0 75
0 85 95 105 115 125
xV
F
0
0.1
0.2
0.3
0.4
0.5
0.6
TC - Case Temperature (C)
IF(av) - Avg Fwd Curr (A)
IF(av) v TC
PF(av) v IF(av)
125
90
Rth=100C/W Rth=200C/W Rth=300C/W
CD - Diode Capacitance (pF)
Ta - Ambient Temp (C)
50
95
65
1
10
100
0
0
10
20
30
40
50
60
VR - Reverse Voltage (V) Ta v VR
VR - Reverse Voltage (V) CD v VR
ZHCS506
TYPICAL CHARACTERISTICS
300
D=1
t
p 1
D=t 1/t
RTHj-a (C/W)
200
D=0.5
t
p
100
Single Pulse D=0.2 D=0.1 D=0.05
0 100u
1m
10m
100m
1
10
100
Pulse Width (s)


▲Up To Search▲   

 
Price & Availability of ZHCS506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X