Part Number Hot Search : 
100CT KBJ606G 74HC58D SKB202 12864 EH560J0 MBR2545 AD7533TD
Product Description
Full Text Search
 

To Download TAP1212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converter
TAP Series
Features
Highest Power Density in 50 x 25 x 10 mm (2" x 1" x 0.4") Package Wide 2 : 1 Input Range Very high Efficiency up to 87% Input Filter meets EN 55022, Class A and FCC, Level A without external Components Shielded Metal Case with insulated Baseplate Industry Standard Pinout High Reliability, MTBF > 1.2 Mio. h 2 Year Product Warranty The TAP Series is a range of high performance, isolated DC/DCconverter modules with highest power density. State of the art SMDtechnology guarantees a product with very high reliability. I/O-isolation of 1'500 VDC together with conducted noise compliance to EN 55022A and FCC, level A makes these converters the ideal product for communications, battery powered mobile equipments and distributed power system applications.
15 Watt
Models
Ordercode TAP 1210 TAP 1211 TAP 1212 TAP 1213 TAP 1222 TAP 1223 TAP 2410 TAP 2411 TAP 2412 TAP 2413 TAP 2422 TAP 2423 TAP 4811 TAP 4812 TAP 4813 TAP 4822 TAP 4823 Input voltage range Output voltage 3,3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 3,3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5 12 15 12 15 VDC VDC VDC VDC VDC Output current max. 2`400 2`000 1'000 800 450 350 2`800 2`500 1'250 1'000 600 500 2`500 1'250 1'000 600 500 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Efficiency typ. 77 80 83 83 83 83 79 82 86 86 86 86 84 87 87 87 87 % % % % % % % % % % % % % % % % %
9 - 18 VDC
18 - 36 VDC
36 - 75 VDC
www.tracopower.com
Page 1
DC/DC Converter
TAP Series 15 Watt
Input Specifications
Input current (no load) 12 Vin models 24 Vin models 48 Vin models 12 Vin models 24 Vin models 48 Vin models 12 Vin models 24 Vin models 48 Vin models 30 mA typ. 20 mA typ. 10 mA typ. 1000 mA typ. 720 mA typ. 360 mA typ. t.b.a. t.b.a. t.b.a. EN 55022 level A, FCC part 15, level A 2% 0.5 % max. 1.0 % max. 2.0 % max. 3.5 % max. 75 mVpk-pk max. 0.05 % / C >120% of Iout max., constant current Foldback mode Long term short circuit operation may cause damage to the converter. - single output models - dual output models - Operating - Case temperature - Storage 200 F max. 50 F max. - 25 C ... + 75 C (derating 3% /C above 60C) + 100 C max. - 40 C ... + 125 C 90 % rel H max. >1.2 Mio. h @ + 25 C 750 VDC 1'500 VDC 2.2 nF typ > 1`000 M Ohm 400 kHz typ. (Pulse width modulation PWM) UL 1950, EN 60950, IEC 60950 Compliance up to 60 VDC input voltage (SELV limit) UL/cUL File E188913
Input current (full load)
Surge voltage protection (1 sec max.)
Conducted noise (input)
Output Specifications
Voltage set accuracy Regulation - Input variation Vin min. to Vin max. - Load variation 10 - 90 % - single output models - dual output models balanced load - dual output models unbalanced load
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Output current limitation Short circuit protection
Capacitive load
General Specifications
Temperature ranges
Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation voltage Input/Output - 12/24 VDC models - 48 VDC models Input/Output Input/Output (500 VDC)
Isolation capacity Isolation resistance Switching frequency (fixed) Safety standards Safety approvals
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 2
DC/DC Converter
TAP Series 15 Watt
Physical Specifications
Case material Baseplate Potting material Weight Soldering temperature Steel nickel-plated Epoxy FR4 Silicon rubber TSE (flammability to UL 94 V-0) 30 g (1.2 oz) max. 260 C / 10 sec.
Outline Dimensions mm (inches)
50.8 0.5
(2.0 0.02)
15.2 0.5
(0.6 0.02)
20.32
(0.8)
5.08
10.16 10.16
(0.2)
(0.4)
3 1 2
Bottom View
Pin-Out
25.4 0.5
(1.0 0.02)
20.32
4 5
(0.8)
Pin 1 2 3 4 5
Single +Vin (Vcc) -Vin (GND) +Vout No pin -Vout
Dual +Vin (Vcc) -Vin (GND) +Vout Common -Vout
10.2 0.5
(0.4 0.02)
2.5 0.5 (0.1 0.02)
(0.4)
4.5 10.8 0.5
Insulated baseplate
Pin diameter o 0.8
0.05
(0.03
0.002)
Specifications can be changed without notice
Rev. 06/00
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch
(0.18) (0.43 0.02)
*
internet: http://www.tracopower.com
Page 3


▲Up To Search▲   

 
Price & Availability of TAP1212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X