Part Number Hot Search : 
5KP54A RN1205 ZTX384 XC161 FC12P FZT65 S2060 N4003
Product Description
Full Text Search
 

To Download SMAJ24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMAJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
VOLTAGE RANGE FEATURES
* For surface mount application * Built-in strain relief * Excellent clamping capability * Low profile package * Fast response time: Typically less than 1.0ps from 0 volt to BV min. * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 260 C / 10 seconds at terminals
5.0 to 170 Volts 400 Watts Peak Power
DO-214AC(SMA)
.058(1.47) .052(1.32) .177(4.50) .157(3.99)
.110(2.79) .100(2.54)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end except Bidirectional * Mounting position: Any * Weight: 0.063 grams
.090(2.29) .078(1.98) .060(1.52) .030(0.76) .005 MAX. (.127) .208(5.28) .194(4.93)
.012(0.31) .006(0.15)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATINGS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1) Peak Forward Surge Current at 8.3ms Single Half Sine-Wave superimposed on rated load (JEDEC method) (NOTE 3) Maximum Instantenous Forward Voltage at 25.0A for Unidirectional only Operating and Storage Temperature Range
SYMBOL
PPK IFSM VF TJ, TSTG
VALUE
Minimum 400 40 3.5 -55 to +150
UNITS
Watts Amps Volts C
NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2. 2 2. Mounted on Copper Pad area of 5.0mm (.013mm Thick) to each terminal. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types SMAJ5.0 thru SMAJ170. 2. Electrical characteristics apply in both directions.
248
RATING AND CHARACTERISTIC CURVES (SMAJ SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
Non-Repetitive Pulse Waveform Shown in Fig. 3 TA=25 C 10 PEAK PULSE POWER(P PP) OR CURRENT(IPP) DERATING IN PERCENTAGE 100 100
FIG.2-PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, KW
75
50
1.0
5.0mm COPPER PAD AREAS
2
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
0
0
25
50
75
100
125
150
175
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE ( C)
FIG.3-PULSE WAVE FORM
150 IPPM, PEAK PULSE CURRENT, %
tf=10s Peak Value IPPM TA=25 C Pulse Width (td) is defined as the point where the Peak Current Deacys to 50% of Ipp 10,000
FIG.4-TYPICAL JUNCTION CAPACITANCE
TJ=25 C f=1.0MHz Vsig=50mVp-p
5,000
100
2,000 Half Value-IPPM 2 10/1000sec Waveform as Defined by R.E.A.
1,000
CJ, CAPACITANCE, pF
50
500
Measued at Zero Bias
td
e-kt
0
0
1.0
2.0
3.0
4.0
200
t, TIME, ms
100
FIG.5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100 80 TJ=TJmax 8.3ms Single Half Sine-wave JEDEC Method
50
Measured at Stand-Off Voltage(VMW)
20
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
60
10 1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
40
20
10
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
249
400 Watt Surface Mount TVS
PART NUMBER REVERSE BREAKDOWN BREAKDOWN TEST ADD C FOR BI- STAND-OFF VOLTAGE VOLTAGE CURRENT DIRECTIONAL VOLTAGE VBR (V) VBR (V) IT See Note 1 VRWM (V) MIN. @IT MAX. @IT (mA) SMAJ5.0(C) 5.0 6.40 7.30 10 SMAJ5.0(C)A 5.0 6.40 7.00 10 SMAJ6.0(C) 6.0 6.67 8.15 10 SMAJ6.0(C)A 6.0 6.67 7.37 10 SMAJ6.5(C) 6.5 7.22 8.82 10 SMAJ6.5(C)A 6.5 7.22 7.98 10 SMAJ7.0(C) 7.0 7.78 9.51 10 SMAJ7.0(C)A 7.0 7.78 8.60 10 SMAJ7.5(C) 7.5 8.33 10.3 1 SMAJ5.0(C)A 7.5 8.33 8.21 1 SMAJ8.0(C) 8.0 8.89 10.9 1 SMAJ8.0(C)A 8.0 8.89 9.83 1 SMAJ8.5(C) 8.5 9.44 11.5 1 SMAJ8.5(C)A 8.5 9.44 10.4 1 SMAJ9.0(C) 9.0 10.0 12.2 1 SMAJ9.0(C)A 9.0 10.0 11.1 1 SMAJ10(C) 10 11.1 13.6 1 SMAJ10(C)A 10 11.1 12.3 1 SMAJ11(C) 11 12.2 14.9 1 SMAJ11(C)A 11 12.2 13.5 1 SMAJ12(C) 12 13.3 16.3 1 SMAJ12(C)A 12 13.3 14.7 1 SMAJ13(C) 13 14.4 17.6 1 SMAJ13(C)A 13 14.4 15.9 1 SMAJ14(C) 14 15.6 19.1 1 SMAJ14(C)A 14 15.6 17.2 1 SMAJ15(C) 15 16.7 20.4 1 SMAJ15(C)A 15 16.7 18.5 1 SMAJ16(C) 16 17.8 21.8 1 SMAJ16(C)A 16 17.8 19.7 1 SMAJ17(C) 17 18.9 23.1 1 SMAJ17(C)A 17 18.9 20.9 1 SMAJ18(C) 18 20.0 24.4 1 SMAJ18(C)A 18 20.0 22.1 1 SMAJ20(C) 20 22.2 27.1 1 SMAJ20(C)A 20 22.2 24.5 1 SMAJ22(C) 22 24.4 29.8 1 SMAJ22(C)A 22 24.4 26.9 1 SMAJ24(C) 24 26.7 32.6 1 SMAJ24(C)A 24 26.7 29.5 1 SMAJ26(C) 26 28.9 35.3 1 SMAJ26(C)A 26 28.9 31.9 1 SMAJ28(C) 28 31.1 38.0 1 SMAJ28(C)A 28 31.1 34.4 1 SMAJ30(C) 30 33.3 40.7 1 SMAJ30(C)A 30 33.3 36.8 1 SMAJ33(C) 33 36.7 44.9 1 SMAJ33(C)A 33 36.7 40.6 1 SMAJ36(C) 36 40.0 48.9 1 SMAJ36(C)A 36 40.0 44.2 1 SMAJ40(C) 40 44.4 54.3 1 SMAJ40(C)A 40 44.4 49.1 1 SMAJ43(C) 43 47.8 58.4 1 SMAJ43(C)A 43 47.8 52.8 1 SMAJ45(C) 45 50.0 61.1 1 SMAJ45(C)A 45 50.0 55.3 1 SMAJ48(C) 48 53.3 65.1 1 SMAJ48(C)A 48 53.3 58.9 1 SMAJ51(C) 51 56.7 69.3 1 SMAJ51(C)A 51 56.7 62.7 1 SMAJ54(C) 54 60.0 73.3 1 SMAJ54(C)A 54 60.0 66.3 1 SMAJ58(C) 58 64.4 78.7 1 SMAJ58(C)A 58 64.4 71.2 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR(A) 41.6 800 43.5 800 35.1 800 38.8 800 32.5 500 35.7 500 30.1 200 33.3 200 28.0 100 31.0 100 26.5 50 29.4 50 25.1 10 27.7 10 23.6 5 26.0 5 21.1 5 23.5 5 20.0 5 22.0 5 18.1 5 20.1 5 16.8 5 18.6 5 15.5 5 17.2 5 14.8 5 16.4 5 13.8 5 15.3 5 13.1 5 14.5 5 12.4 5 13.7 5 11.1 5 12.3 5 10.1 5 11.2 5 9.3 5 10.3 5 8.6 5 9.5 5 8.0 5 8.8 5 7.5 5 8.3 5 6.8 5 7.5 5 6.2 5 6.9 5 5.6 5 6.2 5 5.2 5 5.7 5 5.0 5 5.5 5 4.7 5 5.2 5 4.4 5 4.9 5 4.2 5 4.6 5 3.9 5 4.3 5
MARKING CODE UNI AD AE AF AG AH AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BD BE BF BG BH BK BL BM BN BP BQ BR BS BT BU BV BW BX BY BZ CD CE CF CG CH CK CL CM CN CP CQ CR CS CT CU CV CW CX CY CZ RD RE RF RG BI
ADP AEP AFP AGP AHP AKP ALP AMP ANP APP AQP ARP ASP ATP AUP AVP AWP AXP AYP AZP BDP BEP BFP BGP BHP BKP BLP BMP BNP BPP BQP BRP BSP BTP BUP BVP BWP BXP BYP BZP CDP CEP CFP CGP CHP CKP CLP CMP CNP CPP CQP CRP CSP CTP CUP CVP CWP CXP CYP CZP RDP REP RFP RGP
256
400 Watt Surface Mount TVS
PART NUMBER REVERSE BREAKDOWN BREAKDOWN TEST ADD C FOR BI- STAND-OFF VOLTAGE VOLTAGE CURRENT DIRECTIONAL VOLTAGE VBR (V) VBR (V) IT See Note 1 VRWM (V) MIN. @IT MAX. @IT (mA) SMAJ60(C) 60 66.7 81.5 1 SMAJ60(C)A 60 66.7 73.7 1 SMAJ64(C) 64 71.1 86.4 1 SMAJ64(C)A 64 71.1 78.6 1 SMAJ70(C) 70 77.8 95.1 1 SMAJ70(C)A 70 77.8 86.0 1 SMAJ75(C) 75 83.3 102 1 SMAJ75(C)A 75 83.3 92.1 1 SMAJ78(C) 78 86.7 106 1 SMAJ78(C)A 78 86.7 95.8 1 SMAJ85(C) 85 94.4 115 1 SMAJ85(C)A 85 94.4 104 1 SMAJ90(C) 90 100 122 1 SMAJ90(C)A 90 100 111 1 SMAJ100(C) 100 111 136 1 SMAJ100(C)A 100 111 123 1 SMAJ110(C) 110 122 149 1 SMAJ110(C)A 110 122 135 1 SMAJ120(C) 120 133 163 1 SMAJ120(C)A 120 133 147 1 SMAJ130(C) 130 144 176 1 SMAJ130(C)A 130 144 159 1 SMAJ150(C) 150 167 204 1 SMAJ150(C)A 150 167 185 1 SMAJ160(C) 160 178 218 1 SMAJ160(C)A 160 178 197 1 SMAJ170(C) 160 189 231 1 SMAJ170(C)A 170 189 209 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR(A) 3.7 5 4.1 5 4.5 5 3.9 5 3.2 5 3.5 5 3.0 5 3.3 5 2.9 5 3.2 5 2.6 5 2.9 5 2.5 5 2.7 5 2.2 5 2.5 5 2.0 5 2.3 5 1.9 5 2.0 5 1.7 5 1.9 5 1.5 5 1.6 5 1.4 5 1.5 5 1.3 5 1.4 5
MARKING CODE UNI RH RK RL RM RN RP RQ RR RS RT RU RV RW RX RY RZ SD SE SF SG SH SK SL SM SN SP SQ SR BI RHP RKP RLP RMP RNP RPP RQP RRP RSP RTP RUP RVP RWP RXP RYP RZP SDP SEP SFP SGP SHP SKP SLP SMP SNP SPP SQP SRP
257


▲Up To Search▲   

 
Price & Availability of SMAJ24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X