Part Number Hot Search : 
2M10V DRP10 IRG4BC30 71J15C OV912 RT9055 AM1523CE 001000
Product Description
Full Text Search
 

To Download SB8100DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 art Number SB820DC~SB81 umber: A p p r o v e S h e e t Par t Number: SB820DC~SB8100DC
DATA SHEET
SB820DC~SB8100DC
D 2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER VOLTAGE- 20 to 100 Volts CURRENT - 8.0 Amperes FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O . Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228. * Low power loss,high efficiency. * Low leakage current, high current capability. * High surge capacity. * For use in low voltage, high frequency inverters free wheeling, and polarlity protection applications.
0.7 (1.8)
TO-263 / D PAK
2
Unit: inch ( mm )
0.409(10.4) 0.387(9.8)
0.189(4.8) 0.137(4.4) 0.055(1.4) 0.047(1.2)
4
0.418(10.6) 0.357(9.1) 0.335(8.5) 0.378(9.6)
+ 0.012(+ 0.3) - 0.012(- 0.3)
MECHANICAL DATA
Case: D PAK/TO-263 molded plastic Terminals:Solder plated, solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.06 ounces, 1.7 grams.
2
0.236(6.0) 0.197(5.0) 0.035 (0.9 MAX)
0.026(0.7) 0.011(0.3)
0.055(1.4) 0.039(1.0) 0.108(2.75) 0.092(2.35)
0.108(2.75)
1
2
3
0.092(2.35) AC 1
+
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase , half wave ,60Hz, resistive or inductive load. For capacitive load , derate current by 20%.
AC 3
4
SB820DC SB830DC SB840DC SB850DC SB860DC SB880DC SB8100DC Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Ta=100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 4.0A per element Maximum DC Reverse Current (Note 1) Ta= 25C at Rated DC Blocking Voltage Ta=100C 0.55 0.75 0.5 50.0 60.0 -50 to +150 0.85 20 14 20 30 21 30 40 28 40 50 35 50 8.0 60 42 60 80 56 80 100 70 100
UNITS V V V A
75.0
A
V
mA C/W C
Typical thermal Resistance NOTE RJA Operating and Storage Temperature Range T J
NOTES: Thermal Resistance to Ambient.
PAGE . 1
art Number SB820DC~SB81 umber: A p p r o v e S h e e t Par t Number: SB820DC~SB8100DC
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD CURRENT
1.0
40 20V~40V 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 50V~60V
AVERAGE FORWARD CURRENT
80V~100V
8.0 6.0 4.0 2.0 0 150
0
50
O
100
.4
.5
.6
.7
.8
.9
1.0
1.1
CASE TEMPERATURE, C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
INSTANTANEOUS REVERSE CURRENT, MILAMPERES
10 TC = 100OC
80
PEAK FORWARD SURGE CURRENT,
1.0 TC = 75OC 0.1 TC = 25OC 0.01
70 60 50 40 30 20 10
0.001
0
0 100 200 300
1
2
5
10
20
50
100
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
400 350
CAPACITANCE, pF
300 250 200 150 0 1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE, VOLTS
Fig.5- TYPICAL JUNCTION CAPACITANCE
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB8100DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X