Part Number Hot Search : 
MAX5435 TC233 WF200U EL7182 A204116 10230 1117A BAT54AWT
Product Description
Full Text Search
 

To Download RL1604CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
RL1601CS THRU RL1606CS
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes
FEATURES
* * * * * * Low power loss, high efficiency Low forward voltage drop Low thermal resistance High current capability High surge capability High reliability
.05 (1.27 REF.)
D2PAK
MECHANICAL DATA
* * * * * * Case: D2PAK molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.2 grams Polarity: As marked
.185 (4.70) .177 (4.50) .051 (1.29) .049 (1.25)
.343 (8.70) .335 (8.50)
.624 (15.84) .576 (14.64)
.151 (3.84) .143 (3.64)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.200 (5.08)
.401 (10.19) .399 (10.13)
.015 (0.381)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TC = 100oC (Note 1) Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJC CJ TJ, TSTG
RL1601CS RL1602CS RL1603CS RL1604CS RL1605CS RL1606CS
.065 (1.65)
.052 (1.32) .048 (1.22) .032 (0.81)
.043 (1.10)
UNITS Volts Volts Volts Amps Amps
0
50 35 50
100 70 100
200 140 200 16.0 200 3.0 40
400 280 400
600 420 600
800 560 800
C/ W pF
0
-65 to + 150
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TC = 25 o C @TC = 100 o C SYMBOL VF IR
RL1601CS RL1602CS RL1603CS RL1604CS RL1605CS RL1606CS
UNITS Volts uAmps 2001-4
1.1 10 100
NOTES : 1.Case Temperature Measured at Metal Tab. 2.Measured at 1 MHZ and applied reverse voltage of 4.0 volts. 3.Suffix " A " = Common Anode.
RATING AND CHARACTERISTIC CURVES ( RL1601CS THRU RL1606CS )
AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 20.0 16.0 12.0 8.0 4.0 0 0 50 100 CASE TEMPERATURE, ( 150 )
Single Phase Half Wave 60Hz Inductive or Resistive Load
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS 1000
INSTANTANEOUS REVERSE CURRENT, (uA)
TC = 100
100
10
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 300 250 200 150 100 50 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDED Method)
1.0
TC = 25
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 5 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 80 40 20 10 4 1.0 .4 .1 .5 .6 .7 .8 .9 1.0 1.1 1.2 INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25 Pulse Width = 300us 1% Duty Cycle
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ = 25
RECTRON


▲Up To Search▲   

 
Price & Availability of RL1604CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X