Part Number Hot Search : 
52UE9 DS2149DK ST40150C MC92314 LRCS0805 MBSK110S AD8107 0R12KE3
Product Description
Full Text Search
 

To Download MC74HC157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Quad 2-Input Data Selectors/Multiplexers
High-Performance Silicon-Gate CMOS
The MC54/74HC157A is identical in pinout to the LS157. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. This device routes 2 nibbles (A or B) to a single port (Y) as determined by the Select input. The data is presented at the outputs in noninverted form. A high level on the Output Enable input sets all four Y outputs to a low level. The HC157A is similar in function to the HC257 which has 3-state outputs. * * * * * * Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 A High Noise Immunity Characteristic of CMOS Devices In Compliance with the Requirements Defined by JEDEC Standard No. 7A * Chip Complexity: 82 FETs or 20.5 Equivalent Gates
MC54/74HC157A
J SUFFIX CERAMIC PACKAGE CASE 620-10
1
16
16 1
N SUFFIX PLASTIC PACKAGE CASE 648-08 D SUFFIX SOIC PACKAGE CASE 751B-05 DT SUFFIX TSSOP PACKAGE CASE 948F-01
16 1
16 1
ORDERING INFORMATION MC54HCXXXAJ MC74HCXXXAN MC74HCXXXAD MC74HCXXXADT Ceramic Plastic SOIC TSSOP
LOGIC DIAGRAM
2 5 11 14 4 3 6 10 13 7 9 12 Y0 Y1 Y2 Y3 DATA OUTPUTS
A0 NIBBLE A INPUTS A1 A2 A3 B0 NIBBLE B INPUTS B1 B2 B3
PIN ASSIGNMENT
SELECT A0 B0 Y0 A1 B1 Y1 GND 1 15 PIN 16 = VCC PIN 8 = GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC OUTPUT ENABLE A3 B3 Y3 A2 B2 Y2
SELECT OUTPUT ENABLE
FUNCTION TABLE
Inputs Output Enable H L L Select X L H Outputs Y0 - Y3 L A0 - A3 B0 - B3
X = don't care A0 - A3, B0 - B3 = the levels of the respective Data-Word Inputs.
10/95
(c) Motorola, Inc. 1995
1
REV 6
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII III I I III I I I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII III I III I I III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I III I I III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I
MOTOROLA Symbol Vin, Vout Symbol Symbol VCC Vout Tstg ICC Iout VCC Vin PD TL VOH tr, tf Iin VOL TA VIH VIL * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C Ceramic DIP: - 10 mW/_C from 100_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
RECOMMENDED OPERATING CONDITIONS
MC54/74HC157A
Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP, SOIC or TSSOP Package) (Ceramic DIP)
Storage Temperature
Power Dissipation in Still Air, Plastic or Ceramic DIP SOIC Package TSSOP Package
DC Supply Current, VCC and GND Pins
DC Output Current, per Pin
DC Input Current, per Pin
DC Output Voltage (Referenced to GND)
DC Input Voltage (Referenced to GND)
DC Supply Voltage (Referenced to GND)
Input Rise and Fall Time (Figure 1)
Operating Temperature, All Package Types
DC Input Voltage, Output Voltage (Referenced to GND)
DC Supply Voltage (Referenced to GND)
Maximum Low-Level Output Voltage
Minimum High-Level Output Voltage
Maximum Low-Level Input Voltage
Minimum High-Level Input Voltage
Parameter
Parameter
Parameter
Vin = VIH or VIL |Iout| 20 A
Vin = VIH or VIL |Iout| 20 A
Vin = VIH or VIL |Iout| |Iout|
Vin = VIH or VIL |Iout| |Iout|
Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A
Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A
v
v
v
v
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
Test Conditions
- 0.5 to VCC + 0.5
- 1.5 to VCC + 1.5
- 65 to + 150
- 0.5 to + 7.0
2
- 55
Min
2.0
Value
v 4.0 mA v 5.2 mA v 4.0 mA v 5.2 mA
0 0 0 0 50 25 20 260 300 750 500 450
+ 125
1000 500 400
VCC
Max
6.0
VCC V
4.5 6.0
2.0 4.5 6.0
4.5 6.0
2.0 4.5 6.0
2.0 4.5 6.0
2.0 4.5 6.0
Unit
Unit
mW
mA
mA
mA
_C
_C
_C
ns
V
V
V
V
V
- 55 to 25_C
0.5 1.35 1.8
1.5 3.15 4.2
0.26 0.26
3.98 5.48
0.1 0.1 0.1
1.9 4.4 5.9
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Guaranteed Limit
v 85_C v 125_C
High-Speed CMOS Logic Data DL129 -- Rev 6 0.5 1.35 1.8 1.5 3.15 4.2 0.33 0.33 3.84 5.34 0.1 0.1 0.1 1.9 4.4 5.9
v
0.5 1.35 1.8
1.5 3.15 4.2
0.4 0.4 0.1 0.1 0.1 3.7 5.2 1.9 4.4 5.9
v
Unit
V V V V
MC54/74HC157A
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit Symbol Iin Parameter Test Conditions VCC V 6.0 6.0 - 55 to 25_C 0.1 4.0
v 85_C v 125_C
1.0 40 1.0 160
Unit A A
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
Vin = VCC or GND Vin = VCC or GND Iout = 0 A
ICC
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
Symbol tPLH, tPHL tPLH, tPHL tPLH, tPHL tTLH, tTHL Cin
Parameter
VCC V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 --
- 55 to 25_C 105 21 18 110 22 19
v 85_C v 125_C
130 26 22 140 28 24 125 25 21 95 19 16 10 160 32 27 165 33 28 150 30 26 110 22 19 10
Unit ns
Maximum Propagation Delay, Input A or B to Output Y (Figures 1 and 4) Maximum Propagation Delay, Select to Output Y (Figures 2 and 4)
ns
Maximum Propagation Delay, Output Enable to Output Y (Figures 3 and 4) Maximum Output Transition Time, Any Output (Figures 1 and 4) Maximum Input Capacitance
100 20 17 75 15 13 10
ns
ns
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High- Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V 33
CPD
Power Dissipation Capacitance (Per Package)*
pF
* Used to determine the no-load dynamic power consumption: PD = CPD VCC 2 f + ICC VCC . For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
PIN DESCRIPTIONS
INPUTS A0, A1, A2, A3 (Pins 2, 5, 11, 14) Nibble A inputs. The data present on these pins is transferred to the outputs when the Select input is at a low level and the Output Enable input is at a low level. The data is presented to the outputs in noninverted form. B0, B1, B2, B3 (Pins 3, 6, 10, 13) Nibble B inputs. The data present on these pins is transferred to the outputs when the Select input is at a high level and the Output Enable input is at a low level. The data is presented to the outputs in noninverted form. OUTPUTS Y0, Y1, Y2, Y3 (Pins 4, 7, 9, 12) Data outputs. The selected input Nibble is presented at these outputs when the Output Enable input is at a low level. The data present on these pins is in its noninverted form. For the Output Enable input at a high level, the outputs are at a low level. CONTROL INPUTS Select (Pin 1) Nibble select. This input determines the data word to be transferred to the outputs. A low level on this input selects the A inputs and a high level selects the B inputs. Output Enable (Pin 15) Output Enable input. A low level on this input allows the selected input data to be presented at the outputs. A high level on this input sets all outputs to a low level.
High-Speed CMOS Logic Data DL129 -- Rev 6
3
MOTOROLA
MC54/74HC157A
SWITCHING WAVEFORMS
tr INPUT A OR B tPLH OUTPUT Y tTLH 90% 50% 10% tTHL 90% 50% 10% tPHL tf tr VCC SELECT GND tPLH OUTPUT Y 90% 50% 10% tTLH tTHL 90% 50% 10% tPHL tf VCC GND
Figure 1. HC157A
tr OUTPUT ENABLE tPHL OUTPUT Y tTHL 90% 50% 10% 90% 50% 10% tf
Figure 2. Y versus Select, Noninverted
VCC GND tPLH
tTLH
Figure 3. HC157A
TEST POINT OUTPUT DEVICE UNDER TEST CL*
* Includes all probe and jig capacitance
Figure 4. Test Circuit EXPANDED LOGIC DIAGRAM
2 A0 B0 A1 B1 NIBBLE OUTPUTS A2 B2 A3 B3 OUTPUT ENABLE SELECT 10 14 13 15 1 12 Y3 9 Y2 3 5 6 11 7 Y1 DATA OUTPUTS 4 Y0
MOTOROLA
4
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC157A
OUTLINE DIMENSIONS
-A -
16 9
J SUFFIX CERAMIC PACKAGE CASE 620-10 ISSUE V
-B - C L
1
8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. INCHES MIN MAX 0.750 0.785 0.240 0.295 -- 0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 15 0 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 -- 5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 15 0 1.01 0.51
-T
SEATING - PLANE
N E F G D 16 PL 0.25 (0.010)
M
K M J 16 PL 0.25 (0.010)
M
TB
S
TA
S
DIM A B C D E F G J K L M N
-A -
16 9
N SUFFIX PLASTIC PACKAGE CASE 648-08 ISSUE R
B
1
8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MILLIMETERS MIN MAX MIN MAX 0.740 0.770 18.80 19.55 6.35 0.250 0.270 6.85 3.69 0.145 0.175 4.44 0.39 0.015 0.021 0.53 1.02 0.040 0.070 1.77 0.100 BSC 2.54 BSC 0.050 BSC 1.27 BSC 0.21 0.008 0.015 0.38 2.80 0.110 0.130 3.30 7.50 0.295 0.305 7.74 0 0 10 10 0.020 0.040 0.51 1.01
F S
C
L
-T - H G D 16 PL 0.25 (0.010)
M
SEATING PLANE
K
J TA
M
M
-A -
16 9
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-B -
1 8
P 8 PL 0.25 (0.010)
M
B
M
G F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0 7 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0 7 0.229 0.244 0.010 0.019
K C -T SEATING -
PLANE
R X 45
M D 16 PL 0.25 (0.010)
M
J
T
B
S
A
S
High-Speed CMOS Logic Data DL129 -- Rev 6
5
MOTOROLA
MC54/74HC157A
OUTLINE DIMENSIONS
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F-01 ISSUE O
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K
K1
2X
L/2
16
9
J1 B -U-
L
PIN 1 IDENT. 1 8
SECTION N-N J
N 0.25 (0.010) 0.15 (0.006) T U
S
A -V- N F DETAIL E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
M
DIM A B C D F G H J J1 K K1 L M
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA
CODELINE
6
*MC54/74HC157A/D*
EE CC EE CC EE CC EE CC
-W-
MC54/74HC157A/D High-Speed CMOS Logic Data DL129 -- Rev 6


▲Up To Search▲   

 
Price & Availability of MC74HC157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X