Part Number Hot Search : 
AD790SQ IR3084A 21020 D217ERU 1N6002B T74LS133 PHAP3301 CSNE121
Product Description
Full Text Search
 

To Download M74HCT374 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54/74HCT374 M54/74HCT534
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HCT374 NON INVERTING - HCT534 INVERTING
.HI .LOWPOWERDI .COMPATI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .PI
DESCRIPTION
GH SPEED fMAX = 62 MHz (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C BLE WITH TTL OUTPUTS VIH = 2V (MIN.) VIL = 0.8V (MAX) VE CAPABILITY 15 LSTTL LOADS CAL OUTPUT IMPEDANCE IOL = IOH= 6 mA (MIN.) ON DELAYS tPLH = tPHL N AND FUNCTION COMPATIBLE WITH 54/74LS374/534
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HCTXXXF1R M74HCTXXXM1R M74HCTXXXB1R M74HCTXXXC1R
The M54/74HCT374, M54/74HCT534, are high speed CMOS OCTAL D-TYPE FLIP FLOP WITH 3STATE OUTPUTS fabricated with in silicon gate 2 C MOS technology. They have the same high speed performance of LSTTL combined with true CMOS low power comsuption. These8-bit D-type flip-flops are controlled by a clock input (CK) and an ouput enable input (OE). On the positive transition of the clock, the Q outputs will be set to the logic state that were setup at the D inputs (HCT374) or their complements (HCT534). While the OE input is low, the eight outputs will be in a normal logic state (high or low logic level), and while high level, the outputs will be in a high impedance state. The output control does not affect the internal operation of flip-flops. That is, the old data can PIN CONNECTION (top view)
be retained or the new data can be entered even while the outputs are off. The application engineer has a choice of combination of inverting and non-inverting outputs. The 3-state output configuration and the wide choice of outline make bus-organized systems simple. All inputs are equipped with protection circuits against static discharge and transient excess voltage. This integrated circuit has input and output characteristics that are fully compatible with 54/74 LSTTL logic families. M54/74HCT devices are designed to directly interface HSC2MOS systems with TTL and NMOS components. They are also plug in replacements for LSTTL devices giving a reduction of power consumption.
April 1993
1/13
M54/M74HCT374/534
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION (HCT374)
PIN No 1 2, 5, 6, 9, 12, 15, 16, 19 3, 4, 7, 8, 13, 14, 17, 18 11 10 20 SYMBOL OE Q0 to Q7 NAME AND FUNCTION 3 State output Enable Input (Active LOW) 3 State outputs
PIN DESCRIPTION (HCT534)
PIN No 1 2, 5, 6, 9, 12, 15, 16, 19 3, 4, 7, 8, 13, 14, 17, 18 11 10 20 SYMBOL OE Q0 to Q7 NAME AND FUNCTION 3 State output Enable Input (Active LOW) 3 State outputs
D0 to D7
Data Inputs
D0 to D7
Data Inputs
CLOCK GND V CC
Clock Input (LOW to HIGH, edge triggered) Ground (0V) Positive Supply Voltage
CLOCK GND VCC
Clock Input (LOW to HIGH, edge triggered) Ground (0V) Positive Supply Voltage
IEC LOGIC SYMBOLS
HCT374 HCT534
2/13
M54/M74HCT374/534
TRUTH TABLE
INPUTS OE H L L L CK X D X X L H Q (HC374) Z NO CHANGE L H OUTPUTS Q (HC534) Z NO CHANGE H L
LOGIC DIAGRAMS
HCT374
HCT534
3/13
M54/M74HCT374/534
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 70 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time (VCC = 4.5 to 5.5V) Value 4.5 to 5.5 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 500 Unit V V V C o C ns
o
4/13
M54/M74HCT374/534
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 4.5 to 5.5 4.5 to 5.5 4.5 VI = IO=-20 A VIH or IO=-6.0 mA V IL VI = IO= 20 A VIH or IO= 6.0 mA V IL VI = VCC or GND VI = VCC or GND Per Input pin VI = 0.5V or V I = 2.4V Other Inputs at V CC or GND IO= 0 4.4 4.18 4.5 4.31 0.0 0.17 0.1 0.26 0.1 4 2.0 TA = 25 oC 54HC and 74HC Min. Typ. Max. 2.0 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 2.0 2.0 Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
V
V IL
0.8
0.8
0.8
V
V OH
4.4 4.13 0.1 0.33 1 40 2.9
4.4 4.10 0.1 V 0.4 1 80 3.0 A A mA V
VOL
Low Level Output Voltage
4.5
II ICC ICC
Input Leakage Current Quiescent Supply Current Additional worst case supply current
5.5 5.5 5.5
5/13
M54/M74HCT374/534
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = t f = 6 ns)
Test Conditions Symbol Parameter VCC (V) 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 CL (pF) 50 50 150 50 150 50 50 50 50 50 5 10 48 RL = 1 K RL = 1 K RL = 1 K 31 TA = 25 oC 54HC and 74HC Min. Typ. 7 20 25 17 25 16 50 15 15 0 10 Max. 12 30 38 30 38 28 25 19 19 0 10 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. 15 38 48 38 48 35 21 23 23 0 10 Min. Max. 18 45 57 45 57 42
Unit
tTLH tTHL tPLH tPHL tPZL tPZH tPZL tPZH fMAX tW(L) tW(H) ts th CIN COUT CPD (*)
Output Transition Time Propagation Delay Time (CLOCK - Q, Q) Output Enable Time Output Disable Time Maximum CLock Frequency Minimum Pulse Width (CLOCK) Minimum Set-up Time Minimum Hold Time Input Capacitance Out put Capacitance Power Dissipation Capacitance
ns ns ns ns ns ns ns ns ns ns pF pF pF
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/8 (per FLIP-FLOP) and CPD when N pcs of FLIP-FLOP operate, can be gained by following equation: CPD (TOTAL) = 38 + 18 x N (pF)
6/13
M54/M74HCT374/534
SWITCHING CHARACTERISTICS TEST WAVEFORM
tPLH, tPHL, ts, th, tw fMAX
tPLZ, tPZL The 1K load resistors should be connected between outputs and VCC line and the 50pF load capacitors should be connected between outputsand GND line. All inputs except OE input should be connected to VCC line or GND line such that outputs will be in low logic level while OE input is held low.
tPHZ, tPZH The 1K load resistors and the 50pF load capacitors should be connected between each output and GND line. All inputs except OE input should be connected to VCC or GND line such that output will be in high logic level while OE input is held low.
7/13
M54/M74HCT374/534
TEST CIRCUIT ICC (Opr.)
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF SWITCHING CHARACTERISTICS TEST.
8/13
M54/M74HCT374/534
Plastic DIP20 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
DIM.
P001J
9/13
M54/M74HCT374/534
Ceramic DIP20 MECHANICAL DATA
mm MIN. A B D E e3 F G I L M N1 P Q 7.9 2.29 0.4 1.27 0.22 0.51 0.5 22.86 2.79 0.55 1.52 0.31 1.27 0.090 0.016 0.050 0.009 0.020 3.3 1.78 0.020 0.900 0.110 0.022 0.060 0.012 0.050 TYP. MAX. 25 7.8 0.130 0.070 MIN. inch TYP. MAX. 0.984 0.307
DIM.
4 (min.), 15 (max.) 8.13 5.71 0.311 0.320 0.225
P057H
10/13
M54/M74HCT374/534
SO20 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.19 13.00 10.65 0.35 0.23 0.50 45 (typ.) 0.496 0.393 0.050 0.450 0.299 0.050 0.029 0.512 0.419 0.10 mm TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
P013L
11/13
M54/M74HCT374/534
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
12/13
M54/M74HCT374/534
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
13/13


▲Up To Search▲   

 
Price & Availability of M74HCT374

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X