Part Number Hot Search : 
200CT DLQ5243B SFV70 29LV004 PT5529S3 5KE16A 5TUZ47C SCQ076
Product Description
Full Text Search
 

To Download M74HC74-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M74HC74
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
s
s
s
s
s
s
s
HIGH SPEED : fMAX = 67MHz (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC =2A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = V NIL = 28 % VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 74
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE M74HC74B1R M74HC74M1R T&R M74HC74RM13TR M74HC74TTR
DESCRIPTION The M74HC74 is an high speed CMOS DUAL D TYPE FLIP FLOP WITH CLEAR fabricated with silicon gate C2MOS technology. A signal on the D INPUT is transferred on the Q OUTPUT during the positive going transition of the clock pulse. CLEAR and PRESET are
independent of the clock and accomplished by a low on the appropriate input. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
July 2001
1/12
M74HC74
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1,13 2, 12 3, 11 4, 10 5, 9 6, 8 7 14 SYMBOL 1CLR, 2CLR 1D, 2D 1CK, 2CK 1PR, 2PR 1Q, 2Q 1Q, 2Q GND Vcc NAME AND FUNCTION Asynchronous Reset Direct Input Data Inputs Clock Input (LOW-to-HIGH, Edge-Triggered) Asynchronous Set - Direct Input True Flip-Flop Outputs Complement Flip-Flop Outputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS CLR L H L H H H
X : Don't Care
OUTPUTS FUNCTION D X X X L H X CK X X X Q L H H L H Qn Q H L H H L Qn CLEAR PRESET ---------NO CHANGE
PR H L L H H H
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
2/12
M74HC74
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500(*) -65 to +150 300 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 C; derate to 300mW by 10mW/C from 65C to 85C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
3/12
M74HC74
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 2 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 20 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 40 A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
4/12
M74HC74
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 48 16 13 51 17 15 21 63 67 18 6 6 21 7 6 15 4 3 Max. 75 15 13 150 30 26 150 30 26 5 25 30 75 15 13 75 15 13 75 15 13 0 0 0 25 5 4 95 19 16 95 19 16 95 19 16 0 0 0 30 6 5 Value -40 to 85C Min. Max. 95 19 16 190 38 32 190 38 32 4.2 21 25 110 22 19 110 22 19 110 22 19 0 0 0 35 7 6 -55 to 125C Min. Max. 110 22 19 225 45 38 225 45 38 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time (CK - Q, Q) tPLH tPHL Propagation Delay Time (CLR, PR Q, Q) fMAX Maximum Clock Frequency Minimum Pulse Width (CK) Minimum Pulse Width (CLR, PR) Minimum Set-up Time Minimum Hold Time Minimum Removal Time (CLR, PR to CK)
ns
ns
6.2 31 37
MHz
tW(H) tW(L) tW(L)
ns
ns
ts
ns
th
ns
tREM
0 0 0
ns
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 34 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + I CC/2 (per FLIP/ FLOP)
5/12
M74HC74
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
WAVEFORM 1: nCK TO nQ,nQ PROPAGATION DELAY TIMES,nD TO nCK SETUP AND HOLD TIMES, nCK MINIMUM PULSE WIDTH, MAXIMUM nCK FREQUENCY (f=1MHz; 50% duty cycle)
6/12
M74HC74
WAVEFORM 2 :nQ , nQ TO CLR, PR PROPAGATION DELAY TIMES, MINIMUM PULSE WIDTH (nCLR and nPR) (f=1MHz; 50% duty cycle)
WAVEFORM 3 : MINIMUM PULSE WIDTH (nCLR and nPR),MINIMUM REMOVAL TIME (nCLR and nPR TO nCK)(f=1MHz; 50% duty cycle)
7/12
M74HC74
WAVEFORM 4 : MINIMUM PULSE WIDTH (nCLR, nPR , nCK) (f=1MHz; 50% duty cycle)
8/12
M74HC74
Plastic DIP-14 MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001A
9/12
M74HC74
SO-14 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13G
10/12
M74HC74
TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080337D
11/12
M74HC74
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of M74HC74-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X