Part Number Hot Search : 
12864F MM1566 LTC1662C DS2422S LTC1662C NTE5953 LA1600 74AHC1
Product Description
Full Text Search
 

To Download M74HC155 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC155 M74HC155
DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
.HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI
GH SPEED tPD = 12 ns (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 10 LSTTL LOADS CAL OUTPUT IMPEDANCE IOH = IOL = 4 mA (MIN.) ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 54/74LS155
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HC155F1R M74HC155M1R M74HC155B1R M74HC155C1R
PIN CONNECTIONS (top view)
DESCRIPTION The M54/74HC155 is a high speed CMOS DUAL 2TO-4 LINE DECODER fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. It features dual 1-TO-4 line demultiplexers with individual strobe inputs (1G and 2G), individual data inputs (1C and 2C) and common binary address inputs (A and B). When both decoders are enabled by the strobes, the inverted output of 1C data and non-inverted output of 2C data will be brought to the select output pins of each sections. A 1-TO-8 line demultiplexer can also be easily built up by providing a data signal to both 1C and 2C inputs ; the output order from the msb is 1Y3, 1Y2, 1Y1, 1Y0, 2Y3, 2Y2, 2Y1, 2Y0. This device can be used as a 2-to-4 line decoder or a 3-to-8 line decoder when 1C is held high and 2C is held low. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
December 1992
NC = No Internal Connection
1/11
M54/M74HC155
INPUT AND OUTPUT EQUIVALENT CIRCUIT IEC LOGIC SYMBOL
PIN DESCRIPTION
PIN No 1, 15 2, 14 3, 13 7, 6, 5, 4 SYMBOL 1C, 2C 1G, 2G B, A 1Y0 to 1Y3 NAME AND FUNCTION Data Inputs Strobe Inputs Common Data Inputs Outputs Outputs Ground (0V) Positive Supply Voltage
9, 10, 11, 12 2Y0 to 2Y3 8 GND 16 VCC
TRUTH TABLE
B X L L H H X INPUTS A 1G X L H L H X H L L L L X 1C X H H H H L 1Y0 H L H H H H OUTPUTS 1Y1 1Y2 H H L H H H H H H L H H 1Y3 H H H H L H
TRUTH TABLE
B X L L H H X INPUTS A 2G X L H L H X H L L L L X 2C X L L L L H 2Y0 H L H H H H OUTPUTS 2Y1 2Y2 H H L H H H H H H L H H 2Y3 H H H H L H
2/11
M54/M74HC155
LOGIC CIRCUIT
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
3/11
M54/M74HC155
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C C ns
o o
VCC = 2 V VCC = 4.5 V VCC = 6 V
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 4 TA = 25 oC 54HC and 74HC Min. 1.5 3.15 4.2 0.5 1.35 1.8 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = VCC or GND VI = VCC or GND 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 40 Typ. Max. Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 80 A A V V Max. Min. 1.5 3.15 4.2 0.5 1.35 1.8 V Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
V IL
V OH
4/11
M54/M74HC155
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 CIN CPD (*) Input Capacitance Power Dissipation Capacitance TA = 25 C 54HC and 74HC Min. Typ. Max. 30 8 7 45 15 13 5 53 75 15 13 130 26 22 10
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 95 19 16 165 33 28 10 110 22 19 195 39 33 10 pF pF ns ns Unit
tTLH tTHL tPLH tPHL
Output Transition Time Propagation Delay Time
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC
SWITCHING CHARACTERISTICS TEST WAVEFORM
5/11
M54/M74HC155
TEST WAVEFORM ICC (Opr.)
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF SWITCHING CHARACTERISTICS TEST.
6/11
M54/M74HC155
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
7/11
M54/M74HC155
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
8/11
M54/M74HC155
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
9/11
M54/M74HC155
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
10/11
M54/M74HC155
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
11/11


▲Up To Search▲   

 
Price & Availability of M74HC155

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X