Part Number Hot Search : 
DK200B5 CT100 0KXXX 2N6509T C3312GA 68731N TM9723PM AN641
Product Description
Full Text Search
 

To Download LM301AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM101A - LM201A LM301A
SINGLE OPERATIONAL AMPLIFIER
.I .I .I .SLEWRATEASI
NPUT OFFSET VOLTAGE NPUT BIAS CURRENT NPUT OFFSET CURRENT NVERTING AMPLIFIER
LM101A LM201A 0.7mV 25nA 1.5nA 10V/s
LM301A 2mV 70nA 2nA 10V/s
N DIP8 (Plastic Package)
D SO8 (Plastic Micropackage)
DESCRIPTION The LM101A is a general-purpose operational amplifier which offers many features : supply voltages from 5V to 22V, low current drain, overload protection on the inputand output,no latch-up when the common-mode range is exceeded, free from oscillations and compensationwith a single 30pFcapacitor. It has advantages over internally compensated amplifiers in that the compensation can be tailored to the particular application : slew rate of 10V/s and bandwidth of 3.5MHz can be easily achieved.
ORDER CODES
Part Number LM101A LM201A LM301A Temperature Range -55 C, +125 C -40oC, +105oC 0 C, +70 C
o o o o
Package N * * * D * * *
Example : LM201AN
PIN CONNECTIONS (top view)
1 2 3 4
8 7 6 5
1 - Balance - compensation 1 2 - Inverting input 3 - Non-inverting input 4 - VCC5 - Balance 6 - Output 7 - VCC+ 8 - Compensation 2
October 1995
1/11
LM101A - LM201A - LM301A
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Vcc Vid Vi Ptot Parameter Supply Voltage Differential Input Voltage Input Voltage Power Dissipation Output Short-circuit Duration Toper Tstg Operating Free Air Temperature Range Storage Temperature Range -55 to +125 -65 to +150 N Suffix D Suffix LM101A LM201A 22 30 15 500 300 Infinite -40 to +105 -65 to +150 0 to +70 -65 to +150
o o
LM301A
Unit V V V mW
C C
2/11
LM101A - LM201A - LM301A
ELECTRICAL CHARACTERISTICS LM301A 0oC < Tamb < +70oC LM201A -40oC < Tamb < +105oC LM101A -55oC < Tamb < +125oC
Symbol Vio Parameter Input Offset Voltage (RS 10k) o Tamb = +25 C Tmin. Tamb Tmax. Input Offset Voltage Drift Tmin. Tamb Tmax. Input Bias Current o Tamb = +25 C Tmin. Tamb Tmax. Input Offset Current o Tamb = +25 C Tmin. Tamb Tmax. Input Offset Current Drift o 25 C Tamb Tmax. Tmin. Tamb Tmax. Large Signal Voltage Gain * (VO 10V, RL = 2k) o Tamb = +25 C Tmin. Tamb Tmax. Supply Voltage Rejection Ratio (RS 10k) o Tamb = +25 C Tmin. Tamb Tmax. Supply Current, no load Tamb = +25oC Tmin. Tamb Tmax. Input Common Mode Voltage Range (VCC = 20V) Tamb = +25oC Tmin. Tamb Tmax. Common-mode Rejection Ratio (RS 10k) Tamb = +25oC Tmin. Tamb Tmax. Output Short-circuit Current * o Tamb = +25 C Output Voltage Swing * Tamb = +25oC Tmin. Tamb Tmax. RL RL RL RL = = = = 10k 2k 10k 2k 15 15
5V VCC 20V 5V VCC 20V 5V VCC 20V
LM101A - LM201A Min. Typ. 0.7 3 Max. 2 3 15
C1 = 30pF C1 = 30pF C1 = 30pF
LM301A Min. Typ. 2 6 Max. 7.5 10 30 V/ C nA
o
Unit mV
DV io Iib
25
75 100 10 20 100 200
70
250 300 nA 50 70 pA/oC 300 600 V/mV
Iio
1.5
2
DIio
10 20
10 20
Avd
50 25
100
25 15
100 dB
SVR
80 80
96
70 70 3 3 15 15
96 mA
ICC
1.8
1.8
3 3 V
Vicm
CMR
dB 80 80 10 12 10 12 10 96 70 70 50 10 12 10 12 10 96 mA 30 14 13 30 14 13 50 V
IOS VOPP
3/11
LM101A - LM201A - LM301A
ELECTRICAL CHARACTERISTICS (continued)
Symbol SR tr KOV Zi Ro GBP Parameter Slew Rate (Vi = 10V, RL =2k, CL= 100pF, o Tamb = 25 C, unity gain) - (note 1) * Rise Time (Vi = 20V, RL = 2k, CL = 100pF, Tamb = 25oC, unity gain) * Overshoot (V i = 20mV, RL = 2k, CL = 100pF, o Tamb = 25 C, unity gain) Input Impedance * Output Resistance * Gain Bandwidth Product * (Vi = 10mV, RL = 2k, C L= 100pF, f = 100kHz, Tamb = 25oC) Total Harmonic Distortion (f = 1kHz, AV = 20dB, RL =2k, VO = 2VPP, o CL = 100pF, Tamb = 25 C) Equivalent Input Noise Voltage (f = 1kHz, Rs = 100) 0.5 1.5 LM101A - LM201A Min. 0.25 Typ. 0.5 0.3 5 4 75 1 0.5 1.5 Max. Min. 0.25 LM301A Typ. 0.5 0.3 5 4 75 1 % 0.015 25 0.015 25 nV Hz M MHz s % Max. Unit V/s
THD
en
Notes : 1. May be i mproved up to 10V /s in invert ing ampli fier configuration * => VCC = 15V Tamb = +25 o C (unl ess ot herwise speci fied)
4/11
LM101A - LM201A - LM301A
5/11
LM101A - LM201A - LM301A
SINGLE POLE COMPENSATION FEED FORWARD COMPENSATION
6/11
LM101A - LM201A - LM301A
7/11
LM101A - LM201A - LM301A
8/11
LM101A - LM201A - LM301A
9/11
LM101A - LM201A - LM301A
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Dim. A a1 B b b1 D E e e3 e4 F i L Z
Millimeters Min. 0.51 1.15 0.356 0.204 7.95 2.54 7.62 7.62 6.6 5.08 3.18 3.81 1.52 0.125 1.65 0.55 0.304 10.92 9.75 0.313 Typ. 3.32 Max. Min. 0.020 0.045 0.014 0.008
Inches Typ. 0.131 Max.
0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060
10/11
LM101A - LM201A - LM301A
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dim. A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2
o
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 (max.)
o
0.050 0.150 0.150 0.016 0.157 0.050 0.024
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical componen ts in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
ORDER CODE :
(c) 1995 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
11/11


▲Up To Search▲   

 
Price & Availability of LM301AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X