Part Number Hot Search : 
901CXC HT7465 CONDUCTO ZPD24 MMJT9435 RFN55C1 BS616L 3C220
Product Description
Full Text Search
 

To Download IDT7203L20J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
Integrated Device Technology, Inc.
IDT7203 IDT7204 IDT7205 IDT7206
FEATURES:
* * * * * * * First-In/First-Out Dual-Port memory 2048 x 9 organization (IDT7203) 4096 x 9 organization (IDT7204) 8192 x 9 organization (IDT7205) 16384 x 9 organization (IDT7206) High-speed: 12ns access time Low power consumption -- Active: 770mW (max.) -- Power-down: 44mW (max.) Asynchronous and simultaneous read and write Fully expandable in both word depth and width Pin and functionally compatible with IDT720X family Status Flags: Empty, Half-Full, Full Retransmit capability High-performance CMOS technology Military product compliant to MIL-STD-883, Class B Standard Military Drawing for #5962-88669 (IDT7203), 5962-89567 (IDT7203), and 5962-89568 (IDT7204) are listed on this function Industrial temperature range (-40oC to +85oC) is available, tested to military electrical specifications
DESCRIPTION:
The IDT7203/7204/7205/7206 are dual-port memory buffers with internal pointers that load and empty data on a firstin/first-out basis. The device uses Full and Empty flags to prevent data overflow and underflow and expansion logic to allow for unlimited expansion capability in both word size and depth. Data is toggled in and out of the device through the use of the Write (W) and Read (R) pins. The devices 9-bit width provides a bit for a control or parity at the user's option. It also features a Retransmit (RT) capability that allows the read pointer to be reset to its initial position when is pulsed LOW. A Half-Full Flag is available in the single device and width expansion modes. The IDT7203/7204/7205/7206 are fabricated using IDT's high-speed CMOS technology. They are designed for applications requiring asynchronous and simultaneous read/writes in multiprocessing, rate buffering, and other applications. Military grade product is manufactured in compliance with the latest revision of MIL-STD-883, Class B.
* * * * * * * *
RT
* .
FUNCTIONAL BLOCK DIAGRAM
DATA INPUTS (D 0 -D8)
W
WRITE CONTROL
WRITE POINTER
RAM ARRAY 2048 x 9 4096 x 9 8192 x 9 16384 x 9
READ POINTER
THREESTATE BUFFERS
R
RS
READ CONTROL FLAG LOGIC
DATA OUTPUTS (Q 0 -Q8 )
RESET LOGIC
FL/RT
EF FF
XI
EXPANSION LOGIC
XO/HF
2661 drw 01
The IDT logo is a registered trademark of Integrated Device Techology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
(c)1996 Integrated Device Technology, Inc. For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.
DECEMBER 1996
DSC-2661/9
5.04
1
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
W
D8 D3 D2 D1 D0
XI FF
Q3 Q8 GND NC R Q4 Q5
PLCC/LCC TOP VIEW Military Unit V Symbol VCCM VCCC GND VIH(1) VIH(1) VIL(1) Parameter Military Supply Voltage Commercial Supply Voltage Supply Voltage Input High Voltage Commercial Input High Voltage Military Input Low Voltage Commercial and Military Min. 4.5 4.5 0 2.0 2.2 --
Q0 Q1 Q2 Q3 Q8 GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14
P28-1 P28-2 D28-1 D28-3 SO28-3
28 27 26 25 24 23 22 21 20 19 18 17 16 15
Vcc D4 D5 D6 D7
FL/RT RS EF XO/HF
INDEX D2 D1 D0
XI FF
Q7 Q6 Q5 Q4 R
2661 drw 02a
14 15 16 17 18 19 20
Q0 Q1 NC Q2
5 6 7 8 9 10 11 12 13
32 31 30 1
4 3 2
D3 D8 W NC Vcc D4 D5
J32-1 & L32-1
29 28 27 26 25 24 23 22 21
D6 D7 NC
FL/RT RS EF XO/HF
Q7 Q6
2661 drw 02b
DIP TOP VIEW
NOTES: 1. The THINDIPs P28-2 and D28-3 are only available for the 7203/7204/ 7205. 2. The small outline package SO28-3 is only available for the 7204. 3. Consult factory for CERPACK pinout.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM Rating Terminal Voltage with Respect to GND Operating Temperature Temperature Under Bias Storage Temperature DC Output Current Commercial -0.5 to + 7.0 -0.5 to +7.0
RECOMMENDED DC OPERATING CONDITIONS
Typ. 5.0 5.0 0 -- -- -- Max. 5.5 5.5 0 -- -- 0.8 Unit V V V V V V
TA TBIAS TSTG IOUT
0 to +70 -55 to +125 -55 to + 125 50
-55 to +125 -65 to +135 -65 to +155 50
C C C mA
NOTE: 2661 tbl 01 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
NOTE: 1. 1.5V undershoots are allowed for 10ns once per cycle.
2661 tbl 02
5.04
2
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS FOR THE 7203 AND 7204
(Commercial: VCC = 5.0V10%, TA = 0C to +70C; Military: VCC = 5.0V10%, TA = -55C to +125C)
IDT7203/7204 Commercial tA = 12, 15, 20, 25, 35, 50 ns Symbol ILI(2) ILO
(3)
IDT7203/7204 Military(1) tA = 20, 30, 40, 50, 65, 80, 120 ns Min. -1 -10 2.4 -- -- -- -- -- Typ. -- -- -- -- -- -- -- -- Max. 1 10 -- 0.4 150 4 12
(5)
Parameter Input Leakage Current (Any Input) Output Leakage Current Output Logic "1" Voltage IOH = -2mA Output Logic "0" Voltage IOL = 8mA Active Power Supply Current Standby Current (R=W=RS=FL/RT=VIH) Power Down Current (All Input = VCC - 0.2V) Power Down Current (All Input = VCC - 0.2V)
Min. -1 -10 2.4 -- -- -- -- --
Typ. -- -- -- -- -- -- -- --
Max. 1 10 -- 0.4 120 2 8
(5)
Unit A A V V mA mA mA mA
2661 tbl 03
VOH VOL ICC1
(4)
ICC2(4) ICC3(L)(4) ICC3(S)
(4)
12
25
NOTES: 1. Speed grades 65, 80, and 120ns are only available in the ceramic DIP. 2. Measurements with 0.4 VIN VCC. 3. R VIH, 0.4 VOUT VCC. 4. ICC measurements are made with outputs open (only capacitive loading). 5. Tested at f = 20MHz.
DC ELECTRICAL CHARACTERISTICS FOR THE 7205 AND 7206
(Commercial: VCC = 5.0V10%, TA = 0C to +70C; Military: VCC = 5.0V10%, TA = -55C to +125C)
IDT7205/7206 Commercial tA = 15, 20, 25, 35, 50 ns Symbol ILI
(1) (2)
IDT7205/7206 Military tA = 20, 30, 50 ns Min. -1 -10 2.4 -- -- -- -- Typ. -- -- -- -- -- -- -- Max. 1 10 -- 0.4 150(4) 25 12 Unit A A V V mA mA mA
2661 tbl 04
Parameter Input Leakage Current (Any Input) Output Leakage Current Output Logic "1" Voltage IOH = -2mA Output Logic "0" Voltage IOL = 8mA Active Power Supply Current Standby Current (R=W=RS=FL/RT=VIH)
Min. -1 -10 2.4 -- -- -- --
Typ. -- -- -- -- -- -- --
Max. 1 10 -- 0.4 120(4) 12 8
ILO
VOH VOL ICC1(3) ICC2(3) ICC3(L)
(3)
Power Down Current (All Input = VCC - 0.2V)
NOTES: 1. Measurements with 0.4 VIN VCC. 2. R VIH, 0.4 VOUT VCC. 3. ICC measurements are made with outputs open (only capacitive loading). 4. Tested at f = 20MHz.
5.04
3
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V 10%, TA = 0C to +70C; Military: VCC = 5V 10%, TA = -55C to +125C)
Commercial 7203S/L12 7204S/L12 7203S/L15 7204S/L15 7205L15 7206L15 -- 25 -- 10 15 5 5 5 -- 25 15 10 11 0 25 15 15 10 25 15 15 10 -- -- -- -- -- 15 -- -- -- -- 15 -- -- 15 10 10 40 -- 15 -- -- -- -- -- 15 -- -- -- -- -- -- -- -- -- -- -- -- -- 25 25 25 15 15 -- 15 15 25 25 -- 15 15 -- -- -- Com'l & Mil. 7203S/L20 7204S/L20 7205L20 7206L20 Max. 33.3 -- 20 -- -- -- -- -- 15 -- -- -- -- -- -- -- -- -- -- -- -- -- 30 30 30 20 20 -- 20 20 30 30 -- 20 20 -- -- -- -- 30 -- 10 20 5 5 5 -- 30 20 10 12 0 30 20 20 10 30 20 20 10 -- -- -- -- -- 20 -- -- -- -- 20 -- -- 20 10 10 Com'l 7203S/L25 7204S/L25 7205L25 7206L25 -- 35 -- 10 25 5 5 5 -- 35 25 10 15 0 35 25 25 10 35 25 25 10 -- -- -- -- -- 25 -- -- -- -- 25 -- -- 25 10 10 28.5 -- 25 -- -- -- -- -- 18 -- -- -- -- -- -- -- -- -- -- -- -- -- 35 35 35 25 25 -- 25 25 35 35 -- 25 25 -- -- -- Military Com'l 7203S/L30 7203S/L35 7204S/L30 7204S/L35 7205L30 7205L35 7206L30 7206L35 -- 40 -- 10 30 5 5 5 -- 40 30 10 18 0 40 30 30 10 40 30 30 10 -- -- -- -- -- 30 -- -- -- -- 30 -- -- 30 10 10 25 -- 30 -- -- -- -- -- 20 -- -- -- -- -- -- -- -- -- -- -- -- -- 40 40 40 30 30 -- 30 30 40 40 -- 30 30 -- -- -- -- 45 -- 10 35 5 10 5 -- 45 35 10 18 0 45 35 35 10 45 35 35 10 -- -- -- -- -- 35 -- -- -- -- 35 -- -- 35 10 15 22.2 MHz -- 35 -- -- -- -- -- 20 -- -- -- -- -- -- -- -- -- -- -- -- -- 45 45 45 30 30 -- 30 30 45 45 -- 35 35 -- -- -- ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
2661 tbl 05
Symbol fS tRC tA tRR tRPW tRLZ tWLZ tDV tRHZ tWC tWPW tWR tDS tDH tRSC tRS tRSS tRTR tRTC tRT tRTS tRSR tEFL tRTF tREF tRFF tRPE tWEF tWFF tWHF tRHF tWPF tXOL tXOH tXI tXIR tXIS
Parameters Shift Frequency Read Cycle Time Access Time Read Recovery Time Read Pulse Width
(2)
Min. Max. Min. Max. Min. -- 20 -- 8 12 3 3 5
(3) (3, 4)
Min. Max. Min. Max. Min. Max. Unit
50 -- 12 -- -- -- -- -- 12 -- -- -- -- -- -- -- -- -- -- -- -- -- 12 17 20 12 14 -- 12 14 17 17 -- 12 12 -- -- --
Read LOW to Data Bus LOW(3) Write HIGH to Data Bus Low-Z Data Valid from Read HIGH Read HIGH to Data Bus High-Z Write Cycle Time Write Pulse Width Data Set-up Time Data Hold Time Reset Cycle Time Reset Pulse Width(2) Reset Set-up Time(3) Reset Recovery Time Retransmit Cycle Time Retransmit Pulse Width(2) Retransmit Set-up Time(3) Retransmit Recovery Time Reset to EF LOW Retransmit LOW to Flags Valid Read LOW to EF LOW Read HIGH to FF HIGH Read Pulse Width after EF HIGH Write HIGH to EF HIGH Write LOW to FF LOW Write LOW to HF Flag LOW Read HIGH to HF Flag HIGH Write Pulse Width after FF HIGH Read/Write LOW to XO LOW Read/Write HIGH to XO HIGH
XI XI XI
-- 20 12 8 9 0 20 12 12 8 20 12 12 8 -- -- -- -- -- 12 -- -- -- -- 12 -- -- 12 8 8
(2)
Write Recovery Time
tHFH, tFFH Reset to HF and FF HIGH
Pulse Width(2) Recovery Time Set-up Time
NOTES: 1. Timings referenced as in AC Test Conditions. 2. Pulse widths less than minimum are not allowed. 3. Values guaranteed by design, not currently tested. 4. Only applies to read data flow-through mode.
5.04
4
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS(1) (Continued)
(Commercial: VCC = 5V 10%, TA = 0C to +70C; Military: VCC = 5V 10%, TA = -55C to +125C)
Military 7203S/L40 7204S/L40 Com'l & Mil. 7203S/L50 7204S/L50 7205L50 7206L50 Min. -- 65 -- 15 50 10 15 5 -- 65 50 15 30 5 65 50 50 15 65 50 50 15 -- -- -- -- -- 50 -- -- -- -- 50 -- -- 50 10 15 15 -- 50 -- -- -- -- -- 30 -- -- -- -- -- -- -- -- -- -- -- -- -- 65 65 65 45 45 -- 45 45 65 65 -- 50 50 -- -- -- 7203S/L65 7204S/L65 Military(2) 7203S/L80 7204S/L80 7203S/L120 7204S/L120
Symbol fS tRC tA tRR tRPW tRLZ tWLZ tDV tRHZ tWC tWPW tWR tDS tDH tRSC tRS tRSS tRSR tRTC tRT tRTS tRSR tEFL tHFH, tFFH tRTF tREF tRFF tRPE tWEF tWFF tWHF tRHF tWPF tXOL tXOH tXI tXIR tXIS
Parameters Shift Frequency Read Cycle Time Access Time Read Recovery Time Read Pulse Width
(3)
Min. -- 50 -- 10 40 5 10 5 -- 50 40 10 20 0 50 40 40 10 50
(3) (4, 5)
Max. 20 -- 40 -- -- -- -- -- 25 -- -- -- -- -- -- -- -- -- -- -- -- -- 50 50 50 35 35 -- 35 35 50 50 -- 40 40 -- -- --
Max. Min. -- 80 -- 15 65 10 15 5 -- 80 65 15 30 10 80 65 65 15 80 65 65 15 -- -- -- -- -- 65 -- -- -- -- 65 -- -- 65 10 15
Max. Min. 12.5 -- 65 -- -- -- -- -- 30 -- -- -- -- -- -- -- -- -- -- -- -- -- 80 80 80 60 60 -- 60 60 80 80 -- 65 65 -- -- -- -- 100 -- 20 80 10 20 5 -- 100 80 20 40 10 100 80 80 20 100 80 80 20 -- -- -- -- -- 80 -- -- -- -- 80 -- -- 80 10 15
Max. Min. 10 -- 80 -- -- -- -- -- 30 -- -- -- -- -- -- -- -- -- -- -- -- -- 100 100 100 60 60 -- 60 60 100 100 -- 80 80 -- -- -- -- 140 -- 20 120 10 20 5 -- 140 120 20 40 10 140 120 120 20 140 120 120 20 -- -- -- -- -- 120 -- -- -- -- 120 -- -- 120 10 15
Max. 7 -- 120 -- -- -- -- -- 35 -- -- -- -- -- -- -- -- -- -- -- -- -- 140 140 140 60 60 -- 60 60 140 140 -- 120 120 -- -- --
Unit MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
2661 tbl 06
Read LOW to Data Bus LOW(4) Write HIGH to Data Bus Low-Z Data Valid from Read HIGH Read HIGH to Data Bus High-Z(4) Write Cycle Time Write Pulse Width(3) Write Recovery Time Data Set-up Time Data Hold Time Reset Cycle Time Reset Pulse Width(3) Reset Set-up Time
(4)
Reset Recovery Time Retransmit Cycle Time Retransmit Pulse Width Retransmit Set-up Time(4) Retransmit Recovery Time Reset to EF LOW Reset to HF and FF HIGH Retransmit LOW to Flags Valid Read LOW to EF Flag LOW Read HIGH to FF HIGH Read Pulse Width after EF HIGH Write HIGH to EF HIGH Write LOW to FF LOW Write LOW to HF LOW Read HIGH to HF HIGH Write Pulse Width after FF HIGH Read/Write LOW to XO LOW Read/Write HIGH to XO HIGH
XI XI XI
40 40 10 -- -- -- -- -- 40 -- -- -- -- 40 -- -- 40 10 15
Pulse Width(3) Recovery Time Set-up Time
NOTES: 1. Timings referenced as in AC Test Conditions. 2. Speed grades 65, 80, and 120ns are only available in the ceramic DIP. 3. Pulse widths less than minimum are not allowed. 4. Values guaranteed by design, not currently tested. 5. Only applies to read data flow-through mode.
5.04
5
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC TEST CONDITIONS
Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 5ns 1.5V 1.5V See Figure 1
2661 tbl 07
5V
1.1K D.U.T. 680 30pF*
CAPACITANCE(1) (TA = +25C, f = 1.0 MHz)
Symbol CIN(1) COUT
(1,2)
Parameter Input Capacitance Output Capacitance
Condition VIN = 0V VOUT = 0V
Max. 10 10
Unit pF pF
2661 tbl 08
2661 drw 03
OR EQUIVALENT CIRCUIT
NOTES: 1. This parameter is sampled and not 100% tested. 2. With output deselected.
Figure 1. Output Load *Includes jig and scope capacitances.
SIGNAL DESCRIPTIONS Inputs:
DATA IN (D0-D8) -- Data inputs for 9-bit wide data.
Controls:
RESET (RS -- Reset is accomplished whenever the Reset RS) (RS) input is taken to a LOW state. During reset, both internal read and write pointers are set to the first location. A reset is required after power-up before a write operation can take place. Both the Read Enable (R) and Write Enable (W) inputs must R W be in the HIGH state during the window shown in Figure 2 (i.e. tRSS before the rising edge of RS and should not RS) change until tRSR after the rising edge of RS RS. WRITE ENABLE (W) -- A write cycle is initiated on the falling W edge of this input if the Full Flag (FF) is not set. Data set-up and hold times must be adhered-to, with respect to the rising edge of the Write Enable (W). Data is stored in the RAM array sequentially and independently of any on-going read operation. After half of the memory is filled, and at the falling edge of the next write operation, the Half-Full Flag (HF) will be set to LOW, and will remain set until the difference between the write pointer and read pointer is less-than or equal to one-half of the total memory of the device. The Half-Full Flag (HF) is reset by the rising edge of the read operation. To prevent data overflow, the Full Flag (FF) will go LOW on the falling edge of the last write signal, which inhibits further write operations. Upon the completion of a valid read operation, the Full Flag (FF) will go HIGH after tRFF, allowing a new valid write to begin. When the FIFO is full, the internal write pointer is blocked from W, so external changes in W will not affect the FIFO when it is full.
READ ENABLE (R) -- A read cycle is initiated on the falling R edge of the Read Enable (R), provided the Empty Flag (EF) is not set. The data is accessed on a First-In/First-Out basis, independent of any ongoing write operations. After Read Enable (R) goes HIGH, the Data Outputs (Q0 through Q8) will return to a high-impedance condition until the next Read operation. When all the data has been read from the FIFO, the Empty Flag (EF) will go LOW, allowing the "final" read cycle but inhibiting further read operations, with the data outputs remaining in a highimpedance state. Once a valid write operation has been accomplished, the Empty Flag (EF) will go HIGH after tWEF and a valid Read can then begin. When the FIFO is empty, the internal read pointer is blocked from R so external changes will not affect the FIFO when it is empty. FIRST LOAD/RETRANSMIT (FL RT) -- This is a dualFL/RT purpose input. In the Depth Expansion Mode, this pin is grounded to indicate that it is the first device loaded (see Operating Modes). The Single Device Mode is initiated by grounding the Expansion In (XI). The IDT7203/7204/7205/7206 can be made to retransmit data when the Retransmit Enable Control (RT) input is pulsed LOW. A retransmit operation will set the internal read pointer to the first location and will not affect the write pointer. The status of the Flags will change depending on the relative locations of the read and write pointers. Read Enable (R) and Write Enable (W) must be in the HIGH state during retransmit. This feature is useful when less than 2048/4096/8192/16384 writes are performed between resets. The retransmit feature is not compatible with the Depth Expansion Mode. EXPANSION IN (XI -- This input is a dual-purpose pin. XI) Expansion In (XI) is grounded to indicate an operation in the single device mode. Expansion In (XI) is connected to Expansion Out (XO) of the previous device in the Depth Expansion or Daisy-Chain Mode.
5.04
6
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Outputs:
FULL FLAG (FF -- The Full Flag (FF) will go LOW, inhibiting FF) further write operations, when the device is full. If the read pointer is not moved after Reset (RS), the Full Flag (FF) will go LOW after 2048/4096/8192/16384 writes. EMPTY FLAG (EF -- The Empty Flag (EF) will go LOW, EF) inhibiting further read operations, when the read pointer is equal to the write pointer, indicating that the device is empty. EXPANSION OUT/HALF-FULL FLAG (XO HF) -- This is a XO/HF dual-purpose output. In the single device mode, when Expansion In (XI) is grounded, this output acts as an indication of a halffull memory. After half of the memory is filled, and at the falling edge of the next write operation, the Half-Full Flag (HF) will be set to LOW
and will remain set until the difference between the write pointer and read pointer is less than or equal to one half of the total memory of the device. The Half-Full Flag (HF) is then reset by the rising edge of the read operation. In the Depth Expansion Mode, Expansion In (XI) is connected to Expansion Out (XO) of the previous device. This output acts as a signal to the next device in the Daisy Chain by providing a pulse to the next device when the previous device reaches the last location of memory. There will be an XO pulse when the Write pointer reaches the last location of memory, and an additional XO pulse when the Read pointer reaches the last location of memory. DATA OUTPUTS (Q0-Q8) -- Q0-Q8 are data outputs for 9bit wide data. These outputs are in a high-impedance condition whenever Read (R) is in a HIGH state.
tRSC t RS
RS
tRSS
W
t RSR
t RSS
R
tEFL
EF
t HFH , t FFH
HF, FF
2661 drw 04
NOTE: 1. W and R = VIH around the rising edge of RS. Figure 2. Reset
t RC tA
R
t RPW t RR tA t DV DATAOUT VALID t WC t RHZ DATAOUT VALID
t RLZ Q0-Q8
t WPW
W
t WR
t DS D 0-D8
t DH DATA IN VALID
2661 drw 05
DATA IN VALID
Figure 3. Asynchronous Write and Read Operation
5.04
7
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
LAST WRITE
R
IGNORED WRITE
FIRST READ
W
t WFF
FF
t RFF
2661 drw 06
Figure 4. Full FlagTiming From Last Write to First Read
LAST READ
W
IGNORED READ
FIRST WRITE
R
tREF
EF
t WEF
tA DATA OUT VALID
2661 drw 07
Figure 5. Empty Flag Timing From Last Read to First Write
t RTC t RT
RT
t RTS
W,R
t RTR
RTF
HF, EF, FF
FLAG VALID
2661 drw 08
NOTE: 1. EF, FF and HF may change status during Retransmit, but flags will be valid at tRTC. Figure 6. Retransmit
5.04
8
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
W
t WEF
EF
t RPE
R
2661 drw 09
Figure 7. Minimum Timing for an Empty Flag Coincident Read Pulse.
R
t RFF
FF
t WPF
W
2661 drw 10
Figure 8. Minimum Timing for an Full Flag Coincident Write Pulse.
W
t RHF
R
t WHF
HF
HALF-FULL OR LESS
MORE THAN HALF-FULL
HALF-FULL OR LESS
2661 drw 11
Figure 9. Half-Full Flag Timing
W
WRITE TO LAST PHYSICAL LOCATION READ FROM LAST PHYSICAL LOCATION t XOL t XOH
R
t XOL
XO
t XOH
2661 drw 12
Figure 10. Expansion Out
5.04
9
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
t XI XI t XIS W WRITE TO FIRST PHYSICAL LOCATION
t XIR
t XIS READ FROM FIRST PHYSICAL LOCATION
2661 drw 11
R
Figure 11. Expansion In
OPERATING MODES:
Care must be taken to assure that the appropriate flag is monitored by each system (i.e. FF is monitored on the device where W is used; EF is monitored on the device where R is used). For additional information, refer to Tech Note 8: Operating FIFOs on Full and Empty Boundary Conditions and Tech Note 6: Designing with FIFOs. Single Device Mode A single IDT7203/7204/7205/7206 may be used when the application requirements are for 2048/4096/8192/16384 words or less. The IDT7203/7204/7205/7206 is in a Single Device Configuration when the Expansion In (XI) control input is grounded (see Figure 12). Depth Expansion The IDT7203/7204/7205/7206 can easily be adapted to applications when the requirements are for greater than 2048/ 4096/8192/16384 words. Figure 14 demonstrates Depth Expansion using three IDT7203/7204/7205/7206s. Any depth can be attained by adding additional IDT7203/7204/7205/ 7206s. The IDT7203/7204/7205/7206 operates in the Depth Expansion mode when the following conditions are met: 1. The first device must be designated by grounding the First Load (FL) control input. 2. All other devices must have FL in the HIGH state. 3. The Expansion Out (XO) pin of each device must be tied to the Expansion In (XI) pin of the next device. See Figure 14. 4. External logic is needed to generate a composite Full Flag (FF) and Empty Flag (EF). This requires the ORing of all EFs and ORing of all FFs (i.e. all must be set to generate the correct composite FF or EF). See Figure 14. 5. The Retransmit (RT) function and Half-Full Flag (HF) are not available in the Depth Expansion Mode. For additional information, refer to Tech Note 9: Cascading FIFOs or FIFO Modules.
USAGE MODES:
Width Expansion Word width may be increased simply by connecting the corresponding input control signals of multiple devices. Status flags (EF, FF and HF) can be detected from any one device. Figure 13 demonstrates an 18-bit word width by using two IDT7203/7204/7205/7206s. Any word width can be attained by adding additional IDT7203/7204/7205/7206s (Figure 13). Bidirectional Operation Applications which require data buffering between two systems (each system capable of Read and Write operations) can be achieved by pairing IDT7203/7204/7205/7206s as shown in Figure 16. Both Depth Expansion and Width Expansion may be used in this mode. Data Flow-Through Two types of flow-through modes are permitted, a read flow-through and write flow-through mode. For the read flowthrough mode (Figure 17), the FIFO permits a reading of a single word after writing one word of data into an empty FIFO. The data is enabled on the bus in (tWEF + tA) ns after the rising edge of W, called the first write edge, and it remains on the bus until the R line is raised from LOW-to-HIGH, after which the bus would go into a three-state mode after tRHZ ns. The EF line would have a pulse showing temporary deassertion and then would be asserted. In the write flow-through mode (Figure 18), the FIFO permits the writing of a single word of data immediately after reading one word of data from a full FIFO. The R line causes the FF to be deasserted but the W line being LOW causes it to be asserted again in anticipation of a new data word. On the rising edge of W, the new word is loaded in the FIFO. The W line must be toggled when FF is not asserted to write new data in the FIFO and to increment the write pointer. Compound Expansion The two expansion techniques described above can be applied together in a straightforward manner to achieve large FIFO arrays (see Figure 15).
5.04
10
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
(HALF-FULL FLAG) WRITE (W) 9 DATA IN (D) FULL FLAG (FF) RESET (RS)
(HF) READ (R) IDT 7203/ 7204/ 7205/ 7206 9 DATA OUT (Q) EMPTY FLAG (EF) RETRANSMIT (RT)
EXPANSION IN (XI)
2661 drw 14
Figure 12. Block Diagram of 2048 x 9/4096 x 9/8192 x 9/16384 x 9 FIFO Used in Single Device Mode
HF
HF
18 DATA IN (D) WRITE (W) FULL FLAG (FF) RESET (RS)
9
9
IDT 7203/ 7204/ 7205/ 7206 9
IDT 7203/ 7204/ 7205/ 7206 9
READ (R) EMPTY FLAG (EF)
RETRANSMIT (RT)
XI
XI
18 DATA OUT (Q)
2661 drw 15
NOTE: 1. Flag detection is accomplished by monitoring the FF, Do not connect any output signals together.
EF
and HF signals on either (any) device used in the width expansion configuration.
Figure 13. Block Diagram of 2048 x 18/4096 x 18/8192 x 18/16384 x 18 FIFO Memory Used in Width Expansion Mode
5.04
11
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TRUTH TABLES TABLE I - RESET AND RETRANSMIT
SINGLE DEVICE CONFIGURATION/WIDTH EXPANSION MODE
Inputs Mode Reset Retransmit Read/Write
RS RT XI
Internal Status Read Pointer Location Zero Location Zero Increment (1) Write Pointer Location Zero Unchanged Increment (1)
EF
Outputs
FF HF
0 1 1
X 0 1
0 0 0
0 X X
1 X X
1 X X
2661 tbl 09
NOTE: 1. Pointer will Increment if flag is HIGH.
TABLE II - RESET AND FIRST LOAD
DEPTH EXPANSION/COMPOUND EXPANSION MODE
Inputs Mode Reset First Device Reset all Other Devices Read/Write
RS FL XI
Internal Status Read Pointer Location Zero Location Zero X Write Pointer Location Zero Location Zero X
EF
Outputs
FF
0 0 1
0 1 X
(1) (1) (1)
0 0 X
1 1 X
2661 tbl 10 NOTES: 1. XI is connected to XO of previous device. See Figure 14. 2. RS = Reset Input, FL/RT = First Load/Retransmit, EF = Empty Flag Output, FF = Full Flag Output, XI = Expansion Input, HF = Half-Full Flag Output
XO W FF
D
9
9
IDT 7203/ 7204/ 7205/ 7206
XI XO
R EF
9
FL
Q VCC
FULL
FF
9
IDT 7203/ 7204/ 7205/ 7206
XI XO
EF
EMPTY
FL
FF
9
RS
IDT 7203/ 7204/ 7205/ 7206
XI
EF
FL
2661 drw 16
Figure 14. Block Diagram of 6149 x 9/12298 x 9/24596 x 9/49152 x 9 FIFO Memory (Depth Expansion)
5.04
12
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Q 0 -Q 8 Q 0 -Q 8 IDT7203/ IDT7204/ IDT7205/ IDT7206 DEPTH EXPANSION BLOCK D 0 -D 8 D 0 -D N D 9 -D N
NOTES: 1. For depth expansion block see section on Depth Expansion and Figure 14. 2. For Flag detection see section on Width Expansion and Figure 13.
Q 9 -Q 17 *** Q 9 -Q 17 IDT7203/ IDT7204/ IDT7205/ IDT7206 DEPTH EXPANSION BLOCK D 9 -D 17 *** D 18 -D N D (N-8)-D N
Q (N-8) -Q N Q (N-8) -Q N IDT7203/ IDT7204/ IDT7205/ IDT7206 DEPTH EXPANSION BLOCK D (N-8)-D N
R, W, RS
***
2661 drw 17
Figure 15. Compound FIFO Expansion
WA
FFA
IDT 7203/ IDT 7204/ 7201A 7205/ 7206
RB EF B HF B
DA 0-8
QB 0-8
SYSTEM A
SYSTEM B
Q A 0-8
RA HFA EF A
DB 0-8
IDT 7203/ 7204/ 7205/ 7206
WB
FFB
2661 drw 18
Figure 16. Bidirectional FIFO Operation
DATA IN
W
t RPE
R
EF
t WEF t WLZ DATA OUT
Figure 17. Read Data Flow-Through Mode
t REF tA DATA VALID OUT
2661 drw 19
5.04
13
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
R
t
W
WPF
t RFF
FF
t WFF DATA IN t DATA OUT
A
t DH
IN
DATA
VALID
t DS DATA
OUT
VALID
2661 drw 20
Figure 18. Write Data Flow-Through Mode
ORDERING INFORMATION
IDT XXXX X XX Speed X Package X Process/ Temperature Range Blank B Commercial (0C to +70C) Military (-55C to +125C) Compliant to MIL-STD-883, Class B Plastic DIP Plastic THINDIP Ceramic DIP Ceramic THINDIP (all except 7206) Plastic Leaded Chip Carrier Leadless Chip Carrier (Military only) Small Outline IC (7204 only) Commercial 7203/04 Only Commercial Only Commercial Only Military Only Commercial Only Military 7203/04 Only Military 7203/04DB Only Access Time (tA) Speed in ns DeviceType Power
P TP D TD J L SO 12 15 20 25 30 35 40 50 65 80 120 S L 7203 7204 7205 7206
Standard Power (7203/7204 only) Low Power 2048 x 9 FIFO 4096 x 9 FIFO 8192 x 9 FIFO 16384 x 9 FIFO
2661 drw 21
5.04
14


▲Up To Search▲   

 
Price & Availability of IDT7203L20J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X