Part Number Hot Search : 
AD835 CP0508 BSP308 2RS18SG IRHNJ57 Y27SS0 ANYAAMDA BA182
Product Description
Full Text Search
 

To Download ICS9112M-31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS9112-31/32
Preliminary Product Preview
Frequency Generator for Fibre Channel Systems
General Description
The ICS9112-31/32 are high-speed clock generators designed to support fibre channel system requirements. The ICS911231/32 generates 106.25 MHz from a 25 MHz crystal. An exact frequency multiplying ratio ensures better than 100 ppm frequency accuracy using a standard AT crystal with external load capacitors (typically 33pF 5% for an 18pF load crystal). Achieving 100 ppm over four years requires the crystal to have a 20 ppm initial accuracy, 30 ppm temperature and 5 ppm/year aging coefficients. The ICS9112-31/32 with less than 25ps accumulative jitter is well suited for Fibre Channel applications.
Features
* * * * * * * * Generates 106.25 MHz clocks from a 25 MHz crystal Less than 45ps one sigma jitter (15ps typ.) Less than 130ps absolute jitter Less than 25ps accumulative jitter @ 256 cycles Rise/fall times less than 1.2ns driving 15pF On-chip loop filter components 3.0V-5.5V supply range 8-pin, 150-mil SOIC package
Applications
* Specifically designed to support the high-speed clocking requirements of fibre channel systems.
Block Diagram
9112-31 9112-32 Rev D 3/2/99
PRODUCT PREVIEW documents contain information on new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to change without notice.
ICS9112-31/32
Preliminary Product Preview
Pin Configurations
8-Pin SOIC
8-Pin SOIC
Functionality
OE 1 0 X1, X2 (MHz) 25.00 25.00 FOUT (MHz) 106.25 Tristate
Pin Descriptions
PIN NUMBER 1 2 3 4 5 6 7 8 PIN NAME AGND GND X1 X2 OE VDD CLK2 AVDD VDD+AVDD CLK1 TYPE PWR PWR IN IN IN PWR OUT PWR PWR OUT Analog ground. Digital Ground. Crystal or clock input to device; nominally 25.00 MHz. Requires external load capacitors. Crystal drive output from device. Requires external load capacitors. Output Enable (has internal pull_up.): when OE is low, it tristates the clock output (FOUT) +3.3 or +5.0 volt supply (-31) Clock output (106.25mHz) (-32) Analog power. (Must equal digital power voltage).(-31) Digital and analog power, +3.3 or +5.0Volt supply (-32) Clock output (106.25MHz) DESCRIPTION
2
ICS9112-31/32
Preliminary Product Preview Absolute Maximum Ratings
AVDD, VDD referenced to GND . . . . . . . . . . . . . . . 7V Operating temperature under bias. . . . . . . . . . . . . . . . 0C to +70C Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics at 5.0V
Operating VDD = +4.5V to +5.5V; TA =0C to 70C unless otherwise stated PARAMETER Input Low Voltage Input High Voltage Input Low Current Input High Current Output Low Voltage1 Output High Voltage1 Output Low Current1 Output High Current1 Supply Current Pull-up Resistor1 Rise Time Fall Time1 Duty Cycle1 Jitter, One Sigma1 Jitter, Absolute1 Accumulative Jitter1 Input Frequency1 Output Frequency1 Power-up Time1 Crystal Input Capacitance1 Note 1:
1
SYMBOL VIL VIH IIL IIH VOL VOH IOL IOH IDD Rpu Tr1 Tf1 Dt Tj1s Tjab Tjacc Fi Fo Tpu Cinx
DC Characteristics TEST CONDITIONS
VIN=0V (Pull-up input) VIN=VDD IOL=10mA IOH=-30mA VOL=0.8V VOH=2.0V Unloaded AC Characteristics 15pF load, 0.8 to 2.0V 15pF load, 2.0 to 0.8V 15pF load @ 1.4V 15pF load 15pF load 15pF load @ 256 Cycle
MIN 2.0 -16.0 -2.0 2.4 22.0 42.0 -130.0 -
TYP -6.0 0.15 3.25 35.0 -50.0 22.0 100 0.8 0.7 49.0 15.0 17.0 25.0 106.25 7.58 3.0
MAX 0.8 2.0 0.40 -35.0 45.0 1.2 1.2 55. 0 45.0 130.0 18.0 -
UNITS V V A A V V mA mA mA k ohms ns ns % ps ps ps MHz MHz ms pF
X1 (Pin 1) X2 (Pin 8)
Parameter is guaranteed by design and characterization. Not 100% tested in production.
3
ICS9112-31/32
Preliminary Product Preview Electrical Characteristics at 3.3V
Operating VDD = +3.0V to +3.7V; TA =0C to 70C unless otherwise stated DC Characteristics TEST CONDITIONS
PARAMETER Input Low Voltage Input High Voltage Input Low Current Input High Current Output Low Voltage1 Output High Voltage1 Output Low Current1 Output High Current1 Supply Current Pull-up Resistor1 R ise Fall Time1 Duty Cycle1 Jitter, One Sigma1 Jitter, Absolute1 Accumulative Jitter1 Input Frequency1 Output Frequency1 Power-up Time1 Crystal Input Capacitance1 Note 1: Time1
SYMBOL VIL VIH IIL IIH VOL VOH IOL IOH IDD Rpu Tr1 Tf1 Dt Tj1s Tjab Tjacc Fi Fo Tpu Cinx
VIN=0V (Pull-up input) VIN=VDD IOL=6mA IOH=-5mA VOL=0.2VDD VOH=0.7VDD Unloaded AC Characteristics 15pF load, 0.8 to 2.0V 15pF load, 2.0 to 0.8V 15pF load @ 1.4V 15pF load 15pF load 15pF load @ 256 cycle
MIN 0.7VDD -7.0 -2.0 0.85VDD 15.0 40.0 -130.0 -
TYP -2.5 0.05VDD 0.92VDD 22.0 -17.0 14.0 175.0 0.65 0.6 50.0 15.0 17.0 25.0 106.25 7.58 3.0
MAX 0.20VDD 2.0 0.1VDD -10.0 30.0 1.2 1.2 60.0 45.0 130.0 18.0 -
UNITS V V A A V V mA mA mA k ohms ns ns % ps ps ps MHz MHz ms pF
X1 (Pin 1) X2 (Pin 8)
Parameter is guaranteed by design and characterization. Not 100% tested in production.
4
ICS9112-31/32
Preliminary Product Preview
8-Pin Plastic SOIC Package
Ordering Information
ICS9112M-31/32
Example:
ICS XXXX M-PPP
Pattern Number(2 or 3 digit number for parts with ROM code patterns) Package Type
M=SOIC, SOP
Device Type (consists of 3 or 4 digit numbers) Prefix
ICS=Standard Device
5
PRODUCT PREVIEW documents contain information on new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of ICS9112M-31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X