Part Number Hot Search : 
TDA8137 EM6K1T2R NTE8149 EM91810B AN4140 BYV29 HT68F SBL3045C
Product Description
Full Text Search
 

To Download HSMBJ5953B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8700 E. Thomas Road Scottsdale, AZ 85251 Tel: (480) 941-6300 Fax (480) 947-1503
HSMBJ5913B thru HSMBJ5956B
SILICON 3.0 W ZENER DIODE
FEATURES:
* * * * Surface mount equivalent to 1N5913B thru 1N5956B Popular HSMBJ Package outline-Small and Rugged Zener voltage 3.3V to 200V Constructed with an Oxide Passivated All Diffused Die
MAXIMUM RATINGS:
* * * * Junction and Storage Temperature: -55C to +150C DC Power Dissipation 3 W at Lead Temp. TL 75C Derate above +75C: 40 mW/C Forward voltage @ 200mA: 1.2Volts and TL = 30C
Electrical Characteristics @ TL = 30C
PART NUMBER ZENNER VOLTAGE VT (NOTE 1) Volts 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 TEST CURRENT IZT mA 113.6 104.2 96.1 87.2 79.8 73.5 66.9 60.5 55.1 50.0 45.7 41.2 37.5 34.1 31.2 28.9 25.0 23.4 20.8 18.7 17.0 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8.0 7.3 6.7 6.0 5.5 5.0 4.6 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.1 1.9 DYNAMIC IMPEDANCE ZZT (NOTE 2) Ohms 10.0 9.0 7.5 6.0 5.0 4.0 2.0 2.0 2.5 3.0 3.5 4.0 4.5 5.5 6.5 7.0 9.0 10.0 12.0 14.0 17.5 19.0 23.0 28.0 33.0 38.0 45.0 53.0 67.0 70.0 86.0 100 120 140 160 200 250 300 280 450 600 700 900 1200 KNEE CURRENT IZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 KNEE IMPEDANCE ZZK (NOTE 2) OHMS 500 500 500 500 500 350 250 200 200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000 REVERSE CURRENT IR Adc 100.0 75.0 25.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 REVERSE VOLTAGE VR Volts 1.0 1.0 1.0 1.0 1.5 2.0 3.0 4.0 5.2 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.2 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 MAX.DC CURRENT IZM (NOTE 3) MA 749 686 633 574 526 485 440 397 363 330 300 270 247 206 206 189 165 153 137 124 112 102 91 83 74 68 63 56 51 48 43 40 36 33 30 26 25 22 20 18 17 15 13 12
HSMBJ5913B HSMBJ5914B HSMBJ5915B HSMBJ5916B HSMBJ5917B HSMBJ5918B HSMBJ5919B HSMBJ5920B HSMBJ5921B HSMBJ5922B HSMBJ5923B HSMBJ5924B HSMBJ5925B HSMBJ5926B HSMBJ5927B HSMBJ5928B HSMBJ5929B HSMBJ5930B HSMBJ5931B HSMBJ5932B HSMBJ5933B HSMBJ5934B HSMBJ5935B HSMBJ5936B HSMBJ5937B HSMBJ5938B HSMBJ5939B HSMBJ5940B HSMBJ5941B HSMBJ5942B HSMBJ5943B HSMBJ5944B HSMBJ5945B HSMBJ5946B HSMBJ5947B HSMBJ5948B HSMBJ5949B HSMBJ5950B HSMBJ5951B HSMBJ5952B HSMBJ5953B HSMBJ5954B HSMBJ5955B HSMBJ5956B
DIM A B C D E F G
DIMENSIONS INCHES MILLIMETERS MIN MAX MIN MAX .073 .087 1.85 2.21 .160 .180 4.06 4.57 .130 .155 3.30 3.94 .205 .220 5.21 5.59 .075 .130 1.91 3.30 .030 .060 .76 1.52 .006 .016 .15 .41
Mechanical Characteristics
* * * * * Case: Similar to DO-214AA Terminals: Leads tin plated Thermal resistance: 25C/W (maximum) junction to lead at mounting plane Polarity: Cathode indicated by a band Packaging: Standard 12 mm tape 2500 per 13 inch reel see (EIA Standard RS-481)
MSC1299.PDF
ISO 9001 CERTIFIED
REV E 10/19/99
HSMBJ5913B thru HSMBJ5956B
NOTE 1: No suffix indicates a 20% tolerance on nominal VZ. Suffix A denotes a 10% tolerance, B denotes a 5% tolerance, C denotes 2% tolerance, and D denotes a 1% tolerance. VZ is measured with diode TL at 30C and thermal equilibrium. NOTE 2: Zener impedance is derived from the 1 kHz ac voltage which results when an ac current having an rms value equal to 10% of dc zener current (IZT or IZK) superimposed on IZT or IZK. NOTE 3: Based upon 3 W maximum power dissipation. Allowance has been made for the higher voltage associated with higher currents and temperature. For determination of voltage change with current deviations from IZT see Micro Note 202.
Pd Maximum Power Dissipation (mW)
T L Lead Temperature at Mounting Plane
MSC1299.PDF
ISO 9001 CERTIFIED
REV E 10/19/99


▲Up To Search▲   

 
Price & Availability of HSMBJ5953B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X