Part Number Hot Search : 
AA102 SFF804 MAX20070 1N4437 18EZP ISL59 PIC33FJ BR9771PM
Product Description
Full Text Search
 

To Download HIP4081A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIP4081A
November 1996
80V/2.5A Peak, High Frequency Full Bridge FET Driver
Description
The HIP4081A is a high frequency, medium voltage Full Bridge N-Channel FET driver IC, available in 20 lead plastic SOIC and DIP packages. The HIP4081A can drive every possible switch combination except those which would cause a shoot-through condition. The HIP4081A can switch at frequencies up to 1MHz and is well suited to driving Voice Coil Motors, high-frequency Class D audio amplifiers, and power supplies. For example, the HIP4081A can drive medium voltage brush motors, and two HIP4081As can be used to drive high performance stepper motors, since the short minimum "on-time" can provide fine micro-stepping capability. Short propagation delays of approximately 55ns maximizes control loop crossover frequencies and dead-times which can be adjusted to near zero to minimize distortion, resulting in rapid, precise control of the driven load. A similar part, the HIP4080A, includes an on-chip input comparator to create a PWM signal from an external triangle wave and to facilitate "hysteresis mode" switching. The Application Note for the HIP4081A is the AN9405.
Features
* Independently Drives 4 N-Channel FET in Half Bridge or Full Bridge Configurations * Bootstrap Supply Max Voltage to 95VDC * Drives 1000pF Load at 1MHz in Free Air at 50oC with Rise and Fall Times of Typically 10ns * User-Programmable Dead Time * On-Chip Charge-Pump and Bootstrap Upper Bias Supplies * DIS (Disable) Overrides Input Control * Input Logic Thresholds Compatible with 5V to 15V Logic Levels * Very Low Power Consumption * Undervoltage Protection
Applications
* Medium/Large Voice Coil Motors * Full Bridge Power Supplies * Class D Audio Power Amplifiers * High Performance Motor Controls * Noise Cancellation Systems * Battery Powered Vehicles * Peripherals * U.P.S.
Ordering Information
PART NUMBER HIP4081AIP HIP4081AIB TEMP RANGE (oC) -40 to 85 -40 to 85 PACKAGE 20 Ld PDIP 20 Ld SOIC (W) PKG. NO. E20.3 M20.3
Pinout
HIP4081A (PDIP, SOIC) TOP VIEW
BHB BHI DIS VSS BLI ALI AHI HDEL LDEL 1 2 3 4 5 6 7 8 9 20 19 18 17 16 15 14 13 12 11 BHO BHS BLO BLS VDD VCC ALS ALO AHS AHO
Application Block Diagram
80V
12V BHO BHS BHI BLI HIP4081A ALI AHI ALO AHS AHO BLO LOAD
AHB 10
GND
GND
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
File Number
3659.5
1
HIP4081A Functional Block Diagram
UNDERVOLTAGE
(1/2 HIP4081A)
AHB 10 DRIVER 11 AHS 12 TURN-ON DELAY DBS TO VDD (PIN 16) AHO CBS HIGH VOLTAGE BUS 80VDC
CHARGE PUMP
LEVEL SHIFT AND LATCH
VDD 16 AHI 7
DIS
3 15
VCC
DRIVER ALI 6 TURN-ON DELAY 13
ALO CBF
+12VDC BIAS SUPPLY
ALS 14 HDEL LDEL VSS 8 9 4
Typical Application
(PWM Mode Switching)
80V
1 BHB HIP4081/HIP4081A 12V DIS PWM INPUT 2 BHI 3 DIS 4 VSS 5 BLI 6 ALI 7 AHI 8 HDEL 9 LDEL 10 AHB
BHO 20 BHS 19 BLO 18 BLS 17 VDD 16 VCC 15 ALS 14 ALO 13 AHS 12 AHO 11 12V LOAD
GND TO OPTIONAL CURRENT CONTROLLER
+ 6V
GND
2
HIP4081A
Absolute Maximum Ratings
Supply Voltage, VDD and VCC. . . . . . . . . . . . . . . . . . . . -0.3V to 16V Logic I/O Voltages . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V Voltage on AHS, BHS . . . . -6.0V (Transient) to 80V (25oC to 125oC) Voltage on AHS, BHS . . . -6.0V (Transient) to 70V (-55oC to 125oC) Voltage on ALS, BLS . . . . . . . -2.0V (Transient) to +2.0V (Transient) Voltage on AHB, BHB . . . . . . . . . VAHS, BHS -0.3V to VAHS, BHS +VDD Voltage on ALO, BLO . . . . . . . . . . . . . VALS, BLS -0.3V to VCC +0.3V Voltage on AHO, BHO . . . . . . . VAHS, BHS -0.3V to VAHB, BHB +0.3V Input Current, HDEL and LDEL . . . . . . . . . . . . . . . . . . -5mA to 0mA Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns NOTE: All Voltages relative to VSS, unless otherwise specified.
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85 DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 Storage Temperature Range . . . . . . . . . . . . . . . . . . . -65oC to 150oC Operating Max. Junction Temperature . . . . . . . . . . . . . . . . . . 125oC Lead Temperature (Soldering 10s)) . . . . . . . . . . . . . . . . . . . . 300oC (For SOIC - Lead Tips Only
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on an evaluation PC board in free air.
Operating Conditions
Supply Voltage, VDD and VCC. . . . . . . . . . . . . . . . . . . +9.5V to +15V Voltage on ALS, BLS . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +1.0V Voltage on AHB, BHB . . . . . . . . . . VAHS, BHS +5V to VAHS, BHS +15V Input Current, HDEL and LDEL. . . . . . . . . . . . . . . . -500A to -50A Operating Ambient Temperature Range . . . . . . . . . . . -40oC to 85oC
Electrical Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K and TA = 25oC, Unless Otherwise Specified 25oC MAX TJS = -40oC TO 125oC MIN MAX UNITS
TJ = PARAMETER SYMBOL TEST CONDITIONS MIN
TYP
SUPPLY CURRENTS AND CHARGE PUMPS VDD Quiescent Current VDD Operating Current VCC Quiescent Current VCC Operating Current AHB, BHB Quiescent Current Qpump Output Current AHB, BHB Operating Current AHS, BHS, AHB, BHB Leakage Current AHB-AHS, BHB-BHS Qpump Output Voltage IDD IDDO ICC ICCO IAHB, IBHB All inputs = 0V Outputs switching f = 500kHz All Inputs = 0V, IALO = IBLO = 0 f = 500kHz, No Load All Inputs = 0V, IAHO = IBHO = 0 VDD = VCC = VAHB = VBHB = 10V 8.5 9.5 1 -50 0.6 11.5 10.5 12.5 0.1 1.25 -30 1.2 0.02 12.6 14.5 15.5 10 2.0 -11 1.5 1.0 14.0 7.5 8.5 0.8 -60 0.5 10.5 14.5 15.5 20 3 -10 1.9 10 14.5 mA mA A mA A mA A V
IAHBO, IBHBO f = 500kHz, No Load IHLK VAHB-VAHS VBHB-VBHS VBHS = VAHS = 80V, VAHB = VBHB = 93V IAHB = IAHB = 0, No Load
INPUT PINS: ALI, BLI, AHI, BHI, AND DIS Low Level Input Voltage High Level Input Voltage Input Voltage Hysteresis Low Level Input Current High Level Input Current IIL IIH VIN = 0V, Full Operating Conditions VIN = 5V, Full Operating Conditions VIL VIH Full Operating Conditions Full Operating Conditions 2.5 -130 -1 35 -100 1.0 -75 +1 2.7 -135 -10 0.8 -65 +10 V V mV A A
TURN-ON DELAY PINS: LDEL AND HDEL LDEL, HDEL Voltage VHDEL, VLDEL IHDEL = ILDEL = -100A 4.9 5.1 5.3 4.8 5.4 V
GATE DRIVER OUTPUT PINS: ALO, BLO, AHO, AND BHO Low Level Output Voltage High Level Output Voltage Peak Pullup Current Peak Pulldown Current VOL VCC-VOH IO+ I OIOUT = 100mA IOUT = -100mA VOUT = 0V VOUT = 12V 0.7 0.8 1.7 1.7 0.85 0.95 2.6 2.4 1.0 1.1 3.8 3.3 0.5 0.5 1.4 1.3 1.1 1.2 4.1 3.6 V V A A
3
HIP4081A
Electrical Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K and TA = 25oC, Unless Otherwise Specified (Continued) TJ = 25oC PARAMETER Undervoltage, Rising Threshold Undervoltage, Falling Threshold Undervoltage, Hysteresis SYMBOL UV+ UVHYS TEST CONDITIONS MIN 8.1 7.6 0.25 TYP 8.8 8.3 0.4 MAX 9.4 8.9 0.65 TJS = -40oC TO 125oC MIN 8.0 7.5 0.2 MAX 9.5 9.0 0.7 UNITS V V V
Switching Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10K, CL = 1000pF. TJ = 25oC TJS = -40oC TO 125oC MAX 60 70 70 90 25 25 75 85 70 550 620 MIN 50 40 40 30 200 MAX UNITS 80 90 90 110 35 35 95 105 90 600 690 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
PARAMETER Lower Turn-off Propagation Delay (ALI-ALO, BLI-BLO) Upper Turn-off Propagation Delay (AHI-AHO, BHI-BHO) Lower Turn-on Propagation Delay (ALI-ALO, BLI-BLO) Upper Turn-on Propagation Delay (AHI-AHO, BHI-BHO) Rise Time Fall Time Turn-on Input Pulse Width Turn-off Input Pulse Width Turn-on Output Pulse Width Turn-off Output Pulse Width Disable Turn-off Propagation Delay (DIS - Lower Outputs) Disable Turn-off Propagation Delay (DIS - Upper Outputs) Disable to Lower Turn-on Propagation Delay (DIS - ALO and BLO) Refresh Pulse Width (ALO and BLO) Disable to Upper Enable (DIS - AHO and BHO)
SYMBOL TLPHL THPHL TLPLH THPLH TR TF TPWIN-ON TPWIN-OFF TPWOUT-ON TPWOUT-OFF TDISLOW TDISHIGH TDLPLH TREF-PW TUEN
TEST CONDITIONS
MIN -
TYP 30 35 45 60 10 10 45 55 40 410 450
RHDEL = RLDEL = 10K RHDEL = RLDEL = 10K
-
RHDEL = RLDEL = 10K RHDEL = RLDEL = 10K RHDEL = RLDEL = 10K RHDEL = RLDEL = 10K
50 40 40 30 240 -
TRUTH TABLE INPUT ALI, BLI X 1 0 0 X NOTE: AHI, BHI X X 1 0 X U/V X 0 0 0 1 DIS 1 0 0 0 X ALO, BLO 0 1 0 0 0 OUTPUT AHO, BHO 0 0 1 0 0
X signifies that input can be either a "1" or "0".
4
HIP4081A Pin Descriptions
PIN NUMBER 1 SYMBOL BHB DESCRIPTION B High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap diode and positive side of bootstrap capacitor to this pin. Internal charge pump supplies 30A out of this pin to maintain bootstrap supply. Internal circuitry clamps the bootstrap supply to approximately 12.8V. B High-side Input. Logic level input that controls BHO driver (Pin 20). BLI (Pin 5) high level input overrides BHI high level input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 3) high level input overrides BHI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). An internal 100A pull-up to VDD will hold BHI high, so no connection is required if high-side and low-side outputs are to be controlled by the low-side input. DISable input. Logic level input that when taken high sets all four outputs low. DIS high overrides all other inputs. When DIS is taken low the outputs are controlled by the other inputs. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). An internal 100A pull-up to VDD will hold DIS high if this pin is not driven. Chip negative supply, generally will be ground. B Low-side Input. Logic level input that controls BLO driver (Pin 18). If BHI (Pin 2) is driven high or not connected externally then BLI controls both BLO and BHO drivers, with dead time set by delay currents at HDEL and LDEL (Pin 8 and 9). DIS (Pin 3) high level input overrides BLI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). An internal 100A pull-up to VDD will hold BLI high if this pin is not driven. A Low-side Input. Logic level input that controls ALO driver (Pin 13). If AHI (Pin 7) is driven high or not connected externally then ALI controls both ALO and AHO drivers, with dead time set by delay currents at HDEL and LDEL (Pin 8 and 9). DIS (Pin 3) high level input overrides ALI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). An internal 100A pull-up to VDD will hold ALI high if this pin is not driven. A High-side Input. Logic level input that controls AHO driver (Pin 11). ALI (Pin 6) high level input overrides AHI high level input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 3) high level input overrides AHI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). An internal 100A pull-up to VDD will hold AHI high, so no connection is required if high-side and low-side outputs are to be controlled by the low-side input. High-side turn-on DELay. Connect resistor from this pin to VSS to set timing current that defines the turn-on delay of both high-side drivers. The low-side drivers turn-off with no adjustable delay, so the HDEL resistor guarantees no shoot-through by delaying the turn-on of the high-side drivers. HDEL reference voltage is approximately 5.1V. Low-side turn-on DELay. Connect resistor from this pin to VSS to set timing current that defines the turn-on delay of both low-side drivers. The high-side drivers turn-off with no adjustable delay, so the LDEL resistor guarantees no shoot-through by delaying the turn-on of the low-side drivers. LDEL reference voltage is approximately 5.1V. A High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap diode and positive side of bootstrap capacitor to this pin. Internal charge pump supplies 30A out of this pin to maintain bootstrap supply. Internal circuitry clamps the bootstrap supply to approximately 12.8V. A High-side Output. Connect to gate of A High-side power MOSFET. A High-side Source connection. Connect to source of A High-side power MOSFET. Connect negative side of bootstrap capacitor to this pin. A Low-side Output. Connect to gate of A Low-side power MOSFET. A Low-side Source connection. Connect to source of A Low-side power MOSFET. Positive supply to gate drivers. Must be same potential as VDD (Pin 16). Connect to anodes of two bootstrap diodes. Positive supply to lower gate drivers. Must be same potential as VCC (Pin 15). De-couple this pin to VSS (Pin 4). B Low-side Source connection. Connect to source of B Low-side power MOSFET. B Low-side Output. Connect to gate of B Low-side power MOSFET. B High-side Source connection. Connect to source of B High-side power MOSFET. Connect negative side of bootstrap capacitor to this pin. B High-side Output. Connect to gate of B High-side power MOSFET.
2
BHI
3
DIS
4 5
VSS BLI
6
ALI
7
AHI
8
HDEL
9
LDEL
10
AHB
11 12 13 14 15 16 17 18 19 20
AHO AHS ALO ALS VCC VDD BLS BLO BHS BHO
5
HIP4081A Timing Diagrams
X = A OR B, A AND B HALVES OF BRIDGE CONTROLLER ARE INDEPENDENT TLPHL U/V = DIS = 0 THPHL
XLI
XHI
XLO
XHO
THPLH
TLPLH
TR (10% - 90%)
TF (10% - 90%)
FIGURE 1. INDEPENDENT MODE
U/V = DIS = 0
XLI
XHI = HI OR NOT CONNECTED
XLO
XHO
FIGURE 2. BISTATE MODE
TDLPLH U/V OR DIS TREF-PW
TDIS
XLI
XHI
XLO
XHO TUEN
FIGURE 3. DISABLE FUNCTION
6
HIP4081A Typical Performance Curves
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K and TA = 25oC, Unless Otherwise Specified
11.0 14.0 10.5 IDD SUPPLY CURRENT (mA) 12.0 10.0 8.0 6.0 4.0 2.0 6 8 10 12 VDD SUPPLY VOLTAGE (V) 14 IDD SUPPLY CURRENT (mA)
10.0
9.5
9.0
8.5
8.0 0 100 200 300 400 500 600 700 800 900 1000 SWITCHING FREQUENCY (kHz)
FIGURE 4. QUIESCENT IDD SUPPLY CURRENT vs VDD SUPPLY VOLTAGE
FIGURE 5. IDDO, NO-LOAD IDD SUPPLY CURRENT vs FREQUENCY (kHz)
5.0
30.0 FLOATING SUPPLY BIAS CURRENT (mA) 4.0
125oC 75oC 25oC 3.0 0oC -40oC 2.0 ICC SUPPLY CURRENT (mA) 0 100 200 300 400 500 600 700 800 900 1000
25.0 20.0 15.0 10.0 5.0 0.0 SWITCHING FREQUENCY (kHz)
1.0
0.0 0 100 200 300 400 500 600 700 800 900 1000 SWITCHING FREQUENCY (kHz)
FIGURE 6. SIDE A, B FLOATING SUPPLY BIAS CURRENT vs FREQUENCY (LOAD = 1000pF)
2.5
FIGURE 7. ICCO, NO-LOAD ICC SUPPLY CURRENT vs FREQUENCY (kHz) TEMPERATURE
-90
FLOATING SUPPLY BIAS CURRENT (mA)
2
LOW LEVEL INPUT CURRENT (A) 400 200 600 800 SWITCHING FREQUENCY (kHz) 1000
-100
1.5
1
-110
0.5
0
-120 -50
-25
0 25 50 75 JUNCTION TEMPERATURE (oC)
100
125
FIGURE 8. IAHB, IBHB, NO-LOAD FLOATING SUPPLY BIAS CURRENT vs FREQUENCY
FIGURE 9. ALI, BLI, AHI, BHI LOW LEVEL INPUT CURRENT IIL vs TEMPERATURE
7
HIP4081A Typical Performance Curves
NO-LOAD FLOATING CHARGE PUMP VOLTAGE (V) 15.0
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10K and TA = 25oC, Unless Otherwise Specified
80
PROPAGATION DELAY (ns) -20 0 20 40 60 80 100 120
14.0
70
13.0
60
12.0
50
11.0
40
10.0 -40
30 -40
-20
0
20
40
60
80
100
120
JUNCTION TEMPERATURE (oC)
JUNCTION TEMPERATURE (oC)
FIGURE 10. AHB - AHS, BHB - BHS NO-LOAD CHARGE PUMP VOLTAGE vs TEMPERATURE
FIGURE 11. UPPER DISABLE TURN-OFF PROPAGATION DELAY TDISHIGH vs TEMPERATURE
80
525
PROPAGATION DELAY (ns)
500
PROPAGATION DELAY (ns)
70
60
475
50
450
40
425 -50 -25 0 25 50 75 100 125 150
30 -40
-20
0
20
40
60
80
100
120
JUNCTION TEMPERATURE (oC)
JUNCTION TEMPERATURE (oC)
FIGURE 12. DISABLE TO UPPER ENABLE, TUEN, PROPAGATION DELAY vs TEMPERATURE
FIGURE 13. LOWER DISABLE TURN-OFF PROPAGATION DELAY TDISLOW vs TEMPERATURE
80
450 70 REFRESH PULSE WIDTH (ns) 425 PROPAGATION DELAY (ns) -25 0 25 50 75 100 125 150
60
400
50
40
375
30 350 -50
20 -40 -20 0 20 40 60 80 100 120 JUNCTION TEMPERATURE (oC)
JUNCTION TEMPERATURE (oC)
FIGURE 14. TREF-PW REFRESH PULSE WIDTH vs TEMPERATURE
FIGURE 15. DISABLE TO LOWER ENABLE TDLPLH PROPAGATION DELAY vs TEMPERATURE
8
HIP4081A Typical Performance Curves
80
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10K and TA = 25oC, Unless Otherwise Specified (Continued)
80
70 PROPAGATION DELAY (ns) PROPAGATION DELAY (ns) -40 -20 0 20 40 60 80 100 120
70
60
60
50
50
40
40
30
30
20 JUNCTION TEMPERATURE (oC)
20 -40
-20
0
20
40
60
80
100
120
JUNCTION TEMPERATURE (oC)
FIGURE 16. UPPER TURN-OFF PROPAGATION DELAY THPHL vs TEMPERATURE
FIGURE 17. UPPER TURN-ON PROPAGATION DELAY THPLH vs TEMPERATURE
80
80
70 PROPAGATION DELAY (ns) PROPAGATION DELAY (ns) -40 -20 0 20 40 60 80 100 120
70
60
60
50
50
40
40
30
30 20 -40 -20 0 20 40 60 80 100 120 JUNCTION TEMPERATURE (oC) JUNCTION TEMPERATURE (oC)
20
FIGURE 18. LOWER TURN-OFF PROPAGATION DELAY TLPHL vs TEMPERATURE
13.5
FIGURE 19. LOWER TURN-ON PROPAGATION DELAY TLPLH vs TEMPERATURE
13.5
GATE DRIVE FALL TIME (ns)
TURN-ON RISE TIME (ns)
12.5
12.5
11.5
11.5
10.5
10.5
9.5
9.5
8.5 -40
-20
0 20 40 60 80 100 JUNCTION TEMPERATURE (oC)
120
8.5 -40
-20
0
20
40
60
80
100
120
JUNCTION TEMPERATURE (oC)
FIGURE 20. GATE DRIVE FALL TIME TF vs TEMPERATURE
FIGURE 21. GATE DRIVE RISE TIME TR vs TEMPERATURE
9
HIP4081A Typical Performance Curves
6.0 HDEL, LDEL INPUT VOLTAGE (V)
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K and TA = 25oC, Unless Otherwise Specified
1500
1250 5.5 VCC - VOH (mV) 1000
5.0
750 -40oC 500 0oC 25oC 250 75oC 125oC 12 BIAS SUPPLY VOLTAGE (V) 14
4.5
4.0 -40
-20
0 20 40 60 80 100 JUNCTION TEMPERATURE (oC)
120
0 10
FIGURE 22. VLDEL, VHDEL VOLTAGE vs TEMPERATURE
FIGURE 23. HIGH LEVEL OUTPUT VOLTAGE VCC - VOH vs BIAS SUPPLY AND TEMPERATURE AT 100mA
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
1500 GATE DRIVE SINK CURRENT (A)
1250
1000 VOL (mV)
750 -40oC 500 0oC 25oC 250 75oC 125oC 0 10 12 14 BIAS SUPPLY VOLTAGE (V)
6
7
8
9 10 11 12 13 VDD , VCC, VAHB , VBHB (V)
14
15
16
FIGURE 24. LOW LEVEL OUTPUT VOLTAGE VOL vs BIAS SUPPLY AND TEMPERATURE AT 100mA
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 6 7 8 9 10 11 12 13 14 15 16 VDD, VCC, VAHB, VBHB (V)
FIGURE 25. PEAK PULLDOWN CURRENT IO vs BIAS SUPPLY VOLTAGE
500 LOW VOLTAGE BIAS CURRENT (mA) 200 100 50 20 10 5 2 1 0.5 0.2 0.1 1 2 5 10 20 50 100 200 500 1000 SWITCHING FREQUENCY (kHz) 10,000pF 3,000pF 1,000pF 100pF
FIGURE 26. PEAK PULLUP CURRENT IO+ vs BIAS SUPPLY VOLTAGE
GATE DRIVE SINK CURRENT (A)
FIGURE 27. LOW VOLTAGE BIAS CURRENT IDD (LESS QUIESCENT COMPONENT) vs FREQUENCY AND GATE LOAD CAPACITANCE
10
HIP4081A Typical Performance Curves
1000 500 LEVEL-SHIFT CURRENT (A)
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K and TA = 25oC, Unless Otherwise Specified (Continued)
200 100 50
20 10 10 20 50 100 200 500 1000 SWITCHING FREQUENCY (kHz)
FIGURE 28. HIGH VOLTAGE LEVEL-SHIFT CURRENT vs FREQUENCY AND BUS VOLTAGE
9.0 UV+ 8.8
BIAS SUPPLY VOLTAGE, VDD (V)
8.6
UV8.4
8.2 50 25 0 25 50 75 (oC) 100 125 150 TEMPERATURE
FIGURE 29. UNDERVOLTAGE LOCKOUT vs TEMPERATURE
150
120 DEAD-TIME (ns)
90
60
30
0 10 50 100 150 200 HDEL/LDEL RESISTANCE (k) 250
FIGURE 30. MINIMUM DEAD-TIME vs DEL RESISTANCE
11
IN2 IN1
+12V Q1 R29 JMPR5 CONTROL LOGIC SECTION + C6 DRIVER SECTION CR2 HIP4080A/81A U1 C4 1 BHB BHO 20 2 HEN/BHI BHS 19 3 DIS BLO 18 4V SS 5 OUT/BLI 6 IN+/ALI 7 IN-/AHI 8 HDEL 9 LDEL R33 10 JMPR4 3 IN-/AHI 2 CW CD4069UB 1 2 CW 1 R34 3 CR1 C3 CX C5 CY 10 AHB BLS 17 16 V
DD
POWER SECTION B+ 2 C8
R21
1 3 1 Q3 2
1
U2 CD4069UB
2
JMPR1
OUT/BLI
R22 3 L1 AO +12V Q2 R23 1 3 Q4 R24 1 2 2 C1 L2 BO C2
13
U2 CD4069UB
12
JMPR2
IN+/ALI
5
U2 CD4069UB
6
JMPR3 HEN/BHI
VCC 15 ALS 14 ALO 13 AHS 12 AHO 11
HIP4081A
11
3
U2
12
R32
R30
R31 COM
ENABLE IN I
3
U2
4
O ALS BLS NOTES:
CD4069UB 9 U2 8 O
1. DEVICE CD4069UB PIN 7 = COM, PIN 14 = +12V. 2. COMPONENTS L1, L2, C1, C2, CX, CY, R30, R31, NOT SUPPLIED. REFER TO APPLICATION NOTE FOR DESCRIPTION OF INPUT LOGIC OPERATION TO DETERMINE JUMPER LOCATIONS FOR JMPR1 - JMPR4.
CD4069UB
FIGURE 31. HIP4081A EVALUATION PC BOARD SCHEMATIC
GND
+12V
B+ R28 R26
COM
JMPR5
R29
R27
C7
C8 C6 CR2 Q1 U1 C4 BHO HIP4080/81 BLO BLS Q2 1 R21 Q4 1 R22 R24 L1 1 Q3 1 +
+ R32
IN1 I O IN2
JMPR1 JMPR2 JMPR3 JMPR4
L2
U2
DIS
HIP4081A
ALS ALO AHO
R23
HDEL
C5
CX
ALS
CR1 R33 R34
R30
CY
BLS
FIGURE 32. HIP4081A EVALUATION BOARD SILKSCREEN
R31
13
O LDEL
C3
HIP4081A Dual-In-Line Plastic Packages (PDIP)
N E1 INDEX AREA 12 3 N/2
E20.3 (JEDEC MS-001-AD ISSUE D)
20 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL
-B-
MILLIMETERS MIN 0.39 2.93 0.356 1.55 0.204 24.89 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 26.9 8.25 7.11 NOTES 4 4 8 5 5 6 5 6 7 4 9 Rev. 0 12/93
MIN 0.015 0.115 0.014 0.045 0.008 0.980 0.005 0.300 0.240
MAX 0.210 0.195 0.022 0.070 0.014 1.060 0.325 0.280
-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E
A A1 A2
-C-
B B1 C D D1 E
eA eC
C
e
C A BS
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
E1 e eA eB L N
0.100 BSC 0.300 BSC 0.115 20 0.430 0.150 -
2.54 BSC 7.62 BSC 10.92 3.81 20
2.93
14
HIP4081A Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M20.3 (JEDEC MS-013-AC ISSUE C) 20 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE
INCHES SYMBOL A
L
MILLIMETERS MIN 2.35 0.10 0.33 0.23 12.60 7.40 MAX 2.65 0.30 0.51 0.32 13.00 7.60 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
MIN 0.0926 0.0040 0.013 0.0091 0.4961 0.2914
MAX 0.1043 0.0118 0.0200 0.0125 0.5118 0.2992
A1 B C D E
A1 0.10(0.004) C
e H h L N
0.050 BSC 0.394 0.010 0.016 20 0o 8o 0.419 0.029 0.050
1.27 BSC 10.00 0.25 0.40 20 0o 10.65 0.75 1.27
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
15


▲Up To Search▲   

 
Price & Availability of HIP4081A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X