Part Number Hot Search : 
SBL1050 MC13224V SBL1050 74LVT65 4N50QD SB1030CT VB025BSP 00TT4
Product Description
Full Text Search
 

To Download HFA1109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFA1109
March 1997
450MHz, Low Power, Current Feedback Video Operational Amplifier
Description
The HFA1109 is a high speed, low power, current feedback amplifier built with Intersil's proprietary complementary bipolar UHF-1 process. This amplifier features a unique combination of power and performance specifically tailored for video applications. The HFA1109 is a standard pinout op amp. It is a higher performance, drop-in replacement (no feedback resistor change required) for the CLC409. If a comparably performing op amp with an output disable function (useful for video multiplexing) is required, please refer to the HFA1149 data sheet.
Features
* Wide - 3dB Bandwidth (AV = +2) . . . . . . . . . . . . 450MHz * Gain Flatness (To 250MHz) . . . . . . . . . . . . . . . . . . 0.8dB * Very Fast Slew Rate (AV = +2) . . . . . . . . . . . . . 1100V/s * High Input Impedance . . . . . . . . . . . . . . . . . . . . . 1.7M * Differential Gain/Phase . . . . . . . . . 0.02%/0.02 Degrees * Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . 10mA
Applications
* Professional Video Processing * Video Switchers and Routers * Medical Imaging * PC Multimedia Systems * Video Distribution Amplifiers * Flash Converter Drivers * Radar/IF Processing
Ordering Information
PART NUMBER (BRAND) HFA1109IP HFA1109IB (H1109) HFA11XXEVAL TEMP. RANGE (oC) -40 to 85 -40 to 85 PACKAGE 8 Ld PDIP 8 Ld SOIC PKG. NO. E8.3 M8.15
DIP Evaluation Board for High Speed Op Amps
Pinout
HFA1109 (PDIP, SOIC) TOP VIEW
NC -IN +IN V-
1 2 3 4 +
8 7 6 5
NC V+ OUT NC
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
File Number
4019.3
1
HFA1109
Absolute Maximum Ratings
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY Differential Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V Output Current (Note 2) . . . . . . . . . . . . . . . . Short Circuit Protected 30mA Continuous 60mA 50% Duty Cycle ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . 1400V Charged Device Model (Per EOS/ESD DS5.3, 4/14/93). . . 2000V Machine Model (Per EIAJ ED-4701Method C-111) . . . . . . . . 50V
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130 SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 170 Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on an evaluation PC board in free air. 2. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle) output current must not exceed 30mA for maximum reliability.
Electrical Specifications
VSUPPLY = 5V, AV = +2, RF = 250, RL = 100, Unless Otherwise Specified (NOTE 3) TEST LEVEL TEMP. (oC)
PARAMETER INPUT CHARACTERISTICS Input Offset Voltage
TEST CONDITIONS
MIN
TYP
MAX
UNITS
A A
25 Full Full 25 Full 25 Full 25 Full Full 25 Full 25 Full Full 25 Full 25 Full 25, 85 -40 25 25
47 45 50 47 0.8 0.5 -
1 2 10 50 48 53 51 4 5 30 0.5 0.5 2 3 40 3 3 1.6 1.6 1.7 1.4 60 1.6
5 8 10 15 1 3 10 15 6 8 5 8 -
mV mV V/oC dB dB dB dB A A nA/oC A/V A/V A A nA/oC A/V A/V A/V A/V M M pF
Average Input Offset Voltage Drift Input Offset Voltage Common-Mode Rejection Ratio Input Offset Voltage Power Supply Rejection Ratio Non-Inverting Input Bias Current VCM = 2V VCM = 2V VPS = 1.25V VPS = 1.25V
B A A A A A A
Non-Inverting Input Bias Current Drift Non-Inverting Input Bias Current Power Supply Sensitivity Inverting Input Bias Current VPS = 1.25V VPS = 1.25V
B A A A A
Inverting Input Bias Current Drift Inverting Input Bias Current Common-Mode Sensitivity Inverting Input Bias Current Power Supply Sensitivity Non-Inverting Input Resistance VCM = 2V VCM = 2V VPS = 1.25V VPS = 1.25V VCM = 2V VCM = 2V Inverting Input Resistance Input Capacitance
B A A A A A A B B
2
HFA1109
Electrical Specifications
VSUPPLY = 5V, AV = +2, RF = 250, RL = 100, Unless Otherwise Specified (Continued) (NOTE 3) TEST LEVEL A TEMP. (oC) Full
PARAMETER Input Voltage Common Mode Range (Implied by VIO CMRR, +RIN, and -IBIAS CMS tests) Input Noise Voltage Density (Note 4) Non-Inverting Input Noise Current Density (Note 4) Inverting Input Noise Current Density (Note 4) TRANSFER CHARACTERISTICS Open Loop Transimpedance Gain (Note 4) Minimum Stable Gain AC CHARACTERISTICS -3dB Bandwidth (VOUT = 0.2VP-P, Note 4)
TEST CONDITIONS
MIN 2
TYP 2.5
MAX -
UNITS V
f = 100kHz f = 100kHz f = 100kHz
B B B
25 25 25
-
4 2.4 40
-
nV/Hz pA/Hz pA/Hz
B B
25 Full
-
500 1
-
k V/V
AV = -1, RF = 200
B B
25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full
300 290 280 260 390 350 -1.0 -1.1 -1.6 -1.7 -1.9 -2.2 0.3 0.4 0.8 0.9 1.3 1.4
375 360 330 320 450 410 0 0 -0.45 -0.45 -0.75 -0.75 -0.85 -0.85 0.1 0.1 0.35 0.35 0.6 0.6
0.2 0.5 -
MHz MHz MHz MHz MHz MHz dB dB dB dB dB dB dB dB dB dB dB dB dB dB
AV = +1, +RS = 550 (PDIP), +RS = 700 (SOIC) AV = +2
B B B B
Gain Peaking
AV = +2, VOUT = 0.2VP-P
B B
Gain Flatness (AV = +2, VOUT = 0.2VP-P, Note 4)
To 125MHz
B B
To 200MHz
B B
To 250MHz
B B
Gain Flatness (AV = +1, +RS = 550 (PDIP), +RS = 700 (SOIC), VOUT = 0.2VP-P, Note 4)
To 125MHz
B B
To 200MHz
B B
To 250MHz
B B
OUTPUT CHARACTERISTICS Output Voltage Swing, Unloaded (Note 4) Output Current (Note 4) Output Short Circuit Current Closed Loop Output Resistance (Note 4) Second Harmonic Distortion (VOUT = 2VP-P, Note 4) AV = -1, RL = A A AV = -1, RL = 75 A A AV = -1 DC, AV = +1 20MHz 60MHz B B B B 25 Full 25, 85 -40 25 25 25 25 3 2.8 33 30 3.2 3 36 33 120 0.05 -55 -57 V V mA mA mA dBc dBc
3
HFA1109
Electrical Specifications
VSUPPLY = 5V, AV = +2, RF = 250, RL = 100, Unless Otherwise Specified (Continued) (NOTE 3) TEST LEVEL B B B TEMP. (oC) 25 25 25
PARAMETER Third Harmonic Distortion (VOUT = 2VP-P, Note 4) Reverse Isolation (S12) TRANSIENT CHARACTERISTICS Rise and Fall Times
TEST CONDITIONS 20MHz 60MHz 30MHz
MIN -
TYP -68 -60 -65
MAX -
UNITS dBc dBc dB
VOUT = 0.5VP-P
B B
25 Full 25 Full 25 Full 25 Full 25 Full 25 25 25 25
2300 2200 475 430 940 800 -
1.1 1.1 0 0.5 2600 2500 550 500 1100 950 19 23 36 5
1.3 1.4 2 5 -
ns ns % % V/s V/s V/s V/s V/s V/s ns ns ns ns
Overshoot
VOUT = 0.5VP-P
B B
Slew Rate
AV = -1, RF = 200 VOUT = 5VP-P AV = +1, VOUT = 4VP-P, +RS = 550 (PDIP), +RS = 700 (SOIC) AV = +2, VOUT = 5VP-P
B B B B B B
Settling Time (VOUT = +2V to 0V step, Note 4)
To 0.1% To 0.05% To 0.01%
B B B B
Overdrive Recovery Time VIDEO CHARACTERISTICS Differential Gain (f = 3.58MHz)
VIN = 2V
RL = 150
B B
25 Full 25 Full 25 Full 25 Full
-
0.02 0.03 0.04 0.05 0.02 0.02 0.05 0.06
0.06 0.09 0.09 0.12 0.06 0.06 0.09 0.13
% % % % Degrees Degrees Degrees Degrees
RL = 75
B B
Differential Phase (f = 3.58MHz)
RL = 150
B B
RL = 75
B B
POWER SUPPLY CHARACTERISTICS Power Supply Range Power Supply Current (Note 4) C A A NOTES: 3. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only. 4. See Typical Performance Curves for more information. 25 25 Full 4.5 9.6 10 5.5 10 11 V mA mA
4
HFA1109 Application Information
Optimum Feedback Resistor Although a current feedback amplifier's bandwidth dependency on closed loop gain isn't as severe as that of a voltage feedback amplifier, there can be an appreciable decrease in bandwidth at higher gains. This decrease may be minimized by taking advantage of the current feedback amplifier's unique relationship between bandwidth and RF . All current feedback amplifiers require a feedback resistor, even for unity gain applications, and RF , in conjunction with the internal compensation capacitor, sets the dominant pole of the frequency response. Thus, the amplifier's bandwidth is inversely proportional to RF . The HFA1109 design is optimized for a 250 RF at a gain of +2. Decreasing RF decreases stability, resulting in excessive peaking and overshoot (Note: Capacitive feedback will cause the same problems due to the feedback impedance decrease at higher frequencies). At higher gains the amplifier is more stable, so RF can be decreased in a trade-off of stability for bandwidth.
TABLE 1. OPTIMUM FEEDBACK RESISTOR GAIN (ACL) -1 +1 +2 +5 +10 RF () 200 250 (+RS = 550) PDIP 250 (+RS = 700) SOIC 250 100 90 BANDWIDTH (MHz) 400 350
50 510 1 2 3 4 10F 0.1F -5V GND 510 VH 8 7 50 IN 6 5 GND OUT VL 0.1F 10F +5V
ble oscillations. In most cases, the oscillation can be avoided by placing a resistor (RS) in series with the output prior to the capacitance. RS and CL form a low pass network at the output, thus limiting system bandwidth well below the amplifier bandwidth. By decreasing RS as CL increases, the maximum bandwidth is obtained without sacrificing stability. In spite of this, bandwidth still decreases as the load capacitance increases.
Evaluation Board
The performance of the HFA1109 may be evaluated using the HFA11XX evaluation board (part number HFA11XXEVAL). Please contact your local sales office for information. When evaluating this amplifier, the two 510 gain setting resistors on the evaluation board should be changed to 250. The layout and schematic of the board are shown in Figure 1.
.
BOARD SCHEMATIC
450 160 70
Table 1 lists recommended RF values, and the expected bandwidth, for various closed loop gains. For a gain of +1, a resistor (+RS) in series with +IN is required to reduce gain peaking and increase stability
TOP LAYOUT
PC Board Layout
The frequency response of this amplifier depends greatly on the care taken in designing the PC board. The use of low inductance components such as chip resistors and chip capacitors is strongly recommended, while a solid ground plane is a must! Attention should be given to decoupling the power supplies. A large value (10F) tantalum in parallel with a small value (0.1F) chip capacitor works well in most cases. Terminated microstrip signal lines are recommended at the input and output of the device. Capacitance directly on the output must be minimized, or isolated as discussed in the next section. Care must also be taken to minimize the capacitance to ground seen by the amplifier's inverting input (-IN). The larger this capacitance, the worse the gain peaking, resulting in pulse overshoot and possible instability. Thus it is recommended that the ground plane be removed under traces connected to -IN, and connections to -IN should be kept as short as possible.
1 +IN
VH
OUT V+ VL VGND
BOTTOM LAYOUT
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly terminated transmission line will degrade the amplifier's phase margin resulting in frequency response peaking and possiFIGURE 1. EVALUATION BOARD SCHEMATIC AND LAYOUT
5
HFA1109 Typical Performance Curves
VSUPPLY = 5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100, Unless Otherwise Specified
200 AV = +2 150 OUTPUT VOLTAGE (mV) 100 OUTPUT VOLTAGE (V) 50 0 -50 -100 -150 -200 TIME (5ns/DIV.)
2.0 AV = +2 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 TIME (5ns/DIV.)
FIGURE 2. SMALL SIGNAL PULSE RESPONSE
FIGURE 3. LARGE SIGNAL PULSE RESPONSE
200 AV = +1 150 OUTPUT VOLTAGE (mV) 100 50 0 -50 -100 -150 -200 TIME (5ns/DIV.)
2.0 AV = +1 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 TIME (5ns/DIV.)
FIGURE 4. SMALL SIGNAL PULSE RESPONSE
OUTPUT VOLTAGE (V)
FIGURE 5. LARGE SIGNAL PULSE RESPONSE
200 AV = -1 150 OUTPUT VOLTAGE (mV) OUTPUT VOLTAGE (V) 100 50 0 -50 -100 -150 -200 TIME (5ns/DIV.)
2.0 AV = -1 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 TIME (5ns/DIV.)
FIGURE 6. SMALL SIGNAL PULSE RESPONSE
FIGURE 7. LARGE SIGNAL PULSE RESPONSE
6
HFA1109 Typical Performance Curves
200 150 OUTPUT VOLTAGE (mV) OUTPUT VOLTAGE (V) 100 50 AV = +10 0 -50 AV = +5 -100 -150 -200 TIME (5ns/DIV.) AV = +5
VSUPPLY = 5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100, Unless Otherwise Specified (Continued)
2.0 1.5 1.0 0.5 AV = +10 0 AV = +10 -0.5 -1.0 -1.5 -2.0 TIME (5ns/DIV.) AV = +5
AV = +10
AV = +5
FIGURE 8. SMALL SIGNAL PULSE RESPONSE
FIGURE 9. LARGE SIGNAL PULSE RESPONSE
GAIN (dB)
3 0 -3
VOUT = 200mVP-P GAIN AV = +1 NORMALIZED PHASE (DEGREES)
NORMALIZED GAIN (dB)
3 0 -3
VOUT = 200mVP-P GAIN AV = +10 AV = +5
AV = +2
AV = +1 PHASE AV = -1 0 90 180 AV = -1 0.3 1 10 FREQUENCY (MHz) 100 270 700
0 90 AV = +10 AV = +5 180 270 700
AV = +1
0.3
1
10 FREQUENCY (MHz)
100
FIGURE 10. FREQUENCY RESPONSE
FIGURE 11. FREQUENCY RESPONSE
0.1 0 NORMALIZED GAIN (dB) -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 1
VOUT = 200mVP-P AV = +1
116 106
( VIO ) ) I
96 86 76 66 56 46 36 26 0.01 0.1 0.3 1 3 6 10 30 100 0 45 90 135 180 500 PHASE (DEGREES)
AV = +2
10 FREQUENCY (MHz)
100
500
AZOL (dB, 20 LOG
FREQUENCY (MHz)
FIGURE 12. GAIN FLATNESS
FIGURE 13. OPEN LOOP TRANSIMPEDANCE
7
PHASE (DEGREES)
PHASE
AV = +2
HFA1109 Typical Performance Curves
VSUPPLY = 5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100, Unless Otherwise Specified (Continued)
-30 AV = +1 -40 DISTORTION (dBc) 100MHz -30 100MHz -40 DISTORTION (dBc) -50 50MHz -60 20MHz -70 10MHz -50 -60 -70 20MHz -80 -90 -100 10MHz -20 AV = +1
50MHz
-80
-90
-6
-3
0
3 6 OUTPUT POWER (dBm)
9
12
-6
-3
0 3 6 OUTPUT POWER (dBm)
9
12
FIGURE 14. 2nd HARMONIC DISTORTION vs POUT
-30 AV = +2 -40 100MHz DISTORTION (dBc) -50 50MHz -60 10MHz -70 20MHz -80 -80 DISTORTION (dBc) -50 -40 -30
FIGURE 15. 3rd HARMONIC DISTORTION vs POUT
AV = +2
100MHz
50MHz -60 20MHz -70 10MHz
-90
-6
-3
0
3 6 9 OUTPUT POWER (dBm)
12
15
-90
-6
-3
0
3 6 9 OUTPUT POWER (dBm)
12
15
FIGURE 16. 2nd HARMONIC DISTORTION vs POUT
-20 VOUT = 2VP-P -30 DISTORTION (dBc) -30 -20
FIGURE 17. 3rd HARMONIC DISTORTION vs POUT
VOUT = 2VP-P AV = +1
-40
DISTORTION (dBc)
-40 AV = -1 AV = +2
-50 AV = +2, -1 -60 AV = +1
-50
-60
-70
-70 AV = +1
-80
0
10
20
30
40 50 60 70 FREQUENCY (MHz)
80
90
100
-80
0
10
20
30
40 50 60 70 FREQUENCY (MHz)
80
90
100
FIGURE 18. 2nd HARMONIC DISTORTION vs FREQUENCY
FIGURE 19. 3rd HARMONIC DISTORTION vs FREQUENCY
8
HFA1109 Typical Performance Curves
VSUPPLY = 5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100, Unless Otherwise Specified (Continued)
3.6 AV = +2 OUTPUT RESISTANCE () 1K 100 10 1 0.1 0.01 OUTPUT VOLTAGE (V) 3.4 3.2 3.0 +VOUT (RL = 50) 2.8 2.6 2.4 2.2 |-VOUT| (RL = 50) 2.0 1.8 0.3 1 10 FREQUENCY (MHz) 100 1000 1.6 -75 -50 -25 0 25 50 TEMPERATURE (C) 75 100 125 |-VOUT| (RL = 100) +VOUT (RL = 50) +VOUT (RL = 100) |-VOUT| (RL = 100)
FIGURE 20. CLOSED LOOP OUTPUT RESISTANCE
FIGURE 21. OUTPUT VOLTAGE vs TEMPERATURE
14 13.5 13 SUPPLY CURRENT (mA) SUPPLY CURRENT (mA) 12.5 12 11.5 11 10.5 10 9.5 9 8.5 4 4.5 5 5.5 6.5 6 SUPPLY VOLTAGE (V) 7 7.5 8
17 16 15 14 13 12 11 10 9 8 7 6 5 4 -75 -50 -25 0 50 25 TEMPERATURE (C) 75 100 125 VS = 4V VS = 5V VS = 8V
FIGURE 22. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 23. SUPPLY CURRENT vs TEMPERATURE
100
100 0.1
AV = +2 VOUT = 2V
NOISE VOLTAGE (nV/Hz)
SETTLING ERROR (%)
INIINI+ 10 ENI 10
NOISE CURRENT (pA/Hz)
0.05 0.025 0 -0.025 -0.05
INI+
-0.1
1 0.1 1 10 FREQUENCY (kHz)
1 100 10 20 30 40 50 60 70 80 90 100 TIME (ns)
FIGURE 24. INPUT NOISE CHARACTERISTICS
FIGURE 25. SETTLING RESPONSE
9
HFA1109 Die Characteristics
DIE DIMENSIONS: 59 mils x 80 mils x 19 mils 1500m x 2020m x 483m METALLIZATION: Type: Metal 1: AICu(2%)/TiW Thickness: Metal 1: 8kA 0.4kA Type: Metal 2: AICu(2%) Thickness: Metal 2: 16kA 0.8kA GLASSIVATION: Type: Nitride Thickness: 4kA 0.5kA TRANSISTOR COUNT: 130 SUBSTRATE POTENTIAL (Powered Up): Floating (Recommend Connection to V-)
Metallization Mask Layout
HFA1109
NC
NC
NC NC
V+ -IN OUT
NC
NC
+IN
V-
NC
NC
10
HFA1109 Dual-In-Line Plastic Packages (PDIP)
E8.3 (JEDEC MS-001-BA ISSUE D)
N E1 INDEX AREA 12 3 N/2 -B-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E
8 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 B B1 C D D1 E E1
C
MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 9.01 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 10.16 8.25 7.11 NOTES 4 4 8, 10 5 5 6 5 6 7 4 9 Rev. 0 12/93
MIN 0.015 0.115 0.014 0.045 0.008 0.355 0.005 0.300 0.240
MAX 0.210 0.195 0.022 0.070 0.014 0.400 0.325 0.280
-C-
eA eC eB
e
C A BS
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
e eA eB L N
0.100 BSC 0.300 BSC 0.115 8 0.430 0.150 -
2.54 BSC 7.62 BSC 10.92 3.81 8
2.93
11
HFA1109 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C) 8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
INCHES SYMBOL A A1
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497
MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574
B C D E
A1 0.10(0.004) C
e H h L N
0.050 BSC 0.2284 0.0099 0.016 8 0o 8o 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 8 0o 6.20 0.50 1.27
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
12


▲Up To Search▲   

 
Price & Availability of HFA1109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X