Part Number Hot Search : 
DA120 10131 41101 8ENA1ZPH MAX27 KTY82210 2SK307 55N10
Product Description
Full Text Search
 

To Download HD74ALVCH16543 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74ALVCH16543
16-bit Registered Transceivers with 3-state Outputs
ADE-205-169A (Z) 2nd. Edition December 1999 Description
The HD74ALVCH16543 can be used as two 8-bit transceivers or one 16-bit transceiver. Separate latch enable (LEAB or LEBA) and output enable (OEAB or OEBA) inputs are provided for each register to permit independent control in either direction of data flow. The A to B enable (CEAB) input must be low in order to enter data from A or to output data from B. If CEAB is low and LEAB is low, the A to B latches are transparent; a subsequent low to high transition of LEAB puts the A latches in the storage mode. With CEAB and OEAB both low, the 3-state B outputs are active and reflect the data present at the output of the A latches. Data flow from B to A is similar but requires using CEBA, LEBA, and OEBA. Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
Features
* VCC = 2.3 V to 3.6 V * Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) * Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25C) * High output current 24 mA (@V CC = 3.0 V) * Bus hold on data inputs eliminates the need for external pullup / pulldown resistors
HD74ALVCH16543
Function Table *1
Inputs CEAB H X L L L LEAB X X H L L OEAB X H L L L A X X X L H Z Z B0 L H
*2
Output B
H : High level L : Low level X : Immaterial Z : High impedance Notes 1. A to B data flow is shown; B to A flow control is the same except that it uses CEBA, LEBA, and OEBA. 2. Output level before the indicated steady state input conditions were established.
2
HD74ALVCH16543
Pin Arrangement
1OEAB 1 1LEAB 2 1CEAB 3 GND 4 1A1 5 1A2 6 VCC 7 1A3 8 1A4 9 1A5 10 GND 11 1A6 12 1A7 13 1A8 14 2A1 15 2A2 16 2A3 17 GND 18 2A4 19 2A5 20 2A6 21 VCC 22 2A7 23 2A8 24 GND 25 2CEAB 26 2LEAB 27 2OEAB 28
56 1OEBA 55 1LEBA 54 1CEBA 53 GND 52 1B1 51 1B2 50 VCC 49 1B3 48 1B4 47 1B5 46 GND 45 1B6 44 1B7 43 1B8 42 2B1 41 2B2 40 2B3 39 GND 38 2B4 37 2B5 36 2B6 35 VCC 34 2B7 33 2B8 32 GND 31 2CEBA 30 2LEBA 29 2OEBA
(Top view)
3
HD74ALVCH16543
Absolute Maximum Ratings
Item Supply voltage Input voltage
*1, 2
Symbol VCC VI
Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VCC +0.5
Unit V V
Conditions
Except I/O ports I/O ports
Output voltage
*1, 2
VO I IK I OK IO
-0.5 to VCC +0.5 -50 50 50 100
V mA mA mA VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
Input clamp current Output clamp current Continuous output current
Maximum power dissipation at Ta = 55C (in still air) *3 Storage temperature Notes:
PT Tstg
1 -65 to 150
W C
TSSOP
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. 1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The maximum package power dissipation is calculated using a junction temperature of 150C and a board trace length of 750 mils.
Recommended Operating Conditions
Item Supply voltage Input voltage Output voltage High level output current Symbol VCC VI VO I OH Min 2.3 0 0 -- -- -- Low level output current I OL -- -- -- Input transition rise or fall rate Operating temperature t / v Ta 0 -40 Max 3.6 VCC VCC -12 -12 -24 12 12 24 10 85 ns / V C mA Unit V V V mA VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V Conditions
Note: Unused control inputs must be held high or low to prevent them from floating.
4
HD74ALVCH16543
Logic Diagram
1OEBA 1CEBA 1LEBA 1OEAB 1CEAB 1LEAB 1A1
56 54 55 1 3 2 5
C1 1D C1 1D
52
1B1
To seven other channels
2OEBA 2CEBA 2LEBA 2OEAB 2CEAB 2LEAB 2A1
29 31 30 28 26 27 15
C1 1D C1 1D
42
2B1
To seven other channels
5
HD74ALVCH16543
Electrical Characteristics (Ta = -40 to 85C)
Item Input voltage Symbol VCC (V) *1 VIH 2.3 to 2.7 2.7 to 3.6 VIL 2.3 to 2.7 2.7 to 3.6 Output voltage VOH Min 1.7 2.0 -- -- Max -- -- 0.7 0.8 -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 5 -- -- -- -- 500 10 40 750 A A A A V I OH = -100 A I OH = -6 mA, VIH = 1.7 V I OH = -12 mA, VIH = 1.7 V I OH = -12 mA, VIH = 2.0 V I OH = -12 mA, VIH = 2.0 V I OH = -24 mA, VIH = 2.0 V I OL = 100 A I OL = 6 mA, VIL = 0.7 V I OL = 12 mA, VIL = 0.7 V I OL = 12 mA, VIL = 0.8 V I OL = 24 mA, VIL = 0.8 V VIN = VCC or GND VIN = 0.7 V VIN = 1.7 V VIN = 0.8 V VIN = 2.0 V VIN = 0 to 3.6 V VOUT = VCC or GND VIN = VCC or GND VIN = one input at (VCC-0.6) V, other inputs at V CC or GND Unit V Test Conditions
Min to Max VCC-0.2 2.3 2.3 2.7 3.0 3.0 2.0 1.7 2.2 2.4 2.0
VOL
Min to Max -- 2.3 2.3 2.7 3.0 -- -- -- -- -- 45 -45 75 -75 -- -- -- --
Input current
I IN I IN (hold)
3.6 2.3 2.3 3.0 3.0 3.6
Off state output current
*2
I OZ I CC
3.6 3.6 3.0 to 3.6
Quiescent supply current I CC
Notes: 1. For conditions shown as Min or Max, use the appropriate values under recommended operating conditions. 2. For I/O ports, the parameter IOZ includes the input leakage current.
6
HD74ALVCH16543
Switching Characteristics (Ta = -40 to 85C)
Item Propagation delay time Symbol VCC (V) t PLH t PHL 2.50.2 2.7 3.30.3 2.50.2 2.7 3.30.3 Output enable time t ZH t ZL 2.50.2 2.7 3.30.3 2.50.2 2.7 3.30.3 Output disable time t HZ t LZ 2.50.2 2.7 3.30.3 2.50.2 2.7 3.30.3 Input capacitance Output capacitance CIN CIN / O 3.3 3.3 Min 1.0 -- 1.0 1.1 -- 1.1 1.0 -- 1.0 1.0 -- 1.0 2.0 -- 1.5 1.6 -- 1.1 -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 3.5 7.0 Max 5.1 4.8 4.3 6.5 6.2 5.0 7.2 6.9 5.6 6.8 6.3 5.3 6.1 6.2 5.1 5.7 4.8 4.6 -- -- pF pF Control inputs A or B ports OE A or B ns CE A or B OE A or B ns CE A or B LE A or B Unit ns FROM (Input) A or B TO (Output) B or A
7
HD74ALVCH16543
Switching Characteristics (Ta = -40 to 85C) (Cont)
Item Setup time Symbol VCC (V) t su 2.50.2 2.7 3.30.3 2.50.2 2.7 3.30.3 Hold time th 2.50.2 2.7 3.30.3 2.50.2 2.7 3.30.3 Pulse width tw 2.50.2 2.7 3.30.3 Min 1.2 1.5 1.2 1.2 1.5 1.2 1.2 0.8 1.3 1.2 0.8 1.3 3.3 3.3 3.3 Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- ns CE or LE "L" Data after LE CE "L" ns Data after CE Data before LE CE "L" Unit ns FROM (Input) Data before CE
8
HD74ALVCH16543
* Test Circuit
See under table 500 S1 OPEN
*1
GND 500
C L = 50 pF
Load Circuit for Outputs Symbol t PLH / t PHL t su / t h / t w t ZH/ t HZ t ZL / t LZ
Vcc=2.50.2V Vcc=2.7V, 3.30.3V
OPEN GND 4.6 V
OPEN GND 6.0 V
Note: 1. C L includes probe and jig capacitance.
9
HD74ALVCH16543
* Waveforms - 1
tr 90 % Input 10 % t PLH Vref 90 % Vref 10 % t PHL tf VIH GND
VOH Output Vref Vref VOL
* Waveforms - 2
tr 90 % VIH GND VIH
Timing Input 10 % tsu
Vref th
Data Input
Vref
Vref GND tw VIH
Input
Vref
Vref GND
10
HD74ALVCH16543
* Waveforms - 3
90 % Vref 10 % t ZL Vref t ZH Waveform - B Vref t HZ VOH - 0.3 V 10 % t LZ tf tr 90 % Vref GND VOH1 Waveform - A VOL + 0.3 V VOL VOH VOL1 TEST VIH Vref VOH1 VOL1
Vcc=2.50.2V Vcc=2.7V, 3.30.3V
VIH
Output Control
2.3 V 1.2 V 2.3 V GND
2.7 V 1.5 V 3.0 V GND
Notes: 1. All input pulses are supplied by generators having the following characteristics: PRR 10 MHz, Zo = 50 , tr 2.5 ns, tf 2.5 ns. 2. Waveform - A is for an output with internal conditions such that the output is low except when disabled by the output control. 3. Waveform - B is for an output with internal conditions such that the output is high except when disabled by the output control. 4. The output are measured one at a time with one transition per measurement.
11
HD74ALVCH16543
Package Dimensions
Unit : mm
14.00 -0.1 56
+0.3
29 6.10 +0.3 -0.1
1 0.20 +0.1 -0.05
0.50 0.08 M
28
0.15 0.05
0.40 Max 1.20 max 0.05 Min
8.10 0.3 10 Max 0.50 0.1
0.10
Hitachi code EIAJ code JEDEC code
TTP-56D -- --
12
HD74ALVCH16543
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/index.htm For further information write to:
Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.
13


▲Up To Search▲   

 
Price & Availability of HD74ALVCH16543

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X